Part Number Hot Search : 
SMDB03 SZ5547 SDA5650 LT1529CT 36030 G527530 LT1764A MPQ3762
Product Description
Full Text Search
 

To Download RB151 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RB151
THRU
RB157
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
1.5 Amperes
FEATURES
* Ideal for printed circuit board * Low forward voltage * Low leakage current * Polarity: marked on body * Mounting position: Any * Weight: 1.04 grams
.150(3.8) .130(3.3)
RB-15
.358 (9.1) MAX.
1.2 (30.5) MIN.
1.0 (25.4) MIN.
POS. LEAD .220(5.6) .180(4.6)
.032(0.8) .028(0.7)
.220(5.6) .180(4.6)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length at Ta=25 C Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Forward Voltage Drop per Bridge Element at 1.0A D.C. Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Operating Temperature Range, TJ Storage Temperature Range, TSTG Ta=100 C
RB151 RB152 RB153 RB154 RB155 RB156 RB157 UNITS 50 100 200 400 600 800 1000 V 35 70 140 280 420 560 700 V 50 100 200 400 600 800 1000 V 1.5 50 1.0 10 -65 -65 500 +125 +150 A A V A A C C
146
RATING AND CHARACTERISTIC CURVES (RB151 THRU RB157)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
50 1.8 1.5 1.2 0.9 Single Phase 0.6 0.3 0
FIG.2-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT,(A)
AVERAGE FORWARD CURRENT,(A)
40
30
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
Half Wave 60Hz
Resistive Or Inductive Load
20
10
0
25
50
75
100 125
150
175
CASE TEMPERATURE,( C)
0 1 5 10 50 100
NUMBER OF CYCLES AT 60Hz
FIG.3-TYPICAL FORWARD CHARACTERISTICS 50
INSTANTANEOUS FORWARD CURRENT,(A)
FIG.4-TYPICAL REVERSE CHARACTERISTICS 50
3.0 1.0
Tj=25 C Pulse Width 300us 1% Duty Cycle
REVERSE LEAKAGE CURRENT, (A)
10
10 3.0 1.0
0.1
0.1
Tj=25 C
.01
0
.2
.4
.6
.8
1.0
1.2
1.4
.01
0
20
40
60
80
100 120 140
FORWARD VOLTAGE,(V)
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
147


▲Up To Search▲   

 
Price & Availability of RB151

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X