Part Number Hot Search : 
KTLP250H FDAP1C1 ADT7463 UPA1809 F1000 FCR0320 MIC4422 BD899A
Product Description
Full Text Search
 

To Download NJM3403A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NJM3403A
SINGLE-SUPPLY QUAD OPERATIONAL AMPLIFIER
GENERAL DESCRIPTION The NJM3403A is high performance ground sensing quad operational amplifier featuring the high slew rate and no crossover distortion. The NJM3403A is improved version of the NJM2902. FEATURES Single Supply Operating Voltage Low Operating Current Slew Rate Package Outline Bipolar Technology PIN CONFIGURATION
PIN FUNCTION 1.A OUTPUT 2.A -INPUT 3.A +INPUT + 4.V 5.B +INPUT 6.B -INPUT 7.B OUTPUT 8.C OUTPUT 9.C -INPUT 10.C +INPUT 11.V 12.D +INPUT 13.D -INPUT 14.D OUTPUT
PACKAGE OUTLINE
NJM3403AD
NJM3403AM
( +4V~+36V ) ( 3mA typ. ) ( 1.2V/s typ. ) DIP14,DMP14,SSOP14
NJM3403AV
NJM3403AD NJM3403AM NJM3403AV
EQUIVALENT CIRCUIT ( 1/4 Shown )
Ver.2003-08-28
-1-
NJM3403A
ABSOLUTE MAXIMUM RATINGS ( Ta=25uC )
PARAMETER Supply Voltage Differential Input Voltage Input Voltage Power Dissipation Operating Temperature Range Storage Temperature Range SYMBOL ++V (V /V ) VID VIC PD Topr Tstg RATINGS 36 ( or 18 ) 36 -0.3~+36 ( DIP14 ) 500 ( DMP14 ) 300 ( SSOP14 ) 300 -40~+85 -40~+125 UNIT V V V mW uC uC
ELECTRICAL CHARACTERISTICS ( Ta=25uC,V+/V-=15V )
PARAMETER Input Offset Voltage Input Offset Current Input Bias Current Large Signal Voltage Gain Maximum Output Voltage Swing Input Common Mode Voltage Range Common Mode Rejection Ratio Supply Voltage Rejection Ratio Output Source Current Output Sink Current Channel Separation Operating Current Slew Rate Unity Gain Bandwidth Total Harmonic Distortion SYMBOL VIO IIO IB AV VOM VICM CMR SVR ISOURCE ISINK CS ICC SR fT THD TEST CONDITION RS=0 RL>2k RL=2k DC VIN =1V,VIN =0V + VIN =0V,VIN =1V f=1k~20kHz Input Referred RL= f=20kHz,VO=10VPP
+ -
MIN. 88 13 -15~+13 70 80 20 10 -
TYP. 2 5 70 100 14 90 94 30 20 120 3 1.2 1.2 1
MAX. 5 50 200 5 -
UNIT mV nA nA dB V V dB dB mA mA dB mA V/s MHz %
-2-
Ver.2003-08-28
NJM3403A
TYPICAL CHARACTERISTICS
Ver.2003-08-28
-3-
NJM3403A
TYPICAL CHARACTERISTICS
-4-
Ver.2003-08-28
NJM3403A
TYPICAL CHARACTERISTICS
Crossover Distortion Photos ( 1 ) and ( 2 ) show the output waveforms of NJM3403A and operational amplifier having crossover distortion. The NJM3403A eliminates the crossover distortion through the A,B class output stage as shown in the photo. NJM3403A IC has realized a wide band and a high slew rate in addition to the low distortion.
[CAUTION] The specifications on this databook are only given for information , without any guarantee as regards either mistakes or omissions. The application circuits in this databook are described only to show representative usages of the product and not intended for the guarantee or permission of any right including the industrial rights.
Ver.2003-08-28
-5-


▲Up To Search▲   

 
Price & Availability of NJM3403A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X