Part Number Hot Search : 
A2403 P4SMA36A DILM12 SP3493EP TA202 C2320 D475K02 36643
Product Description
Full Text Search
 

To Download MSM51V16800DSL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E2G0126-17-61
Semiconductor MSM51V16800D/DSL
Semiconductor
This version: Mar. 1998 MSM51V16800D/DSL
Pr el im in ar y
2,097,152-Word 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
DESCRIPTION
The MSM51V16800D/DSL is a 2,097,152-word 8-bit dynamic RAM fabricated in Oki's silicon-gate CMOS technology. The MSM51V16800D/DSL achieves high integration, high-speed operation, and low-power consumption because Oki manufactures the device in a quadruple-layer polysilicon/ double-layer metal CMOS process. The MSM51V16800D/DSL is available in a 28-pin plastic SOJ or 28-pin plastic TSOP. The MSM51V16800DSL (the self-refresh version) is specially designed for lower-power applications.
FEATURES
* 2,097,152-word 8-bit configuration * Single 3.3 V power supply, 0.3 V tolerance * Input : LVTTL compatible, low input capacitance * Output : LVTTL compatible, 3-state * Refresh : 4096 cycles/64 ms, 4096 cycles/128 ms (SL version) * Fast page mode, read modify write capability * CAS before RAS refresh, hidden refresh, RAS-only refresh capability * CAS before RAS self-refresh capability (SL version) * Multi-bit test mode capability * Package options: 28-pin 400 mil plastic SOJ (SOJ28-P-400-1.27) (Product : MSM51V16800D/DSL-xxJS) 28-pin 400 mil plastic TSOP (TSOPII28-P-400-1.27-K) (Product : MSM51V16800D/DSL-xxTS-K) xx indicates speed rank.
PRODUCT FAMILY
Family Access Time (Max.) tRAC tAA tCAC tOEA Cycle Time Power Dissipation (Min.) Operating (Max.) Standby (Max.) 90 ns 110 ns 130 ns 270 mW 252 mW 234 mW 1.8 mW/ 0.72 mW (SL version)
MSM51V16800D/DSL-50 50 ns 25 ns 13 ns 13 ns MSM51V16800D/DSL-60 60 ns 30 ns 15 ns 15 ns MSM51V16800D/DSL-70 70 ns 35 ns 20 ns 20 ns
1/17
Semiconductor
PIN CONFIGURATION (TOP VIEW)
VCC 1

28 VSS VCC 1 DQ1 2 27 DQ8 DQ1 2 DQ2 3 DQ3 4 DQ4 5 DQ2 3 DQ3 4 DQ4 5 WE 6 26 DQ7 25 DQ6 24 DQ5 23 CAS 22 OE WE 6 RAS 7 RAS 7 A11R 8 A10R 9 21 A9R 20 A8 19 A7 18 A6 17 A5 16 A4 15 VSS A11R 8 A10R 9 A0 10 A1 11 A2 12 A3 13 VCC 14 28-Pin Plastic SOJ A0 10 A1 11 A2 12 A3 13 VCC 14 Pin Name A0 - A8, A9R - A11R RAS CAS DQ1 - DQ8 OE WE VCC VSS Function Address Input Row Address Strobe Column Address Strobe Data Input/Data Output Output Enable Write Enable Power Supply (3.3 V) Ground (0 V)
MSM51V16800D/DSL
28 VSS 27 DQ8 26 DQ7 25 DQ6 24 DQ5 23 CAS 22 OE 21 A9R 20 A8 19 A7 18 A6 17 A5 16 A4 15 VSS
28-Pin Plastic TSOP (K Type)
Note :
The same power supply voltage must be provided to every VCC pin, and the same GND voltage level must be provided to every VSS pin.
2/17
Semiconductor
MSM51V16800D/DSL
BLOCK DIAGRAM
WE RAS CAS
9
OE
I/O Controller Output Buffers
8
Timing Generator
8
DQ1 - DQ8
Column Address Buffers Internal Address Counter
9 9
Column Decoders
8
Input Buffers
8
A0 - A8
Refresh Control Clock
Sense Amplifiers
8
I/O Selector
8
A9R - A11R
3
Row Row Address 12 DecoBuffers ders
Word Drivers
Memory Cells
VCC
On Chip VBB Generator
VSS
3/17
Semiconductor
MSM51V16800D/DSL
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Parameter Voltage on Any Pin Relative to VSS Short Circuit Output Current Power Dissipation Operating Temperature Storage Temperature Symbol VT IOS PD* Topr Tstg Rating -0.5 to 4.6 50 1 0 to 70 -55 to 150 Unit V mA W C C
*: Ta = 25C Recommended Operating Conditions
Parameter Power Supply Voltage Input High Voltage Input Low Voltage Symbol VCC VSS VIH VIL Min. 3.0 0 2.0 -0.3 Typ. 3.3 0 -- -- Max. 3.6 0 VCC + 0.3 0.8 (Ta = 0C to 70C) Unit V V V V
Capacitance
Parameter Input Capacitance (A0 - A8, A9R - A11R) Input Capacitance (RAS, CAS, WE, OE) Output Capacitance (DQ1 - DQ8) Symbol CIN1 CIN2 CI/O Typ. -- -- --
(VCC = 3.3 V 0.3 V, Ta = 25C, f = 1 MHz) Max. 5 7 7 Unit pF pF pF
4/17
Semiconductor DC Characteristics
Parameter Output High Voltage Output Low Voltage Input Leakage Current
Symbol
MSM51V16800D/DSL
(VCC = 3.3 V 0.3 V, Ta = 0C to 70C) Condition MSM51V16800 MSM51V16800 MSM51V16800 D/DSL-50 D/DSL-60 D/DSL-70 Unit Note Min. VOH IOH = -2.0 mA VOL IOL = 2.0 mA 0 V VI VCC + 0.3 V; ILI All other pins not under test = 0 V DQ disable 0 V VO VCC RAS, CAS cycling, tRC = Min. RAS, CAS = VIH ICC2 RAS, CAS VCC -0.2 V RAS cycling, ICC3 CAS = VIH, tRC = Min. RAS = VIH, ICC5 CAS = VIL, DQ = enable ICC6 RAS cycling, CAS before RAS RAS = VIL, ICC7 CAS cycling, tPC = Min. tRC = 31.3 ms, ICC10 CAS before RAS, tRAS 1 ms RAS 0.2 V, CAS 0.2 V -- 400 -- 400 -- 400 mA 1, 4, 5 -- 70 -- 65 -- 60 mA 1, 3 -- 75 -- 70 -- 65 mA 1, 2 -- 5 -- 5 -- 5 mA 1 -- 75 -- 70 -- 65 mA 1, 2 -10 10 -10 10 -10 10 mA 2.4 0 Max. VCC 0.4 Min. 2.4 0 Max. VCC 0.4 Min. 2.4 0 Max. VCC 0.4 V V
Output Leakage Current Average Power Supply Current (Operating) Power Supply Current (Standby) Average Power Supply Current (RAS-only Refresh) Power Supply Current (Standby) Average Power Supply Current (CAS before RAS Refresh) Average Power Supply Current (Fast Page Mode) Average Power Supply Current (Battery Backup) Average Power Supply Current (CAS before RAS Self-Refresh)
ILO
-10
10
-10
10
-10
10
mA
ICC1
-- -- -- --
75 2 0.5 200
-- -- -- --
70 2 0.5 200
-- -- -- --
65 2 0.5 200
mA
1, 2
mA mA
1 1, 5
ICCS
--
300
--
300
--
300
mA
1, 5
Notes : 1. 2. 3. 4. 5.
ICC Max. is specified as ICC for output open condition. The address can be changed once or less while RAS = VIL. The address can be changed once or less while CAS = VIH. VCC - 0.2 V VIH VCC + 0.3 V, -0.3 V VIL 0.2 V. SL version.
5/17
Semiconductor AC Characteristics (1/2)
MSM51V16800D/DSL
(VCC = 3.3 V 0.3 V, Ta = 0C to 70C) Note 1, 2, 3, 11, 12 Parameter Random Read or Write Cycle Time Read Modify Write Cycle Time Fast Page Mode Cycle Time Fast Page Mode Read Modify Write Cycle Time Access Time from RAS Access Time from CAS Access Time from Column Address Access Time from CAS Precharge Access Time from OE Output Low Impedance Time from CAS CAS to Data Output Buffer Turn-off Delay Time OE to Data Output Buffer Turn-off Delay Time Transition Time Refresh Period Refresh Period (SL version) RAS Precharge Time RAS Pulse Width RAS Pulse Width (Fast Page Mode) RAS Hold Time RAS Hold Time referenced to OE CAS Precharge Time (Fast Page Mode) CAS Pulse Width CAS Hold Time CAS to RAS Precharge Time RAS Hold Time from CAS Precharge RAS to CAS Delay Time RAS to Column Address Delay Time Row Address Set-up Time Row Address Hold Time Column Address Set-up Time Column Address Hold Time Column Address to RAS Lead Time Read Command Set-up Time Read Command Hold Time Read Command Hold Time referenced to RAS
Symbol
MSM51V16800 MSM51V16800 MSM51V16800 D/DSL-50 D/DSL-60 D/DSL-70 Unit Note Min. Max. -- -- -- -- 50 13 25 30 13 -- 13 13 50 64 128 -- 10,000
100,000
Min. 110 155 40 85 -- -- -- -- -- 0 0 0 3 -- -- 40 60 60 15 15 10 15 60 5 35 20 15 0 10 0 10 30 0 0 0
Max. -- -- -- -- 60 15 30 35 15 -- 15 15 50 64 128 -- 10,000
100,000
Min. 130 185 45 100 -- -- -- -- -- 0 0 0 3 -- -- 50 70 70 20 20 10 20 70 5 40 20 15 0 10 0 15 35 0 0 0
Max. -- -- -- -- 70 20 35 40 20 -- 20 20 50 64 128 -- 10,000
100,000
tRC tRWC tPC tPRWC tRAC tCAC tAA tCPA tOEA tCLZ tOFF tOEZ tT tREF tREF tRP tRAS tRASP tRSH tROH tCP tCAS tCSH tCRP tRHCP tRCD tRAD tASR tRAH tASC tCAH tRAL tRCS tRCH tRRH
90 131 35 76 -- -- -- -- -- 0 0 0 3 -- -- 30 50 50 13 13 7 13 50 5 30 17 12 0 7 0 7 25 0 0 0
ns ns ns ns ns ns ns ns ns ns ns ns ns ms ms ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns 8 8 5 6 4, 5, 6 4, 5 4, 6 4 4 4 7 7 3 13
-- -- -- 10,000 -- -- -- 37 25 -- -- -- -- -- -- -- --
-- -- -- 10,000 -- -- -- 45 30 -- -- -- -- -- -- -- --
-- -- -- 10,000 -- -- -- 50 35 -- -- -- -- -- -- -- --
6/17
Semiconductor AC Characteristics (2/2)
MSM51V16800D/DSL
(VCC = 3.3 V 0.3 V, Ta = 0C to 70C) Note 1, 2, 3, 11, 12 Parameter Write Command Set-up Time Write Command Hold Time Write Command Pulse Width OE Command Hold Time Write Command to RAS Lead Time Write Command to CAS Lead Time Data-in Set-up Time Data-in Hold Time OE to Data-in Delay Time CAS to WE Delay Time Column Address to WE Delay Time RAS to WE Delay Time CAS Precharge WE Delay Time CAS Active Delay Time from RAS Precharge RAS to CAS Set-up Time (CAS before RAS) RAS to CAS Hold Time (CAS before RAS) WE to RAS Precharge Time (CAS before RAS) WE Hold Time from RAS (CAS before RAS) RAS to WE Set-up Time (Test Mode) RAS to WE Hold Time (Test Mode) RAS Pulse Width (CAS before RAS Self-Refresh) RAS Precharge Time (CAS before RAS Self-Refresh) CAS Hold Time (CAS before RAS Self-Refresh)
Symbol
MSM51V16800MSM51V16800 MSM51V16800 D/DSL-50 D/DSL-60 D/DSL-70 Unit Note Min. Max. -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- Min. 0 10 10 15 15 15 0 10 15 40 55 85 60 5 10 10 10 10 10 10 100 110 -50 Max. -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- Min. 0 15 10 20 20 20 0 15 20 50 65 100 70 5 10 10 10 10 10 10 100 130 -50 Max. -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ms ns ns 13 13 13 10 10 9 9 9 9 9 0 7 7 13 13 13 0 7 13 36 48 73 53 5 10 10 10 10 10 10 100 90 -50
tWCS tWCH tWP tOEH tRWL tCWL tDS tDH tOED tCWD tAWD tRWD tCPWD tRPC tCSR tCHR tWRP tWRH tWTS tWTH tRASS tRPS tCHS
7/17
Semiconductor Notes:
MSM51V16800D/DSL
1. A start-up delay of 200 s is required after power-up, followed by a minimum of eight initialization cycles (RAS-only refresh or CAS before RAS refresh) before proper device operation is achieved. 2. The AC characteristics assume tT = 5 ns. 3. VIH (Min.) and VIL (Max.) are reference levels for measuring input timing signals. Transition times (tT) are measured between VIH and VIL. 4. This parameter is measured with a load circuit equivalent to 1 TTL load and 100 pF. The output timing reference levels are VOH = 2.0 V and VOL = 0.8 V. 5. Operation within the tRCD (Max.) limit ensures that tRAC (Max.) can be met. tRCD (Max.) is specified as a reference point only. If tRCD is greater than the specified tRCD (Max.) limit, then the access time is controlled by tCAC. 6. Operation within the tRAD (Max.) limit ensures that tRAC (Max.) can be met. tRAD (Max.) is specified as a reference point only. If tRAD is greater than the specified tRAD (Max.) limit, then the access time is controlled by tAA. 7. tOFF (Max.) and tOEZ (Max.) define the time at which the output achieves the open circuit condition and are not referenced to output voltage levels. 8. tRCH or tRRH must be satisfied for a read cycle. 9. tWCS, tCWD, tRWD, tAWD and tCPWD are not restrictive operating parameters. They are included in the data sheet as electrical characteristics only. If tWCS tWCS (Min.), then the cycle is an early write cycle and the data out will remain open circuit (high impedance) throughout the entire cycle. If tCWD tCWD (Min.) , tRWD tRWD (Min.), tAWD tAWD (Min.) and tCPWD tCPWD (Min.), then the cycle is a read modify write cycle and data out will contain data read from the selected cell; if neither of the above sets of conditions is satisfied, then the condition of the data out (at access time) is indeterminate. 10. These parameters are referenced to the CAS leading edge in an early write cycle, and to the WE leading edge in an OE control write cycle, or a read modify write cycle. 11. The test mode is initiated by performing a WE and CAS before RAS refresh cycle. This mode is latched and remains in effect until the exit cycle is generated. The test mode specified in this data sheet is a 2-bit parallel test function. CA8 is not used. In a read cycle, if all internal bits are equal, the DQ pin will indicate a high level. If any internal bits are not equal, the DQ pin will indicate a low level. The test mode is cleared and the memory device returned to its normal operating state by performing a RAS-only refresh cycle or a CAS before RAS refresh cycle. 12. In a test mode read cycle, the value of access time parameters is delayed for 5 ns for the specified value. These parameters should be specified in test mode cycle by adding the above value to the specified value in this data sheet. 13. Only SL version.
8/17
E2G0101-17-41N Semiconductor MSM51V16800D/DSL
,,, , ,,,,
TIMING WAVEFORM
Read Cycle
tRC tRAS tRP RAS VIH - VIL - tCRP tCRP tCSH tRCD CAS VIH - VIL - tRAD tRSH tCAS tRAL tASR tRAH tASC tCAH Address VIH - VIL - VIH - VIL - VIH - VIL - VOH - Row Column tRCS tRRH tRCH WE OE tAA tROH tOEA tRAC tCAC tOEZ tOFF DQ VOL - Open Valid Data-out tCLZ "H" or "L"
Write Cycle (Early Write)
tRC
tRAS
tRP
RAS
VIH - VIL -
tCRP
tCRP
tCSH
tRCD
tRSH
VIH - CAS VIL - VIH - VIL - VIH -
tRAD tRAH
tCAS
tASR
tASC
tCAH
tRAL
Address
Row
Column
tWCS
tWCH tWP
tCWL
WE
VIL - VIH -
tRWL
OE
VIL - VIH -
tDS
tDH
DQ
VIL -
Valid Data-in
Open
"H" or "L"
9/17
,,,
Semiconductor MSM51V16800D/DSL Read Modify Write Cycle
tRWC tRAS tRP VIH - RAS VIL - tCSH tCRP tCRP tRCD tRSH CAS VIH - VIL - tCAS tASR tRAH tASC tCAH VIH - Address VIL - WE OE VIH - VIL - VIH - VIL - VI/OH- Row Column tRAD tRWD tCWD tAA tAWD tCWL tRWL tWP tRCS tOEA tOED tOEH tCAC tRAC tOEZ tDS tDH DQ VI/OL- tCLZ Valid Data-out Valid Data-in "H" or "L"
10/17
, ,, , , ,,
Semiconductor MSM51V16800D/DSL Fast Page Mode Read Cycle
tRASP tRP VIH - RAS V - IL VIH - CAS VIL - VIH - VIL - VIH - VIL - tRHCP tCRP tRCD tPC tRSH tCRP tCP tCP tRAD tCAS tCAS tCAS tASR tRAH tASC tCSH tCAH tASC tCAH tASC tRAL tCAH Address Row Column Column Column tRCS tRCH tRCS tAA tRCH tRCS tAA tRCH WE tAA tRRH VIH - OE VIL - tOEA tCPA tCPA tOEA tOEA tCAC tRAC tOFF tOEZ tCAC tOFF tCAC tOFF tCLZ tOEZ tCLZ tOEZ VOH - DQ VOL - tCLZ
Valid Data-out Valid Data-out Valid Data-out
"H" or "L"
Fast Page Mode Write Cycle (Early Write)
tRASP tPC
tRP
VIH - RAS V - IL VIH - CAS VIL - VIH - VIL -
tRHCP
tCRP
tRCD
tRSH
tCRP
tCAS
tCP
tCP
tCAS
tCAS
tASR
tRAH tASC tRAD
tCSH tCAH
tASC
tCAH
tASC
tCAH
tRAL
Address
Row
tWCS
WE
VIH - VIL -
Column tCWL tWCH tWP
Column tCWL tWCS tWCH tWP
Column tRWL tCWL tWCS tWCH tWP tDS tDH
tDS
tDH
tDS
tDH
DQ
VIH - VIL -
Valid Data-in
Valid Data-in
Valid Data-in
Note: OE = "H" or "L"
"H" or "L"
11/17
Semiconductor
Fast Page Mode Read Modify Write Cycle
RAS VIH - VIL -
VIH - CAS VIL -
Address
VIH - VIL -
WE
VIH - VIL -
VIH - OE V - IL VI/OH- VI/OL -
DQ
RAS-Only Refresh Cycle
RAS
VIH - VIL -
CAS
VIH - VIL -
Address
VIH - VIL -
DQ
VOH - VOL -
,,,, , , ,
tRASP tRP tCSH tPRWC tRCD tCAS tCP tCAS tCP tRSH tCAS tCRP tRAD tRAH tCAH tASC tASC tASR tASC tCAH tCAH tRAL Row Column tRWD Column Column tRCS tCWD tCWL tRCS tCPWD tCWD tAWD tCWL tRCS tCPWD tCWD tAWD tRWL tCWL tAWD tRAC tDS tWP tDH tDS tWP tDH tROH tDS tWP tDH tAA tCPA tAA tCPA tAA tOEA tOEA tOEA tOED tOED tOED tCAC tOEZ tCAC tOEZ
In
MSM51V16800D/DSL
tCAC
tOEZ
Out
In
Out
Out
In
tCLZ
tCLZ
tCLZ
"H" or "L"
tRC
tRAS
tRP
tCRP
tRPC
tASR
tRAH
Row
tOFF
Open
Note: WE, OE = "H" or "L"
"H" or "L"
12/17
Semiconductor CAS before RAS Refresh Cycle
tRC tRP RAS VIH - VIL - tRPC tCP CAS VIH - VIL - tWRP tWRH tCSR tCHR tRAS
MSM51V16800D/DSL
tRP tRPC
,,, ,
WE VIH - VIL - tOFF DQ VOH - VOL - Open Note: OE, Address = "H" or "L" "H" or "L"
tWRP
Hidden Refresh Read Cycle
tRC
tRC
tRAS
tRP
tRAS
tRP
RAS
VIH -
VIL - VIH - VIL -
tCRP
tRCD
tRSH
tCHR
CAS
tASR
tRAD tASC tRAH
tCAH
Address
VIH - VIL -
Row
Column
tRCS
tRAL
tRRH
VIH - WE V IL - VIH - OE V IL -
tAA
tROH
tOEA
tRAC
tCAC tCLZ
tOFF
tOEZ
DQ
VOH -
VOL -
Valid Data-out
"H" or "L"
13/17
Semiconductor Hidden Refresh Write Cycle
tRC tRAS RAS VIH - VIL - VIH - VIL - VIH - VIL - VIH - VIL - VIH - VIL - VIH - VIL - tRP
MSM51V16800D/DSL
tRC tRAS
tRP
CAS
Address
WE
OE
DQ
CAS before RAS Self-Refresh Cycle
tRP
VIH - RAS VIL -
VIH - CAS VIL -
DQ VOH - VOL -
, ,,,, ,
tCRP tRCD tRSH tCHR tASR tRAH tRAD tASC tCAH tRAL Row Column tWCS tWCH tWP tWRP tWRH tDS tDH Valid Data-in "H" or "L"
tRASS
tRPS
tRPC
tCP
tCSR
tRPC
tCHS
tOFF
Open
Note: WE, OE, Address = "H" or "L" Only SL version
"H" or "L"
14/17
Semiconductor
Test Mode Initiate Cycle
RAS
CAS
WE
DQ
,
MSM51V16800D/DSL
tRC tRP tRAS VIH - VIL - tRPC tCP tCSR tCHR VIH - VIL - tWTS tWTH VIH - VIL - tOFF VOH - VOL - Open Note: OE, Address = "H" or "L" "H" or "L"
15/17
Semiconductor
MSM51V16800D/DSL
PACKAGE DIMENSIONS
(Unit : mm)
SOJ28-P-400-1.27
Mirror finish
Package material Lead frame material Pin treatment Solder plate thickness Package weight (g)
Epoxy resin 42 alloy Solder plating 5 mm or more 1.30 TYP.
Notes for Mounting the Surface Mount Type Package The SOP, QFP, TSOP, SOJ, QFJ (PLCC), SHP and BGA are surface mount type packages, which are very susceptible to heat in reflow mounting and humidity absorbed in storage. Therefore, before you perform reflow mounting, contact Oki's responsible sales person for the product name, package name, pin number, package code and desired mounting conditions (reflow method, temperature and times).
16/17
Semiconductor
MSM51V16800D/DSL
(Unit : mm)
TSOPII28-P-400-1.27-K
Mirror finish
Package material Lead frame material Pin treatment Solder plate thickness Package weight (g)
Epoxy resin 42 alloy Solder plating 5 mm or more 0.51 TYP.
Notes for Mounting the Surface Mount Type Package The SOP, QFP, TSOP, SOJ, QFJ (PLCC), SHP and BGA are surface mount type packages, which are very susceptible to heat in reflow mounting and humidity absorbed in storage. Therefore, before you perform reflow mounting, contact Oki's responsible sales person for the product name, package name, pin number, package code and desired mounting conditions (reflow method, temperature and times).
17/17


▲Up To Search▲   

 
Price & Availability of MSM51V16800DSL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X