|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
E2G0110-18-42 Semiconductor MSM5116800C Semiconductor This version: Apr. 1998 MSM5116800C Pr el im in ar y 2,097,152-Word 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE DESCRIPTION The MSM5116800C is a 2,097,152-word 8-bit dynamic RAM fabricated in Oki's silicon-gate CMOS technology. The MSM5116800C achieves high integration, high-speed operation, and low-power consumption because Oki manufactures the device in a quadruple-layer polysilicon/double-layer metal CMOS process. The MSM5116800C is available in a 28-pin plastic SOJ or 28-pin plastic TSOP. FEATURES * 2,097,152-word 8-bit configuration * Single 5 V power supply, 10% tolerance * Input : TTL compatible, low input capacitance * Output : TTL compatible, 3-state * Refresh : 4096 cycles/64 ms * Fast page mode, read modify write capability * CAS before RAS refresh, hidden refresh, RAS-only refresh capability * Multi-bit test mode capability * Package options: 28-pin 400 mil plastic SOJ (SOJ28-P-400-1.27) (Product : MSM5116800C-xxJS) 28-pin 400 mil plastic TSOP (TSOPII28-P-400-1.27-K) (Product : MSM5116800C-xxTS-K) (TSOPII28-P-400-1.27-L) (Product : MSM5116800C-xxTS-L) xx indicates speed rank. PRODUCT FAMILY Family MSM5116800C-50 MSM5116800C-60 MSM5116800C-70 Access Time (Max.) tRAC tAA tCAC tOEA 50 ns 25 ns 13 ns 13 ns 60 ns 30 ns 15 ns 15 ns 70 ns 35 ns 20 ns 20 ns Cycle Time Power Dissipation (Min.) Operating (Max.) Standby (Max.) 90 ns 110 ns 130 ns 550 mW 495 mW 440 mW 5.5 mW 1/16 Semiconductor MSM5116800C PIN CONFIGURATION (TOP VIEW) VCC 1 28 VSS VCC 1 28 VSS VSS 28 1 VCC DQ1 2 27 DQ8 DQ1 2 DQ2 3 DQ3 4 DQ4 5 27 DQ8 DQ8 27 DQ7 26 DQ6 25 DQ5 24 CAS 23 OE 22 A8 20 A7 19 A6 18 A5 17 A4 16 VSS 15 A9R 21 2 DQ1 DQ2 3 DQ3 4 DQ4 5 WE 6 26 DQ7 25 DQ6 24 DQ5 23 CAS 22 OE 21 A9R 26 DQ7 25 DQ6 24 DQ5 23 CAS 22 OE 21 A9R 3 DQ2 4 DQ3 5 DQ4 6 WE 7 RAS 8 A11R WE 6 RAS 7 RAS 7 A11R 8 A11R 8 A10R 9 A10R 9 20 A8 19 A7 18 A6 17 A5 16 A4 20 A8 19 A7 18 A6 17 A5 16 A4 9 A10R A0 10 A1 11 A2 12 A3 13 A0 10 A1 11 A2 12 A3 13 10 A0 11 A1 12 A2 13 A3 VCC 14 28-Pin Plastic SOJ 15 VSS VCC 14 15 VSS 14 VCC 28-Pin Plastic TSOP (K Type) 28-Pin Plastic TSOP (L Type) Pin Name A0 - A8, A9R - A11R RAS CAS DQ1 - DQ8 OE WE VCC VSS Function Address Input Row Address Strobe Column Address Strobe Data Input/Data Output Output Enable Write Enable Power Supply (5 V) Ground (0 V) Note : The same power supply voltage must be provided to every VCC pin, and the same GND voltage level must be provided to every VSS pin. 2/16 Semiconductor MSM5116800C BLOCK DIAGRAM WE RAS CAS 9 OE I/O Controller Output Buffers 8 Timing Generator 8 DQ1 - DQ8 Column Address Buffers Internal Address Counter 9 9 Column Decoders 8 Input Buffers 8 A0 - A8 Refresh Control Clock Sense Amplifiers 8 I/O Selector 8 A9R - A11R 3 Row Row Address 12 DecoBuffers ders Word Drivers Memory Cells VCC On Chip VBB Generator On Chip IVCC Generator VSS 3/16 Semiconductor MSM5116800C ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings Parameter Voltage on Any Pin Relative to VSS Voltage on VCC Supply Relative to VSS Short Circuit Output Current Power Dissipation Operating Temperature Storage Temperature Symbol VIN, VOUT VCC IOS PD* Topr Tstg Rating -0.5 to VCC + 0.5 -0.5 to 7 50 1 0 to 70 -55 to 150 Unit V V mA W C C *: Ta = 25C Recommended Operating Conditions (Ta = 0C to 70C) Parameter Power Supply Voltage Input High Voltage Input Low Voltage Symbol VCC VSS VIH VIL Min. 4.5 0 2.4 -0.5*2 Typ. 5.0 0 -- -- Max. 5.5 0 VCC + 0.5*1 0.8 Unit V V V V Notes : *1. The input voltage is VCC + 2.0 V when the pulse width is less than 20 ns (the pulse width is with respect to the point at which VCC is applied). *2. The input voltage is VSS - 2.0 V when the pulse width is less than 20 ns (the pulse width is with respect to the point at which VSS is applied). Capacitance (VCC = 5 V 10%, Ta = 25C, f = 1 MHz) Parameter Input Capacitance (A0 - A8, A9R - A11R) Input Capacitance (RAS, CAS, WE, OE) Output Capacitance (DQ1 - DQ8) Symbol CIN1 CIN2 CI/O Typ. -- -- -- Max. 5 7 7 Unit pF pF pF 4/16 Semiconductor DC Characteristics Parameter Output High Voltage Output Low Voltage Input Leakage Current Symbol MSM5116800C (VCC = 5 V 10%, Ta = 0C to 70C) Condition MSM5116800 MSM5116800 MSM5116800 C-50 C-60 C-70 Unit Note Min. VOH IOH = -5.0 mA VOL IOL = 4.2 mA 0 V VI 6.5 V; ILI All other pins not under test = 0 V DQ disable 0 V VO VCC RAS, CAS cycling, tRC = Min. RAS, CAS = VIH RAS, CAS VCC -0.2 V RAS cycling, ICC3 CAS = VIH, tRC = Min. RAS = VIH, ICC5 CAS = VIL, DQ = enable ICC6 RAS cycling, CAS before RAS RAS = VIL, ICC7 CAS cycling, tPC = Min. -- 100 -- 90 -- 80 mA 1, 3 -- 100 -- 90 -- 80 mA 1, 2 -- 5 -- 5 -- 5 mA 1 -- 100 -- 90 -- 80 mA 1, 2 -10 10 -10 10 -10 10 mA 2.4 0 Max. VCC 0.4 Min. 2.4 0 Max. VCC 0.4 Min. 2.4 0 Max. VCC 0.4 V V Output Leakage Current Average Power Supply Current (Operating) Power Supply Current (Standby) Average Power Supply Current (RAS-only Refresh) Power Supply Current (Standby) Average Power Supply Current (CAS before RAS Refresh) Average Power Supply Current (Fast Page Mode) ILO -10 10 -10 10 -10 10 mA ICC1 -- -- -- 100 2 1 -- -- -- 90 2 1 -- -- -- 80 2 mA 1, 2 ICC2 mA 1 1 Notes : 1. ICC Max. is specified as ICC for output open condition. 2. The address can be changed once or less while RAS = VIL. 3. The address can be changed once or less while CAS = VIH. 5/16 Semiconductor AC Characteristics (1/2) MSM5116800C (VCC = 5 V 10%, Ta = 0C to 70C) Note 1, 2, 3, 11, 12 Parameter Random Read or Write Cycle Time Read Modify Write Cycle Time Fast Page Mode Cycle Time Fast Page Mode Read Modify Write Cycle Time Access Time from RAS Access Time from CAS Access Time from Column Address Access Time from CAS Precharge Access Time from OE Output Low Impedance Time from CAS CAS to Data Output Buffer Turn-off Delay Time OE to Data Output Buffer Turn-off Delay Time Transition Time Refresh Period RAS Precharge Time RAS Pulse Width RAS Pulse Width (Fast Page Mode) RAS Hold Time RAS Hold Time referenced to OE CAS Precharge Time (Fast Page Mode) CAS Pulse Width CAS Hold Time CAS to RAS Precharge Time RAS Hold Time from CAS Precharge RAS to CAS Delay Time RAS to Column Address Delay Time Row Address Set-up Time Row Address Hold Time Column Address Set-up Time Column Address Hold Time Column Address to RAS Lead Time Read Command Set-up Time Read Command Hold Time Read Command Hold Time referenced to RAS Symbol MSM5116800 MSM5116800 MSM5116800 C-50 C-70 C-60 Unit Note Min. Max. -- -- -- -- 50 13 25 30 13 -- 13 13 50 64 -- 10,000 100,000 Min. 110 155 40 85 -- -- -- -- -- 0 0 0 3 -- 40 60 60 15 15 10 15 60 5 35 20 15 0 10 0 15 30 0 0 0 Max. -- -- -- -- 60 15 30 35 15 -- 15 15 50 64 -- 10,000 100,000 Min. 130 185 45 100 -- -- -- -- -- 0 0 0 3 -- 50 70 70 20 20 10 20 70 5 40 20 15 0 10 0 15 35 0 0 0 Max. -- -- -- -- 70 20 35 40 20 -- 20 20 50 64 -- 10,000 100,000 tRC tRWC tPC tPRWC tRAC tCAC tAA tCPA tOEA tCLZ tOFF tOEZ tT tREF tRP tRAS tRASP tRSH tROH tCP tCAS tCSH tCRP tRHCP tRCD tRAD tASR tRAH tASC tCAH tRAL tRCS tRCH tRRH 90 131 35 76 -- -- -- -- -- 0 0 0 3 -- 30 50 50 13 13 7 13 50 5 30 17 12 0 7 0 7 25 0 0 0 ns ns ns ns ns ns ns ns ns ns ns ns ns ms ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns 8 8 5 6 4, 5, 6 4, 5 4, 6 4 4 4 7 7 3 -- -- -- 10,000 -- -- -- 37 25 -- -- -- -- -- -- -- -- -- -- -- 10,000 -- -- -- 45 30 -- -- -- -- -- -- -- -- -- -- -- 10,000 -- -- -- 50 35 -- -- -- -- -- -- -- -- 6/16 Semiconductor AC Characteristics (2/2) MSM5116800C (VCC = 5 V 10%, Ta = 0C to 70C) Note 1, 2, 3, 11, 12 Parameter Write Command Set-up Time Write Command Hold Time Write Command Pulse Width OE Command Hold Time Write Command to RAS Lead Time Write Command to CAS Lead Time Data-in Set-up Time Data-in Hold Time OE to Data-in Delay Time CAS to WE Delay Time Column Address to WE Delay Time RAS to WE Delay Time CAS Precharge WE Delay Time CAS Active Delay Time from RAS Precharge RAS to CAS Set-up Time (CAS before RAS) RAS to CAS Hold Time (CAS before RAS) WE to RAS Precharge Time (CAS before RAS) WE Hold Time from RAS (CAS before RAS) RAS to WE Set-up Time (Test Mode) RAS to WE Hold Time (Test Mode) Symbol MSM5116800 MSM5116800 MSM5116800 C-50 C-60 C-70 Unit Note Min. Max. Min. 0 10 10 15 15 15 0 15 15 40 55 85 60 10 10 10 10 10 10 10 Max. -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- Min. 0 15 10 20 20 20 0 15 20 50 65 100 70 10 10 10 10 10 10 10 Max. -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns 10 10 9 9 9 9 9 0 7 7 13 13 13 0 7 13 36 48 73 53 10 10 10 10 10 10 10 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- tWCS tWCH tWP tOEH tRWL tCWL tDS tDH tOED tCWD tAWD tRWD tCPWD tRPC tCSR tCHR tWRP tWRH tWTS tWTH 7/16 Semiconductor Notes: MSM5116800C 1. A start-up delay of 200 s is required after power-up, followed by a minimum of eight initialization cycles (RAS-only refresh or CAS before RAS refresh) before proper device operation is achieved. 2. The AC characteristics assume tT = 5 ns. 3. VIH (Min.) and VIL (Max.) are reference levels for measuring input timing signals. Transition times (tT) are measured between VIH and VIL. 4. This parameter is measured with a load circuit equivalent to 2 TTL loads and 100 pF. 5. Operation within the tRCD (Max.) limit ensures that tRAC (Max.) can be met. tRCD (Max.) is specified as a reference point only. If tRCD is greater than the specified tRCD (Max.) limit, then the access time is controlled by tCAC. 6. Operation within the tRAD (Max.) limit ensures that tRAC (Max.) can be met. tRAD (Max.) is specified as a reference point only. If tRAD is greater than the specified tRAD (Max.) limit, then the access time is controlled by tAA. 7. tOFF (Max.) and tOEZ (Max.) define the time at which the output achieves the open circuit condition and are not referenced to output voltage levels. 8. tRCH or tRRH must be satisfied for a read cycle. 9. tWCS, tCWD, tRWD, tAWD and tCPWD are not restrictive operating parameters. They are included in the data sheet as electrical characteristics only. If tWCS tWCS (Min.), then the cycle is an early write cycle and the data out will remain open circuit (high impedance) throughout the entire cycle. If tCWD tCWD (Min.) , tRWD tRWD (Min.), tAWD tAWD (Min.) and tCPWD tCPWD (Min.), then the cycle is a read modify write cycle and data out will contain data read from the selected cell; if neither of the above sets of conditions is satisfied, then the condition of the data out (at access time) is indeterminate. 10. These parameters are referenced to the CAS leading edge in an early write cycle, and to the WE leading edge in an OE control write cycle, or a read modify write cycle. 11. The test mode is initiated by performing a WE and CAS before RAS refresh cycle. This mode is latched and remains in effect until the exit cycle is generated. The test mode specified in this data sheet is a 2-bit parallel test function. CA8 is not used. In a read cycle, if all internal bits are equal, the DQ pin will indicate a high level. If any internal bits are not equal, the DQ pin will indicate a low level. The test mode is cleared and the memory device returned to its normal operating state by performing a RAS-only refresh cycle or a CAS before RAS refresh cycle. 12. In a test mode read cycle, the value of access time parameters is delayed for 5 ns for the specified value. These parameters should be specified in test mode cycle by adding the above value to the specified value in this data sheet. 8/16 E2G0093-17-41F Semiconductor MSM5116800C ,,, , ,,,, TIMING WAVEFORM Read Cycle tRC tRAS tRP RAS VIH - VIL - tCRP tCRP tCSH tRCD VIH - CAS VIL - VIH - VIL - VIH - VIL - tRAD tRSH tCAS tRAL tASR tRAH tASC tCAH Address Row Column tRCS tRRH tRCH WE tAA tROH VIH - OE VIL - VOH - tOEA tRAC tCAC tOEZ tOFF DQ VOL - Open Valid Data-out tCLZ "H" or "L" Write Cycle (Early Write) tRC tRAS tRP RAS VIH - VIL - tCRP tCRP tCSH tRCD tRSH VIH - CAS VIL - VIH - VIL - VIH - tRAD tRAH tCAS tASR tASC tCAH tRAL Address Row Column tWCS tWCH tWP tCWL WE VIL - VIH - tRWL OE VIL - VIH - tDS tDH DQ VIL - Valid Data-in Open "H" or "L" 9/16 Semiconductor ,,, MSM5116800C Read Modify Write Cycle tRWC tRAS tRP RAS VIH - VIL - tCSH tCRP tCRP tRCD tRSH VIH - CAS VIL - tCAS tASR tRAH tASC tCAH VIH - Address VIL - VIH - VIL - VIH - VIL - VI/OH- Row Column tRAD tRWD tCWD WE OE tAA tAWD tCWL tRWL tWP tRCS tOEA tOED tOEH tCAC tRAC tOEZ tDS tDH DQ VI/OL- tCLZ Valid Data-out Valid Data-in "H" or "L" 10/16 , ,, , , ,, Semiconductor MSM5116800C Fast Page Mode Read Cycle tRASP tRP VIH - RAS V - IL VIH - CAS VIL - VIH - VIL - VIH - VIL - tRHCP tCRP tRCD tPC tRSH tCRP tCP tCP tRAD tCAS tCAS tCAS tASR tRAH tASC tCSH tCAH tASC tCAH tASC tRAL tCAH Address Row Column Column Column tRCS tRCH tRCS tAA tRCH tRCS tAA tRCH WE tAA tRRH VIH - OE VIL - tOEA tCPA tCPA tOEA tOEA tCAC tRAC tOFF tOEZ tCAC tOFF tCAC tOFF tCLZ tOEZ tCLZ tOEZ VOH - DQ VOL - tCLZ Valid Data-out Valid Data-out Valid Data-out "H" or "L" Fast Page Mode Write Cycle (Early Write) tRASP tPC tRP VIH - RAS V - IL VIH - CAS VIL - VIH - VIL - tRHCP tCRP tRCD tRSH tCRP tCAS tCP tCP tCAS tCAS tASR tRAH tASC tRAD tCSH tCAH tASC tCAH tASC tCAH tRAL Address Row tWCS WE VIH - VIL - Column tCWL tWCH tWP Column tCWL tWCS tWCH tWP Column tRWL tCWL tWCS tWCH tWP tDS tDH tDS tDH tDS tDH VIH - DQ VIL - Valid Data-in Valid Data-in Valid Data-in Note: OE = "H" or "L" "H" or "L" 11/16 Semiconductor Fast Page Mode Read Modify Write Cycle VIH - RAS VIL - VIH - CAS VIL - Address VIH - VIL - V WE IH - VIL - VIH - OE V - IL VI/OH- VI/OL - DQ RAS-Only Refresh Cycle RAS VIH - VIL - CAS VIH - VIL - Address VIH - VIL - DQ VOH - VOL - ,,,, , , , tRASP tRP tCSH tPRWC tRCD tCAS tCP tCAS tCP tRSH tCAS tCRP tRAD tRAH tCAH tASC tASC tASR tASC tCAH tCAH tRAL Row Column tRWD Column Column tRCS tCWD tCWL tRCS tCPWD tCWD tAWD tCWL tRCS tCPWD tCWD tAWD tRWL tCWL tAWD tRAC tDS tWP tDH tDS tWP tDH tROH tDS tWP tDH tAA tCPA tAA tCPA tAA tOEA tOEA tOEA tOED tOED tOED tCAC tOEZ tCAC tOEZ In MSM5116800C tCAC tOEZ Out In Out Out In tCLZ tCLZ tCLZ "H" or "L" tRC tRAS tRP tCRP tRPC tASR tRAH Row tOFF Open Note: WE, OE = "H" or "L" "H" or "L" 12/16 Semiconductor CAS before RAS Refresh Cycle tRC tRP RAS VIH - VIL - tRPC tCP CAS VIH - VIL - tWRP tWRH tCSR tCHR tRAS MSM5116800C tRP tRPC ,,, , WE VIH - VIL - tOFF DQ VOH - VOL - Open Note: OE, Address = "H" or "L" "H" or "L" tWRP Hidden Refresh Read Cycle tRC tRC tRAS tRP tRAS tRP RAS VIH - VIL - VIH - VIL - tCRP tRCD tRSH tCHR CAS tASR tRAD tASC tRAH tCAH Address VIH - VIL - Row Column tRCS tRAL tRRH VIH - WE V IL - VIH - OE V IL - tAA tROH tOEA tRAC tCAC tCLZ tOFF tOEZ DQ VOH - VOL - Valid Data-out "H" or "L" 13/16 Semiconductor Hidden Refresh Write Cycle tRC tRAS RAS VIH - VIL - VIH - VIL - VIH - VIL - VIH - VIL - VIH - VIL - VIH - VIL - tRP tRC tRAS MSM5116800C tRP CAS Address WE OE DQ Test Mode Initiate Cycle RAS CAS WE DQ , ,,,, , tCRP tRCD tRSH tCHR tASR tRAH tRAD tASC tCAH tRAL Row Column tWCS tWCH tWP tWRP tWRH tDS tDH Valid Data-in "H" or "L" tRC tRP tRAS VIH - VIL - tRPC tCP tCSR tCHR VIH - VIL - tWTS tWTH VIH - VIL - tOFF VOH - VOL - Open Note: OE, Address = "H" or "L" "H" or "L" 14/16 Semiconductor MSM5116800C PACKAGE DIMENSIONS (Unit : mm) SOJ28-P-400-1.27 Mirror finish Package material Lead frame material Pin treatment Solder plate thickness Package weight (g) Epoxy resin 42 alloy Solder plating 5 mm or more 1.30 TYP. Notes for Mounting the Surface Mount Type Package The SOP, QFP, TSOP, SOJ, QFJ (PLCC), SHP and BGA are surface mount type packages, which are very susceptible to heat in reflow mounting and humidity absorbed in storage. Therefore, before you perform reflow mounting, contact Oki's responsible sales person for the product name, package name, pin number, package code and desired mounting conditions (reflow method, temperature and times). 15/16 Semiconductor MSM5116800C (Unit : mm) TSOPII28-P-400-1.27-K Mirror finish Package material Lead frame material Pin treatment Solder plate thickness Package weight (g) Epoxy resin 42 alloy Solder plating 5 mm or more 0.51 TYP. Notes for Mounting the Surface Mount Type Package The SOP, QFP, TSOP, SOJ, QFJ (PLCC), SHP and BGA are surface mount type packages, which are very susceptible to heat in reflow mounting and humidity absorbed in storage. Therefore, before you perform reflow mounting, contact Oki's responsible sales person for the product name, package name, pin number, package code and desired mounting conditions (reflow method, temperature and times). 16/16 |
Price & Availability of MSM5116800C |