Part Number Hot Search : 
B1624 FR301 RT8284N 967AU UPA102B K2018 NJG1701V NTE2956
Product Description
Full Text Search
 

To Download MM74HC574WM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MM74HC574 3-STATE Octal D-Type Edge-Triggered Flip-Flop
September 1983 Revised January 2003
MM74HC574 3-STATE Octal D-Type Edge-Triggered Flip-Flop
General Description
The MM74HC574 high speed octal D-type flip-flops utilize advanced silicon-gate P-well CMOS technology. They possess the high noise immunity and low power consumption of standard CMOS integrated circuits, as well as the ability to drive 15 LS-TTL loads. Due to the large output drive capability and the 3-STATE feature, these devices are ideally suited for interfacing with bus lines in a bus organized system. These devices are positive edge triggered flip-flops. Data at the D inputs, meeting the set-up and hold time requirements, are transferred to the Q outputs on positive going transitions of the CLOCK (CK) input. When a high logic level is applied to the OUTPUT CONTROL (OC) input, all outputs go to a high impedance state, regardless of what signals are present at the other inputs and the state of the storage elements. The 74HC logic family is speed, function, and pinout compatible with the standard 74LS logic family. All inputs are protected from damage due to static discharge by internal diode clamps to VCC and ground.
Features
s Typical propagation delay: 18 ns s Wide operating voltage range: 2V-6V s Low input current: 1 A maximum s Low quiescent current: 80 A maximum s Compatible with bus-oriented systems s Output drive capability: 15 LS-TTL loads
Ordering Code:
Order Number MM74HC574WM MM74HC574SJ MM74HC574MTC MM74HC574N Package Number M20B M20D MTC20 N20A Package Description 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Connection Diagram
Pin Assignments for DIP, SOIC, SOP and TSSOP
Truth Table
Output Control L L L H Clock Data Output

L X
H L X X
H L Q0 Z
H = HIGH Level L = LOW Level X = Don't Care = Transition from LOW-to-HIGH Z = High Impedance State Q0 = The level of the output before steady state input conditions were established
Top View
(c) 2003 Fairchild Semiconductor Corporation
DS005213
www.fairchildsemi.com
MM74HC574
Absolute Maximum Ratings(Note 1)
(Note 2) Supply Voltage (VCC) DC Input Voltage (VIN) DC Output Voltage (VOUT) Clamp Diode Current (IIK, IOK) DC Output Current, per pin (IOUT) DC VCC or GND Current, per pin (ICC) Storage Temperature Range (TSTG) Power Dissipation (PD) (Note 3) S.O. Package only Lead Temperature (TL) (Soldering 10 seconds) 260C 600 mW 500 mW
Recommended Operating Conditions
Min Supply Voltage (VCC) DC Input or Output Voltage (VIN,VOUT) Operating Temperature Range (TA) Input Rise or Fall Times (tr, tf) VCC = 2.0V VCC = 4.5V VCC = 6.0V 1000 500 400 ns ns ns 2 0 Max 6 VCC Units V V
-0.5 to +7.0V -1.5 to VCC +1.5V -0.5 to VCC +0.5V 20 mA 35 mA 70 mA -65C to +150C
-40
+85
C
Note 1: Maximum Ratings are those values beyond which damage to the device may occur. Note 2: Unless otherwise specified all voltages are referenced to ground. Note 3: Power Dissipation temperature derating -- plastic "N" package: - 12 mW/C from 65C to 85C.
DC Electrical Characteristics
Symbol VIH Parameter Minimum HIGH Level Input Voltage VIL Maximum LOW Level Input Voltage VOH Minimum HIGH Level Output Voltage
(Note 4)
VCC 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V TA = 25C Typ 1.5 3.15 4.2 0.5 1.35 1.8 2.0 4.5 6.0 4.2 5.7 0 0 0 0.2 0.2 1.9 4.4 5.9 3.98 5.48 0.1 0.1 0.1 0.26 0.26 0.1 0.5 8.0 1.0 0.6 0.4 1.5 0.8 0.5 TA = -40 to 85C TA = -55 to 125C Guaranteed Limits 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 3.84 5.34 0.1 0.1 0.1 0.33 0.33 1.0 5.0 80 1.8 1.0 0.6 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 3.7 5.2 0.1 0.1 0.1 0.4 0.4 1.0 10 160 2.0 1.1 0.7 mA V V V V Units
Conditions
VIN = VIH or VIL |IOUT | 20 A 2.0V 4.5V 6.0V VIN = VIH or VIL |IOUT | 6.0 mA |IOUT | 7.8 mA 4.5V 6.0V 2.0V 4.5V 6.0V VIN = VIH or VIL |IOUT | 6.0 mA |IOUT | 7.8 mA 4.5V 6.0V 6.0V 6.0V 6.0V OE CLK DATA V A A A V
VOL
Maximum LOW Level Output Voltage
VIN = VIH or VIL |IOUT | 20 A
IIN IOZ ICC ICC
Maximum Input Current Maximum 3-STATE Output Leakage Current Maximum Quiescent Supply Current Quiescent Supply Current per Input Pin
VIN = VCC or GND VOUT = VCC or GND OC = VIH VIN = VCC or GND IOUT = 0 A VCC = 5.5V VIN = 2.4V or 0.4V (Note 4)
Note 4: For a power supply of 5V 10% the worst-case output voltages (VOH, and VOL) occur for HC at 4.5V. Thus the 4.5V values should be used when designing with this supply. Worst-case VIH and VIL occur at VCC = 5.5V and 4.5V respectively. (The VIH value at 5.5V is 3.85V.) The worst-case leakage current (IIN, ICC, and IOZ) occur for CMOS at the higher voltage and so the 6.0V values should be used.
www.fairchildsemi.com
2
MM74HC574
AC Electrical Characteristics
VCC = 5V, TA = 25C, tr = tf = 6 ns Symbol fMAX tPHL, tPLH tPZH, tPZL tPHZ, tPLZ tS tH tW Parameter Maximum Operating Frequency Maximum Propagation Delay, Clock to Q Maximum Output Enable Time Maximum Output Disable Time Minimum Setup Time, Data to Clock Minimum Hold Time, Clock to Data Minimum Pulse Clock Width CL = 45 pF RL = 1 k CL = 45 pF RL = 1 k CL = 5 pF 10 -3 8 12 5 15 ns ns ns 14 25 ns Conditions Typ 60 17 19 Guaranteed Limit 33 27 28 Units MHz ns ns
AC Electrical Characteristics
VCC = 2.0 - 6.0V, CL = 50 pF, tr = tf = 6 ns (unless otherwise specified) Symbol fMAX Parameter Maximum Operating Frequency Conditions CL = 50 pF VCC 2.0V 4.5V 6.0V tPHL, tPLH Maximum Propagation Delay, Clock to Q CL = 50 pF CL = 150 pF CL = 50 pF CL = 150 pF CL = 50 pF CL = 150 pF tPZH, tPZL Maximum Output Enable Time RL = 1 k CL = 50 pF CL = 150 pF CL = 50 pF CL = 150 pF CL = 50 pF CL = 150 pF tPHZ, tPLZ Maximum Output Disable Time RL = 1 k CL = 50 pF tS Minimum Setup Time Data to Clock tH Minimum Hold Time Clock to Data tTHL, tTLH Maximum Output Rise and Fall Time tW Minimum Clock Pulse Width CL = 50 pF 2.0V 2.0V 4.5V 4.5V 6.0V 6.0V 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V tr,tf Maximum Clock Input Rise and Fall Time CPD CIN Power Dissipation Capacitance (Note 5) (per latch) Maximum Input Capacitance OC = VCC OC = GND 2.0V 4.5V 6.0V 5 58 5 10 10 10 6 7 6 30 9 8 -1 22 59 14 20 12 18 15 12 10 6 30 180 28 36 24 31 30 25 21 12 20 17 5 0 0 12 12 10 15 16 14 1000 500 400 38 225 35 45 30 39 38 31 27 15 25 21 6 0 0 15 15 13 20 20 18 1000 500 400 45 270 42 54 36 47 45 38 32 18 30 25 8 0 0 18 18 15 24 24 20 1000 500 400 pF pF ns ns ns ns ns ns ns ns ns 2.0V 2.0V 4.5V 4.5V 6.0V 6.0V 18 51 13 19 12 18 TA = 25C Typ 33 30 35 30 155 23 31 20 27 TA = -40 to 85C TA = -55 to 125C Guaranteed Limits 28 24 28 38 194 29 47 25 34 23 20 23 45 233 35 47 30 41 ns ns ns MHz Units
3
www.fairchildsemi.com
MM74HC574
AC Electrical Characteristics
Symbol COUT Parameter Maximum Output Capacitance
(Continued)
TA = 25C Typ 15 20 TA = -40 to 85C TA = -55 to 125C Guaranteed Limits 20 20 pF
Conditions
VCC
Units
Note 5: CPD determines the no load dynamic power consumption, PD = CPD VCC2 f + ICC VCC, and the no load dynamic current consumption, IS = CPD V CC f + ICC.
www.fairchildsemi.com
4
MM74HC574
Physical Dimensions inches (millimeters) unless otherwise noted
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide Package Number M20B
5
www.fairchildsemi.com
MM74HC574
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M20D
www.fairchildsemi.com
6
MM74HC574
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC20
7
www.fairchildsemi.com
MM74HC574 3-STATE Octal D-Type Edge-Triggered Flip-Flop
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Package Number N20A
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 8 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of MM74HC574WM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X