|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MOTOROLA SEMICONDUCTOR TECHNICAL DATA Octal D-Type Latch with 3-State Output The MC74VHCT573A is an advanced high speed CMOS octal latch with 3-state output fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation. This 8-bit D-type latch is controlled by a latch enable input and an output enable input. When the output enable input is high, the eight outputs are in a high impedance state. The VHCT inputs are compatible with TTL levels. This device can be used as a level converter for interfacing 3.3V to 5.0V, because it has full 5V CMOS level output swings. The VHCT573A input and output (when disabled) structures provide protection when voltages between 0V and 5.5V are applied, regardless of the supply voltage. These input and output structures help prevent device destruction caused by supply voltage - input/output voltage mismatch, battery backup, hot insertion, etc. * * * * * * * * * * * High Speed: tPD = 7.7ns (Typ) at VCC = 5V Low Power Dissipation: ICC = 4A (Max) at TA = 25C TTL-Compatible Inputs: VIL = 0.8V; VIH = 2.0V Power Down Protection Provided on Inputs and Outputs Balanced Propagation Delays Designed for 4.5V to 5.5V Operating Range Low Noise: VOLP = 1.6V (Max) Pin and Function Compatible with Other Standard Logic Families Latchup Performance Exceeds 300mA ESD Performance: HBM > 2000V; Machine Model > 200V Chip Complexity: 234 FETs or 58.5 Equivalent Gates MC74VHCT573A DW SUFFIX 20-LEAD SOIC PACKAGE CASE 751D-04 DT SUFFIX 20-LEAD TSSOP PACKAGE CASE 948E-02 M SUFFIX 20-LEAD SOIC EIAJ PACKAGE CASE 967-01 ORDERING INFORMATION MC74VHCTXXXADW SOIC MC74VHCTXXXADT TSSOP MC74VHCTXXXAM SOIC EIAJ PIN ASSIGNMENT OE 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 VCC Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 LE LOGIC DIAGRAM D0 D1 D2 DATA INPUTS D3 D4 D5 D6 D7 LE OE 2 3 4 5 6 7 8 9 11 1 19 18 17 16 15 14 13 12 Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 NONINVERTING OUTPUTS D0 D1 D2 D3 D4 D5 D6 D7 GND FUNCTION TABLE INPUTS OE L L L H LE H H L X D H L X X OUTPUT Q H L No Change Z 6/97 (c) Motorola, Inc. 1997 1 REV 0 I I I I I II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II II I I II I I I I I II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II II I I I II II I I I II II I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I II II I I I I I II I I I I I I I I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II II I II I I I I I I III I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII IIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II II I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIII I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIII I I I II I I IIIIIIIIIII IIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII I III I I I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIII III III I I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III III I I II I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I I IIIIIIIIIIIIIIIIIIIIIII III II I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIII I I * Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute-maximum-rated conditions is not implied. Derating -- SOIC Packages: - 7 mW/_C from 65_ to 125_C TSSOP Package: - 6.1 mW/_C from 65_ to 125_C II I I I I I IIIIIIIIIIIIIIIIIIIIIII I I I I I I IIIIIIII I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIII II I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII II I I I I I I III IIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I III I I I IIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII IIIIII I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII MC74VHCT573A MAXIMUM RATINGS* Symbol VCC Vout Tstg ICC IOK Iout Vin PD IIK Storage Temperature Power Dissipation in Still Air, DC Supply Current, VCC and GND Pins DC Output Current, per Pin Output Diode Current (VOUT < GND; VOUT > VCC)IIIIII 20 mA Input Diode Current DC Output Voltage DC Input Voltage DC Supply Voltage Parameter Outputs in 3-State High or Low State SOIC Packages TSSOP Package - 0.5 to + 7.0 - 0.5 to VCC + 0.5 - 65 to + 150 - 0.5 to + 7.0 - 0.5 to + 7.0 Value - 20 75 25 500 450 Unit mW mA mA mA DC ELECTRICAL CHARACTERISTICS RECOMMENDED OPERATING CONDITIONS MOTOROLA Symbol Symbol S bl VCC Vout VOH tr, tf VOL Vin ICC IOZ VIH TA VIL Iin Input Rise and Fall Time Operating Temperature DC Output Voltage DC Input Voltage DC Supply Voltage Maximum Quiescent Supply Current Maximum 3-State Leakage Current Maximum Input Leakage Current Maximum Low-Level Output Voltage Vin = VIH or VIL Minimum High-Level Output Voltage Vin = VIH or VIL Maximum Low-Level Input Voltage Minimum High-Level Input Voltage Parameter P Parameter Vin = VCC or GND Vin = VIL or VIH Vout = VCC or GND Vin = 5.5 V or GND Test C di i T Conditions Outputs in 3-State High or Low State VCC =5.0V 0.5V IOH = - 50A IOH = - 8mA IOL = 50A IOL = 8mA 0 to 5.5 4.5 to 5.5 4.5 to 5.5 VCC V 2 5.5 5.5 4.5 4.5 4.5 4.5 - 40 Min 4.5 0 0 0 0 5.5 VCC + 85 Max 3.94 Min 5.5 5.5 4.4 2.0 20 ns/V Unit TA = 25C _C _C V V V V V V Typ 0.0 4.5 0.25 0.1 0.36 Max 4.0 0.1 0.8 This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range GND (Vin or Vout) VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or V CC ). Unused outputs must be left open. VHC Data - Advanced CMOS Logic DL203 -- Rev 1 TA = - 40 to 85C 3.80 Min 4.4 2.0 v 2.5 1.0 0.44 Max 0.1 0.8 40.0 v Unit Ui A A A V V V V MC74VHCT573A II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I II II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I II II I I I I I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I II II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I II II I I I I I I I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I II I I I I I I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II II I I I I I II II I II I I II I II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II I I I I I I III I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIII I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II II I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII DC ELECTRICAL CHARACTERISTICS Symbol ICCT Parameter Test Conditions VCC V 5.5 0 TA = 25C Typ TA = - 40 to 85C Min Max Min Max Unit mA A Quiescent Supply Current Output Leakage Current Per Input: VIN = 3.4V Other Input: VCC or GND VOUT = 5.5V 1.35 0.5 1.50 5.0 IOPD AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0ns) Symbol S bl tPLH, tPHL tPLH, tPHL tPZL, tPZH tPLZ, tPHZ Parameter P TA = 25C Typ 7.7 8.5 5.1 5.9 6.3 7.1 8.8 TA = - 40 to 85C Min 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Max Test C di i T Conditions Min Max Unit Ui ns ns ns ns ns Maximum Propagation Delay, LE to Q Maximum Propagation Delay, D to Q Output Enable Time, OE to Q VCC = 5.0 0.5V VCC = 5.0 0.5V VCC = 5.0 0.5V RL = 1k VCC = 5.0 0.5V RL = 1k VCC = 5.5 0.5V (Note 1.) CL = 15pF CL = 50pF CL = 15pF CL = 50pF 12.3 13.3 8.5 9.5 13.5 14.5 9.5 10.5 CL = 15pF CL = 50pF CL = 50pF CL = 50pF 10.9 11.9 11.2 1.0 10 12.5 13.5 12.0 1.0 10 Output Disable Time, OE to Q tOSLH, tOSHL Cin Output to Output Skew Maximum Input Capacitance 4 6 pF pF Cout Maximum Three-State Output Capacitance (Output in High-Impedance State) Typical @ 25C, VCC = 5.0V 25 CPD Power Dissipation C P Di i i Capacitance (N i (Note 2 ) 2.) pF F 1. Parameter guaranteed by design. tOSLH = |tPLHm - tPLHn|, tOSHL = |tPHLm - tPHLn|. 2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC(OPR) = CPD VCC fin + ICC / 8 (per latch). CPD is used to determine the no-load dynamic power consumption; PD = CPD VCC2 fin + ICC VCC. NOISE CHARACTERISTICS (Input tr = tf = 3.0ns, CL = 50 pF, VCC = 5.0V) TA = 25C Symbol S bl VOLP VOLV VIHD VILD Quiet Output Maximum Dynamic VOL Quiet Output Minimum Dynamic VOL Minimum High Level Dynamic Input Voltage Maximum Low Level Dynamic Input Voltage Parameter P Typ 1.2 -1.2 Max 1.6 -1.6 2.0 0.8 Unit Ui V V V V TIMING REQUIREMENTS (Input tr = tf = 3.0ns) TA = 25C Symbol S bl tw(h) tsu th Parameter P Minimum Pulse Width, LE Minimum Setup Time, D to LE Minimum Hold Time, D to LE Test C di i T Conditions VCC = 5.0 0.5V VCC = 5.0 0.5V VCC = 5.0 0.5V Typ Limit 6.5 1.5 3.5 TA = - 40 to 85C Limit 8.5 1.5 3.5 Unit Ui ns ns ns VHC Data - Advanced CMOS Logic DL203 -- Rev 1 3 MOTOROLA MC74VHCT573A SWITCHING WAVEFORMS tw 3V D tPLH Q 1.5V 1.5V GND tPHL VOH VOL Q 1.5V VOL tPLH tPHL VOH LE 1.5V GND 3V Figure 1. Figure 2. 3V OE 1.5V tPZL Q 1.5V tPZH Q 1.5V tPHZ tPLZ GND HIGH IMPEDANCE VOL +0.3V VOH -0.3V HIGH IMPEDANCE LE 1.5V GND D 1.5V tsu GND th 3V VALID 3V Figure 3. Figure 4. TEST CIRCUITS TEST POINT OUTPUT DEVICE UNDER TEST DEVICE UNDER TEST TEST POINT OUTPUT CL* 1 k CONNECT TO VCC WHEN TESTING tPLZ AND tPZL. CONNECT TO GND WHEN TESTING tPHZ AND tPZH. CL* * Includes all probe and jig capacitance * Includes all probe and jig capacitance Figure 5. Figure 6. MOTOROLA 4 VHC Data - Advanced CMOS Logic DL203 -- Rev 1 MC74VHCT573A EXPANDED LOGIC DIAGRAM D0 2 D Q LE 3 D Q LE 4 D Q LE 5 D Q LE 6 D Q LE 7 D Q LE 8 D Q LE 9 D Q LE 12 Q7 13 Q6 14 Q5 15 Q4 16 Q3 17 Q2 18 Q1 19 Q0 D1 D2 D3 D4 D5 D6 D7 LE 11 OE 1 VHC Data - Advanced CMOS Logic DL203 -- Rev 1 5 MOTOROLA MC74VHCT573A OUTLINE DIMENSIONS DW SUFFIX PLASTIC SOIC PACKAGE CASE 751D-04 ISSUE E -A- 20 11 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.150 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 12.65 12.95 7.40 7.60 2.35 2.65 0.35 0.49 0.50 0.90 1.27 BSC 0.25 0.32 0.10 0.25 0_ 7_ 10.05 10.55 0.25 0.75 INCHES MIN MAX 0.499 0.510 0.292 0.299 0.093 0.104 0.014 0.019 0.020 0.035 0.050 BSC 0.010 0.012 0.004 0.009 0_ 7_ 0.395 0.415 0.010 0.029 -B- 1 10 10X P 0.010 (0.25) M B M 20X D M 0.010 (0.25) TA S B J S F R X 45 _ C -T- 18X SEATING PLANE G K M DT SUFFIX PLASTIC TSSOP PACKAGE CASE 948E-02 ISSUE A 20X K REF M 0.15 (0.006) T U S 0.10 (0.004) TU S V S K K1 2X L/2 L PIN 1 IDENT 1 10 B -U- J J1 N 0.15 (0.006) T U S A -V- N F C D 0.100 (0.004) -T- SEATING PLANE G H DETAIL E MOTOROLA 6 IIII IIII IIII SECTION N-N M DETAIL E 20 11 0.25 (0.010) NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. MILLIMETERS MIN MAX 6.40 6.60 4.30 4.50 --- 1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.27 0.37 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.252 0.260 0.169 0.177 --- 0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.011 0.015 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_ -W- DIM A B C D F G H J J1 K K1 L M VHC Data - Advanced CMOS Logic DL203 -- Rev 1 MC74VHCT573A OUTLINE DIMENSIONS M SUFFIX PLASTIC SOIC EIAJ PACKAGE CASE 967-01 ISSUE O NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS AND ARE MEASURED AT THE PARTING LINE. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 5. THE LEAD WIDTH DIMENSION (b) DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE LEAD WIDTH DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSIONS AND ADJACENT LEAD TO BE 0.46 ( 0.018). DIM A A1 b c D E e HE L LE M Q1 Z MILLIMETERS MIN MAX --- 2.05 0.05 0.20 0.35 0.50 0.18 0.27 12.35 12.80 5.10 5.45 1.27 BSC 7.40 8.20 0.50 0.85 1.10 1.50 10 _ 0_ 0.70 0.90 --- 0.81 INCHES MIN MAX --- 0.081 0.002 0.008 0.014 0.020 0.007 0.011 0.486 0.504 0.201 0.215 0.050 BSC 0.291 0.323 0.020 0.033 0.043 0.059 10 _ 0_ 0.028 0.035 --- 0.032 20 11 LE Q1 M_ L DETAIL P E HE 1 10 Z D e VIEW P A c b 0.13 (0.005) M A1 0.10 (0.004) Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. 81-3-5487-8488 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 INTERNET: http://motorola.com/sps VHC Data - Advanced CMOS Logic DL203 -- Rev 1 7 MC74VHCT573A/D MOTOROLA |
Price & Availability of MC74VHCT573A |