Part Number Hot Search : 
17805 TDA1547 AN6876 MP1080 HC0538AY SKL32C SW1251W RKZ11AKU
Product Description
Full Text Search
 

To Download MC34017 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Order this document by MC34017/D
MC34017 Telephone Tone Ringer
Bipolar
* * * * * * * TELEPHONE TONE RINGER
BIPOLAR LINEAR/I2L
SEMICONDUCTOR TECHNICAL DATA
Linear/I2L
Complete Telephone Bell Replacement Circuit with Minimum External Components On-Chip Diode Bridge and Transient Protection Direct Drive for Piezoelectric Transducers Push Pull Output Stage for Greater Output Power Capability Base Frequency Options - MC34017-1: 1.0 kHz - MC34017-2: 2.0 kHz - MC34017-3: 500 Hz Input Impedance Signature Meets Bell and EIA Standards Rejects Rotary Dial Transients
8 1
D SUFFIX PLASTIC PACKAGE CASE 751
8 1
Typical Application
160 k C 15 k 2.2 F 3.0 V 5 RS AC1 1 RO1 2 MC34017-X 1.0 F Tip 6.8 k AC1 1 RO1 2 RO2 3 RI 4 RI 4 RO2 3
P SUFFIX PLASTIC PACKAGE CASE 626 5.0 F 25 V
PIN CONNECTIONS
8 AC2 Ring
7 RG
6 RC
8 AC2 7 RG
6 RC 5 RS (Top View)
ORDERING INFORMATION
MC34017-1: C = 1000 pF MC34017-2: C = 500 pF MC34017-3: C = 2000 pF Piezo Sound Element Device MC34017D MC34017P Operating Temperature Range TA = -20 to +60C Package SOIC Plastic DIP
This device contains 97 active transistors and 79 gates.
(c) Motorola, Inc. 1996
MOTOROLA ANALOG IC DEVICE DATA
1
MC34017
MAXIMUM RATINGS (Voltages Referenced to RG, Pin 7)
Rating Operating AC Input Current (Pins 1, 8) Transient Input Current (Pins 1, 8) (T<2.0 ms) Voltage Applied at RC (Pin 6) Voltage Applied at RS (Pin 5) Voltage Applied to Outputs (Pins 2, 3) Power Dissipation (@ 25C) Operating Ambient Temperature Storage Temperature
NOTE: ESD data available upon request.
Symbol - Vin VRC VRS VO PD TA Tstg
Value 20 300 5.0 5.0 -2.0 to VRI 1.0 -20 to +60 -65 to +150
Unit mA, RMS mA, peak V V V W C C
ELECTRICAL CHARACTERISTICS (TA = 25C)
Characteristic Ringing Start Voltage VStart = VI at Ring Start VI > 0 VI < 0 Ringing Stop Voltage VStop = VI at Ring Stop MC34017-1 MC34017-2 MC34017-3 Output Frequencies (VI = 50 V) MC34017-1 High Tone MC34017-1 Low Tone MC34017-1 Warble Tone MC34017-2 High Tone MC34017-1 Low Tone MC34017-1 Warble Tone MC34017-3 High Tone MC34017-1 Low Tone MC34017-1 Warble Tone Output Voltage (VI = 50 V) Output Short-Circuit Current Input Diode Voltage (II = 5.0 mA) Input Voltage - SCR "Off" (II = 30 mA) Input Voltage - SCR "On" (II = 100 mA) RS Clamp Voltage (VI = 50 V) Test Symbol Min Typ Max Unit Vdc 1a 1b 1c VStart (+) VStart (-) VStop 14 12 14 1d fH fL fW fH fL fW fH fL fW 6 2 3 4a 4b 5 VO IRO1, IRO2 VD Voff Von Vclamp 937 752 11.5 1874 1504 11.5 937 752 23 34 35 5.4 30 3.2 1.3 1010 808 12.5 2020 1616 12.5 1010 808 25 37 60 6.2 38 4.1 1.5 1083 868 14 2166 1736 14 1083 868 28 43 80 6.8 43 6.0 1.8 Vpp mApp Vdc Vdc Vdc Vdc 16 14 16 22 20 22 Hz 34 -34 37.5 -37.5 41 -41 Vdc
PIN FUNCTION DESCRIPTION
Pin 1, 8 5 4 2, 3 7 6 Symbol AC1, AC2 RS RI RO1, RO2 RG RC Description The input terminals to the full-wave diode bridge. The ac ringing signal from the telephone line energizes the ringer through this bridge. The input of the threshold comparator to which diode bridge current is mirrored and sensed through an external resistor (R3). Nominal threshold is 1.2 V. This pin internally clamps at 1.5 V. The positive supply terminal for the oscillator, frequency divider and output buffer circuits. The tone ringer output terminals through which the sound element is driven. The negative terminal of the diode bridge and the negative supply terminal of the tone generating circuitry. The oscillator terminal for the external resistor and capacitor which control the tone ringer frequencies (R2, C2).
2
MOTOROLA ANALOG IC DEVICE DATA
MC34017
APPLICATION CIRCUIT PERFORMANCE (Refer to Typical Application)
Characteristic Output Tone Frequencies MC34017-1 MC34017-2 MC34017-3 Warble Frequencies Output Voltage (VI 60 Vrms, 20 Hz) Output Duty Cycle Ringing Start Input Voltage (20 Hz) Ringing Stop Input Voltage (20 Hz) Maximum AC Input Voltage ( 68 Hz) Impedance When Ringing VI = 40 Vrms, 15 Hz VI = 130 Vrms, 23 Hz Impedance When Not Ringing VI = 10 Vrms, 24 Hz VI = 2.5 Vrms, 24 Hz VI = 10 Vrms, 5.0 Hz VI = 3.0 Vrms, 200 - 3200 Hz Maximum Transient Input Voltage (T 2.0 ms) Ringer Equivalence: Class A Ringer Equivalence: Class B Typical Value 808/1010 1616/2020 404/505 12.5 37 50 36 21 150 >16 12 28 >1.0 55 >200 1500 0.5 0.9 k M k k V - - Vpp % Vrms Vrms Vrms k Units Hz
Block Diagram
C4 RI 4 R1 Tip C1 AC1 1 Input Current Mirror Diode Bridge
Ring
AC2 8 SCR Transient Clamp 22 V Bias
Push Pull Output Buffer Oscillator RC C2 6 R2 Tone Frequency Divider
RO1 2 RO2 3
Piezo Sound Element
B
Ref Threshold Comparator RG 7
RS 5 R3 C3
B
Warble Frequency Divider
MOTOROLA ANALOG IC DEVICE DATA
3
MC34017
CIRCUIT DESCRIPTION
The MC34017 Tone Ringer derives its power supply by rectifying the ac ringing signal. It uses this power to activate a tone generator and drive a piezo-ceramic transducer. The tone generation circuitry includes a relaxation oscillator and frequency dividers which produce high and low frequency tones as well as the tone warble frequency. The relaxation oscillator frequency fo is set by resistor R2 and capacitor C2 connected to Pin RC. The oscillator will operate with fo from 1.0 kHz to 10 kHz with the proper choice of external components (see Figure 1). The frequency of the tone ringer output signal at RO1 and RO2 alternates between fo/4 to fo/5. The warble rate at which the frequency changes is fo/320 for the MC34017-1, fo/640 for the MC34017-2 and fo/160 for the MC34017-3. With a 4.0 kHz oscillator frequency, the MC34017-1 produces 800 Hz and 1000 Hz tones with a 12.5 Hz warble rate. The MC34017-2 generates 1600 Hz and 2000 Hz tones with a similar 12.5 Hz warble frequency from an 8.0 kHz oscillator frequency. The MC34017-3 will produce 400 Hz and 500 Hz tones with a 12.5 Hz warble rate from a 2.0 kHz oscillator frequency. The tone ringer output circuit can source or sink 20 mA with an output voltage swing of 37 V peak-to-peak. Volume control is readily implemented by adding a variable resistance in series with the piezo transducer. Input signal detection circuitry activates the tone ringer output when the ac line voltage exceeds programmed threshold level. Resistor R3 determines the ringing signal amplitude at which an output signal at RO1 and RO2 will be generated. The ac ringing signal is rectified by the internal diode bridge. The rectified input signal produces a voltage across R3 which is referenced to RG. The voltage across resistor R3 is filtered by capacitor C3 at the input to the threshold circuit. Figure 1. Oscillator Period (1/fo) versus Oscillator R2 C2 Product
800 1/fo, OSCILLATOR PERIOD ( s)
When the voltage on capacitor C3 exceeds 1.2 V, the threshold comparator enables the tone ringer output. Line transients produced by pulse dialing telephones do not charge capacitor C3 sufficiently to activate the tone ringer output. Capacitors C1 and C4 and resistor R1 determine the 10 V, 24 Hz signature test impedance. C4 also provides filtering for the output stage power supply to prevent droop in the square wave output signal. Six diodes in series with the rectifying bridge provide the necessary non-linearity for the 2.5 V, 24 Hz signature tests. An internal shunt voltage regulator between the RI and RG terminals provides dc voltage to power the output stage, oscillator and frequency dividers. The dc voltage at RI is limited to approximately 22 V in regulation. To protect the IC from telephone line transients, an SCR is triggered when the regulator current exceeds 50 mA. The SCR diverts current from the shunt regulator and reduces the power dissipation within the IC. EXTERNAL COMPONENTS
R1 Line Input Resistor R1 affects the tone ringer input impedance. It also influences ringing threshold voltage and limits current from line transients. (Range: 2.0 to 10 k). Line Input Capacitor C1 ac couples the tone ringer to the telephone line and controls ringer input impedance at low frequencies. (Range: 0.4 to 2.0 F). Oscillator Resistor (Range: 150 to 300 k). Oscillator Capacitor (Range: 400 to 3000 pF). Input Current Sense Resistor R3 controls the ringing threshold voltage. Increasing R3 decreases the ring-start voltage. (Range: 5.0 to 18 k). Ringing Threshold Filter Capacitor C3 filters the ac voltage across R3 at the input of the ringing threshold comparator. It also provides dialer transient rejection. (Range: 0.5 to 5.0 F). Ringer Supply Capacitor C4 filters supply voltage for the tone generating circuits. It also provides an ac current path for the 10 Vrms ringer signature impedance. (Range: 1.0 to 10 F).
C1
R2 C2 R3
600
C3
400 C4 200 150 k R2 300 k 400 pF C2 3000 pF
0
0
100
200
300
400
500
R2 C2, OSCILLATOR R2 C2 PRODUCT (s) (1/fo = 1.45 R2 C2 + 10 s)
4
MOTOROLA ANALOG IC DEVICE DATA
MC34017
Figure 2. Test One
6.8 k* VI
1 AC1 2 RO1 DUT 3 RO2 RI
AC2 8 RG RC 7 6 160 k* C RS 5 15 k* 0.2 F 1.0 F MC34017-1: C = 1000 pF* MC34017-2: C = 500 pF* MC34017-3: C = 1000 pF*
VO
390
0.047 F
4
S1 (Normally Open) VDD 10 k 5.6 k Q1 10 k R 0.01 F* 1 VDD 2 3 4 5 6 7 8 IC2 16 15 14 13 12 11 10 9 0.01 F VDD 0.1 F
a. Increase VI from +33 V while monitoring VO. VStart (+) equals VI when VO commences switching. b. Decrease VI from -33 V while monitoring VO. VStart (-) equals VI when VO commences switching. c. Decrease VI from +40 V while monitoring VO. VStop equals VI when VO ceases switching. d. Set VI to +50 V. Close S1. Measure frequencies fH, fL and fW.
200 k
12 13 1/4 IC1
11
fH
IC1 - MC14011B IC2 - MC14538B
Q1 - 2N3904
9 8 1/4 IC1
10
fL fW
VDD = 12 V *Indicates 1% tolerance (5% otherwise)
MC34017-1: R = 110 k* MC34017-2: R = 55 k* MC34017-3: R = 110 k*
MOTOROLA ANALOG IC DEVICE DATA
5
MC34017
Figure 3. Test Two
6.8 k* 50 V IRO1 5.0 V S2 IRO2 10 V
1 2 3
AC1 RO1 RO2 DUT
AC2 RG RC
8 7 6 160 k* C S1 VRC 2.0 k
4
RI
RS
5
15 k*
0.2 F
MC34017-1: C = 1000 pF* MC34017-2: C = 500 pF* MC34017-3: C = 1000 pF* *Indicates 1% tolerance (5% otherwise)
With VRC = 4.0 V, close S1. Switch S2 to Pin 2 and measure current at Pin 2 (IO1). Repeatedly switch VRC between 4.0 V and 0 V until Pin 2 current changes polarity. Measure the opposite polarity current (IO2). Calculate: IRO1 = |IO1| + |IO2|. Switch S2 to Pin 3 and repeat. Calculate: IRO2 = |IO1| + |IO2|.
Figure 4. Test Three
1 VD 5.0 mA 390 3 0.047 F 4 2
AC1 RO1 DUT RO2 R1
AC2 RG RC
8 7 6 Measure voltage at Pin 1. 160 k* C
RS
5
15 k*
0.2 F MC34017-1: C = 1000 pF* MC34017-2: C = 500 pF* MC34017-3: C = 1000 pF*
*Indicates 1% tolerance (5% otherwise)
6
MOTOROLA ANALOG IC DEVICE DATA
MC34017
Figure 5. Test Four
V I1
1 AC1 2 RO1 DUT 3 4 RO2 RI
AC2 8 RG RC 7 6 160 k* C RS 5 15 k*
0.2 F MC34017-1: C = 1000 pF* MC34017-2: C = 500 pF* MC34017-3: C = 1000 pF* *Indicates 1% tolerance (5% otherwise)
a. Set I1 to 30 mA. Measure voltage at Pin 1 (Voff). b. Set I1 to 100 mA. Measure voltage at Pin 1 (Von).
(Each test < 30 ms)
Figure 6. Test Five
6.8 k* 50 V
1 2
AC1 RO1 DUT
AC2 RG RC
8 7 6 160 k* C
3 4
RO2 RI RS 5
15 k*
Vclamp MC34017-1: C = 1000 pF* MC34017-2: C = 500 pF* MC34017-3: C = 1000 pF* *Indicates 1% tolerance (5% otherwise) Measure voltage at Pin 5 (Vclamp).
Figure 7. Test Six
6.8 k* 50 V 20 k VO
1 2
AC1 RO1 DUT
AC2 RG RC
8 7 6 160 k* C S1 2.0 k VRC
3
RO2 5
4
RI
RS
15 k*
0.2 F MC34017-1: C = 1000 pF* MC34017-2: C = 500 pF* MC34017-3: C = 1000 pF* *Indicates 1% tolerance (5% otherwise)
With VRC = 4.0 V, close S1. Measure dc voltage between Pins 2 and 3 (VO1). Repeatedly switch VRC between 4.0 V and 0 V until Pins 2 and 3 change state. Measure the new voltage between Pins 2 and 3 (VO2). Calculate: VO = |VO1| + |VO2|.
MOTOROLA ANALOG IC DEVICE DATA
7
MC34017
OUTLINE DIMENSIONS
D SUFFIX PLASTIC PACKAGE CASE 751-05 ISSUE N
-A-
8 5
-B-
1 4
4X
P 0.25 (0.010)
M
B
M
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 4.80 5.00 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.18 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50 INCHES MIN MAX 0.189 0.196 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.007 0.009 0.004 0.009 0_ 7_ 0.229 0.244 0.010 0.019
G C -T-
8X SEATING PLANE
R
X 45 _
F
D 0.25 (0.010)
M
K TB
M_
S
J
S
A
8
5
P SUFFIX PLASTIC PACKAGE CASE 626-05 ISSUE K -B-
NOTES: 1. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 2. PACKAGE CONTOUR OPTIONAL (ROUND OR SQUARE CORNERS). 3. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. DIM A B C D F G H J K L M N MILLIMETERS MIN MAX 9.40 10.16 6.10 6.60 3.94 4.45 0.38 0.51 1.02 1.78 2.54 BSC 0.76 1.27 0.20 0.30 2.92 3.43 7.62 BSC --- 10_ 0.76 1.01 INCHES MIN MAX 0.370 0.400 0.240 0.260 0.155 0.175 0.015 0.020 0.040 0.070 0.100 BSC 0.030 0.050 0.008 0.012 0.115 0.135 0.300 BSC --- 10_ 0.030 0.040
1
4
F
NOTE 2
-A- L
C -T-
SEATING PLANE
J N D K
M
M
H
G 0.13 (0.005) TA
M
B
M
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315
8
MC34017/D MOTOROLA ANALOG IC DEVICE DATA
*MC34017/D*


▲Up To Search▲   

 
Price & Availability of MC34017

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X