Part Number Hot Search : 
HSB124 UMX4NTR NGB8207N VN2222LL 2N3055A 2SJ315 1N3335B 200AB
Product Description
Full Text Search
 

To Download MC33143 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Order this document by MC33143/D
Advance Information
MC33143
Dual High-Side Switch
The MC33143 is a dual high-side switch designed for solenoid control in harsh automotive applications, but is well suited for other environments. The device can also be used to control small motors and relays as well as solenoids. The MC33143 incorporates SMARTMOSTM technology, with CMOS logic, bipolar/MOS analog circuitry, and DMOS power outputs. An internal charge pump is incorporated for efficient gate enhancement of the internal high-side power output devices. The outputs are designed to provide current to low impedance solenoids. The MC33143 provides individual output fault status reporting along with internal Overcurrent and Over Temperature protection. The device also has Overvoltage protection, with automatic recovery, which "globally" disables both outputs for the duration of an Overvoltage condition. Each output has individual Overcurrent and Over Temperature shutdown with automatic retry recovery. Outputs are enabled with a CMOS logic high signal applied to an input to providing true logic control. The outputs, when turned on, provide full supply (battery) voltage across the solenoid coil. The MC33143 is packaged in an economical 24 pin surface mount power package and specified over an operating voltage of 5.5 V VPwr < 26 V for -40C TA 125C. * Designed to Operate Over Wide Supply Voltages of 5.5 V to 26 V
DUAL HIGH-SIDE SWITCH
SEMICONDUCTOR TECHNICAL DATA
24 1
* * * * * * * * * * * * *
Dual High-Side Outputs Clamped to -10 V for Driving Inductive Loads Internal Charge Pump for Enhanced Gate Drive Interfaces Directly to a Microcontroller with Parallel Input Control Outputs Current Limited to 3.0 A to 6.0 A for Driving Incandescent Loads Chip Enable "Sleep Mode" for Power Conservation Individual Output Status Reporting Fault Interrupt Output for System Interrupt Use Output ON or OFF Open Load Detection Overvoltage Detection and Shutdown Output Over Temperature Detection and Shutdown with Automatic Retry Sustained Current Limit or Immediate Overcurrent Shutdown Output Modes Output Short to Ground Detection and Shutdown with Automatic Retry Output Short to VPwr Detection
DW SUFFIX PLASTIC PACKAGE CASE 751E (SOP (16+4+4)L)
PIN CONNECTIONS
IN1 CEN STAT1 VPwr Gnd Gnd Gnd 1 2 3 4 5 6 7 8 9 24 OUT1 23 INT 22 N/C 21 VPwr 20 Gnd 19 Gnd 18 Gnd 17 Gnd 16 VPwr 15 GTST 14 SFPD 13 OUT2 (Top View)
SMARTMOS is a trademark of Motorola, Inc.
Simplified Application
VDD SFPD (14) VDD (11) V Pwr (16) GTST (15) +VPwr Battery
Gnd VPwr
STAT2 10 VDD 11 IN2 12
VDD P0 P1 P2 MCU P3 P4 IRQ
NOTE:
CEN (2) IN1 (1) IN2 (12) STAT1 (13) STAT2 (10) INT (23)
OUT1 (24) OUT2 (13) MC33143 Gnd (Note)
ORDERING INFORMATION
Device Operating Temperature Range Package SOP-24L
Rev 0
Pins 5, 6, 7, 8, 17, 18, 19 and 20 provide electrical ground and heatsinking.
This device contains 889 active transistors.
This document contains information on a new product. Specifications and information herein are subject to change without notice. DEVICE DATA MOTOROLA ANALOG IC
MC33143DW TA = - 40 to +125C
(c) Motorola, Inc. 1996
1
MC33143
Figure 1. Simplified Internal Block Diagram
VPwr (9, 16) Overvoltage Shutdown SFPD (14) Voltage Regulator Current Limit Gate Control OFF/ON Open Load Detect Bias Charge Pump OFF/ON Open Load Detect Gate Control 4.0 ms Retry Timer Fault Detection D ON/OFF Open Load D ON/OFF VPwr Short D On Ground Short D Over Temperature D VPwr Overvoltage -10 V 15 V OUT2 (13) STAT2 (10) Fault Detection D ON/OFF Open Load D ON/OFF VPwr Short D On Ground Short D Over Temperature D VPwr Overvoltage Current Limit Over Temperature Shutdown -10 V 15 V OUT1 (24) STAT1 (3) Over Temperature Shutdown 55 V
IN1 (1)
VDD (11) GTST (15) CEN (2)
55 V
INT (23)
IN2 (12)
Gnd (5) (See Note)
NOTE:
Pins 5, 6, 7, 8, 17, 18, 19 and 20 should all be grounded so as to provide electrical as well as thermal heatsinking of the device.
MAXIMUM RATINGS (All voltages are with respect to ground, unless otherwise noted.)
Rating Power Supply Voltage Steady State Continuous Operation Negative Transient (Note 1) Positive Load Dump Transient (Note 2) Logic Supply Voltage Range Logic Supply Current Symbol VPwr Value 26 -1.5 60 Unit V
AAA A AA AAAAAAAAAAAAAAAAAAAAAAA A AA AAAAAAAAAAAAAAAAAAAAAAA A AA AAAAAAAAAAAAAAAAAAAAAAA A AA AAAAAAAAAAAAAAAAAAAAAAA A AA AAAAAAAAAAAAAAAAAAAAAAA A AA AAA AA AAAAAAAAAAAAAAAAAAAAAAA A AA AAAAAAAAAAAAAAAAAAAAAAA A AA AAAAAAAAAAAAAAAAAAAAAAA AAAAA A AAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAA A AAA A AA AAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAA AA
VDD IDD Vin -0.3 to 7.0 5.0 V mA V V Input Voltage (Note 3) -0.3 to 7.0 Output Clamp Voltage IO = -20 mA IO = -200 mA VClamp -3.0 to -20 -5.5 to -20 Output Current Limit (Note 4) IO(Lim) -3.0 to -6.0 300 100 A Output Clamp Energy (IO = -1.0 A) TJ = 25C TJ = 125C ESD (Minimum) Human Body Model (Note 5) Machine Model (Note 6) EClamp mJ V
NOTES: 1. Negative transient survival capability for 100 ms time duration. 2. Positive transient survival capability with typical automotive load dump condition; 400 ms time constant decay. 3. All input pins (IN1-2, CEN and SFPD). 4. Each output has independent current limiting. 5. Performed in accordance to HBM; CZap = 100 pF, RZap = 1500 . 6. Performed in accordance to MM; CZap = 100 pF, RZap = 0 . 7. Derate Power Dissipation 33 mW/C for temperatures above 25C. 8. Ambient temperature is given as a practical reference; Maximum junction temperature is the limiting factor. 9. ESD data available upon request.
AAA A AA AAAAAAAAAAAAAAAAAAAAAAA A AA AAA AA AAAAAAAAAAAAAAAAAAAAAAA A AA AAAAAAAAAAAAAAAAAAAAAAA A AA AAAAAAAAAAAAAAAAAAAAAAA A AA AAAAAAAAAAAAAAAAAAAAAAA A AA AAAAAAAAAAAAAAAAAAAAAAA A AA AAAAAAAAAAAAAAAAAAAAAAA A AA AAAAAAAAAAAAAAAAAAAAAAA AAAAA A AAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAA A
Power Dissipation (TA = 25C) (Note 7) Operating Temperature (Note 8) PD TA TJ 4.2 W -40 to +125 -40 to +150 -55 to +150 270 15 30 C C C C Operating Junction Temperature Storage Temperature Tstg Soldering Temperature (for 10 Seconds) Thermal Resistance Junction-to-Lead Junction-to-Ambient Tsolder RJL RJA C/W
HBM MM
2000 200
2
MOTOROLA ANALOG IC DEVICE DATA
MC33143
DC ELECTRICAL CHARACTERISTICS (Characteristics noted under conditions 9.0 V VPwr 17 V, 4.5 V VDD 5.5 V,
-40C TL 125C, unless otherwise noted, typical values represent approximate mean at TL = 25C.) Characteristic POWER INPUT Symbol Min Typ Max Unit
AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAA A A A A AAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A A A A AAAA A AAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAAA A AAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAA A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAAAAA A A A AAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A
Supply Voltage Range (Operational) VPwr 9.0 - 17 V Supply Current (Note 1) Both Outputs ON (CEN = IN1 = IN2 = 0.7 x VDD, IO1 = IO2 = -1.0 A) Standby (CEN = 0.7 x VDD, IN1 = IN2 = 0.3 x VDD, RL = 12 ) "Sleep State" (CEN = IN1 = IN2 = 0.3 x VDD, RL = 12 ) Logic Supply Voltage Range IPwr IPwr(sby) IPwr(sleep) VDD IDD 0.1 - - 4.5 - 4.2 3.9 0.2 - 7.0 7.0 300 5.5 5.0 38 mA mA A V Logic Supply Current Both Outputs ON (IN1 = IN2 = 0.7 x VDD, IO1 = IO2 = -1.0 A) Overvoltage Shutdown (Note 2) Overvoltage Shutdown Hysteresis 0.43 33.2 0.5 mA V V VPwr(ovsd) VPwr(hys) 30 0.3 1.5
NOTES: 1. Supply current when both outputs are ON and during standby are measured in the Ground pin while during "sleep state" is measured in the VPwr pin. 2. Overvoltage Shutdown causes enabled outputs to be forced OFF; Overvoltage fault is immediately reported.
DC ELECTRICAL CHARACTERISTICS (Characteristics noted under conditions 9.0 V VPwr 17 V, 4.5 V VDD 5.5 V,
-40C TL 125C, unless otherwise noted, typical values represent approximate mean at TL = 25C.) Characteristic POWER OUTPUT Symbol Min Typ Max Unit
AAA A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAAAAA A A A AAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAA A A A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAA A A A A AAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAA A A A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAA A
Drain-to-Source ON Resistance (Note 1) (TJ = 25C, CEN = IN1 = IN2 = 0.7 x VDD) IO = -0.5 A. VPwr = 5.5 V IO = -1.0 A. VPwr = 14 V IO = -2.0 A. VPwr = 24 V RDS(on) - - - 0.2 0.14 0.14 0.5 0.2 0.2 Drain-to-Source ON Resistance (Note 1) (TJ = 125C, CEN = IN1 = IN2 = 0.7 x VDD) IO = -0.5 A. VPwr = 5.5 V IO = -1.0 A. VPwr = 14 V IO = -2.0 A. VPwr = 24 V RDS(on) - - - - - - 1.0 0.38 0.38 -6.0 Output Self-Limiting Current (Note 2) (CEN = IN1 = IN2 = SFPD = 0.7 x VDD, RL = 0 ) Output OFF Leakage Current (CEN = 0.7 x VDD, IN1 = IN2 = 0.3 x VDD) Output OFF Open Load Sense Current (CEN = 0.7 x VDD, IN1 = IN2 = 0.3 x VDD) IO(Lim) -3.0 -5.0 -5.0 -4.1 -45 -45 A IO(Lkg) -150 -150 A A IO(Sense) IO(On) Output ON Open Load Detection Current (Note 3) (CEN = IN1 = IN2 = 0.7 x VDD) TL = -40C TL = 125C Output Clamp Voltage (Note 4) (CEN = 0.7 x VDD, IN1 = IN2 = 0.3 x VDD) IO = -20 mA IO = -200 mA mA -2.0 -2.0 -145 -181 -200 -200 VClamp V -9.0 -9.0 155 - -13.2 -13.5 - - -20 -20 185 15 Over Temperature Shutdown Range (Note 5) (CEN = IN1 = IN2 = SFPD = 0.7 x VDD) TLim C C Over Temperature Shutdown Hysteresis (Note 6) TLim(hys)
NOTES: 1. RDS(on) applies to OUT1, OUT2 and is independent of output current. 2. Applies to each output; each output has independent self-limiting source current feature; Over Current and Short-to-Ground defined as condition when output source current exceeds IO(Lim); Device ignores Over Current and Short-to-Ground faults from 0 to tss. 4. Applies to each output; each output has independent dynamic output voltage clamping feature. 5. Applies to each output; each output has independent thermal shutdown; parameter is measured by ramping temperature until enabled output is disabled; parameter is established by design but is not production tested; thermal fault is immediately reported. 6. Parameter is established by design but is not production tested. 3. Applies to each output; tested for by ramping IO from 0 until STAT 0.7 x VDD; defined as the condition when IO is outside of IO(on) current window.
MOTOROLA ANALOG IC DEVICE DATA
3
MC33143
DC ELECTRICAL CHARACTERISTICS (Characteristics noted under conditions 9.0 V VPwr 17 V, 4.5 V VDD 5.5 V,
-40C TL 125C, unless otherwise noted, typical values represent approximate mean at TL = 25C.) Characteristic CONTROL INTERFACE Symbol Min Typ Max Unit
AAA A A A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA AAA A A A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AAA A A A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAAAAA A A A AAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AAA A A A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAA A
Input Control Logic High (IO = -0.1 A) (Note 1) Logic Low (IO = 0) (Note 2) VDD VIH VIL 0.7 - 50 20 0.56 0.52 250 44 - 0.3 Input Logic Voltage Hysteresis (VIH - VIL) Vhys 500 100 0.3 - mV A Input Pull-Down Current (0.3 x VDD Vin < 0.7 x VDD) (Note 3) Chip-Enable Threshold Logic Low (Note 4) Logic High (Note 5) Iin(pd) VDD VCEN(IL) VCEN(IH) ICEN(pu) - 0.7 50 0.5 0.5 Chip-Enable Hysteresis (VCEN(IH) - VCEN(IL)) Status Low Voltage (Iin = 600 A) (Note 6) Status Pull-Up Current (Note 7) Interrupt (Note 8) Logic High Logic Low VCEN(hys) 150 500 -40 0.2 mV A Chip-Enable Pull-Up Current (CEN = 0.7 x VDD) -2.0 - -16.8 0.07 -44 - - VSTAT(low) ISTAT(pu) INTh INTl VDD A -20 0.7 - -100 - 0.3 VDD
NOTES: 1. Upper logic threshold voltage applies to IN1, IN2, and SFPD and expressed in VDD units 3. Applies to IN1, IN2, and SFPD. 4. Initially have CEN = 0.7 x VDD, Ramp CEN down from VDD until IO = 0 and note disabling point. 5. Initially have Vin = 0.7 x VDD, Ramp CEN up from ground until IO = 0.1 A and note enabling point. 6. Applies equally to STAT1-2 and INT outputs; Measured threshold voltage by applying an "open" fault to OUT1 or OUT2 while forcing 600 A of current into STAT1-2 or INT. 7. Measured with no faults on OUT1-2, VSTAT = VINT = 0.8 x VDD. 8. The Interrupt output has an internal active current pull-up. 2. Lower logic threshold voltage applies to IN1, IN2, and SFPD and expressed in VDD units.
DC ELECTRICAL CHARACTERISTICS (Characteristics noted under conditions 9.0 V VPwr 17 V, 4.5 V VDD 5.5 V,
-40C TL 125C, unless otherwise noted, typical values represent approximate mean at TL = 25C.) Characteristic OUTPUT DYNAMICS Symbol Min Typ Max Unit s
AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAA A A A A AAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A AAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAA A
Output Short Sense Time (Note 1) tss 30 54 100 6.0 12 50 75 10 10 Output Short Refresh Time (Note 2) tref 3.0 3.0 - - 4.1 6.4 7.2 40 11 2.6 ms ms s Output Open Sense ON Time (Note 3) tos(on) tdlh tdhl Output Propagation Delay Turn-On (Output Low to High) (Note 4) Turn-Off (Output High to Low) (Note 5) Output Slew Rate Output Rising (Note 6) Output Falling (Note 7) V/s SRr SRf 0.2 0.2
NOTES: 1. CEN = 0.7 x VDD, SFPD = 0.3 x VDD, RL = 0, Step Vin from 0.3 x VDD to 0.7 x VDD; Sense time measured from step until STAT = 0.2 x VDD. 2. CEN = IN1 = IN2 = 0.7 x VDD, RL = 0; Refresh time measured from output disable until output is re-enabled. 3. RL = "open", Step Vin from ground to 0.7 x VDD, Open sense time measured from step until VSTAT 0.2 x VDD. 4. RL = 12 , CL = 0.01 F, step Vin from VIL to VIH; Turn-On propagation measured from Vin = 0.5 x VDD until Vout = 2.0 V (see Figure 2). 5. RL = 12 , CL = 0.01 F, step Vin from VIH to VIL; Turn-Off propagation measured from Vout = VPwr -3.0 V until Vout = 2.0 V (see Figure 2). 6. RL = 12 , CL = 0.01 F, step Vin from VIL to VIH; Output Slew Rate measured from 2.0 V to VPwr - 3.0 V (see Figure 2). 7. RL = 12 , CL = 0.01 F, step Vin from VIH to VIL; Output Slew Rate measured from VPwr - 3.0 V to 2.0 V (see Figure 2).
4
MOTOROLA ANALOG IC DEVICE DATA
MC33143
Figure 2. Output Response Waveform
5.0 V IN1-2 0V tdlh VPwr OUT1-2 0V 2.0 V tSRr tSRf VPwr - 3.0 V tdhl 50%
PIN FUNCTION DESCRIPTION
Pin 1, 12 Symbol IN1, IN2 Description INput 1 and INput 2 (IN1 and IN2) respectively determine the state of the corresponding output drivers (OUT1 and OUT2) under normal operating conditions. When an input is high, it's corresponding output is active ON, and when low is disabled OFF. IN1 and IN2 have internal active pull-downs which allow a floating input pin to be conservatively interpreted as a logic low, turning Off the output. An unused input should be connected to ground.
AAAAAAAAAAAAAAAAAAAAAAAAAA A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAA
2 CEN Chip Enable (CEN) input pin, when low, disables both outputs (OUT1 and OUT2) and places the device in a "sleep mode" reducing the bias current required from VDD and VPwr. A falling edge of CEN causes OUT1 and OUT2 to rapidly turn OFF. A falling edge of CEN should precede any VDD shutdown to allow time OUT1 and OUT2 to be disabled. When CEN is low, INTerrupt (INT) and STATus 1 and 2 (STAT1-2) will be tri-stated (high impedance). The CEN pin can also be used for power-on reset and under voltage lockout to disable the outputs for power supply voltages less than 4.5 V. CEN is a dependent input from the system microcontroller unit (MCU) or some other integrated circuit. It has an internal pull-up resistor to VDD affording a floating pin to be interpreted as a logic high. Rpull-up is greater than 50 k. If used externally, this pin should be connected to VDD. 3, 10 STAT1. STAT2 The STATus pins (STAT1-2) respectively indicate the presence of faults on OUT1-2. STAT1-2 will be logic high during normal operation. A logic low will occur whenever an Open Load, Short-to-Ground, Short-to-Supply (Battery), Thermal Limit, or Overvoltage Shutdown fault condition is experienced on a corresponding output. STAT1-2 are both active low digital drivers. A 10 k resistor between STAT1-2 and the system CPU may improve a Failure Mode Evaluation Analysis (FMEA) score if STAT1-2 are externally shorted to VPwr. If unused, this pin should be left connected. These pins are connected to the supply and provide load current to the DMOS outputs, are used pumping the DMOS gates, and for Overvoltage shutdown detection of the DMOS. The DMOS outputs will turn ON with 5.5 to 24 V applied to VPwr. VPwr is limited to -1.5 V for a maximum duration of 250 ms. A 10 nF de-coupling cap is recommended to be used from VPwr to Ground. These eight pins constitute the circuits ground (Gnd) and also provide heatsinking for the DMOS output transistors. Ground continuity is required for the outputs2 to turn ON. This pin is to be connected to the 5.0 V logic supply of the system. A 10 nF de-coupling capacitor is recommended from VDD to Gnd. 4, 9, 16, 21 VPwr
A A A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A AAAAAAAAAAAAAAAAAAAAAAAAAA A A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA
5, 6, 7, 8, 17, 18, 19, 20 11 Gnd VDD 13, 24 OUT1, OUT2 These pins are connected internally to the DMOS output transistors which source current into the corresponding load. Each output incorporates dynamic clamping to accommodate inductive loads. In addition, each output has independent short to ground detection and protection, current limit detection and protection, thermal limit detection and protection, ON open load and or short to supply (battery) detection. Neither output will turn ON if CEN is logic low. An unused output should be connected to a 10 k load to prevent false fault reporting. A 1.0 nF filter capacitor may be used from OUT to Gnd to provide dV/dt noise filtering.
MOTOROLA ANALOG IC DEVICE DATA
5
MC33143
PIN FUNCTION DESCRIPTION (continued)
A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A A A AAAAAAAAAAAAAAAAAAAAAAAAA A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA
14 SFPD This is a Short Fault Protect Disable (SFPD) input; which when logic high disables the internal current limit timer preventing OUT1-2 from latching OFF when confronted with an overcurrent condition. The condition of SFPD does not affect fault reporting. Current and thermal limit remain active when the SFPD pin is logic high. Having the SFPD pin logic high facilitates the device to drive incandescent lamp loads with peak in-rush currents in excess of three amperes. When SFPD is logic low, an overcurrent demand will latch OFF only the output affected. The device will then automatically begin active re-enabling of the corresponding output affected for the duration of the overcurrent condition. SFPD has an internal active pull-down which affords a floating input pin condition to be conservatively interpreted as a logic low. A 10 k resistor between SFPD and the system CPU may improve the FMEA score if SFPD is externally shorted to OUT2. SFPD should be connected to Gnd or VDD for the desired operating mode and not be left "floating". 15 23 GTST INT The Gate TeST (GTST) pin is used to stress the devices DMOS gates during testing operations. This pin should normally be connected to ground in the application. The INTerrupt pin INT is active logic low and indicates the presence of a fault on either the output. INT can be paralleled with additional fault pins and used as a system CPU interrupt to indicate the presence of a fault. The system CPU can then read STAT1-2 to determine the specific type of fault occurring. INT will be logic high during normal operation. A logic low will result if a fault occurs on either OUT1 or OUT2. INT has an internal active pull-up and requires no external pull-up resistor to be used. The INT output has sufficient current drive capability to afford paralleling of up to five INT pins. A 10 k resistor between INT and the system CPU may improve the FMEA score if INT is externally shorted to OUT1. This pin should be left unconnected if the feature is not used.
Pin
Symbol
Description
Figure 3. Function Table
A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A A A AAAA A A AA A AA A A AA AAAAAAAAAAAAAAAAA AAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAA AA AAAAAAAAA A A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A A AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAA AA AAAAAAAAAAAAAAAAAAAAAAAAA A AA A AAAAAAA A A A A AAAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAA AAAAAAA A A AA A A AA A AAAAAAAAAAAAAAAAA A AAAA A A A AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAA AAAAAAAAA A A A AAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A A AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAA AA A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAA A A A A AA A A AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAA AA
Device Condition In Out STAT High High High Low Output Condition STAT Condition Normal Low High Low Low High Low Normal OFF Normal ON Normal OFF Normal Normal Normal Output to Gnd Short High High/Low Output in active retry mode. Normal ON when short is removed. Normal OFF Normal ON Short fault reported. Fault clears when short is removed. Open Load Low High High High High Low Low Low Low Low Low Low Low "OFF" open fault reported. Fault clears when load is connected. "ON" open fault reported. Fault clears when load is connected. High Low Output to VPwr Short Normal OFF Normal ON "OFF" open fault reported. Fault clears when short is removed. "ON" open fault reported. Fault clears when short is removed. Thermal fault reported. Fault clears with no thermal limit. HIgh Low Over Temperature Normal OFF High Output disabled. Output Retries with no thermal limit. Normal OFF Thermal fault reported. IN low and no thermal limit required to clear the fault. Overvoltage fault reported. Fault clears with no overvoltage. Overvoltage fault reported. Fault clears with no overvoltage. STAT tri-stated, no faults reported. STAT tri-stated, no faults reported. VPwr Overvoltage Low Low Low High Low Low Output disabled. Will reset with no overvoltage. Output disabled. Output disabled. "Sleep"/Under Voltage Mode, CEN Low Low Low Low High-Z High-Z High
6
MOTOROLA ANALOG IC DEVICE DATA
MC33143
FUNCTIONAL DESCRIPTION
General The MC33143 is designed as an interface device; between system's electronic control unit and the actuators. It is designed to withstand several abnormal operating conditions, with the capability of reporting it's operating status back to the control unit. The MC33143 will resume normal operation after having experienced 60 V transients on the VPwr line, output shorts to VPwr, open loads, output shorts to ground, over current, over temperature, or overvoltage conditions. Status information is available when ever a load experiences any of the faults. In addition, the MC33143 device incorporates internal output transient clamps allowing it to control inductive loads and survive negative voltage spikes without the need of external components. Power Supply Voltage Requirements The MC33143 is designed to operate with 5.5 V to 26 V applied to the power supply pin (VPwr) and 4.5 V to 5.5 V applied to the logic supply pin (VDD). If VPwr is above the specified Overvoltage Shutdown voltage limit (VPwr(ovsd)) the outputs will be disabled and the status line voltage will transition to a low logic state indicating a fault. When the CEN voltage is at a low logic state, OUT1 and OUT2 will turn OFF. This provides an under voltage shutdown for VPwr in the 0 to 4.5 V range. The active low under voltage must be externally provided to the CEN pin. The MC33143 is designed to survive the loss of VPwr. Normal Operations The MC33143 is considered to be operating normal when the following conditions are met: 1) 5.5 V VPwr 26 V. 2) -40C TJ 150C. 3) When load currents (IO) exceed the Output Open "ON" detection current (IO(on)) and occur within the Open Sense "ON" time (tos(on)) window. 4) When load currents (IO) are less than the Output Limit Current (IO(Lim)) for durations in excess of the Short Sense time (tss). 5) So long as the output of the device is able to clamp negative voltages produced when switching inductive loads to the specified clamp voltage (VClamp). Fault Conditions Anytime the MC33143 is not operating normal it is said to be operating in a "faulted condition". Fault conditions will result in level changes of the status outputs (STAT1-2) and disable the affected faulted output. Output Over Current/Short to Ground Faults For an enabled input, the status line voltage will transition to a low logic level if the output current equals or exceeds the Output Limit current (IO(Lim)) for a period of time in excess of the Short Sense time (tss). Only the affected output will turn off; independent of the corresponding input's condition. The device incorporates an internal short duration Refresh timer (tref) to mask edge transients due to switching noise. The output will remain off for the short tref duration and then attempt to re-energize the shorted load. The internal protection circuitry continues to be active during this process. If the short is not removed; the circuitry will sequence and the output will remain off for a another tref time. This process will continue so long as the output remains shorted and the input remains in a logic high state. If the short is removed from the output, while the input is ON, the MC33143 will return to normal operation and the status line will go to a logic high state after the tref time-out. The status line will also go to a logic high state on the falling edge of the corresponding input. Open Load/Short to VPwr Fault This condition is commonly referred to as an "ON" open fault. For this fault to be present, the output current of the driver must be at or near zero. Since the MC33143 is a "high-side switch"; It is for this reason a Short to VPwr fault resembles an Open Load fault, in so far as the MC33143 is concerned. When this fault is present the status line voltage will transition to a low logic level so long as the output current does not exceed the specified Open ON detection current (IO(on)) for a duration in excess of the specified Open Sense ON time (tos(on)). If the open load or output short to VPwr condition is removed, and the corresponding input is at a logic high state, the status line voltage will go to a logic high state after the drain current has exceeded IO(on). The ON open fault detection circuit incorporates a voltage comparator which monitors the voltage difference from VPwr to OUT. When ever the VPwr to OUT voltage difference falls below 10 mV an ON Open fault is reported. A Short to VPwr external to any module the MC33143 is in will not be detected as an ON Open fault if the voltage difference from VPwr to OUT is greater than 10 mV. VPwr line voltage drops directly impact this detection ability. Overvoltage Fault When this fault is present the status line voltage will transition to a logic low state when VPwr exceeds the specified Overvoltage Shutdown threshold VPwr(ovsd). This fault produces a "global" response on the part of the MC33143 by turning OFF both outputs independent of input conditions. The outputs will resume normal operation when VPwr drops the specified Overvoltage Hysteresis VPwr(hys) value. Over Temperature Fault When this fault is present the status line voltage transitions to a low logic level when the junction temperature of either output exceeds the specified Thermal Limit threshold (TLim). Only the specific faulted output will shutdown independent of the input condition. The other output will continue to operate in a normal fashion unless it also becomes faulted. The thermally faulted output will resume normal operation when the junction temperature drops the specified Over Temperature Shutdown Hysteresis (TLim(hys)) amount.
MOTOROLA ANALOG IC DEVICE DATA
7
MC33143
OUTLINE DIMENSIONS
DW SUFFIX PLASTIC PACKAGE CASE 751E-04 (SOP (16+4+4)L) ISSUE E
-A-
24 13 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF D DIMENSION AT MAXIMUM MATERIAL CONDITION. MILLIMETERS MIN MAX 15.25 15.54 7.40 7.60 2.35 2.65 0.35 0.49 0.41 0.90 1.27 BSC 0.23 0.32 0.13 0.29 0_ 8_ 10.05 10.55 0.25 0.75 INCHES MIN MAX 0.601 0.612 0.292 0.299 0.093 0.104 0.014 0.019 0.016 0.035 0.050 BSC 0.009 0.013 0.005 0.011 0_ 8_ 0.395 0.415 0.010 0.029
-B-
12X
P 0.010 (0.25)
M
B
M
1
12
24X
D 0.010 (0.25)
M
J TA
S
B
S
F R C -T-
SEATING PLANE X 45 _
M
22X
G
K
DIM A B C D F G J K M P R
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 1 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315
8
MOTOROLA ANALOG IC DEVICE DATA
*MC33143/D*
MC33143/D


▲Up To Search▲   

 
Price & Availability of MC33143

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X