Part Number Hot Search : 
IMB8A BPC250 M2100 SCN68652 5KP36CA VHC1G0 M39029 SP302CT
Product Description
Full Text Search
 

To Download MBR10200CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LTO-DMS
MBR10100CT thru MBR10200CT
10 Amp HT Power Schottky Barrier Rectifier 100 Volts to 200Volts Features * High Junction Temperature Capability * Low Leakage Current and Low Forward Voltage Drop * Low Power Loss and High Efficiency Maximum Ratings * Operating Junction Temperature: 150C * Storage Temperature: - 55 C to +175C * Per diode Thermal Resistance 2.2C/W Junction to Case Mechanical Data * Case: Molded Plastic * Terminals: Plated Lead Solderable per MIL-STD-202, Method 208 * Marking:Type Number * Weight: 2.24 grams (approx)
LTO-DMS Semiconductor Corporatin 1468, 86th Street, Brooklyn New York, 11228, USA Tel: (718) 234 6010 / (707) 3223 4679 Fax:(718) 234 6013 / (707) 3223 6696
TO-220AB
DIMENSIONS DIM A B C D E F G H I J K L M N INCHES MIN 0.570 0.380 0.100 0.235 0.335 0.110 0.500 0.095 0.025 0.016 0.142 0.160 0.045 0.102 typ MAX 0.620. 0.405 0.120 0.255 0.365 0.155 0.562 0.105 0.035 0.025 0.147 0.190 0.055 MM MIN 14.4 9.66 2.54 5.97 8.51 2.80 12.7 2.42 0.64 0.41 3.61 4.06 1.14 2.6 typ MAX 15.75 10.28 3.04 6.48 9.27 3.93 14.27 2.66 0.89 0.64 3.37 4.82 1.39 NOTE
Symbol
Characteristics
MBR10100CT
MBR10150CT
MBR10200CT
Unit
VRRM VRM VR(RMS) VF IF(AV) IFSM dv/dt
Maximum Recurrent Peak Reverse Voltage Maximum DC Blocking Voltage Maximum RMS Voltage Maximum Forward Voltage (Note 1) IF=10A @TJ=25C Average Forward Current 8.3ms Single Half-Sine-Wave Peak Forward Surge Current Voltage Rate Of Change (Rated VR) Maximum DC at Reverse DC TJ=25C TJ=125C
100 100 70 0.85
150 150 105
200 200 140 0.95
V V V V A A V/us
10 150 10000 0.2 40 2.0 170 -55to+150 -55to+175
IR RthJC CJ TJ TSTG
Current
Rated
mA C/ W pF C C
Blocking Voltage
Typical Thermal Resistance (Note 2) Typical Junction Capacitance (Note 3) Operating Temperature Range Storage Temperature Range
NOTES: 1. 300us Pulse Width, Duty Cycle 2%. 2. Thermal Resistance Junction To Case. 3. Measured At 1.0MHz And Applied Reverse Voltage Of 4.0V DC.
Revision: 1
2002/06/17


▲Up To Search▲   

 
Price & Availability of MBR10200CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X