Part Number Hot Search : 
00103 18330451 10181 LM32P18 NJU7705 E006962 OPB817 SWE12900
Product Description
Full Text Search
 

To Download MAX8530EVKIT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-2815; Rev 0; 4/03
MAX8530/MAX8531 Evaluation Kit
General Description
The MAX8530/MAX8531 evaluation kit (EV kit) is a fully assembled and tested surface-mount circuit board that contains two separate low-dropout (LDO) regulator circuits. The left circuit utilizes a MAX8530 and is configured for outputs of 2.85V at 200mA and 2.60V at 150mA. The right circuit uses a low-noise MAX8531 and is configured for outputs of 2.85V at 200mA and 2.85V at 150mA. The MAX8530/MAX8531 EV kit features on-board shutdown control and a jumper-selectable RESET output voltage (MAX8530 only). Both circuits are separate from each other and do not share a common ground plane. o Dual-Output Power Supply MAX8530: 2.85V at 200mA, 2.60V at 150mA MAX8531: 2.85V at 200mA, 2.85V at 150mA o 2.5V to 6.5V Input Supply Range o Selectable (140ms) RESET Output (MAX8530) o Low-Noise (40VRMS) Outputs (MAX8531) o On-Board Shutdown Control o Surface-Mount Construction o Fully Assembled and Tested
Features
Evaluate: MAX8530/MAX8531
Component List
DESIGNATION A1 C1, C4 QTY 1 2 DESCRIPTION MAX8530ETT 6-pin QFN (Note 1) 2.2F 20%, 10V X5R ceramic capacitors (0805) TDK C2012X5R1A225M (Note 2) 2.2F 20%, 6.3V X5R ceramic capacitors (0603) TDK 1608X5R0J225M 1.0F 20%, 10V X5R ceramic capacitors (0603) TDK C1608X5R1A105M 0.01F 20%, 25V X7R ceramic capacitor (0402) TDK C1005X7R1E103M Jumpers, 3-pin headers 100k 5% resistor (0402) MAX8530EBTJO (2 x 3 UCSP) MAX8531EBTJJ (2 x 3 UCSP) Shunts MAX8530/MAX8531 EV kit PC board PART
Ordering Information
TEMP RANGE 0C to +70C IC PACKAGE 2 x 3 UCSP MAX8530/MAX8531EVKIT
Quick Start
Recommended Equipment
* One variable-DC power supply capable of supplying up to 6.5V at 0.5A * Three voltmeters
C2, C5
2
Procedure (MAX8530)
The MAX8530/MAX8531 EV kit is fully assembled and tested. Follow the steps below to verify board operation. Do not turn on the power supply until all connections are completed: 1) Set the variable-DC power supply to 3.6V. 2) Ensure the variable-DC power supply is turned off. 3) Ensure shunts are placed across pins 1 and 2 of jumpers JU1 and JU2. 4) Connect the power supply to the IN pad and the corresponding GND pad. 5) Connect a voltmeter across the OUT1 pad and the corresponding GND pad. 6) Connect a voltmeter across the OUT2 pad and the corresponding GND pad. 7) Connect a voltmeter across the RESET pad and the GND pad (located beside the IN pad).
C3, C6
2
C7 JU1, JU2, JU3 R1 U1 U2 None None
1 3 1 1 1 3 1
Note 1: A1 is for display purposes only (not a functional component). Note 2: If the input voltage is less than 6.3V, capacitors C1 and C4 can be reduced in size.
________________________________________________________________ Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
MAX8530/MAX8531 Evaluation Kit Evaluate: MAX8530/MAX8531
Component Suppliers
SUPPLIER TDK PHONE 847-803-6100 FAX 847-390-4405 WEBSITE www.component.tdk.com
Note: Please indicate that you are using the MAX8530 or MAX8531 when contacting this component supplier.
8) Turn on the variable-DC power supply. 9) Verify the voltage at OUT1 is 2.85V. 10) Verify the voltage at OUT2 is 2.60V. 11) Verify the voltage at RESET is 2.85V.
Detailed Description
The MAX8530/MAX8531 EV kit contains two separate low-dropout (LDO) regulator circuits. Either circuit can be powered from a DC power supply with a 2.5V to 6.5V input range. The left circuit (MAX8530) provides two fixed output voltages (2.85V and 2.60V) at 200mA and 150mA. A MAX8530 in a 6-pin UCSP package is used for this circuit. PC board pads for the SHDN signal and the RESET signal are provided on the circuit to interface with an external controller. The right circuit (MAX8531) provides two fixed output voltages (2.85V and 2.85V) at 200mA and 150mA. A low-noise MAX8531 in a 6-pin UCSPTM package is used for this circuit. PC board pads for the SHDN signal are provided on the circuit to interface with an external controller. The MAX8530/MAX8531 EV kit provides on-board shutdown control as well as a jumper-selectable RESET output voltage for the MAX8530. The left and right circuits are separate from each other and do not share a common ground plane.
Procedure (MAX8531)
The MAX8530/MAX8531 EV kit is fully assembled and tested. Follow the steps below to verify board operation. Do not turn on the power supply until all connections are completed: 1) Set the variable-DC power supply to 3.6V. 2) Ensure the variable-DC power supply is turned off. 3) Ensure a shunt is placed across pins 1 and 2 of jumper JU3. 4) Connect the power supply to the IN2 pad and the corresponding GND2 pad. 5) Connect a voltmeter across the OUT21 pad and the corresponding GND2 pad. 6) Connect a voltmeter across the OUT22 pad and the corresponding GND2 pad. 7) Turn on the variable-DC power supply. 8) Verify the voltage at OUT21 is 2.85V. 9) Verify the voltage at OUT22 is 2.85V.
Shutdown Control
The MAX8530/MAX8531 has an active-low shutdown control input that enables/disables both of the power outputs. JU1 (MAX8530) or JU3 (MAX8531) selects the circuit operating modes: shutdown or normal operation. When driving SHDN with an external signal, remove the shunt and connect a signal source to the SHDN pad (MAX8530) or the SHDN2 pad (MAX8531). See Table 1 for shunt positions.
Table 1. Shutdown Selection
JUMPER JU1/JU3 JU1/JU3 SHUNT POSITION 1 and 2* 2 and 3 SHDN PIN Connected to IN Connected to GND DESCRIPTION MAX8530/MAX8531 Outputs Enabled. RESET is high impedance when all outputs are in regulation (MAX8530). MAX8530/MAX8531 Outputs Disabled. RESET is low impedance (MAX8530).
*Default configuration: JU1/JU3 (1 and 2). UCSP is a trademark of Maxim Integrated Products, Inc. 2 _______________________________________________________________________________________
MAX8530/MAX8531 Evaluation Kit
Selecting the RESET Output Voltage (MAX8530)
The RESET pin of the MAX8530 indicates the status of the voltage at OUT1 only. Monitor this voltage at the RESET pad. The RESET pin is pulled up with a 100k resistor through jumper JU2 to one of two outputs (see Table 2 for shunt positions). There is also a version that has an internal 100k pullup to OUT1. Contact factory for availability.
Table 2. RESET Output Selection
JUMPER JU2 JU2 SHUNT POSITION 1 and 2* 2 and 3 DESCRIPTION RESET pin pulled up to OUT1 (2.85V) RESET pin pulled up to OUT2 (2.60V)
Evaluate: MAX8530/MAX8531
*Default configuration: JU2 (1-2).
IN C1 2.2F GND
B2
IN
OUT1
B1 C2 2.2F
OUT1
GND OUT2
OUT2
B3 C3 1F
U1
SHDN 1 2 3
GND
MAX8530
JU1 A2 321 SHDN JU2 R1 100k GND A1 RESET A3 RESET
IN2 C4 2.2F GND2
B2
IN
OUT1
B1 C5 2.2F
OUT21
GND2 OUT22
OUT2
B3 C6 1F
U2
SHDN2 1 2 3
GND2
MAX8531
JU3 A2 SHDN
GND A1
BP
A3 C7 0.01F
Figure 1. MAX8530/MAX8531 EV Kit Schematic _______________________________________________________________________________________ 3
MAX8530/MAX8531 Evaluation Kit Evaluate: MAX8530/MAX8531
Figure 2. MAX8530/MAX8531 EV Kit Component Placement Guide--Component Side
Figure 3. MAX8530/MAX8531 EV Kit PC Board Layout-- Component Side
Figure 4. MAX8530/MAX8531 EV Kit PC Board Layout-- Solder Side
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
4 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2003 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX8530EVKIT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X