Part Number Hot Search : 
MBI20 42PJ350 RF6515SR S3C8849 1210C SL0300A 460NB MAX16
Product Description
Full Text Search
 

To Download MAX11014 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 XX-XXXX; Rev 0; 10/05
Automatic RF MESFET Amplifier Drain-Current Controllers
General Description
The MAX11014/MAX11015 set and control bias conditions for dual MESFET power devices found in point-topoint communication and other microwave base stations. The MAX11014 integrates complete dual analog closed-loop drain-current controllers for Class A MESFET amplifier operation while the MAX11015 targets Class AB operation. Both devices integrate SRAM lookup tables (LUTs) that can be used to store temperature and drain-current compensation data. Each device includes dual high-side current-sense amplifiers to monitor the MESFET drain currents through the voltage drop across the sense resistors in the range of 0mV to 625mV. External diode-connected transistors monitor the MESFET temperatures while an internal temperature sensor measures the local die temperature of the MAX11014/MAX11015. The internal DAC sets the voltages across the current-sense resistors by controlling the GATE voltages. The internal 12bit SAR ADC digitizes internal and external temperature, internal DAC voltages, current-sense amplifier voltages and external GATE voltages. Two of the 11 ADC channels are available as general-purpose analog inputs for analog system monitoring. The MAX11014's gate-drive amplifier functions as an integrator for the Class A drain-current control loop while the MAX11015's gate-drive amplifier functions with a gain of -2 for Class AB applications. The currentlimited gate-drive amplifier can be fast clamped to an external voltage independent of the digital input from the serial interface. Both the MAX11014 and the MAX11015 include selfcalibration modes to minimize error over time, temperature, and supply voltage. The MAX11014/MAX11015 feature an internal reference and can operate from separate ADC and DAC external references. The internal reference provides a well-regulated, low-noise +2.5V reference for the ADC, DAC, and temperature sensors. These integrated circuits operate from a 4-wire 20MHz SPITM-/MICROWIRETM-compatible or 3.4MHz I2C*-compatible serial interface (pin-selectable). Both devices operate from a +4.75V to +5.25V analog supply (2.8mA typical supply current), a +2.7V to +5.25V digital supply (1.5mA typical supply current), and -4.5V to -5.5V negative supplies (1.1mA supply current). The MAX11014/MAX11015 are available in a 48-pin thin QFN package specified over the -40C to +105C temperature range.
Purchase of I2C components from Maxim Integrated Products, Inc. or one of its sublicensed Associated Companies, conveys a license under the Phillips I2C Patent Rights to use these components in an I2C system, provided that the system conforms to the I2C Standard Specification as defined by Phillips.
Features
Dual Drain-Current-Sense Gain Amplifier Preset Gain of 4 0.5% Accuracy for Sense Voltages Between 75mV and 625mV (MAX11014) Common-Mode Sense-Resistor Voltage Range 0.5V to 11V (MAX11014) 5V to 32V (MAX11015) Low-Noise Output GATE Bias with 10mA GATE Drive Fast Clamp and Power-On Reset 12-Bit DAC Controls MESFET GATE Voltage Internal Temperature Sensor/Dual Remote Diode Temperature Sensors Internal 12-Bit ADC Measures Temperature and Voltage Pin-Selectable Serial Interface 3.4MHz I2C-Compatible Interface 20MHz SPI-Compatible Interface
MAX11014/MAX11015
Ordering Information
PART MAX11014 BGTM+ MAX11015 BGTM+* TEMP PINRANGE PACKAGE -40C to 48 Thin +105C QFN -40C to 48 Thin +105C QFN PKG CODE T4877-6 T4877-6 AMPLIFIER Class A Class AB
+ Denotes a lead-free package. *Future product--contact factory for availability. Pin Configuration and Typical Operating Circuit appear at end of data sheet.
Applications
Cellular Base-Station RF MESFET Bias Controllers Point-to-Point or Point-to-Multipoint Links Industrial Process Control
SPI is a trademark of Motorola, Inc. MICROWIRE is a trademark of National Semiconductor Corp.
________________________________________________________________ Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.


▲Up To Search▲   

 
Price & Availability of MAX11014

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X