Part Number Hot Search : 
00405 8750A DTQS3 1N5236A 05220 AT89LS51 SMD2440 01M86R
Product Description
Full Text Search
 

To Download LTC3421 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LTC3421 3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
FEATURES
s s s s s s s s s s s s s s s s s
DESCRIPTIO
Synchronous Rectification: Up to 96% Efficiency True Output Disconnect Inrush Current Limiting Very Low Quiescent Current: 12A Up to 1.5A Continuous Output Current Fixed Frequency Operation Up to 3MHz 0.5V to 4.5V Input Range 2.4V to 5.25V Adjustable Output Voltage Guaranteed 1V Start-Up Programmable Current Limit Programmable Soft-Start Synchronizable Oscillator Manual or Automatic Burst Mode(R) Operation Low-Battery Comparator < 1A Shutdown Current 1.22V Reference Output Voltage Small (4mm x 4mm) Thermally Enhanced QFN Package
The LTC(R)3421 is a high efficiency, current mode, fixed frequency, step-up DC/DC converter with true output disconnect and inrush current limiting. The device includes a 0.10 N-channel MOSFET switch and a 0.14 P-channel synchronous rectifier. This product has the ability to simply program the output voltage, switching frequency, current limit, soft-start, Burst Mode threshold and loop compensation with external passive components. Quiescent current is only 12A during Burst Mode operation, maximizing battery life in portable applications. The oscillator frequency can be programmed up to 3MHz and can be synchronized to an external clock applied to the SYNC pin. An open-drain uncommitted low-battery comparator is included. The part maintains operation in applications with a secondary cell powering the output voltage during shutdown. Other features include: 1A shutdown, antiringing control, thermal limit and reference output. The LTC3421 is available in a small 4mm x 4mm QFN package.
, LTC and LT are registered trademarks of Linear Technology Corporation. Burst Mode is a registered trademark of Linear Technology Corporation.
APPLICATIO S
s s s s
Handheld Computers Cordless Phones GPS Receivers Battery Backup Supplies
TYPICAL APPLICATIO
VIN 1.8V TO 3V C1* 4.7F 4 3 23 2 CELLS 22 7 8 45.3k SS 6 0.1F RT 5 28k 2 SHDN ENB VREF LBI LBO SYNC ILIM 21 VIN
L1 4.7H
14
15
16 VOUT 3.3V 1.2A 340k EFFICIENCY (%)
SW SW SW 18 VOUTS 17 VOUT 19 VOUT 20 VOUT LTC3421 1 FB 24 VC 9 BURST 10 11 12 13 0.1F
C5* 22F 470pF 20k 100k 200k
GND PGND PGND PGND
*LOCATE COMPONENTS CLOSE TO PINS C1: TAIYO YUDEN JMK212BJ106MM
C5: TAIYO YUDEN JMK325BJ226MM L1: TDK RLF7030T-4R7M3R4
3421 TA01
U
2-Cell to 3.3V Efficiency
100 90 80 70 60 50 40 30 20 10 VOUT = 3.3V fOSC = 1MHz 10 100 1 OUTPUT CURRENT (mA) 1000
3421 G02
U
U
Burst Mode OPERATION VIN = 3V VIN = 2.4V VIN = 2V
0 0.1
3421f
1
LTC3421
ABSOLUTE
(Note 1)
AXI U RATI GS
PACKAGE/ORDER I FOR ATIO
TOP VIEW
VIN, VOUT, VOUTS Voltage ............................ - 0.3V to 6V BURST, SHDN, SS, ENB, SW, LBO, LBI, SYNC Voltages .......................... - 0.3V to 6V Operating Temperature Range (Notes 2, 5) ............................................. -40C to 85C Storage Temperature Range ................. - 65C to 125C Lead Temperature (Soldering, 10 sec).................. 300C
VOUT
24 23 22 21 20 19 FB 1 SHDN 2 VREF 3 ENB 4 RT 5 SS 6 7 8 9 10 11 12 25 18 VOUTS 17 VOUT 16 SW 15 SW 14 SW 13 PGND
GND
PGND
UF PACKAGE 24-LEAD (4mm x 4mm) PLASTIC QFN
TJMAX = 125C, JA = 40C/W 1 LAYER BOARD, JA = 35C/W 4 LAYER BOARD, JC = 2.6C/W EXPOSED PAD IS GND (PIN 25) MUST BE SOLDERED TO PCB
ORDER PART NUMBER UF PART MARKING
BURST
PGND
SYNC
ILIM
VOUT
LBO
LBI
VIN
VC
LTC3421EUF 3421
Consult LTC Marketing for parts specified with wider operating temperature ranges.
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VIN = 1.2V, VOUT = 3.3V, RT = 28k, unless otherwise noted.
PARAMETER Minimum VIN Start-Up Voltage Minimum VIN Operating Voltage Output Voltage Adjust Range
q
ELECTRICAL CHARACTERISTICS
CONDITIONS ILOAD < 1mA (Note 4)
q
MIN
TYP 0.88
MAX 1 0.5 5.25 5.25
UNITS V V V V V nA A A A A mA A A A A %
2.25 2.40 1.196 1.220 1 12 23 0.1 0.2 0.6 0.1 0.1 0.1 0.14
Feedback Voltage Feedback Input Current Quiescent Current--Burst Mode Operation Quiescent Current--Shutdown Quiescent Current--Active NMOS Switch Leakage PMOS Switch Leakage NMOS Switch On Resistance PMOS Switch On Resistance NMOS Current Limit Max Duty Cycle Min Duty Cycle ILIM Resistor = 105k ILIM Resistor = 36.5k VFB = 1.22V VC = 0V, ENB = 0V (Note 3) VC = 0V, ENB = 2V (Note 3) SHDN = 0V, ENB = 0V SHDN = 0V, ENB > 1.4V (Note 3)
q
1.244 50 20 50 1 2 1.1 5 10
q q q q
1 3 84
1.5 4.2 91 0
2
U
%
3421f
W
U
U
WW
W
LTC3421
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VIN = 1.2V, VOUT = 3.3V, RT = 28k, unless otherwise noted.
PARAMETER Frequency Accuracy SYNC Input High SYNC Input Low SYNC Input Current ENB Input High ENB Input Low ENB Input Current SHDN Input High SHDN Input Low SHDN Input Current REF Output Voltage REF Output Current Range Error Amp Transconductance LBI Threshold LBI Input Current LBO Low Voltage LBO Leakage SS Current Source BURST Threshold Voltage VIN = 0V, ISINK = 1mA VIN = 0V, ISINK = 20mA VPGOOD = 5.5V VSS = 1V Falling Edge 1.2 0.87 Falling Edge
q q q q
ELECTRICAL CHARACTERISTICS
CONDITIONS
q q q q q q q
MIN 0.85 2.2
TYP 1
MAX 1.15 0.8
UNITS MHz V V A V V A V V
0.01 1.2
1 0.4 1
VOUT = 0V (Initial Start-Up) VOUT > 2.4V
1.00 0.65 0.25 0.01 1.183 -100 45 0.58 0.6 0.01 12.0 0.25 0.01 2.4 0.97 0.62 1 50 0.5 1 5 1.07 1.22 1 1.257 8
V A V A s V A mV V A A V
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: The LTC3421E is guaranteed to meet performance specifications from 0C to 70C. Specifications over the 40C to 85C operating temperature range are assured by design, characterization and correlation with statistical process controls. Note 3: Current is measured into the VOUTS pin since the supply current is bootstrapped to the output. The current will reflect to the input supply by (VOUT/VIN) * Efficiency. The outputs are not switching.
Note 4: Once VOUT is greater than 2.4V, the IC is not dependent on the VIN supply. Note 5: This IC includes overtemperature protection that is intended to protect the device during momentary overload conditions. Junction temperature will exceed 125C when overtemperature protection is active. Continuous operation above the specified maximum operating junction temperature may impair device reliability.
3421f
3
LTC3421 TYPICAL PERFOR A CE CHARACTERISTICS (TA = 25C, unless otherwise specified)
Single Cell to 3.3V Efficiency
100 90 80 70 EFFICIENCY (%) 60 50 40 30 20 10 VOUT = 3.3V fOSC = 1MHz 1 10 100 OUTPUT CURRENT (mA) 1000
3421 G01
Burst Mode OPERATION
VIN = 1.2V EFFICIENCY (%) VIN = 1V
60 50 40 30 20 10 VOUT = 3.3V fOSC = 1MHz 1 10 100 OUTPUT CURRENT (mA) 1000
3421 G02
EFFICIENCY (%)
0 0.1
Burst Mode Operation
VOUT 50mV/DIV AC COUPLED SW INDUCTOR CURRENT 0.5A/DIV 2.5s/DIV 600mA IOUT 50mA
3421 G04
Efficiency vs Frequency
100 90 80 EFFICIENCY (%) f = 3MHz f = 1MHz f = 300kHz 100 90 80
EFFICIENCY (%)
70 60 50 40 30 20 10 0 1 VIN = 2.4V VOUT = 3.3V 10 100 OUTPUT CURRENT (mA) 1000
3421 G07
70 60 50 40 30 20 10 0 1 1.5 2 2.5 3 3.5 4 INPUT VOLTAGE (V) 4.5 5 VIN > VOUT PMOS LDO MODE
START VOLTAGE (V)
4
UW
VIN = 1.5V
2-Cell to 3.3V Efficiency
100 90 80 70 Burst Mode OPERATION VIN = 3V VIN = 2.4V VIN = 2V
100 90 80 70 60 50 40 30 20 10
Li-Ion to 5V Efficiency
VIN = 4.2V VIN = 3.6V VIN = 2.7V
Burst Mode OPERATION
0 0.1
0 0.1
VOUT = 5V fOSC = 1MHz 1 10 100 OUTPUT CURRENT (mA) 1000
3421 G03
Load Transient Response
VOUT 100mV/DIV AC COUPLED
Inrush Current Control
VOUT 1V/DIV
INDUCTOR CURRENT 0.5A/DIV VIN = 2.4V VOUT = 3.3V COUT = 44F 2.5ms/DIV VIN = 0V TO 2.4V COUT = 44F 500s/DIV
3421 G05
3421 G06
Efficiency vs VIN
VOUT = 3.3V IOUT = 200mA 1.20 1.15 1.10 1.05 1.00 0.95 0.90 0.85 0.80
Start-Up Voltage vs Output Current
0
100 50 150 OUTPUT CURRENT (mA)
200
3421 G09
3421 G08
3421f
LTC3421 TYPICAL PERFOR A CE CHARACTERISTICS (TA = 25C, unless otherwise specified)
Burst Mode Threshold vs RBURST
180 160
OUTPUT CURRENT (mA)
1.24
140 VOLTAGE (V) 120 100 80 60 OUT OF BURST 40 20 INTO BURST 0 20 70 RBURST (k) 120
3421 G10
1.22
FREQUENCY (MHz)
Burst Mode Quiescent Current
20
15
1.50 1.45 1.40 1.35 1.30 1.25
RESISTANCE ()
CURRENT (A)
CURRENT (A)
10
5
0 -45 -30 -15
0 15 30 45 60 TEMPERATURE (C)
PI FU CTIO S
FB (Pin 1): Feedback Pin. Connect resistor divider tap here. The output voltage can be adjusted from 2.4V to 5.25V. The feedback reference voltage is typically 1.220V. SHDN (Pin 2): Shutdown Pin. Less than 0.25V on this pin shuts down the IC. The IC is enabled when the SHDN voltage is greater than 1V. Once VOUT is above 2.2V, hysteresis is applied to the pin (-500nA out of the pin) allowing it to operate at a logic high while the battery can drop to 0.5V. VREF (Pin 3): Buffered 1.22V Reference Output. This pin can source up to 100A and sink up to 8A. This pin must be decoupled with a 0.1F capacitor for stability.
3421f
UW
75
3421 G13
FB Voltage
1.03
Frequency Accuracy
1.23
1.01
0.99
1.21
0.97
1.20 -45 -30 -15
0 15 30 45 60 TEMPERATURE (C)
75
90
0.95 -45 -30 -15
0 15 30 45 60 TEMPERATURE (C)
75
90
3421 G11
3421 G12
Current Limit Accuracy
1.70 1.65 1.60 1.55 RLIM = 105k 0.20 0.18 0.16 0.14 0.12 0.10 0.08 0.06 0.04 0.02 0 15 30 45 60 TEMPERATURE (C) 75 90
RDS(ON)
PMOS
NMOS
90
1.20 -45 -30 -15
0 -45 -30 -15
0 15 30 45 60 TEMPERATURE (C)
75
90
3421 G14
3421 G15
U
U
U
ENB (Pin 4): Reference Output (VREF) and Low-Battery Comparator Enable. When ENB = Low, the VREF output and low-battery comparator are disabled, which lowers the quiescent current by 5A. When ENB = High, the VREF output and the low-battery comparator are enabled. During shutdown, if the ENB = High and the output voltage is pulled up to greater than 2.5V from a secondary source such as a coin cell through a Schottky diode, the VREF output and low-battery comparator becomes powered from the output voltage and enabled.
5
LTC3421
PI FU CTIO S
RT (Pin 5): Connect a resistor to ground to program the oscillator frequency according to the formula:
fOSC = 28,100 RT
where fOSC is in kHz and RT is in k. SS (Pin 6): Soft-Start Pin. Connect a capacitor from this pin to ground to set the soft-start time according to the formula: t(ms) = CSS(F) * 320 The nominal soft-start charging current is 2.5A. The active range of SS is from 0.8V to 1.6V. SYNC (Pin 7): Oscillator Synchronization Pin. A clock pulse width of 100ns to 2s is required to synchronize the internal oscillator. If not used SYNC should be grounded. ILIM (Pin 8): Current Limit Adjust Pin. Connect a resistor from this pin to ground to set the peak current limit threshold for the N-channel MOSFET according to the formula (note that this is the peak current in the inductor): ILIM = 150 R
where I is in amps and R is in k. BURST (Pin 9): Burst Mode Threshold Adjust Pin. A resistor/capacitor combination from this pin to ground programs the average load current at which automatic Burst Mode operation is entered, according to the formula:
RBURST =
2 IBURST
where RBURST is in k and IBURST is in amps.
CBURST COUT * VOUT 10, 000
where CBURST(MIN) and COUT are in F. For manual control of Burst Mode operation, ground the BURST pin to force Burst Mode operation or connect it to VOUT to force fixed frequency PWM mode. Note that the BURST pin must not be pulled higher than VOUT.
6
U
U
U
GND (Pin 10): Signal Ground Pin. Connect to ground plane near the RT resistor, error amp compensation components and feedback divider. PGND (Pins 11 to 13): Source Terminal of Power Internal N-Channel MOSFET. SW (Pins 14 to 16): Switch Pin for Inductor Connection. For applications where VOUT > 4.3V, a Schottky diode from SW to VOUT or to a snubber circuit is required to maintain absolute maximum rating for SW. (see Application Circuits for 5V). VOUT (Pins 17, 19 and 20): The output of the synchronous rectifier and bootstrapped power source for the IC. A ceramic bypass capacitor is required to be very close to the VOUT and PGND pins of the IC. VOUTS (Pin 18): VOUT Sense Pin. Connect VOUTS directly to an output filter capacitor. The top of the feedback divider network should also be tied to this point. VIN (Pin 21): Input Supply Pin. Connect this pin to the input supply and decouple with at least a 4.7F ceramic capacitor. LBO (Pin 22): Open-Drain Output. This pin pulls low when the LBI input is below 0.6V. The open-drain output can sink up to 20mA. During Burst Mode operation LBO is only active during the time the IC wakes up to service the output. LBI (Pin 23): Low-Battery Comparator Input. Typical threshold voltage is 0.6V with 30mV hysteresis. This function is enabled when the ENB pin is high. The lowbattery comparator will operate off VIN or VOUT, whichever is greater. VC (Pin 24): Error Amp Output. A frequency compensation network is connected from this pin to ground to compensate the loop. See the section Compensating the Feedback Loop for guidelines. Exposed Pad (Pin 25): Ground. This pin must be soldered to the PCB and is typically connected through the power GND plane.
3421f
LTC3421
BLOCK DIAGRA
21 VIN ANTIRING VIN VDD
2 VOUT 4
SHDN ENB
SHUTDOWN
3
VREF
PWM LOGIC THERMAL REG/SHDN SLEEP OFF
5
OSC SLOPE COMP
SYNC IN
7
SYNC OV
+ -
3% LBO 22
R1 23 R2
VIN
VOUT
+
0.6V/ 0.63V
-
LBI
ENB
GND 10
EXPOSED PAD 25
-
RT
+
+
1.22V REF 2%
CURRENT COMP
-
W
+
1V TO 4.5V 14 SW 15 SW 16 SW VIN WELL SWITCH VOUT VOUT VOUT ANTICROSS CONDUCTION NMOS 17 19 20 VOUT 2.40V TO 5.25V 18 VOUTS PMOS
-
IZERO AMP
+
ISENSE AMP R1
CURRENT LIMIT
+
ILIM
-
ILIMIT = 150k/RC1
8 6 RC1 CSS
SS
+
ERROR AMP
1.22V FB
- +
I/3000 Burst Mode CONTROL 1%
1 R2
+
VC
24 CP RZ
+
UV BURST COMP -3%
BURST
9
-
0.97V/1.05V
PGND 11
PGND 12
PGND 13
3421 BD
3421f
7
LTC3421
OPERATIO
LOW VOLTAGE START-UP The LTC3421 includes an independent start-up oscillator designed to start-up at input voltages of 0.85V typical. The frequency and peak current limit during start-up are internally controlled. The device can start-up under some load (see graph of Start-Up Current vs Input Voltage). Softstart and inrush current limiting are provided during startup as well as normal mode. The same soft-start capacitor is used for each operating mode. When either VIN or VOUT exceeds 2.25V, the IC enters normal operating mode. Once the output voltage exceeds the input by 0.3V, the IC powers itself from VOUT instead of VIN. At this point the internal circuitry has no dependency on the VIN input voltage, eliminating the requirement for a large input capacitor. The input voltage can drop as low as 0.5V without affecting circuit operation. The limiting factor for the application becomes the availability of the power source to supply sufficient energy to the output at the low voltages and the maximum duty cycle, which is clamped at 91% typical. LOW NOISE FIXED FREQUENCY OPERATION Shutdown The part is shut down by pulling SHDN below 0.3V, and activated by pulling the pin initially above 1V and maintaining a high state down to 0.5V. Note that the SHDN pin can be driven above VIN or VOUT as long as it is limited to less than the absolute maximum rating. Soft-Start The soft-start time is programmed with an external capacitor to ground on the SS pin. An internal current source charges it with a nominal 2.5A. The voltage on the SS pin (in conjunction with the external resistor on the ILIM pin) is used to control the peak current limit until the voltage on the capacitor exceeds 1.6V, at which point the external resistor sets the peak current. In the event of a commanded shutdown or a thermal shutdown, the capacitor is discharged automatically. Note that Burst Mode operation is inhibited during the soft-start time. t(ms) = CSS(F) * 320
8
U
Oscillator The frequency of operation is set through a resistor from the RT pin to ground. An internally trimmed timing capacitor resides inside the IC. The oscillator can be synchronized with an external clock applied to the SYNC pin. When synchronizing the oscillator, the free running frequency must be set to an approximately 30% lower frequency than the desired synchronized frequency. Current Sensing Lossless current sensing converts the peak current signal to a voltage to sum in with the internal slope compensation. This summed signal is compared to the error amplifier output to provide a peak current control command for the PWM. The slope compensation in the IC is adaptive to the input voltage and output voltage. Therefore, the converter provides the proper amount of slope compensation to ensure stability, but not an excess to cause a loss of phase margin in the converter. Error Amplifier The error amplifier is a transconductance amplifier, with its positive input internally connected to the 1.22V reference and its negative input connected to FB. A simple compensation network is placed from COMP to ground. Internal clamps limit the minimum and maximum error amplifier output voltage for improved large-signal transient response. During sleep (in Burst Mode operation), the compensation pin is high impedance; however, clamps limit the voltage on the external compensation network, preventing the compensation capacitor from discharging to zero during the sleep time. Current Limit The programmable current limit circuit sets the maximum peak current. This clamp level is programmed with a resistor from ILIM to ground. In Burst Mode operation, the current limit is automatically set to a nominal value of 0.6A peak for optimal efficiency. 150 R where I is in amps and R is in k. ILIM =
3421f
LTC3421
OPERATIO
Zero Current Amplifier The zero current amplifier monitors the inductor current to the output and shuts off the synchronous rectifier once the current is below 50mA typical, preventing negative inductor current. Antiringing Control The antiringing control places a resistor across the inductor to damp the ringing on the SW pin in discontinuous conduction mode. The LCSW ringing (L = inductor, CSW = capacitance on SW pin) is low energy, but can cause EMI radiation. VREF The internal 1.22V reference is buffered and brought out to REFOUT. It is active when the ENB pin is pulled high (above 1.4V). For stability, a minimum of a 0.1F capacitor must be placed on the pin. The output can source up to 100A and sink up to 8A. For the lowest possible quiescent current in Burst Mode operation, the reference output should be disabled by grounding the ENB pin. Burst Mode OPERATION Burst Mode operation can be automatic or user controlled. In automatic operation, the IC will automatically enter Burst Mode operation at light load and return to fixed frequency PWM mode for heavier loads. The user can program the average load current at which the mode transition occurs using a single resistor. The oscillator is shut down in this mode, since the on time is determined by the time it takes the inductor current to reach a fixed peak current and the off time is determined by the time it takes for the inductor current to return to zero. In Burst Mode operation, the IC delivers energy to the output until it is regulated and then goes into a sleep mode where the outputs are off and the IC is consuming only 12A of quiescent current. In this mode, the output ripple has a variable frequency component with load current and will be typically 2% peak-peak. This maximizes efficiency at very light loads by minimizing switching and quiescent losses. Burst Mode ripple can be reduced slightly by
U
increasing the output capacitance. Another method of reducing Burst Mode ripple is to place a small feedforward capacitor across the upper resistor in the VOUT feedback divider network. During Burst Mode operation, the VC pin is disconnected from the error amplifier in an effort to hold the voltage on the external compensation network where it was before entering Burst Mode operation. To minimize the effects of leakage current and stray resistance, voltage clamps limit the min and max voltage on VC during Burst Mode operation. This minimizes the transient experienced when a heavy load is suddenly applied to the converter after being in Burst Mode operation for an extended period of time. For automatic operation, an RC network should be connected from BURST to ground. The value of the resistor will control the average load current (IBURST) at which Burst Mode operation will be entered and exited (there is hysteresis to prevent oscillation between modes). The equation given for the capacitor on BURST is for the minimum value to prevent ripple on BURST from causing the part to oscillate in and out of Burst Mode operation at the current where the mode transition occurs.
RBURST =
2 IBURST
where RBURST is in k and IBURST is in amps.
CBURST COUT * VOUT 10, 000
where CBURST(MIN) and COUT are in F. In the event that a sudden load transient causes FB to deviate by more than 4% from the regulation value, an internal pull-up is applied to BURST, forcing the part quickly out of Burst Mode operation. For optimum transient response when going between Burst Mode operation and PWM mode, the mode should be controlled manually by the host. This way PWM mode can be commanded before the load step occurs, minimizing output voltage droop. For manual control of Burst Mode operation, the RC network can be eliminated. To force fixed frequency PWM mode, BURST should be connected to VOUT. To force Burst Mode operation, BURST should be grounded.
3421f
9
LTC3421
OPERATIO U
Simplified Diagram of Automatic Burst Mode Control Circuit
VCC 1mA IOUT/3000 UV SSDONE SSDONE FB 1 0.9V/ 1.1V 9 BURST
-
VREF -4%
+
- +
MODE 1 = Burst Mode OPERATION 0 = PWM MODE
RB CB ERROR AMP/ SLEEP COMP TO MODULATOR SLEEP
The circuit connected to BURST should be able to sink or source up to 2mA. Note that Burst Mode operaton is inhibited during start-up and soft-start. Note that if VIN is above VOUT - 0.3V, the part will exit Burst Mode operation and the synchronous rectifier will be disabled. Note that if the load applied during forced Burst Mode operation exceeds the current that can be supplied, the output voltage will start to droop and the part will automatically come out of Burst Mode operation and enter fixed frequency mode, raising VOUT. The maximum current that can be supplied in Burst Mode operation is given by:
10
+
3421 TA03
VREF 1%
-
CLAMP 0.5V TO 1V 24 VC RCOMP CCOMP
IO(MAX) =
0.55 in amps 1 + ( VOUT - VIN ) 2* VIN
OUTPUT DISCONNECT AND INRUSH LIMITING The LTC3421 is designed to allow true output disconnect by eliminating body diode conduction of the internal P-channel MOSFET rectifier. This allows VOUT to go to zero volts during shutdown without drawing any current from the input source. It also allows for inrush current limiting at turn-on, minimizing surge currents seen by the input supply. Note that to obtain the advantages of output
3421f
LTC3421
OPERATIO
disconnect, there must not be any external Schottky diodes connected between the SW pins and VOUT. Note: Board layout is extremely critical to minimize voltage overshoot on the SW pins due to stray inductance. Keep the output filter capacitors as close as possible to the
APPLICATIO S I FOR ATIO
COMPONENT SELECTION
1 FB
24 VC
23 LBI
22 LBO
21 VIN
20 19 VOUT VOUT VOUTS 18 VOUT 17 SW 16 SW 15 SW 14
VOUT
2 SHDN 3 VREF 4 ENB 5 RT
PGND 13 6 SS SYNC ILIM BURST GND PGND PGND 7 8 9 10 11 12
3421 F01
Figure 1. Recommended Component Placement. Traces Carrying High Current are Direct (PGND, SW, VOUT). Trace Area at FB and VC are Kept Low. Lead Length to Battery Should be Kept Short. VIN and VOUT Ceramic Capacitors Should be as Close to the IC Pins as Possible
Inductor Selection The high frequency operation of the LTC3421 allows the use of small surface mount inductors. The minimum inductance value is proportional to the operating frequency and is limited by the following constraints:
L> VIN(MIN) * VOUT(MAX) - VIN(MIN) 3 and L > f f * Ripple * VOUT(MAX)
(
U
W
UU
U
VOUT pins and use very low ESR/ESL ceramic capacitors, tied to a good ground plane. In VOUT > 4.3V applications, a Schottky diode is required from the switch nodes to VOUT to limit the peak switch voltage to less than 6V unless some form of external snubbing is employed. (See 5V Applications section.) where f = Operating Frequency in MHz Ripple = Allowable Inductor Current Ripple (Amps Peak-Peak)
VIN
VIN(MIN) = Minimum Input Voltage VOUT(MAX) = Maximum Output Voltage The inductor current ripple is typically set to 20% to 40% of the maximum inductor current. For high efficiency, choose an inductor with high frequency core material, such as ferrite, to reduce core loses. The inductor should have low ESR (equivalent series resistance) to reduce the I2R losses and must be able to handle the peak inductor current without saturating. Molded chokes or chip inductors usually do not have enough core to support peak inductor currents in the 1A to 4A region. To minimize radiated noise, use a toroidal or shielded inductor. See Table 1 for suggested inductor suppliers and Table 2 for a list of capacitor suppliers.
Table 1. Inductor Vendor Information
SUPPLIER PHONE FAX WEB SITE Coilcraft (847) 639-6400 (847) 639-1469 www.coilcraft.com Coiltronics (561) 241-7876 (516) 241-9339 Murata USA: USA: www.murata.com (814) 237-1431 (814) 238-0490 (800) 831-9172 Sumida USA: (847) 956-0666 Japan: 81-3-3607-5111 USA: www.sumida.com (847) 956-0702 Japan: 81-3-3607-5144
GND MULTIPLE VIAS TO GROUND PLANE
)
TDK TOKO
(847) 803-6100 (847) 803-6296 www.component.tdk.com (847) 297-0070 (847) 669-7864 www.toko.com
3421f
11
LTC3421
APPLICATIO S I FOR ATIO
Output Capacitor Selection The output voltage ripple has two components to it. The bulk value of the capacitor is set to reduce the ripple due to charge into the capacitor each cycle. The maximum ripple due to charge is given by:
VRBULK =
IP * VIN COUT * VOUT * f
where IP = peak inductor current. The ESR (equivalent series resistance) is usually the most dominant factor for ripple in most power converters. The ripple due to capacitor ESR is simply given by: VRCESR = IP * CESR where CESR = capacitor series resistance. Low ESR capacitors should be used to minimize output voltage ripple. For surface mount applications, AVX TPS series tantalum capacitors, Sanyo POSCAP or Taiyo Yuden ceramic capacitors are recommended. For through-hole applications, Sanyo OS-CON capacitors offer low ESR in a small package size. In some layouts it may be necessary to place a 1F low ESR ceramic capacitor as close to the VOUT and GND pins as possible. Input Capacitor Selection The input filter capacitor reduces peak currents drawn from the input source and reduces input switching noise. Since the IC can operate at voltages below 0.5V once the output is regulated, the demand on the input capacitor is much less. In most applications 1F per amp of peak input current is recommended. Taiyo Yuden offers very low ESR ceramic capacitors, for example the 1F in a 0603 case (JMK107BJ105MA).
Table 2. Capacitor Vendor Information
PHONE (803) 448-9411 (619) 661-6322 (847) 803-6100 USA: (814) 237-1431 (800) 831-9172 Taiyo Yuden (408) 573-4150 SUPPLIER AVX Sanyo TDK Murata FAX (803) 448-1943 (619) 661-1055 (847) 803-6296 USA: (814) 238-0490 WEB SITE www.avxcorp.com www.sanyovideo.com www.component.tdk.com www.murata.com
(408) 573-4159 www.t-yuden.com
12
U
Operating Frequency Selection There are several considerations in selecting the operating frequency of the converter. The first is, which are the sensitive frequency bands that cannot tolerate any spectral noise? The second consideration is the physical size of the converter. As the operating frequency goes up, the inductor and filter capacitors go down in value and size. The trade off is in efficiency since the switching losses due to gate charge are going up proportional with frequency. Another operating frequency consideration is whether the application can allow "pulse skipping." In this mode, the minimum on time of the converter cannot support the duty cycle, so the converter ripple will go up and there will be a low frequency component of the output ripple. In many applications where physical size is the main criterion, running the converter in this mode is acceptable. In applications where it is preferred not to enter this mode, the maximum operating frequency is given by:
fMAX _ NOSKIP = VOUT - VIN Hz VOUT * tON(MIN)
W
UU
where tON(MIN) = minimum on time = 120ns. Thermal Considerations To deliver the power that the LTC3421 is capable of, it is imperative that a good thermal path be provided to dissipate the heat generated within the package. This can be accomplished by taking advantage of the large thermal pad on the underside of the IC. It is recommended that multiple vias in the printed circuit board be used to conduct heat away from the IC and into a copper plane with as much area as possible. In the event that the junction temperature gets too high, the peak current limit will automatically be decreased. If the junction temperature continues to rise, the part will go into thermal shutdown, and all switching will stop until the temperature drops. VIN > VOUT Operation The LTC3421 will maintain voltage regulation when the input voltage is above the output voltage. This is achieved by terminating the switching on the synchronous PMOS and applying VIN statically on the gate. This will ensure the
3421f
LTC3421
APPLICATIO S I FOR ATIO
volts * seconds of the inductor will reverse during the time current is flowing to the output. Since this mode will dissipate more power in the IC, the maximum output current is limited in order to maintain an acceptable junction temperature.
IOUT(MAX) =
125 - TA 40 * ( VIN + 1.5) - VOUT
(
)
where TA = ambient temperature. For example at VIN = 4.5V and VOUT = 3.3V, the maximum output current is 370mA. Short Circuit The LTC3421 output disconnect feature allows output short circuit while maintaining a maximum set current limit. The IC has incorporated internal features such as current limit and thermal shutdown for protection from an excessive overload or short circuit. In applications that require a prolonged short circuit, it is recommended to limit the power dissipation in the IC to maintain an acceptable junction temperature. The circuit in Figure 2 will limit the maximum current during a prolonged short by reducing the current limit value in a short circuit by disconnecting R2 with the N-channel MOSFET switch. R3 and C1 provide a soft-start function after a short circuit. Resistor R1 lowers the current limit value as VIN rises, maintaining a relatively constant power. The current limit equation for the circuit in Figure 2 is given by:
0.6 VIN - 0.6 ILIMIT = - * 250 RLIM R1
where ILIMIT is in Amps; RLIM and R1 are in k.
TO VIN ILIM 8 R1 1M R3 10k VN2222 RLIM 100k R2 50k
3421 F02
TO VOUT C1 0.1F
Figure 2. Current Limit Foldback Circuit for Extended Short Conditions
U
Closing the Feedback Loop The LTC3421 uses current mode control with internal adaptive slope compensation. Current mode control eliminates the 2nd order filter due to the inductor and output capacitor exhibited in voltage mode controllers, and simplifies it to a single pole filter response. The product of the modulator control to output DC gain and the error amp open-loop gain gives the DC gain of the system:
W
UU
GDC = GCONTROL_OUTPUT * GEA * GCONTROL = 2 * VIN , GEA 2000 IOUT
VREF VOUT
The output filter pole is given by:
fFILTER _ POLE =
IOUT * VOUT * COUT
where COUT is the output filter capacitor. The output filter zero is given by:
fFILTER _ ZERO = 1 2 * * RESR * COUT
where RESR is the capacitor equivalent series resistance. A troublesome feature of the boost regulator topology is the right-half plane zero (RHP) and is given by:
fRHPZ =
VIN2 2 * * IOUT * L
At heavy loads this gain increase with phase lag can occur at a relatively low frequency. The loop gain is typically rolled off before the RHP zero frequency. The typical error amp compensation is shown in Figure 3. The equations for the loop dynamics are as follows:
1 which is extremely close to DC 2 * * 20e6 * CC1 1 fZERO1 2 * * RZ * CC1 1 fPOLE2 2 * * RZ * CC2 fPOLE1
3421f
13
LTC3421
APPLICATIO S I FOR ATIO U
VOUT
TYPICAL APPLICATIO
5V Applications
When the output voltage is programmed above 4.3V it is necessary to add a Schottky diode either from SW to VOUT, or to a snubber network in order to maintain an acceptable peak voltage on SW. The Schottky to the
VIN 2.7V TO 4.2V C1* 10F 2 SHDN 4 ENB 3 VREF 23 LBI 22 LBO 7 SYNC 8 ILIM R1 60k SS 6 C2 0.1F RT 5 R2 28k 21 VIN L1 3H D1*
Li-Ion
+
SW SW SW 18 VOUTS 17 VOUT 19 VOUT 20 VOUT LTC3421 1 FB 24 VC 9 BURST 10 11 12 13 C3 0.1F
R5 1.13M C5* 22F x2 C4 470pF R3 10k R4 100k
3421 F04
EFFICIENCY (%)
GND PGND PGND PGND
*LOCATE COMPONENTS CLOSE TO PINS C1: TAIYO YUDEN JMK212BJ106MM C5: TAIYO YUDEN JMK325BJ226MM
Figure 4. Lithium-Ion to 5V at 1A Application with an Active Snubber Circuit
14
W
14
U
UU
+
ERROR AMP
1.22V FB 1 VC 24 CC1 RZ
3421 F03
R1
-
R2
CC2
Figure 3
output will provide a peak efficiency improvement but will negate the output disconnect feature. If output disconnect is required, the Schottky to an active snubber network is suggested as shown in Figure 4.
Li-Ion to 5V Efficiency
M1 15 16 C6* 1F VOUT 5V 1A
100 90 80 70 60 50 40 30 20 Burst Mode OPERATION VIN = 4.2V VIN = 3.6V VIN = 2.7V
R6 365k
10
0 0.1
VOUT = 5V fOSC = 1MHz 1 10 100 OUTPUT CURRENT (mA) 1000
3421 G03
D1: MOTOROLA MBR0520L L1: SUMIDA CDRH6D28-3R0 M1: ZETEX ZXM61P025
3421f
LTC3421
PACKAGE DESCRIPTIO U
UF Package 24-Lead Plastic QFN (4mm x 4mm)
(Reference LTC DWG # 05-08-1697)
0.70 0.05 PACKAGE OUTLINE 0.25 0.05 0.50 BSC RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS 0.75 0.05 BOTTOM VIEW--EXPOSED PAD 0.23 TYP R = 0.115 (4 SIDES) TYP 23 24 0.38 0.10 1 2 2.45 0.10 (4-SIDES)
(UF24) QFN 0603
4.50 0.05 2.45 0.05 3.10 0.05 (4 SIDES)
4.00 0.10 (4 SIDES) PIN 1 TOP MARK (NOTE 5)
0.200 REF 0.00 - 0.05 NOTE: 1. DRAWING PROPOSED TO BE MADE A JEDEC PACKAGE OUTLINE MO-220 VARIATION (WGGD-X)--TO BE APPROVED 2. ALL DIMENSIONS ARE IN MILLIMETERS 3. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE, IF PRESENT 4. EXPOSED PAD SHALL BE SOLDER PLATED 5. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE TOP AND BOTTOM OF PACKAGE 6. DRAWING NOT TO SCALE
0.25 0.05 0.50 BSC
3421f
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
15
LTC3421
TYPICAL APPLICATIO
Single Cell to 3.3V at 500mA with Secondary Cell Backup During Shutdown. LOWBAT and VREF Output are Enabled
L1 4.7H VIN 1V TO 1.5V C1* 4.7F 0.1F 301k 4 3 23 2 SHDN ENB VREF LBI LTC3421 21 VIN 14 15 16 VOUTS VOUT VOUT VOUT FB VC BURST SS 6 C2 0.1F *LOCATE COMPONENTS CLOSE TO PINS C1: TAIYO YUDEN JMK212BJ106MM RT 5 R2 28k GND PGND PGND PGND 10 11 12 13 C3 0.1F
3421 TA05
1 CELL PRIMARY CELL
+
604k
EFFICIENCY (%)
RELATED PARTS
PART NUMBER LT1371/LT1371HV LTC3400/LTC3400B LTC3401 LTC3402 LTC3425 DESCRIPTION 3A (ISW), 500kHz, High Efficiency Step-Up DC/DC Converters 600mA (ISW), 1.2MHz, Synchronous Step-Up DC/DC Converters 1A (ISW), 3MHz, Synchronous Step-Up DC/DC Converter 2A (ISW), 3MHz, Synchronous Step-Up DC/DC Converter 5A (ISW), 8MHz, 4-Phase Synchronous Step-Up DC/DC Converter COMMENTS VIN: 2.7V to 30V, VOUT(MAX): 35V/42V, IQ: 4mA, ISD: <12A, DD, TO220-7, S20 92% Efficiency, VIN: 0.85V to 5V, VOUT(MAX): 5V, IQ: 19A/300A, ISD: <1A, ThinSOT 97% Efficiency, VIN: 0.5V to 5V, VOUT(MAX): 5.5V, IQ: 38A, ISD: <1A, MS10 97% Efficiency, VIN: 0.5V to 5V, VOUT(MAX): 5.5V, IQ: 38A, ISD: <1A, MS10 95% Efficiency, VIN: 0.5V to 4.5V, VOUT(MAX): 5.25V, IQ: 12A, 8MHz, Low Ripple in QFN
3421f LT/TP 1103 1K PRINTED IN USA
16
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507
q
U
D1
+
18 17 19 20 1 24 9 C4 470pF R3 40k
SW SW SW
3V SECONDARY CELL VOUT 3.3V 500mA R5 340k C5* 22F R6 200k R4 100k
LOW BAT 22 LBO OUTPUT 7 SYNC 8 ILIM R1 60k
C5: TAIYO YUDEN JMK325BJ226MM L1: TOKO A916CY-4R7M
Single Cell to 3.3V Efficiency
100 90 80 70 60 50 40 30 20 10 VOUT = 3.3V fOSC = 1MHz 0 1 0.1 10 100 OUTPUT CURRENT (mA) Burst Mode OPERATION VIN = 1.5V
VIN = 1.2V VIN = 1V
1000
3421 G01
www.linear.com
(c) LINEAR TECHNOLOGY CORPORATION 2003


▲Up To Search▲   

 
Price & Availability of LTC3421

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X