Part Number Hot Search : 
3154A SZ455G 6L1CA TCR2EF18 1C101MR 2SK35 G150N50W MX7847BQ
Product Description
Full Text Search
 

To Download LT1001A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LT1001A
NPN SILICON HIGH FREQUENCY TRANSISTOR
PACKAGE STYLE TO-39
B OA 45 C
DESCRIPTION:
E
OD
The ASILT1001A is a High Frequency Transistor Designed for High Gain Low Noise CATV, and MATV Amplifier Applications.
F
G
H
MAXIMUM RATINGS
IC VCE PDISS TJ TSTG JC 200 mA 20 V 2.5 W @ TC = 50 C -65 C to +200 C -65 C to +200 C 70 C/W
O
DIM A B C D E F G H .016 / 0.407 .029 / 0.740 .028 / 0.720 .335 / 8.510 .305 / 7.750 .240 / 6.100 .500 / 12.700 .020 / 0.508 MINIMUM
inches / mm
MAXIMUM
inches / mm
.200 / 5.080 .045 / 1.140 .034 / 0.860 .370 / 9.370 .335 / 8.500 .260 / 6.600
1 = EMITTER 2 = BASE 3 = COLLECTOR(CASE)
NONE
CHARACTERISTICS
SYMBOL
BVCEO BVCBO BVEBO ICBO hFE VCE(SAT) ft Ccb NF GUmax
TA = 25 C
TEST CONDITIONS
IC = 5.0 mA IC = 1.0 mA IE = 100 A VCB = 10 V VCE = 5.0 V IC = 50 mA VCE = 14 V VCB = 10 V VCE = 8.0 V VCE = 14 V IC = 50 mA IC = 90 mA IC = 50 mA IB = 5.0 mA IC = 90 mA f = 300 MHz f = 1.0 MHz f = 300 MHz f = 300 MHz
MINIMUM
20 40 3.5
TYPICAL
MAXIMUM
UNITS
V V V
50 70 500 3.0 1.6 2.5 15 300
A --mV GHz pF dB dB
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1202 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of LT1001A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X