Part Number Hot Search : 
SC604A 1N5352 74LV02DB C5886A SF106 1N5225 1N5225 RF1211C
Product Description
Full Text Search
 

To Download LH1556AB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LH1556AB/ AAC/ AACTR
Vishay Semiconductors
Dual 1 Form A Solid State Relay
DIP SMD
Features
* * * * * * * * * * Dual Channel (LH1546) Current Limit Protection Isolation Test Voltage 5300 VRMS Typical RON 28 Load Voltage 350 V Load Current 120 mA High Surge Capability Clean Bounce Free Switching Low Power Consumption SMD Lead Available on Tape and Reel
S1 8 S1 S1'
S1' S2 76
S2' 5
S2
i179034
S2' 1 2 3 4
e3
Industrial Controls
Pb
Pb-free
* Lead-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
Description
The LH1556 dual 1 Form A relays are SPST normally open switches that can replace electromechanical relays in many applications. They are constructed using a GaAIAs LED for actuation control and an integrated monolithic die for the switch output. The die, fabricated in a high-voltage dielectrically isolated technology is comprised of a photodiode array, switch control circuitry, and MOSFET switches. In addition, the LH1556 SSRs employ current-limiting circuitry, enabling them to pass FCC 68.302 and other regulatory surge requirements when overvoltage protection is provided.
Agency Approvals
* UL1577, File No. E52744 System Code H or J, Double Protection * CSA - Certification 093751 * BSI/BABT Cert. No. 7980 * DIN EN 60747-5-2 (VDE0884) DIN EN 60747-5-5 pending * FIMKO Approval
Applications
General Telecom Switching - On/off Hook Control - Ring Relay - Dial Pulse - Ground Start - Ground Fault Protection Instrumentation
Order Information
Part LH1556AB LH1556AAC LH1556AACTR Remarks Tubes, DIP-8 Tubes, SMD-8 Tape and Reel, SMD-8
Document Number 83842 Rev. 1.3, 26-Oct-03
www.vishay.com 1
LH1556AB/ AAC/ AACTR
Vishay Semiconductors Absolute Maximum Ratings, Tamb = 25 C
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute Maximum Ratings for extended periods of time can adversely affect reliability.
SSR
Parameter LED continuous forward current LED reverse voltage DC or peak AC load voltage Continuous DC load current one pole operating Continuous DC load current two pole operating Peak load current (single shot) Ambient temperature range Storage temperature range Pin soldering temperature Input/output isolation voltage Output power dissipation (continuous)
1)
Test condition IR 10 A IL 50 A
Symbol IF VR VL IL IL
Value 50 8.0 350 120 250
1)
Unit mA V V mA mA mA C C C VRMS mW
t = 100 ms
IP Tamb Tstg
- 40 to + 85 - 40 to + 150 260 5300 550
t = 10 s max
Ts VISO Pdiss
Refer to Current Limit Performance Application Note for a discussion on relay operation during transient currents.
Electrical Characteristics, Tamb = 25 C
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering evaluations. Typical values are for information only and are not part of the testing requirements.
Input
Parameter LED forward current, switch turn-on LED forward current, switch turn-off LED forward voltage Test condition IL = 100 mA, t = 10 ms VL = 350 V IF = 10 mA Symbol IFon IFoff VF 0.2 1.15 Min Typ. 1.1 1.0 1.26 1.45 Max 2.0 Unit mA mA V
Output
Parameter ON-resistance ac/dc: Pin 4 () to 6 () ON-resistance dc: Pin 4, 6 (+) to 5 (-) Off-resistance Current limit ac/dc Off-state leakage current Output capacitance Pin 4 to 6 Switch offset Test condition IF = 5.0 mA, IL = 50 mA IF = 5.0 mA, IL = 100 mA IF = 0 mA, VL = 100 V IF = 5.0 mA, VL = 6.0 V, t = 5.0 ms IF = 0 mA, VL = 100 V IF = 0 mA, VL = 350 V IF = 0 mA, VL = 1.0 V IF = 0 mA, VL = 50 V IF = 5.0 mA Symbol RON RON ROFF ILMT IO IO CO CO VOS 0.5 170 Min Typ. 28 7.0 300 210 0.35 0.096 18 6.7 0.3 250 200 1.0 Max 35 10.0 Unit G mA nA A pF pF V
www.vishay.com 2
Document Number 83842 Rev. 1.3, 26-Oct-03
LH1556AB/ AAC/ AACTR
Vishay Semiconductors Transfer
Parameter Capacitance (input-output) Turn-on time Turn-off time Test condition VISO = 1.0 V IF = 5.0 mA, IL = 50 mA IF = 5.0 mA, IL = 50 mA Symbol CIO ton toff Min Typ. 0.67 1.14 0.71 3.0 3.0 Max Unit pF ms ms
Typical Characteristics (Tamb = 25 C unless otherwise specified)
120 100
Load Current (mA) LED Forward Current (mA)
120 100 80 60 40 20 0 0
iLH1556AB_02
80 IFon = 5.0 to 20 mA 60 40 20 0 -40 IFon = 2.0 mA IFon = 3.0 mA IFon = 4.0 mA
T = 85 C T = 25 C T = -40 C
-20
0
20
40
60
80
iLH1556AB_00
Ambient Temperature (C)
0.5 1 1.5 LED forward Voltage (V)
2
Figure 1. Recommended Operating Conditions
Figure 3. LED Forward Current vs. LED Forward Voltage
1.6 1.5 1.4 1.3 1.2 1.1
IF = 1.0 mA IF = 2.0 mA IF = 5.0 mA IF = 10 mA IF = 20 mA
10
LED Forward Voltage (V)
IF = 50 mA
8
LED Current (uA)
6
T = -40 C T = 25 C T = 85 C
4 2 0 0
1.0 -40
iLH1556AB_01
-20
0
20
40
60
80
20
40
60
80
100
Ambient Temperature, TA (C)
iLH1556AB_03
Reverse LED Voltage (V)
Figure 2. LED Voltage vs. Temperature
Figure 4. LED Reverse Current vs. LED Reverse Voltage
Document Number 83842 Rev. 1.3, 26-Oct-03
www.vishay.com 3
LH1556AB/ AAC/ AACTR
Vishay Semiconductors
LED Current for Switch Turn-On (%), norm. to 25 C
60 45 30 15 0 -15 -30 -45 -40 -20 0 20 40 60 80 IL = 100 mA
Change in Current Limit (%) Norm. to 25 C
40 30 20 10 0 -10 -20 -30 -40
iLH1556AB_07
IF = 5 mA VL = 6 V
-20
0
20
40
60
80
iLH1556AB_04
Temperature (C)
Temperature (C)
Figure 5. LED Current for Switch Turn-on vs. Temperature
Figure 8. Current Limit vs. Temperature
1.26 1.22
LED forward Voltage (V)
60 IL = 100 mA
Load Current (A)
50 40 30 20 10 0
IF = 0 mA IL < 50 A
1.18 1.14 1.1 1.06 1.02 -40
T = -40 C T = 25 C T = 85 C
-02
0
20
40
60
80
iLH1556AB_08
0
100
200
300
400
500
iLH1556AB_05
Temperature (C)
Breakdown Voltage (V)
Figure 6. LED Dropout Voltage vs. Temperature
Figure 9. Switch Breakdown Voltage vs. Load Current
300 IF = 5 mA 250 200 150 100 50 0 0
iLH1556AB_06
2.5 2.0 1.5 1.0 0.5 0.0 25
iLH1556AB_09
T = -40 C T = 25 C T = 85 C
1
2
3
4
5
Switch Offset Voltage (mV)
IF = 5 mA
Current Limit (A)
35
45
55
65
75
85
Load Voltage (V)
Temperature (C)
Figure 7. Load Current vs. Load Voltage
Figure 10. Switch Offset Voltage vs. LED Current
www.vishay.com 4
Document Number 83842 Rev. 1.3, 26-Oct-03
LH1556AB/ AAC/ AACTR
Vishay Semiconductors
40
Change in Ron (%), norm. to 25 C
0.6 IF = 5 mA IF = 50 mA 0.5
Insertion Loss (dB)
30 20 10 0 -10 -20 -30 -40 -40
RL = 600 IF = 5 mA
0.4 0.3 0.2 0.1 0.0
-20
0
20
40
60
80
iLH1556AB_13
10 2
10 3
10 4
10 5
iLH1556AB_10
Temperature (C)
Frequency (Hz)
Figure 11. ON-Resistance vs. Temperature
Figure 14. Insertion Loss vs. Frequency
8
120 100
Isolation (dB)
6
ac/dc Ron Variation (%) norm. @ IF = 5mA
IF = 5 mA 4
VP= 10 V RL = 50
80 60 40 20 0 1000
2 0
-2
iLH1556AB_11
0
4
8
12
16
20
iLH1556AB_14
10000
100000
1000000
LED Forward current (mA)
Frequency (Hz)
Figure 12. Variation in ON-Resistance vs. LED Current
Figure 15. Output Isolation
50 IF = 0 mA 40
Capacitance (pF)
1000.0 IF = 0 mA
Leakage Current (nA)
100.0
T = 85 C T = 70 C T = 50 C
30
10.0
20 10 0
1.0 T = 25 C 0.1
0
20
40
60
80
100
iLH1556AB_15
0
50
100
150
200
250
300
350
iLH1556AB_12
Applied Voltage (V)
Load voltage (V)
Figure 13. Switch Capacitance vs. Applied Voltage
Figure 16. Leakage Current vs. Applied Voltage at Elevated Temperatures
Document Number 83842 Rev. 1.3, 26-Oct-03
www.vishay.com 5
LH1556AB/ AAC/ AACTR
Vishay Semiconductors
Change in Breakdown Voltage (%) Normalized to 25 C
8 6 4 2 0 -2 -4 -6 -8 -20 0 20 40 60 80
Change in Turn-OffTime (%) norm. to 25 C
8 5 2 -1 -4 -7 IF = 5 mA IL = 50 mA -20 0 20 40 Temperature (C) 60 80
-10 -40
iLH1556AB_16
-10 -40
iLH1556AB_19
Ambient Temperature (C)
Figure 17. Switch Breakdown Voltage vs. Temperature
Figure 20. Turn-off Time vs. Temperature
2.5
Switch Offset Voltage (microvolt)
18 IF = 5 mA
Turn-on Time (ms)
2.0 1.5 1.0 0.5 0.0 25
15 12 9 6 3 0
IL = 50 mA
T = -40 C T = 25 C T = 85 C
35
45
55
65
75
85
iLH1556AB_20
0
10
20
30
40
50
iLH1556AB_17
Temperature (C)
LED Forward Current (mA)
Figure 18. Switch Offset Voltage vs. Temperature
Figure 21. Turn-on Time vs. LED Current
10
Change in Turn-On Time (%) norm. to 25 C
1.0 0.9 IL = 50 mA
6
Turn-Off Time (ms)
0.8 0.7 0.6 0.5 0.4 0.3 0 10 20 30 40 50 T = 85 C T = 40 C T = 25 C
2 -2 -6 IF = 5 mA IL = 50 mA -20 0 20 40 Temperature (C) 60 80
-10 -40
iLH1556AB_18
iLH1556AB_21
LED Forward Current (mA)
Figure 19. Turn-on Time vs. Temperature
Figure 22. Turn-off Time vs. LED Current
www.vishay.com 6
Document Number 83842 Rev. 1.3, 26-Oct-03
LH1556AB/ AAC/ AACTR
Vishay Semiconductors Package Dimensions in Inches (mm)
DIP
pin one ID 4 .268 (6.81) .255 (6.48) 5 6 7 8
ISO Method A
3
2
1
.390 (9.91) .379 (9.63) .045 (1.14) .030 (0.76) 4 typ. .031 (0.79) .150 (3.81) .130 (3.30) .050 (1.27) .022 (.56) .018 (.46)
i178008
.300 (7.62) typ.
10 .035 (.89) .020 (.51) .100 (2.54) typ. 3-9 .012 (.30) .008 (.20)
.250 (6.35) .230 (5.84) .130 (3.30) .110 (2.79)
Package Dimensions in Inches (mm)
SMD
Pin one I.D .
.268 (6.81) .255 (6.48)
.100 (2.54)
.030 (.76) R .010 (.25) .070 (1.78)
.390 (9.91) .379 (9.63) .031 (.79) typ. .150 (3.81) .130 (3.30)
.315 (8.00) min .435 (11.05)
.060 (1.52)
ISO Method A
.045 (1.14) .030 (0.78)
Radius
.395 (10.03) .375 (9.52) .312 (7.80) .298 (7.52) 3 to 7 10 .315 (8.00) typ. .010 (2.54) typ.
4 typ. .050 (1.27) typ.
.008 (.25) .004 (.10) .100 (2.54) typ.
.040 (1.02) .020 (.51)
i178009
Document Number 83842 Rev. 1.3, 26-Oct-03
www.vishay.com 7
LH1556AB/ AAC/ AACTR
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423
www.vishay.com 8
Document Number 83842 Rev. 1.3, 26-Oct-03


▲Up To Search▲   

 
Price & Availability of LH1556AB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X