Part Number Hot Search : 
AO4404 AO4411L SEMIC RM601 KSR213G PH310 010D0 PN4117A
Product Description
Full Text Search
 

To Download LA5609 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : EN4786
Monolithic Linear IC
LA5609
Multi-Function Voltage Regulator for Radio Cassette Recorders with CD Player
Overview
The LA5609 is a multi-function multi-voltage power supply that includes a built-in on/off function. The LA5609 provides dedicated outputs for motors, audio systems, CD drive, radio, microprocessor, and loading drives, thus making it optimal for use as the system power supply in radio cassette recorders with CD player.
Package Dimensions
unit: mm 3109-SIP18H
[LA5609]
Functions
* Power supply systems for radio cassette recorders with CD player * Miniature electronic equipment * Low-saturation regulator (14.5 V/1.2 A, 9 V/300 mA, 7.5 V/800 mA) * High-precision power supply (two 5 V/220 mA systems, 5 V/100 mA, 8 V/800 mA) * Limiter power supply (9 V/60 mA)
SANYO: SIP18H
Features
* Supports end-product miniaturization by the provision of built-in control circuits. * Provides reduced internal power dissipation by the adoption of a low-saturation regulator. * Built-in output current limiter prevents IC destruction due to output shorts.
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
20695TH (OT) No. 4786-1/8
LA5609
Specifications
Maximum Ratings at Ta = 25C
Parameter Input voltage VREF pin voltage POWER CONT pin voltage AC STBY pin voltage MODE SW pin voltage Allowable power dissipation Operating temperature Storage temperature Symbol VCC max VREF VCONT max VAC max VMODE max Pd max Topr Tstg With no heat sink Conditions Ratings 24 6 6 6 6 3.5 -20 to +80 -55 to +150 Unit V V V V V W C C
Operating Conditions at Ta = 25C
Parameter Input voltage Input voltage Motor 14.5 V output current Audio 9 V output current Digital 5 V output current CD 5 V output current CD 8 V output current Radio 5 V output current Loading 7.5 V output current 9 V limiter output current Symbol VCC VREF IO MOT IO AUD IO DIGI IO CD5 IO CD8 IO RAD IO LOAD IO LIM Conditions Ratings 6.5 to 22 4.5 to 5.5 0 to 1.2 0 to 300 0 to 220 0 to 220 0 to 0.8 0 to 100 0 to 0.8 0 to 60 Unit V V A mA mA mA A mA A mA
Operating Characteristics at Ta = 25C in the specified test circuit
Parameter [No Load Currents] VCC quiescent current Influx 1 VREF 5 V input current Influx 2 VREF 5 V input current Output voltage Dropout voltage Line regulation Load regulation Peak output current Short circuit output current ICC IREF1 IREF2 VO MOT VDROP-MOT VCC = 14 V, IO MOT = 600 mA VOLN-MOT VCC = 16 to 22 V VOLD-MOT IO MOT = 0 to 1.2 A IOP-MOT IOSC-MOT VO AUD VDROP-AUD VCC = 8.5 V, IO AUD = 150 mA VOLN-AUD VCC = 11 to 22 V VOLD-AUD IO AUD = 0 to 300 mA IOP-AUD IOSC-AUD RREJ-AUD f = 120 Hz, 10 V VCC 15 V, C = 1 F 300 50 60 8.5 1.2 300 VCC = 12 V, Power cont.: L, 5 VREF: L VCC = 0 V, Power cont.: L VCC = 12 V, Power cont. = 5 V 14.0 14.5 0.4 30 200 500 10 700 A A A Symbol Conditions min typ max Unit
[Motor 14.5 V Regulator Block] VCC = 16 V, IO MOT = 1.2 A, Power cont. = 5 V 15.0 0.8 300 800 V V mV mV A mA
[Audio 9 V Regulator Block] VCC = 11 V, IO AUD = 300 mA, Power cont. = 5 V Output voltage Dropout voltage Line regulation Load regulation Peak output current Short circuit output current Ripple rejection 9.0 0.2 100 100 9.5 0.8 400 400 V V mV mV mA mA dB
Continued on next page. No. 4786-2/8
LA5609
Continued from preceding page.
Parameter Symbol Conditions min typ max Unit
[Digital 5.0 V Regulator Block] Power cont. = 5 V Output voltage Dropout voltage VO DIGI VCC = 16 V, IO DIGI = 100 mA 4.95 5.05 0.6 0 -100 -20 -20 0 -60 220 40 -70 0 0 40 -40 260 260 5.15 1.4 60 0 +20 +20 60 0 V V mV mV mV mV mV mV mA mA
VDROP-DIGI VCC = 4.9 V, IO DIGI = 110 mA VOLN1-DIGI VCC = 16 to 20 V, IO DIGI = 220 mA VOLN2-DIGI VCC = 16 to 8 V, IO DIGI = 220 mA VOLN3-DIGI VCC = 16 to 20 V, IO DIGI = 0 mA VOLN4-DIGI VCC = 16 to 8 V, IO DIGI = 0 mA VOLD1-DIGI VCC = 16 V, IO DIGI = 100 to 220 mA VOLD2-DIGI VCC = 16 V, IO DIGI = 100 to 0 mA IOP-DIGI IOSC-DIGI VO CD5 VCC = 6.5 V VCC = 6.5 V VCC = 16 V, IO CD5 = 100 mA 4.9
Line regulation
Load regulation Peak output current Short circuit output current
[CD 5.0 V Regulator Block] Power cont. = 5 V, Mode SW = 5 V Output voltage Dropout voltage 5.0 0.6 0 -100 -20 -20 0 -60 220 40 -70 0 0 40 -40 260 260 5.1 1.4 60 0 +20 +20 60 0 V V mV mV mV mV mV mV mA mA
VDROP-CD5 VCC = 4.9 V, IO CD5 = 110 mA VOLN1-CD5 VCC = 16 to 20 V, IO CD5 = 220 mA VOLN2-CD5 VCC = 16 to 8 V, IO CD5 = 220 mA VOLN3-CD5 VCC = 16 to 20 V, IO CD5 = 0 mA VOLN4-CD5 VCC = 16 to 8 V, IO CD5 = 0 mA VOLD1-CD5 VCC = 16 V, IO CD5 = 100 to 220 mA VOLD2-CD5 VCC = 16 V, IO CD5 = 100 to 0 mA IOP-CD5 IOSC-CD5 VO CD8 VDROP-CD8 VCC = 7.5 V, IO CD8 = 400 mA VOLN-CD8 VCC = 9.5 to 22 V VOLD-CD8 IO CD8 = 0 to 800 mA IOP-CD8 VO RAD VCC = 16 V, IO RAD = 50 mA 0.8 VCC = 6.5 V VCC = 6.5 V 7.5
Line regulation
Load regulation Peak output current Short circuit output current
[CD 8.0 V Regulator Block] VCC = 9.5 V, IO CD8 = 800 mA, Power cont. = 5 V, Mode SW = 5 V Output voltage Dropout voltage Line regulation Load regulation Peak output current 8.0 0.6 20 100 1.1 8.5 1.4 200 250 V V mV mV A
[Radio 5.0 V Regulator Block] Power cont. = 5 V Output voltage Dropout voltage 4.9 5.0 0.6 0 -70 -10 -10 0 -40 100 20 -40 0 0 20 -20 160 160 5.1 1.4 40 0 +10 +10 40 0 V V mV mV mV mV mV mV mA mA
VDROP-RAD VCC = 4.9 V, IO RAD = 50 mA VOLN1-RAD VCC = 16 to 20 V, IO RAD = 100 mA VOLN2-RAD VCC = 16 to 8 V, IO RAD = 100 mA VOLN3-RAD VCC = 16 to 20 V, IO RAD = 0 mA VOLN4-RAD VCC = 16 to 8 V, IO RAD = 0 mA VOLD1-RAD VCC = 16 V, IO RAD = 50 to 100 mA VOLD2-RAD VCC = 16 V, IO RAD = 50 to 0 mA IOP-RAD IOSC-RAD VREGS VCC = 6.5 V VCC = 6.5 V VCC = 16 V, IO LOAD = 400 mA 1.27
Line regulation
Load regulation Peak output current Short circuit output current
[Loading 7.5 V Regulator Block] Power cont. = 5 V REG SET voltage Dropout voltage 1.31 0.4 0 -20 -10 -10 0 -20 0.8 200 10 -10 0 0 10 -10 1.35 0.8 20 0 +10 +10 20 0 V V mV mV mV mV mV mV A mA
VDROP-LOAD VCC = 7.3 V, IO LOAD = 400 mA VOLN1-LOAD VCC = 16 to 20 V, IO LOAD = 800 mA VOLN2-LOAD VCC = 16 to 9 V, IO LOAD = 800 mA VOLN3-LOAD VCC = 16 to 20 V, IO LOAD = 0 mA VOLN4-LOAD VCC = 16 to 9 V, IO LOAD = 0 mA VOLD1-LOAD VCC = 16 V, IO LOAD = 400 to 800 mA VOLD2-LOAD VCC = 16 V, IO LOAD = 400 to 0 mA IOP-LOAD IOSC-LOAD VCC = 9 V VCC = 9 V
Line regulation
Load regulation Peak output current Short circuit output current
Continued on next page. No. 4786-3/8
LA5609
Continued from preceding page.
Parameter Symbol Conditions min typ max Unit
[9.0 V Limiter Block] VCC = 11 V, IO LIM = 60 mA Output voltage Dropout voltage Peak output current Short circuit output current [Mode Switch] VCC = 12 V Voltage with radio mode on Voltage with radio mode off Voltage with CD mode on Input impedance [Power Control] VCC = 12 V Output on control voltage Output off control voltage [AC standby] Output on control voltage Output off control voltage VI AC-ON VI AC-OFF 2.0 1.0 V V VI CONT-ON VI CONT-OFF 3.0 2.0 V V VMTH H VMTH L VRTH H ZI Voltage when the radio output is switched high Voltage when the radio output is switched low Voltage when the CD 5 V and CD 8 V are switched high 1.1 2.9 2.9 16.8 1.4 3.1 3.1 24 1.7 3.3 3.3 31.2 V V V k VO LIM VDROP-LIM VCC = 8 V IOP-LIM IOSC-LIM 60 8.0 9.0 1.0 150 200 9.5 V V mA mA
[5 V System Regulator Block] VCC = 16 V, IO DIGI = IO CD5 = 100 mA, IO RAD = 50 mA Difference between output voltages VDEF 0 0.15 V
Timing Chart
No. 4786-4/8
LA5609 Function Table
VOUT VREF Power cont. L L L H M H L M H L L H H M H L M H Mode SW (0 V) (2.5 V) (5 V) (0 V) (2.5 V) (5 V) (0 V) (2.5 V) (5 V) (0 V) (2.5 V) (5 V) Audio 9V Motor 14.5 V L L L L L L L L L H H H Digital 5V Loading 7.5 V CD 8 V/ CD 5 V L L L L L L L L L L L H Radio 5V L L L L L L L L L L H L Limitter 9V H H H H H H H H H H H H
Test Circuit
Note: * This diode is required for bringing up the CD 8 V regulator.
No. 4786-5/8
LA5609 Sample Application Circuit
Note: 1. The diode in the 9 V limiter block must be added. It is required for preventing current from flowing into the 9 V limiter from the backup battery when VCC is off. 2. The diode and resistor between the CD 5 V and CD 8 V blocks must be added. It is required to bring up the CD 8 V regulator. 3. External noise can be limited and ripple rejection can be improved by adding an electrolytic capacitor between the audio 9 V and the filter circuits. 4. The electrolytic capacitors between VCC and GND and between each V0 and GND should have capacitances at least those shown in the diagram. Use Sanyo HW Series aluminum electrolytic capacitors or equivalent products.
No. 4786-6/8
LA5609 Equivalent Circuit Block Diagram
No. 4786-7/8
LA5609
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any and all SANYO products described or contained herein fall under strategic products (including services) controlled under the Foreign Exchange and Foreign Trade Control Law of Japan, such products must not be exported without obtaining export license from the Ministry of International Trade and Industry in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of August, 1998. Specifications and information herein are subject to change without notice. PS No. 4786-8/8


▲Up To Search▲   

 
Price & Availability of LA5609

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X