|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Data Sheet PD No.60238 IRS2153D(S)PbF SELF-OSCILLATING HALF-BRIDGE DRIVER IC Features Integrated 600V Half-Bridge Gate Driver CT, RT programmable oscillator 15.4V Zener Clamp on VCC Micropower Startup Non-latched shutdown on CT pin (1/6th VCC) Internal bootstrap FET Excellent Latch Immunity on All Inputs & Outputs +/- 50V/ns dV/dt immunity ESD Protection on All Pins 8-lead SOIC or PDIP package 1.1 usec (typ.) internal deadtime Product Summary VOFFSET Duty Cycle Driver source/sink current Vclamp Deadtime 600V Max 50% 180/260mA typ. 15.4V typ. 1.1us typ. Description The IRS2153D is based on the popular IR2153 selfoscillating half-bridge gate driver IC using a more advanced silicon platform, and incorporates a high voltage half-bridge gate driver with a front end oscillator similar to the industry standard CMOS 555 timer. HVIC and latch immune CMOS technologies enable rugged monolithic construction. The output driver features a high pulse current buffer stage designed for minimum driver cross-conduction. Noise immunity is achieved with low di/dt peak of the gate drivers. Package PDIP8 IRS2153DPBF SO8 IRS2153DSPBF Typical Connection Diagram + AC Rectified Line RVCC VCC 1 8 VB CBOOT MHS IRS2153D RT 2 7 HO RT CT CVCC CT COM 3 6 VS L RL 4 5 LO MLS - AC Rectified Line 1 IRS2153D(S)PbF Absolute Maximum Ratings Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are absolute voltages referenced to COM, all currents are defined positive into any lead. The Thermal Resistance and Power Dissipation ratings are measured under board mounted and still air conditions. Symbol VB VS VHO VLO IRT VRT VCT ICC IOMAX dVS/dt PD PD RJA RJA TJ TS TL Parameter Definition High Side Floating Supply Voltage High Side Floating Supply Offset Voltage High-Side Floating Output Voltage Low-Side Output Voltage RT Pin Current RT Pin Voltage CT Pin Voltage Supply Current (Note 1) Maximum allowable current at LO and HO due to external power transistor Miller effect. Allowable Offset Voltage Slew Rate Maximum Power Dissipation @ TA +25C, 8-Pin DIP Maximum Power Dissipation @ TA +25C, 8-Pin SOIC Thermal Resistance, Junction to Ambient, 8-Pin DIP Thermal Resistance, Junction to Ambient, 8-Pin SOIC Junction Temperature Storage Temperature Lead Temperature (Soldering, 10 seconds) Min. -0.3 VB - 25 VS - 0.3 -0.3 -5 -0.3 -0.3 ---500 -50 ---------55 -55 --- Max. 625 VB + 0.3 VB + 0.3 VCC + 0.3 5 VCC + 0.3 VCC + 0.3 20 500 50 1.0 0.625 85 128 150 150 300 Units V V V V mA V V mA V/ns W W C/W C/W C Note 1: This IC contains a zener clamp structure between the chip VCC and COM which has a nominal breakdown voltage of 15.4V. Please note that this supply pin should not be driven by a DC, low impedance power source greater than the VCLAMP specified in the Electrical Characteristics section. 2 IRS2153D(S)PbF Recommended Operating Conditions For proper operation the device should be used within the recommended conditions. Symbol VBS VS VCC ICC TJ Parameter Definition High Side Floating Supply Voltage Steady State High Side Floating Supply Offset Voltage Supply Voltage Supply Current Junction Temperature Min. VCC - 0.7 -3.0 (Note 2) VCCUV+ +0.1V (Note 3) -40 Max. VCLAMP 600 VCC CLAMP 5 125 Units V V V mA C Note 2: Care should be taken to avoid output switching conditions where the VS node flies inductively below ground by more than 5V. Note 3: Enough current should be supplied to the VCC pin of the IC to keep the internal 15.6V zener diode clamping the voltage at this pin. Recommended Component Values Symbol RT CT Parameter Component Timing Resistor Value CT Pin Capacitor Value Min. 1 330 Max. ----- Units k pF IRS2153D Frequency vs. RT Frequency (Hz) 1000000 CT Values 100000 10000 1000 100 10 1000 10000 100000 1000000 RT (Ohm) 330pf 470pF 1nF 2.2nF 4.7nF 10nF 3 IRS2153D(S)PbF Electrical Characteristics VBIAS (VCC, VBS) = 14V, CT = 1 nF, VS=0V and TA = 25C unless otherwise specified. The output voltage and current (VO and IO) parameters are referenced to COM and are applicable to the respective output leads: HO or LO. Symbol VCCUV+ VCCUVVCCUVHYS IQCCUV IQCC ICC VCC CLAMP IQBS VBSUV+ VBSUVILK fOSC d ICT ICTUV VCT+ VCTVCTSD VRT+ VRTVRTUV VRTSD Definition Rising VCC Undervoltage Lockout Threshold Falling VCC Undervoltage Lockout Threshold VCC Undervoltage Lockout Hysteresis Micropower Startup VCC Supply Current Quiescent VCC Supply Current VCC Supply Current VCC Zener Clamp Voltage Quiescent VBS Supply Current VBS Supply Undervoltage Positive Going Threshold VBS Supply Undervoltage negative Going Threshold Offset Supply Leakage Current Oscillator Frequency RT Pin Duty Cycle CT Pin Current UV-Mode CT Pin Pulldown Current Upper CT Ramp Voltage Threshold Lower CT Ramp Voltage Threshold CT Voltage Shutdown Threshold High-Level RT Output Voltage, VCC - VRT Low-Level RT Output Voltage UV-Mode RT Output Voltage SD-Mode RT Output Voltage, VCC - VRT Min 10.2 8.3 1.6 ------14.4 --8.0 7.0 --18.4 88 ----0.20 ----2.2 --------------- Typ 10.8 8.8 2.0 130 800 1.8 15.4 60 9.0 8.0 --19.0 93 50 0.02 Max 11.5 9.4 2.4 170 1000 --16.8 80 9.5 9.0 50 19.6 100 --1.0 0.6 ----2.4 50 300 50 300 100 50 300 Units Test Conditions Low Voltage Supply Characteristics V A A mA V A V RT = 36.9k ICC = 5mA VCC VCCUV- Floating Supply Characteristics A kHz % A mA V mV mV mV mV mV mV mV VB = VS = 600V RT = 36.5k RT = 7.15k fo < 100kHz VCC = 7V Oscillator I/O Characteristics 0.30 9.32 4.66 2.3 10 100 10 100 0 10 100 IRT = -100A IRT = -1mA IRT = 100A IRT = 1mA VCC VCCUVIRT = -100A, VCT = 0V IRT = -1mA, VCT = 0V 4 IRS2153D(S)PbF Electrical Characteristics VBIAS (VCC, VBS) = 14V, CT = 1 nF, VS=0V and TA = 25C unless otherwise specified. The output voltage and current (VO and IO) parameters are referenced to COM and are applicable to the respective output leads: HO or LO. Symbol VOH VOL VOL_UV tr tf tsd td IO+ IO- Definition High-Level Output Voltage Low-Level Output Voltage UV-Mode Output Voltage Output Rise Time Output Fall Time Shutdown Propagation Delay Output Deadtime (HO or LO) Output source current Output sink current Min ------------0.65 ----- Typ VCC COM COM 120 50 350 1.1 180 260 Max ------220 80 --1.75 ----- Units Test Conditions Gate Driver Output Characteristics IO = 0A IO = 0A IO = 0A, VCC VCCUV- nsec sec mA Bootstrap FET Characteristics VB_ON IB_CAP IB_10V VB when the bootstrap FET is on VB source current when FET is on VB source current when FET is on --40 10 13.7 55 12 ------V mA CBS=0.1uF VB=10V 5 IRS2153D(S)PbF Lead Definitions VCC 1 8 VB RT IRS2153D 2 7 HO CT 3 6 VS COM 4 5 LO Symbol VCC RT CT COM LO VS HO VB Oscillator timing resistor input Oscillator timing capacitor input IC power and signal ground Low-side gate driver output High voltage floating supply return High-side gate driver output High side gate driver floating supply Lead Description Logic and internal gate drive supply voltage Functional Block Diagram RT 2 R + R R + R/2 SQ R1 R2 S Q Q DEAD TIME DEAD TIME PULSE HV LEVEL SHIFT 8 VB Q PULSE FILTER R S 6 BOOTSTRAP DRIVE 7 HO VS GEN 15.4V 1 VCC CT 3 R/2 + - DELAY 5 LO 4 COM M1 UV DETECT 6 IRS2153D(S)PbF Timing Diagram Operating Mode VCCUV+ VCC Fault Mode: CT <1/6*VCC 2/3 VCC VCT 1/3 VCC 1/6 VCC VCC LO VCC DT HO DT VCC VRT IRT Switching Time Waveform Deadtime Waverform 90% tr 90% tf LO DTLO 10% DTHO HO 90% HO LO 10% 10% 7 IRS2153D(S)PbF Functional Description Under-voltage Lock-Out Mode (UVLO) The under-voltage lockout mode (UVLO) is defined as the state the IC is in when VCC is below the turn-on threshold of the IC. The IRS2153D under voltage lock-out is designed to maintain an ultra low supply current of less than 155uA, and to guarantee the IC is fully functional before the high and low side output drivers are activated. During under voltage lock-out mode, the high and low-side driver outputs HO and LO are both low. Bootstrap MOSFET The internal bootstrap FET and supply capacitor (CBOOT) comprise the supply voltage for the high side driver circuitry. The internal boostrap FET only turns on when LO is high. To guarantee that the high-side supply is charged up before the first pulse on pin HO, the first pulse from the output drivers comes from the LO pin. Normal operating mode Once the VCCUV+ threshold is passed, the MOSFET M1 opens, RT increases to approximately VCC (VCC-VRT+) and the external CT capacitor starts charging. Once the CT voltage reaches VCT- (about 1/3 of VCC), established by an internal resistor ladder, LO turns on with a delay equivalent to the deadtime td. Once the CT voltage reaches VCT+ (approximately 2/3 of VCC), LO goes low, RT goes down to approximately ground (VRT-), the CT capacitor discharges and the deadtime circuit is activated. At the end of the deadtime, HO goes high. Once the CT voltage reaches VCT-, HO goes low, RT goes high again, the deadtime is activated. At the end of the deadtime, LO goes high and the cycle starts over again. The following equation provides the oscillator frequency: Supply voltage + AC Rectified Line RVCC VCC 1 8 VB CBOOT MHS RT IRS2153D 2 7 HO RT CT CVCC CT COM 3 6 VS L RL 4 5 LO MLS f~ 1 1.453 x RT x CT - AC Rectified Line Fig. 1 Typical Connection Diagram Fig. 1 shows an example of supply voltage. The start-up capacitor (CVCC) is charged by current through supply resistor (RVCC) minus the start-up current drawn by the IC. This resistor is chosen to provide sufficient current to supply the IRS2153D from the DC bus. CVCC should be large enough to hold the voltage at Vcc above the UVLO threshold for one half cycle of the line voltage as it will only be charged at the peak, typically 0.1uF. It will be necessary for RVCC to dissipate around 1W. The use of a two diode charge pump made of DC1, DC2 and CVS (Fig. 2) from the half bridge (VS) is also possible however the above approach is simplest and the dissipation in RVCC should not be unacceptably high. + AC Rectified Line This equation can vary slightly from actual measurements due to internal comparator over- and under-shoot delays. For a more accurate determination of the output frequency, the frequency characteristic curves should be used (RT vs. Frequency, Page 3). Shut-down If CT is pulled down below VCTSD (approximately 1/6 of VCC) by an external circuit, CT doesn't charge up and oscillation stops. LO is held low and the bootstrap FET is off. Oscillation will resume once CT is able to charge up again to VCT-. RVCC VCC 1 8 VB CBOOT MHS DC2 VS CVS L IRS2153D RT 2 7 HO RT CT CVCC CT COM 3 6 RL 4 5 LO MLS DC1 - AC Rectified Line Fig. 2 Charge pump circuit The supply resistor (RVCC) must be selected such that enough supply current is available over all operating conditions. Once the capacitor voltage on VCC reaches the start-up threshold VCCUV+, the IC turns on and HO and LO begin to oscillate. 8 IRS2153D(S)PbF 19 100 98 Frequency (kHz) 96 94 92 18.8 Frequency (kHz) 18.6 18.4 18.2 18 11 12 13 VCC(V) 14 15 16 90 -25 0 25 50 75 100 125 Temperature(C) FREQ vs VCC FREQ vs TEMP 1.25 1.4 1.3 1.15 DT(uS) 1.1 DT(uS) 1.2 1.05 0.95 1 0.85 0.9 11 12 13 VCC(V) 14 15 16 0.75 -25 0 25 50 75 100 125 Temperature(C) DT vs VCC 17 DT vs TEMP 90 80 70 Temperature(C) 60 50 40 30 20 10 0 20 70 120 Frequency(kHz) VCC (V) 16 15 -25 0 25 50 75 100 125 Temperature (C) VCC CLAMP vs TEMP Tj vs. Frequency (SOIC) 9 IRS2153D(S)PbF 300 250 HOCurrent (mA) 200 150 100 50 0 -25 300 IsinkHO LO Current (mA) 250 200 150 100 50 0 -25 IsinkHO IsourceHO IsourceLO 0 25 50 75 100 125 0 25 50 75 100 125 Temperature(C) Temperature(C) IsourceHO,IsinkHO vs Temp IsourceLO,IsinkLO vs Temp 80 70 IB_CAP, IBS_10V (mA) 60 50 40 30 20 10 0 -25 IBS_10V IB_CAP 0 25 50 75 100 125 Temperature(C) IBCAP, IBS10V vs TEMP 10 IRS2153D(S)PbF IRS2153DSPbF IRS2153DPbF 12 IRS2153D(S)PbF ORDER INFORMATION Leadfree Part 8-Lead PDIP IRS2153D order IRS2153DPbF 8-Lead SOIC IRS2153DS order IRS2153DSPbF WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 726 8000 Sales Offices, Agents and Distributors in Major Cities Throughout the World. Data and specifications subject to change without notice. Qualification: Industrial, MSL2 Leadfree (c) 2005 International Rectifier 10-15-2005 http://www.irf.com 11 |
Price & Availability of IRS2153D |