Part Number Hot Search : 
ANTXV1N 100LVE HMO06A MJH10012 MA4L031 100LVE GF30DL GJ90T03
Product Description
Full Text Search
 

To Download IRLL014 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 90866A
IRLL014
HEXFET(R) Power MOSFET
l l l l l l l Surface Mount Available in Tape & Reel Dynamic dv/dt Rating Logic-Level Gate Drive RDS(on) Specified at VGS=4V & 5V Fast Switching Ease of Paralleling
D
VDSS = 60V RDS(on) = 0.20
G S
ID = 2.7A
Description
Third Generation HEXFETs from International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. The SOT-223 package is designed for surface-mount using vapor phase, infra red, or wave soldering techniques. Its unique package design allows for easy automatic pick-andplace as with other SOT or SOIC packages but has the added advantage of improved thermal performance due to an enlarged tab for heatsinking. Power dissipation of grreater than 1.25W is possible in a typical surface mount application.
S O T -2 2 3
Absolute Maximum Ratings
Parameter
ID @ Tc = 25C ID @ Tc = 100C IDM PD @Tc = 25C PD @TA = 25C Continuous Drain Current, VGS @ 10 V Continuous Drain Current, VGS @ 10 V Pulsed Drain Current Power Dissipation Power Dissipation (PCB Mount)** Linear Derating Factor Linear Derating Factor (PCB Mount)** Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Junction and Storage Temperature Range Soldewring Temperature, for 10 seconds
Max.
2.7 1.7 22 3.1 2.0 0.025 0.017 -/+10 100 2.7 0.31 4.5 -55 to + 150
300 (1.6mm from case)
Units
A W
W/C
VGS EAS IAR EAR dv/dt TJ, TSTG
V mJ A mJ V/ns
C
Thermal Resistance
Parameter
RJC RJA Junction-to-PCB Junction-to-Ambient. (PCB Mount)**
Typ.
--- ---
Max.
40 60
Units
C/W
** When mounted on 1'' SQUARE pcb (FR-4 or G-10 Material). For recommended footprint and soldering techniques refer to application note #AN-994.
www.irf.com
1
2/1/99
IRLL014
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss
Min. Typ. Max. Units Conditions 60 --- --- V VGS = 0V, ID = 250A --- 0.073 --- V/C Reference to 25C, ID = 1mA --- --- 0.20 VGS = 5.0V, ID = 1.6A --- --- 0.28 VGS = 4.0V, ID = 1.4A 1.0 --- 2.0 V VDS = VGS, ID = 250A 3.2 --- --- S VDS = 25V, ID = 1.6 A --- --- 25 VDS = 60V, VGS = 0V A --- --- 250 VDS = 48V, VGS = 0V, TJ = 125C --- --- 100 VGS = 10V nA --- --- -100 VGS = -10V --- --- 8.4 ID = 10A --- --- 3.5 nC VDS = 48V --- --- 6.0 VGS = 5.0V, See Fig. 6 and 13 --- 9.3 --- VDD = 30V --- 110 --- ID = 10A ns --- 17 --- RG = 12 -- 26 --- R D = 2.8 , See Fig. 10 --- --- --- --- --- 4.0 6.0 400 170 42 --- --- --- --- --- pF nH Between lead, 6mm(0.25in) from package and center of die contact. VGS = 0V VDS = 25V = 1.0MHz, See Fig. 5
D
G
S
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr ton Notes:
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge Forward Turn-On Time
Min. Typ. Max. Units
Conditions MOSFET symbol --- --- 2.7 showing the A integral reverse --- --- 22 p-n junction diode. --- --- 1.6 V TJ = 25C, IS = 2.7A, VGS = 0V --- 65 130 ns TJ = 25C, IF = 10A --- 0.33 0.65 C di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ISD 10A, di/dt 90A/s, VDD V(BR)DSS,
TJ 150C
VDD=25V, starting TJ = 25C, L =16 mH
RG = 25, IAS = 2.7A. (See Figure 12)
Pulse width 300s; duty cycle 2%.
2
www.irf.com
IRLL014
www.irf.com
3
IRLL014
4
www.irf.com
IRLL014
www.irf.com
5
IRLL014
6
www.irf.com
IRLL014
Package Outline
SOT-223 (TO-261AA) Outline
Part Marking Information
SOT-223
E X A M P L E : TH IS IS A N IR F L 0 1 4 W AFER LOT CODE X X XX X X D A TE C O D E (Y W W ) Y = L A S T D IG IT O F TH E Y E A R W W = W EEK PART NUMBER IN TE R N A TIO N A L R E C TIF IE R LO G O F L 01 4 31 4
TO P
B O TTO M
www.irf.com
7
IRLL014
Tape & Reel Information
SOT-223 Outline
4 .1 0 (.1 6 1) 3 .9 0 (.1 5 4) 1 .8 5 (.0 7 2 ) 1 .6 5 (.0 6 5 ) 0 .3 5 (.0 1 3) 0 .2 5 (.0 1 0)
TR
2 .0 5 (.0 80 ) 1 .9 5 (.0 77 )
7 .5 5 (.2 9 7) 7 .4 5 (.2 9 4)
7 .6 0 (.2 9 9 ) 7 .4 0 (.2 9 2 ) 1 .6 0 (.0 6 2) 1 .5 0 (.0 5 9) T YP . F E E D D IR E C T IO N 1 2 .1 0 (.4 7 5 ) 1 1 .9 0 (.4 6 9 ) 7 .1 0 (.2 79 ) 6 .9 0 (.2 72 )
1 6 .3 0 (.6 4 1 ) 1 5 .7 0 (.6 1 9 )
2 .3 0 (.0 9 0 ) 2 .1 0 (.0 8 3 )
NOTES : 1 . C O N T R O L L IN G D IM E N S IO N : M IL L IM E T E R . 2 . O U T LIN E C O N F O R M S T O E IA -4 8 1 & E IA -5 41 . 3 . E A C H O 3 30 .0 0 (1 3 .0 0 ) R E E L C O N T A IN S 2,50 0 D E V IC E S .
1 3 .2 0 (.5 1 9 ) 1 2 .8 0 (.5 0 4 ) 1 5.40 (.6 0 7) 1 1.90 (.4 6 9) 4
330.00 (13.000) M A X.
5 0.00 (1 .9 6 9) M IN .
NO TES : 1 . O U T LIN E C O M F O R M S T O E IA -4 1 8 -1 . 2 . C O N T R O L L IN G D IM E N S IO N : M IL L IM E T E R .. 3 . D IM E N S IO N M E A S U R E D @ H U B . 4 . IN C L U D E S F L A N G E D IS T O R T IO N @ O U T E R ED G E .
1 8 .4 0 (.72 4 ) M AX . 1 4 .4 0 (.5 6 6 ) 1 2 .4 0 (.4 8 8 )
4
3
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331 IR GREAT BRITAIN: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020 IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111 IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086 IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 838 4630 IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan Tel: 886-2-2377-9936 http://www.irf.com/ Data and specifications subject to change without notice. 2/99
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRLL014

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X