Part Number Hot Search : 
RF501BL 1ZSFXX AD561J GBLCSC0 LT1963 6047741 3386T103 DS1832S
Product Description
Full Text Search
 

To Download IRG4PC30U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD 91461E
IRG4PC30U
INSULATED GATE BIPOLAR TRANSISTOR
Features
* UltraFast: Optimized for high operating frequencies 8-40 kHz in hard switching, >200 kHz in resonant mode * Generation 4 IGBT design provides tighter parameter distribution and higher efficiency than Generation 3 * Industry standard TO-247AC package
C
UltraFast Speed IGBT
VCES = 600V
G E
VCE(on) typ. = 1.95V
@VGE = 15V, IC = 12A
n-channel
Benefits
* Generation 4 IGBT's offer highest efficiency available * IGBT's optimized for specified application conditions * Designed to be a "drop-in" replacement for equivalent industry-standard Generation 3 IR IGBT's
TO-247AC
Absolute Maximum Ratings
Parameter
VCES IC @ TC = 25C IC @ TC = 100C ICM ILM VGE EARV PD @ TC = 25C PD @ TC = 100C TJ TSTG Collector-to-Emitter Breakdown Voltage Continuous Collector Current Continuous Collector Current Pulsed Collector Current Q Clamped Inductive Load Current R Gate-to-Emitter Voltage Reverse Voltage Avalanche Energy S Maximum Power Dissipation Maximum Power Dissipation Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds Mounting torque, 6-32 or M3 screw.
Max.
600 23 12 92 92 20 10 100 42 -55 to + 150 300 (0.063 in. (1.6mm from case ) 10 lbf*in (1.1N*m)
Units
V A
V mJ W
C
Thermal Resistance
Parameter
RJC RCS RJA Wt Junction-to-Case Case-to-Sink, Flat, Greased Surface Junction-to-Ambient, typical socket mount Weight
Typ.
--- 0.24 --- 6 (0.21)
Max.
1.2 --- 40 ---
Units
C/W g (oz)
www.irf.com
1
12/30/00
IRG4PC30U
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameter Min. Typ. Collector-to-Emitter Breakdown Voltage 600 -- Emitter-to-Collector Breakdown Voltage T 18 -- V(BR)CES/TJ Temperature Coeff. of Breakdown Voltage -- 0.63 -- 1.95 Collector-to-Emitter Saturation Voltage -- 2.52 VCE(ON) -- 2.09 VGE(th) Gate Threshold Voltage 3.0 -- VGE(th)/TJ Temperature Coeff. of Threshold Voltage -- -13 gfe Forward Transconductance U 3.1 8.6 -- -- ICES Zero Gate Voltage Collector Current -- -- -- -- IGES Gate-to-Emitter Leakage Current -- -- V(BR)CES V(BR)ECS Max. Units Conditions -- V VGE = 0V, IC = 250A -- V VGE = 0V, IC = 1.0A -- V/C VGE = 0V, IC = 1.0mA 2.1 IC = 12A VGE = 15V -- IC = 23A See Fig.2, 5 V -- IC = 12A , TJ = 150C 6.0 VCE = VGE, IC = 250A -- mV/C VCE = VGE, IC = 250A -- S VCE = 100 V, IC = 12A 250 VGE = 0V, VCE = 600V A 2.0 VGE = 0V, VCE = 10V, TJ = 25C 1000 VGE = 0V, VCE = 600V, TJ = 150C 100 nA VGE = 20V
Switching Characteristics @ TJ = 25C (unless otherwise specified)
Qg Qge Qgc td(on) tr td(off) tf Eon Eoff Ets td(on) tr td(off) tf Ets LE Cies Coes Cres Notes: Parameter Total Gate Charge (turn-on) Gate - Emitter Charge (turn-on) Gate - Collector Charge (turn-on) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-On Switching Loss Turn-Off Switching Loss Total Switching Loss Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Switching Loss Internal Emitter Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Min. -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- Typ. 50 8.1 18 17 9.6 78 97 0.16 0.20 0.36 20 13 180 140 0.73 13 1100 73 14 Max. Units Conditions 75 IC = 12A 12 nC VCC = 400V See Fig.8 27 VGE = 15V -- -- TJ = 25C ns 120 IC = 12A, VCC = 480V 150 VGE = 15V, RG = 23 -- Energy losses include "tail" -- mJ See Fig. 10, 11, 13, 14 0.50 -- TJ = 150C, -- IC = 12A, VCC = 480V ns -- VGE = 15V, RG = 23 -- Energy losses include "tail" -- mJ See Fig. 13, 14 -- nH Measured 5mm from package -- VGE = 0V -- pF VCC = 30V See Fig. 7 -- = 1.0MHz
Q Repetitive rating; VGE = 20V, pulse width limited by
max. junction temperature. ( See fig. 13b )
R VCC = 80%(VCES), VGE = 20V, L = 10H, RG = 23,
(See fig. 13a)
T Pulse width 80s; duty factor 0.1%. U Pulse width 5.0s, single shot.
S Repetitive rating; pulse width limited by maximum
junction temperature.
2
www.irf.com
IRG4PC30U
40
Fo r b o th :
T ria n g u lar w a v e :
Load Curre nt (A )
30
D u ty cy c le : 5 0 % TJ = 1 2 5 C T s in k = 9 0 C G a te d riv e a s s p e c ifie d P o w e r D is s ip a tio n = 2 4 W
C la m p vo lta g e : 8 0 % o f ra ted
S qu a re w a ve :
20
6 0 % o f ra te d v o lta g e
10
Id e a l dio d e s
0 0.1 1 10
A
100
f, F re q u e n c y (k H z)
Fig. 1 - Typical Load Current vs. Frequency
(For square wave, I=IRMS of fundamental; for triangular wave, I=IPK)
100
100
TJ = 2 5 C T J = 1 5 0 C
10
I C , C o lle ctor-to-Em itte r C urren t (A )
I C , C olle cto r-to -E m itte r C u rre n t (A )
T J = 1 5 0 C
10
TJ = 25 C
1
1
0.1 0.1 1
VG E = 1 5 V 2 0 s P U L S E W ID T H A
10
0.1 5 6 7 8
V CC = 10V 5 s P U L SE W ID TH
9 10 11
A
12
V C E , C o lle cto r-to -E m itte r V o lta g e (V )
VG E , G ate-to -Em itter V olta ge (V)
Fig. 2 - Typical Output Characteristics www.irf.com
Fig. 3 - Typical Transfer Characteristics 3
IRG4PC30U
M a xim u m D C C o lle c to r C u rre n t (A
25 3.0
V C E , C ollector-to-Em itter Volta ge (V)
V GE = 15V
VGE = 15V 8 0 s P U L S E W ID T H
IC = 2 4 A
20
2.5
15
IC = 1 2 A
2.0
10
5
I C = 6 .0 A
A
-60 -40 -20 0 20 40 60 80 100 120 140 160
0 25 50 75 100 125
A
150
1.5
TC , C a s e Te m p e ra tu re (C )
T J , Ju n c tio n T e m p e ra tu re (C )
Fig. 4 - Maximum Collector Current vs. Case Temperature
Fig. 5 - Collector-to-Emitter Voltage vs. Junction Temperature
10
T he rm al R e sp ons e (Z thJ C )
1
D = 0 .5 0
0 .2 0 0 .1 0
PD M
0 .1
0 .0 5 0 .0 2 0 .0 1 S IN G L E P U L S E (T H E R M A L R E S P O N S E )
t
1
t2
N o te s : 1 . D u ty fa c to r D = t
1
/t
2
0 .0 1 0 .0 0 0 0 1
2 . P e a k T J = P D M x Z th J C + T C
0 .0 0 0 1
0 .0 0 1
0 .0 1
0 .1
1
10
t 1 , R e c ta n gu la r P u ls e D ura tio n (s e c )
Fig. 6 - Maximum Effective Transient Thermal Impedance, Junction-to-Case 4 www.irf.com
IRG4PC30U
2000
C , C a pac ita n ce (pF )
1600
V G E , G ate -to -E m itter V olta g e (V )
V GE = C ie s = C re s = C oes =
0V , f = 1MHz C g e + C g c , C ce S H O R TE D C gc C ce + C g c
20
VCE = 400V I C = 12A
16
C ie s
1200
12
800
C oes
8
400
C re s
4
0 1 10
A
100
0 0 10 20 30 40
A
50
V C E , C o lle c to r-to -E m itte r V o lta g e (V )
Q g , To ta l G a te C h a rg e (n C )
Fig. 7 - Typical Capacitance vs. Collector-to-Emitter Voltage
Fig. 8 - Typical Gate Charge vs. Gate-to-Emitter Voltage
0.5
T o ta l S witch ing L o ss e s (m J)
0.4
T otal S witch ing L os se s (m J )
V CC VGE TJ IC
= 480V = 15V = 25 C = 12A
10
RG = 23 V GE = 15V V CC = 480V
IC = 2 4 A
1
IC = 12A
0.3
I C = 6 .0 A
0.2 0 10 20 30 40 50
A
60
0.1 -60 -40 -20 0 20 40 60 80 100 120 140
A
160
R G , Ga te R e sistance ( )
TJ , Ju n c tio n T e m p e ra tu re (C )
Fig. 9 - Typical Switching Losses vs. Gate Resistance www.irf.com
Fig. 10 - Typical Switching Losses vs. Junction Temperature 5
IRG4PC30U
1.6
T ota l S witch in g Los se s (m J)
1.2
I C , C ollector-to-E m itter C urrent (A )
RG TJ V CC V GE
= 23 = 1 5 0 C = 480V = 15V
1000
VG E E 2 0V G= T J = 12 5 C
100
S A FE O P E R A TIN G A R E A
10
0.8
0.4
1
0.0 0 10 20 30
A
0 .1 1 10 100 1000
I C , C o lle c to r-to -E m itte r C u rre n t (A )
V C E , Collecto r-to-E m itter V oltage (V )
Fig. 11 - Typical Switching Losses vs. Collector-to-Emitter Current
Fig. 12 - Turn-Off SOA
6
www.irf.com
IRG4PC30U
L 50V 1 00 0V VC *
D .U .T.
RL = 0 - 480V 480V 4 X IC@25C
480F 960V R
Q
* Driver s am e ty pe as D .U .T.; Vc = 80% of V ce (m ax ) * Note: D ue to the 50V pow er s upply, pulse w idth a nd inductor w ill inc rea se to obta in ra ted Id.
Fig. 13a - Clamped Inductive
Load Test Circuit
Fig. 13b - Pulsed Collector
Current Test Circuit
IC L D river* 50V 1000V Q R S
* Driver same type as D.U.T., VC = 480V
D .U .T. VC
Fig. 14a - Switching Loss
Test Circuit
Q
R
9 0%
S
1 0% 90 %
VC
t d (o ff)
Fig. 14b - Switching Loss
Waveforms
10 % IC 5% t d (o n )
tr E on E ts = ( Eo n +E o ff )
tf t=5 s E o ff
www.irf.com
7
IRG4PC30U
Case Outline and Dimensions TO-247AC
3 .6 5 (.1 4 3 ) 3 .5 5 (.1 4 0 ) 0 .2 5 (.0 1 0 ) M D B M -A5 .5 0 (.2 1 7)
-D-
1 5 .9 0 (.6 2 6 ) 1 5 .3 0 (.6 0 2 ) -B-
5 .3 0 ( .2 0 9 ) 4 .7 0 ( .1 8 5 ) 2 .5 0 (.0 8 9 ) 1 .5 0 (.0 5 9 ) 4
N O TE S : 1 D IM E N S IO N S & T O L E R A N C IN G P E R A N S I Y 14 .5 M , 1 9 8 2 . 2 C O N T R O L L IN G D IM E N S IO N : IN C H . 3 D IM E N S IO N S A R E S H O W N M ILL IM E T E R S (IN C H E S ). 4 C O N F O R M S T O JE D E C O U T L IN E T O -2 4 7 A C .
2 0 .3 0 (.8 0 0 ) 1 9 .7 0 (.7 7 5 ) 1 2 3
2X
5 .5 0 (.2 17 ) 4 .5 0 (.1 77 )
-C-
LEAD 1234-
A S S IG N M E N T S GATE COLLE CTO R E M IT T E R COLLE CTO R
*
1 4 .8 0 (.5 8 3 ) 1 4 .2 0 (.5 5 9 )
4 .3 0 (.1 7 0 ) 3 .7 0 (.1 4 5 )
*
3X C AS 0 .8 0 (.0 3 1 ) 0 .4 0 (.0 1 6 ) 2 .6 0 ( .1 0 2 ) 2 .2 0 ( .0 8 7 )
2 .4 0 ( .0 9 4 ) 2 .0 0 ( .0 7 9 ) 2X 5 .4 5 (.2 1 5 ) 2X
L O N G E R L E A D E D (2 0m m ) V E R S IO N A V A IL A B LE (T O -24 7 A D ) T O O R D E R A D D "-E " S U F F IX T O P A R T N U M B ER
3X
1 .4 0 (.0 5 6 ) 1 .0 0 (.0 3 9 ) 0 .2 5 (.0 1 0 ) M
3 .4 0 (.1 3 3 ) 3 .0 0 (.1 1 8 )
CONFORMS TO JEDEC OUTLINE TO-247AC (TO-3P)
D im e n s ion s in M illim e te rs a n d (In c h es )
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. Data and specifications subject to change without notice. 12/00
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRG4PC30U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X