Part Number Hot Search : 
TQDV25A MAX809 M3E21XPD BD5351G GJ9435 2SJ587 2AFBR DUD1215
Product Description
Full Text Search
 

To Download IRFI9Z34N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 9.1530A
IRFI9Z34N
HEXFET(R) Power MOSFET
Advanced Process Technology l Isolated Package l High Voltage Isolation = 2.5KVRMS l Sink to Lead Creepage Dist. = 4.8mm l P-Channel l Fully Avalanche Rated Description
l
D
VDSS = -55V
G S
RDS(on) = 0.10 ID = -14A
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. The TO-220 Fullpak eliminates the need for additional insulating hardware in commercial-industrial applications. The moulding compound used provides a high isolation capability and a low thermal resistance between the tab and external heatsink. This isolation is equivalent to using a 100 micron mica barrier with standard TO-220 product. The Fullpak is mounted to a heatsink using a single clip or by a single screw fixing.
TO-220 FULLPAK
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS EAS IAR EAR dv/dt TJ TSTG Continuous Drain Current, VGS @ -10V Continuous Drain Current, VGS @ -10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds Mounting torque, 6-32 or M3 screw
Max.
-14 -10 - 68 37 0.24 20 180 -10 3.7 -5.0 -55 to + 175 300 (1.6mm from case ) 10 lbf*in (1.1N*m)
Units
A W W/C V mJ A mJ V/ns C
Thermal Resistance
Parameter
RJC RJA Junction-to-Case Junction-to-Ambient
Typ.
--- ---
Max.
4.1 65
Units
C/W 8/25/97
IRFI9Z34N
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
RDS(on) VGS(th) gfs IDSS I GSS Qg Q gs Q gd t d(on) tr t d(off) tf LD LS Ciss Coss Crss
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
Min. -55 --- --- -2.0 4.2 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Typ. --- -0.05 --- --- --- --- --- --- --- --- --- --- 13 55 30 41 4.5 7.5 620 280 140
Max. Units Conditions --- V VGS = 0V, ID = -250A --- V/C Reference to 25C, I D = -1mA 0.10 VGS = -10V, ID = - 7.8A -4.0 V VDS = VGS , ID = -250A --- S VDS = 25V, I D = -10A -25 VDS = - 55V, VGS = 0V A -250 VDS = - 44V, VGS = 0V, T J = 150C 100 V GS = 20V nA -100 VGS = -20V 35 ID = -10A 7.9 nC VDS = - 44V 16 VGS = -10V, See Fig. 6 and 13 --- VDD = -28V --- I D = -10A ns --- RG = 13 --- RD = 2.6, See Fig. 10 D Between lead, --- 6mm (0.25in.) nH G from package --- and center of die contact S --- VGS = 0V --- pF VDS = -25V --- = 1.0MHz, See Fig. 5
Source-Drain Ratings and Characteristics
IS
ISM
V SD t rr Q rr t on
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge Forward Turn-On Time
Min. Typ. Max. Units
Conditions D MOSFET symbol --- --- -14 showing the A G integral reverse --- --- -68 p-n junction diode. S --- --- -1.3 V TJ = 25C, IS = - 7.8A, VGS = 0V --- 54 82 ns TJ = 25C, IF = -10A --- 110 160 nC di/dt = -100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Notes:
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
Pulse width 300s; duty cycle 2%. t=60s, =60Hz
Uses IRF9Z34N data and test conditions
Starting TJ = 25C, L = 3.6mH
RG = 25, IAS = -10A. (See Figure 12)
ISD -10A, di/dt -290A/s, VDD V(BR)DSS,
TJ 175C
IRFI9Z34N
100
VGS - 15V - 10V - 8.0V - 7.0V - 6.0V - 5.5V - 5.0V BOTT OM - 4. 5V TOP
100
-ID , D ra in -to -S o u rce C u rre n t (A )
-ID , D ra in -to -S o u rc e C u rre n t (A )
VGS - 15V - 10V - 8.0V - 7.0V - 6.0V - 5.5V - 5.0V BOTT OM - 4. 5V TOP
10
10
-4 .5V 20 s PU LSE W ID TH
1 0.1 1
-4 .5V
1 0.1 1
2 0 s PU LS E W ID TH TJ = 2 5C T c = 25C A
10 100
TTC = 175C TJ 175C J = 1 75C
10
100
A
-VD S , Drain-to-Source Voltage (V)
-VD S , Drain-to-Source V oltage (V )
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
2.0
R D S (o n ) , D ra in -to -S o u rc e O n R e si sta n ce (N o rm a li ze d )
I D = -1 7A
-I D , D rain -to- S our ce C urr ent ( A )
1.5
T J = 2 5 C T J = 1 7 5 C
10
1.0
0.5
1 4 5 6 7
V DS = -2 5 V 2 0 s P U L S E W ID T H
8 9 10
A
0.0 -60 -40 -20 0 20 40 60 80
VG S = -10 V
100 120 140 160 180
A
-VG S , Ga te-to-S o urce V oltage (V )
T J , Junction T em perature (C )
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
IRFI9Z34N
1200
-V G S , G a te -to -S o u rce V o lta g e (V )
1000
V GS C is s C rss C oss
= 0 V, f = 1M H z = C gs + C gd , Cds SH OR TE D = C gd = C d s + C gd
20
I D = -10 A V DS = -44 V V DS = -28 V
16
C , C a p a cita n ce (p F )
800
C is s C o ss
12
600
8
400
C rs s
200
4
0 1 10 100
A
0 0 10 20
FO R TEST C IR C U IT SEE F IGU R E 1 3
30 40
A
-VD S , D rain-to-S ource V oltage (V)
Q G , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
1000
-IS D , R e ve rse D ra in C u rre n t (A )
OPE R ATIO N IN TH IS A RE A LIMITE D BY R D S(o n)
10
-I D , D ra in C u rre n t (A )
100 1 0s
T J = 17 5C T J = 25 C
100 s 10 1m s
1
0.1 0.2 0.4 0.6 0.8 1.0 1.2
VG S = 0 V
1.4
A
1 1
TJ = 25C T C = 2 5C T J = 1 75C Sin gle Pu lse
10
10m s
1.6
A
100
-VS D , Source-to-D rain V oltage (V )
-VD S , Drain-to-Source V oltage (V )
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
IRFI9Z34N
16
VDS VGS RG
RD
D.U.T.
+
-I D , Drain Current (A)
12
-10V
8
Pulse Width 1 s Duty Factor 0.1 %
4
Fig 10a. Switching Time Test Circuit
td(on) tr t d(off) tf
VGS 10%
0 25 50 75 100 125 150 175
T C , Case Temperature
( C)
90% VDS
Fig 9. Maximum Drain Current Vs. Case Temperature
Fig 10b. Switching Time Waveforms
10
(Z thJC )
D = 0.50 1 0.20 0.10 0.05 0.02 0.01 PDM SINGLE PULSE (THERMAL RESPONSE) t1 t2 Notes: 1. Duty factor D = t1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1 1
Thermal Response
0.1
0.01 0.00001
t1, Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
-
VDD
IRFI9Z34N
VDS
E A S , S in g le P u ls e A va la n c h e E n e rg y (m J)
L
500
TOP
400
RG
D .U .T IA S D R IV E R
0 .0 1
VD D A
BO TTOM
ID -4 .2A -7.2 A -10 A
- 20V tp
300
200
15V
Fig 12a. Unclamped Inductive Test Circuit
100
0 25 50 75 100 125 150
A
175
I AS
Starting TJ , Junction T emperature (C)
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
tp V(BR)DSS
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
VG
VGS
-3mA
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
+
QGS
QGD
D.U.T.
-
-10V
VDS
IRFI9Z34N
Peak Diode Recovery dv/dt Test Circuit
+
D.U.T* Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
+
-
+
RG VGS * dv/dt controlled by RG * I SD controlled by Duty Factor "D" * D.U.T. - Device Under Test
+ VDD
*
Reverse Polarity of D.U.T for P-Channel
Driver Gate Drive P.W. Period D=
P.W. Period
[VGS=10V ] ***
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
[VDD]
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
[ISD ]
*** VGS = 5.0V for Logic Level and 3V Drive Devices Fig 14. For P-Channel HEXFETS
IRFI9Z34N
Package Outline
TO-220 Fullpak Outline Dimensions are shown in millimeters (inches)
10.60 (.41 7) 10.40 (.40 9) o 3.40 (.133 ) 3.10 (.123 ) -A 3.70 (.145) 3.20 (.126) 4.8 0 (.189) 4.6 0 (.181) 2 .80 (.110) 2 .60 (.102) LE AD A S SIGN M E N T S 1 - GA TE 2 - D R AIN 3 - SO U R C E
7 .10 (.280) 6 .70 (.263)
16 .0 0 (.630) 15 .8 0 (.622)
1.15 (.04 5) M IN . 1 2 3
N O T ES : 1 D IM EN SION IN G & T O LER A N C IN G PE R AN S I Y14.5 M , 1982 2 C O N TR OLLIN G D IM EN S ION : IN C H .
3.30 (.130 ) 3.10 (.122 ) -B13 .7 0 (.540) 13 .5 0 (.530) C D
A 3X 1.40 (.05 5) 1.05 (.04 2) 0.9 0 (.035) 3X 0.7 0 (.028) 0.25 (.010 ) M AM B 3X 0.48 (.019) 0.44 (.017)
B
2 .54 (.100) 2X
2.85 (.112 ) 2.65 (.104 )
M IN IM U M C R E EP AG E D IST A NC E B ET W E EN A-B -C -D = 4.80 (.189 )
Part Marking Information
TO-220 Fullpak E X AMXAM PLE H IS HIS A N A N F1 010 E PL E : T : T I S IS IR IRF I840G W ITW ITH S E MB LY H A S AS SE MBLY L OTLOT D E 9 B1M CO CODE E401
A
I NT E RN A TIO N AL INT ER NAT IONA L R E C TIF IE R IRF 10 10 RE CTIF IER IRF I840G LOG O 9246 LOGO 9B 401 1 M 5 E 9 24 A SS E MB LY AS SE MBLY LOT C OD E E LOT COD
P AR T NU M BE R
A
PA RT NU MBE R
D A TE C OD E (Y YW W )CODE D ATE Y(YYW YE)A R Y=W YY = W AR W W = YE EE K
W W = W E EK
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331 EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020 IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111 IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ki, Tokyo Japan 171 Tel: 81 3 3983 0086 IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371 http://www.irf.com/ Data and specifications subject to change without notice. 8/97


▲Up To Search▲   

 
Price & Availability of IRFI9Z34N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X