Part Number Hot Search : 
M38B79M3 2SK389GR D2415 BR10100 C5039 SK240 LR8729 B65883A
Product Description
Full Text Search
 

To Download IRF7811W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD-94031A
IRF7811W
HEXFET(R) Power MOSFET for DC-DC Converters
* * * * N-Channel Application-Specific MOSFETs Ideal for CPU Core DC-DC Converters Low Conduction Losses Low Switching Losses
S S
1
8 7
A D D D D
2
Description This new device employs advanced HEXFET Power MOSFET technology to achieve an unprecedented balance of on-resistance and gate charge. The reduced conduction and switching losses make it ideal for high efficiency DC-DC converters that power the latest generation of microprocessors. The IRF7811W has been optimized for all parameters that are critical in synchronous buck converters including RDS(on), gate charge and Cdv/dt-induced turn-on immunity. The IRF7811W offers particulary low RDS(on) and high Cdv/ dt immunity for synchronous FET applications. The package is designed for vapor phase, infra-red, convection, or wave soldering techniques. Power dissipation of greater than 3W is possible in a typical PCB mount application.
S G
3
6
4
5
SO-8
T o p V ie w
DEVICE CHARACTERISTICS IRF7811W RDS(on) QG Qsw Qoss 9.0m 18nC 5.5nC 12nC
Absolute Maximum Ratings Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain or Source Current (VGS 4.5V) Pulsed Drain Current Power Dissipation TA = 25C TL = 90C Junction & Storage Temperature Range Continuous Source Current (Body Diode) Pulsed Source Current Thermal Resistance Parameter Maximum Junction-to-Ambient Maximum Junction-to-Lead RJA RJL Max. 40 20 Units C/W C/W TJ, TSTG IS ISM TA = 25C TL = 90C IDM PD Symbol VDS VGS ID IRF7811W 30 12 14 13 109 3.1 3.0 -55 to 150 3.8 109 C A W A Units V
3/13/01
IRF7811W
Electrical Characteristics
Parameter Drain-to-Source Breakdown Voltage Static Drain-Source on Resistance Gate Threshold Voltage Drain-Source Leakage Current BVDSS RDS(on) VGS(th) IDSS 1.0 30 150 IGSS QG QG QGS1 QGS2 QGD Qsw Qoss RG td (on) tr td tf Ciss Coss - - -
(off)
Min 30
Typ - 9.0
Max - 12
Units V m V
Conditions VGS = 0V, ID = 250A VGS = 4.5V, ID = 15A VDS = VGS,I D = 250A VDS = 24V, VGS = 0 VDS = 24V, VGS = 0, Tj = 100C VGS = 12V VGS=5.0V, ID=15A, VDS=16V VGS = 5V, VDS< 100mV VDS = 16V, ID = 15A
Current*
A nA
Gate-Source Leakage Current Total Gate Chg Cont FET Total Gate Chg Sync FET Pre-Vth Gate-Source Charge Post-Vth Gate-Source Charge Gate to Drain Charge Switch Chg(Qgs2 + Qgd) Output Charge Gate Resistance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance
100 18 15.6 6.0 1.4 4.1 5.5 12 2.0 11 11 29 9.9 2335 400 119 - - - 24
nC
VDS = 16V, VGS = 0 VDD = 16V, I D = 15A ns VGS = 5.0V Clamped Inductive Load
pF
VDS = 16V, VGS = 0
Reverse Transfer Capacitance Crss
Source-Drain Rating & Characteristics
Parameter Diode Forward Voltage* Reverse Recovery Charge Reverse Recovery Charge (with Parallel Schottky) VSD Qrr Qrr(s) 45 Min Typ Max 1.25 Units V nC Conditions IS = 15A, VGS = 0V di/dt ~ 700A/s VDS = 16V, VGS = 0V, IS = 15A 41 nC di/dt = 700A/s (with 10BQ040) VDS = 16V, VGS = 0V, IS = 15A
Notes:

Repetitive rating; pulse width limited by max. junction temperature. Pulse width 400 s; duty cycle 2%. When mounted on 1 inch square copper board Typ = measured - Qoss Typical values of RDS(on) measured at VGS = 4.5V, QG, QSW and QOSS measured at VGS = 5.0V, IF = 15A.
2
www.irf.com
IRF7811W
2.0
ID = 15A
6.0
RDS(on) , Drain-to-Source On Resistance (Normalized)
1.5
VGS, Gate-to-Source Voltage (V)
ID = 15A VDS = 16V
4.0
1.0
2.0
0.5
0.0 -60 -40 -20
VGS = 4.5V
0 20 40 60 80 100 120 140 160
0.0 0 4 8 12 16 20
TJ , Junction Temperature ( C)
QG, Total Gate Charge (nC)
Fig 1. Normalized On-Resistance Vs. Temperature
Fig 2. Typical Gate Charge Vs. Gate-to-Source Voltage
R DS(on) , Drain-to -Source On Resistance ( )
0.020
4000
VGS = 0V, f = 1 MHZ Ciss = C + Cgd, C gs ds SHORTED Crss = C gd Coss = C + Cgd ds
3000 0.015
C, Capacitance(pF)
Ciss
2000
ID = 15A
0.010
1000
Coss
0.005 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0
Crss
0 1 10 100
VGS, Gate -to -Source Voltage (V)
VDS, Drain-to-Source Voltage (V)
Fig 3. On-Resistance Vs. Gate Voltage
Fig 4. Typical Capacitance Vs. Drain-to-Source Voltage
www.irf.com
3
IRF7811W
100 100
I D , Drain-to-Source Current (A)
TJ = 150 C
10
ISD , Reverse Drain Current (A)
TJ = 150 C
10
TJ = 25 C
1
TJ = 25 C
1
0.1 2.5
V DS = 15V 20s PULSE WIDTH 3.0 3.5 4.0 4.5 5.0
0.1 0.4
V GS = 0 V
0.6 0.8 1.0 1.2
VGS , Gate-to-Source Voltage (V)
VSD ,Source-to-Drain Voltage (V)
Fig 5. Typical Transfer Characteristics
Fig 6. Typical Source-Drain Diode Forward Voltage
100
Thermal Response (Z thJA )
D = 0.50 10
0.20 0.10 0.05 P DM
1
0.02 0.01 SINGLE PULSE (THERMAL RESPONSE) t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJA + TA 0.001 0.01 0.1 1 10
0.1 0.00001
0.0001
t1 , Rectangular Pulse Duration (sec)
Figure 7. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
4
www.irf.com
IRF7811W
SO-8 Package Details
D -B -
D IM
5
IN C H E S M IN .0532 .0040 .014 .0 075 .1 89 .150 MAX .0688 .0098 .018 .0 098 .1 96 .157
M IL LIM E T E R S M IN 1 .35 0 .10 0 .36 0 .19 4 .80 3 .81 M AX 1 .75 0 .25 0 .46 0.25 4.98 3 .99
A
6 5 H 0.2 5 (.0 10 ) M AM
5
8 E -A -
7
A1 B C D E e e1 H K
0 .10 (.00 4) L 8X 6 C 8X
1
2
3
4
e 6X
e1 A
K x 45
.050 B A S IC .025 B A S IC .2 284 .011 0 .16 0 .2 440 .019 .050 8
1.2 7 B A S IC 0.6 35 B A S IC 5 .80 0 .28 0 .41 0 6.20 0 .48 1.27 8
-CB 8X 0 .25 (.01 0) A1 M CASBS
L
R E CO M M E ND E D F O O TP R IN T 0 .72 (.02 8 ) 8X
N O TE S : 1 . D IM EN SIO N IN G AN D TO L ER A NC IN G P ER AN S I Y1 4.5 M -198 2. 2 . C O N TRO L LIN G D IM EN SIO N : IN C H . 3 . D IM EN SIO N S A RE SH O W N IN M ILLIM E TE R S (IN C HE S). 4 . O U TLIN E CO N F O RM S TO JED E C O U TLINE M S -0 12 AA . 5 D IM E NS IO N D O ES N O T IN C LU D E M O LD PR O TR US IO N S M O LD P R O TR U SIO NS N O T TO EXCE ED 0 .2 5 (.00 6). 6 D IM E NS IO N S IS TH E LE N G TH O F L EA D FO R SO L DE R IN G TO A SU B STRA TE..
6 .46 ( .25 5 )
1 .78 (.07 0) 8X
1.27 ( .0 50 ) 3X
SO-8 Part Marking
www.irf.com
5
IRF7811W
SO-8 Tape and Reel
T E R M INA L NU M B E R 1
12 .3 ( .4 8 4 ) 11 .7 ( .4 6 1 )
8 .1 ( .3 1 8 ) 7 .9 ( .3 1 2 )
F E E D D IRE C T IO N
NOTES: 1 . C O N T R O L L IN G D IM E N S IO N : M IL L IM E T E R . 2 . A L L D IM E N S IO N S A R E S H O W N IN M IL L IM E T E R S (IN C H E S ). 3 . O U T L IN E C O N F O R M S T O E IA -4 8 1 & E IA -5 4 1 .
33 0 .0 0 (1 2 .9 92 ) M AX .
1 4 .4 0 ( .5 6 6 ) 1 2 .4 0 ( .4 8 8 ) N O TES : 1 . CO N T R O L LIN G D IM E N S IO N : M ILL IM E T E R. 2 . O U T L IN E C O N F O R M S T O E IA -4 8 1 & E IA -5 4 1.
Data and specifications subject to change without notice. This product has been designed and qualified for the consumer market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 3/01
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRF7811W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X