Part Number Hot Search : 
NYC222 DE09SAM1 LTM9004 RF386 92CPE6 ATA2069 1510G HC451
Product Description
Full Text Search
 

To Download IRF7534D1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD -93864
IRF7534D1
FETKY MOSFET & Schottky Diode
Co-packaged power MOSFET and Schottky diode q Ultra Low On-Resistance MOSFET q Trench technology TM Footprint q Micro8 q Available in Tape & Reel Description
q
HEXFET(R)
A A S G
1
8
K K D D
2
7
VDSS = -20V RDS(on) = 0.055 Schottky Vf=0.39V
3
6
4
5
T op V ie w
The FETKY family of co-packaged MOSFETs and Schottky diodes offers the designer an innovative, board space saving solution for switching regulator and power management applications. International Rectifier utilizes advanced processing techniques to achieve extremely low on-resistance per silicon area. Combining this technology with International Rectifier's low forward drop Schottky rectifiers results in an extremely efficient device suitable for use in a wide variety of portable electronics applications, such as cell phones, PDAs, etc. The Micro8TM package makes an ideal device for applications where printed circuit board space is at a premium. The low profile (<1.1mm) of the Micro8TM will allow it to fit easily into extremely thin application environments such as portable electronics
Micro8TM
Absolute Maximum Ratings
Parameter
VDS ID @ TA = 25C ID @ TA = 70C IDM PD @TA = 25C PD @TA = 70C VGS dv/dt TJ , TSTG Drain-Source Voltage Continuous Drain Current, VGS @ -4.5V Continuous Drain Current, VGS @ -4.5V Pulsed Drain Current Maximum Power Dissipation Maximum Power Dissipation Linear Derating Factor Gate-to-Source Voltage Peak Diode Recovery dv/dt Junction and Storage Temperature Range
Max.
-20 -4.3 -3.4 -34 1.25 0.8 10 12 1.1 -55 to + 150
Units
V A W W mW/C V V/ns C
Thermal Resistance
Parameter
RJA
Max.
Units
100 C/W
Maximum Junction-to-Ambient
Notes: Repetitive rating - pulse width limited by max. junction temperature (see Fig. 9) ISD -1.2A, di/dt 100A/s, VDD V(BR)DSS, TJ 150C Pulse width 300s - duty cycle 2% When mounted on 1 inch square copper board to approximate typical multi-layer PCB thermal resistance
www.irf.com
1
3/22/00
IRF7534D1
MOSFET Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Parameter Drain-to-Source Breakdown Voltage Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Min. -20 --- --- -0.6 2.5 --- --- --- --- --- --- --- --- --- --- --- --- --- --- Typ. --- --- --- --- --- --- --- --- --- 10 2.1 2.5 10 46 60 64 1066 402 125 Max. Units Conditions --- V VGS = 0V, ID = -250A 0.055 VGS = -4.5V, ID = -4.3A 0.105 VGS = -2.5V, ID = -3.4A -1.2 V VDS = VGS, ID = -250A --- S VDS = -10V, ID = -0.8A -1.0 VDS = -16V, VGS = 0V A -25 VDS = -16V, VGS = 0V, TJ = 125C -100 VGS = -12V nA 100 VGS = 12V 15 ID = -3A 3.1 nC VDS = -10V 3.7 VGS = -5V --- VDD = -10V --- ID = -2A ns --- RG = 6.0 --- RD = 5, --- VGS = 0V --- pF VDS = -10V --- = 1.0MHz
MOSFET Source-Drain Ratings and Characteristics
IS
I SM
VSD t rr Q rr
Parameter Continuous Source Current(Body Diode) Pulsed Source Current (Body Diode) Body Diode Forward Voltage Reverse Recovery Time (Body Diode) Reverse Recovery Charge Parameter Max. Average Forward Current Max. peak one cycle Non-repetitive Surge current
Min. Typ. Max. Units Conditions --- --- -1.3 A --- --- -34 --- --- -1.2 V TJ = 25C, IS = -1.6A, VGS = 0V --- 54 82 ns TJ = 25C, IF = -2.5A --- 41 61 nC di/dt = 100A/s Max. Units 1.9 A 1.4 120 11 A Conditions 50% Duty Cycle. Rectangular Wave, TA = 25C TA = 70C See Fig.13 5s sine or 3s Rect. pulse Following any rated 10ms sine or 6ms Rect. pulse load condition & with VRRM applied Conditions IF = 1.0A, TJ = 25C IF = 2.0A, TJ = 25C IF = 1.0A, TJ = 125C IF = 2.0A, TJ = 125C . VR = 20V TJ = 25C TJ = 125C VR = 5Vdc ( 100kHz to 1 MHz) 25C Rated VR
Schottky Diode Maximum Ratings
IF(av)
I SM
Schottky Diode Electrical Specifications
VFM Parameter Max. Forward voltage drop Max. Units 0.50 0.62 V 0.39 0.57 0.02 mA 8 92 pF 3600 V/ s
IRM Ct dv/dt
Max. Reverse Leakage current Max. Junction Capacitance Max. Voltage Rate of Charge
( HEXFET is the reg. TM for International Rectifier Power MOSFET's )
2
www.irf.com
IRF7534D1
Power MOSFET Characteristics
100
VGS -7.50V -5.00V -4.00V -3.50V -3.00V -2.50V -2.00V BOTTOM -1.50V TOP
100
-I D , Drain-to-Source Current (A)
-I D , Drain-to-Source Current (A)
VGS -7.50V -5.00V -4.00V -3.50V -3.00V -2.50V -2.00V BOTTOM -1.50V TOP
10
10
1
1
-1.50V
-1.50V
0.1 0.1
20s PULSE WIDTH TJ = 25 C
1 10 100
0.1 0.1
20s PULSE WIDTH TJ = 150 C
1 10 100
-VDS , Drain-to-Source Voltage (V)
-VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
2.0
TJ = 25 C
R DS(on) , Drain-to-Source On Resistance (Normalized)
ID = -4.3A
-I D , Drain-to-Source Current (A)
1.5
TJ = 150 C
10
1.0
0.5
1 1.0
V DS = -15V 20s PULSE WIDTH 2.0 3.0 4.0 5.0
0.0 -60 -40 -20
VGS = -4.5V
0 20 40 60 80 100 120 140 160
-VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRF7534D1
Power MOSFET Characteristics
1600
15
-VGS , Gate-to-Source Voltage (V)
VGS = Ciss = Crss = Coss =
0V, f = 1MHz Cgs + Cgd , Cds SHORTED Cgd Cds + Cgd
ID = -4.3A -4.5A
12
C, Capacitance (pF)
1200
Ciss
VDS =-10V
9
800
6
400
Coss Crss
0 1 10 100
3
0 0 4 8 12 16 20 24
-VDS , Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
100
-ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY RDS(on)
10us
-ID , Drain Current (A) I
10
10
100us
TJ = 150 C TJ = 25 C
1
1ms
1
10ms
0.1 0.0
V GS = 0 V
0.4 0.8 1.2 1.6 2.0 2.4
0.1 0.1
TC = 25 C TJ = 150 C Single Pulse
1 10 100
-VSD ,Source-to-Drain Voltage (V)
-VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRF7534D1
Power MOSFET Characteristics
RDS (on) , Drain-to-Source On Resistance ( )
RDS(on) , Drain-to -Source On Resistance ( )
0.12
0.10
0.10 VGS = -2.5V
0.08
0.08
0.06
0.06
VGS = -4.5V
ID = -4.3A
0.04 0 5 10 15 20 -I D , Drain Current (A)
0.04 2.0 3.0 4.0 5.0 6.0
-V GS, Gate -to -Source Voltage (V)
Fig 9. Typical On-Resistance Vs. Drain Current
Fig 10. Typical On-Resistance Vs. Gate Voltage
1000
Thermal Response (Z thJA )
100 D = 0.50 0.20 10 0.10 0.05 0.02 0.01 1 SINGLE PULSE (THERMAL RESPONSE) P DM t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = P DM x Z thJA + TA 0.001 0.01 0.1 1 10 100
0.1 0.0001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
5
IRF7534D1
Schottky Diode Characteristics
10
100
10
TJ = 150C 125C
Reverse Current - IR (mA)
1
100C 75C 50C
0.1
0.01
25C
0.001
In sta nta n eo us F o rw a rd C urre n t - I F (A)
0.0001 0 4 8 12 16 20
)
Reverse Voltage - V R (V)
1
T J = 1 50 C T J = 1 25 C
Fig. 13 - Typical Values of Reverse Current Vs. Reverse Voltage
A llow ab le A m b ie nt T e m p era tu re - (C )
T J = 2 5C
160 140 120 100 80 60 40 20 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 D D D D D = 3/4 = 1/2 = 1/3 = 1/4 = 1/5 DC V r = 20 V R t hJA = 1 00C /W Sq uare wave
0.1 0.0 0.2 0.4 0.6 0.8 1.0
Forward Voltage D ro Forw a rd Vo lta ge Dropp --VFF(V)(V ) VM
A
Fig. 12 -Typical Forward Voltage Drop Characteristics
A v e ra ge F o rw ard C urren t - I F(AV ) (A )
Fig.14 - Maximum Allowable Ambient Temp. Vs. Forward Current
6
www.irf.com
IRF7534D1
Package Outline
Micro8TM Outline TM Dimensions are shown in millimeters (inches)
LE AD A S S IG N M E N TS D -B3 DDDD 8765 3 E -A1234 SSSG S1 G 1 S 2 G 2 8765 H 0.25 (.010) M A M S IN G LE 1234 D UAL 1234 D 1 D 1 D 2 D2 8765
D IM IN C H E S M IN MAX M IL LIM E TE R S M IN MAX
A A1 B C D e e1 E H L
.0 36 .0 04 .0 10 .0 05 .1 16
.044 .008 .014 .0 07 .1 20
0 .9 1 0 .1 0 0 .2 5 0 .13 2 .95
1 .11 0 .20 0 .36 0.18 3.05
.025 6 B A SIC .012 8 B A SIC .1 16 .1 88 .016 0 .120 .1 98 .0 26 6
0.6 5 BA S IC 0.3 3 BA S IC 2.9 5 4 .78 0 .4 1 0 3 .0 5 5.03 0 .6 6 6
e 6X e1 A -CB 8X 0.08 (.003) M A1 C AS BS 0.10 (.004) L 8X C 8X
RE C O M M E N D E D FO O T P RIN T 1.04 ( .041 ) 8X 0.38 8X ( .015 )
3.20 ( .126 )
4.24 5.28 ( .167 ) ( .208 )
NO TES : 1 D IM E N S IO N IN G A N D T O L E R A N C IN G P E R A N S I Y 1 4 .5 M -1 9 8 2 . 2 C O N T R O L L IN G D IM E N S IO N : IN C H . 3 D IM E N S IO N S D O N O T IN C L U D E M O L D F L A S H .
0.65 6X ( .0256 )
Part Marking Information
Micro8TM TM
D A T E C O D E (YW W ) A Y = LA S T D IG IT O F YE A R W W = W EEK
E X AM PLE : T H IS IS A N IR F 7501
451 7501
PART NUMBER
TO P
www.irf.com 7
IRF7534D1
Tape & Reel Information
Micro8TM TM Dimensions are shown in millimeters (inches)
T ER M IN A L N U M B E R 1
12.3 ( .484 ) 11.7 ( .461 )
8.1 ( .318 ) 7.9 ( .312 )
F E E D D IR EC T IO N
N O TE S : 1 . O U T L IN E C O N FO R M S T O E IA -4 81 & E IA -5 4 1 . 2 . C O N TR O L L IN G D IM E N S IO N : M IL LIM E T E R .
330.00 (12.992) M AX.
14.40 ( .566 ) 12.40 ( .488 ) NO TES : 1. C O N T R O LLIN G D IM E N S IO N : M ILLIM E T E R . 2. O U T LIN E C O N F O R M S T O E IA -481 & E IA -541.
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 252 7105 IR GREAT BRITAIN: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020 IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111 IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086 IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 838 4630 IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan Tel: 886-2-2377-9936 Data and specifications subject to change without notice. 2/2000
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRF7534D1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X