Part Number Hot Search : 
AU6320 FR100 330XM V600ME06 MAX1623 12203 412A0 M050B
Product Description
Full Text Search
 

To Download IDT74FST163233 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDT74FST163233 16-BIT 2:1 MUX/DEMUX SWITCH
INDUSTRIAL TEMPERATURE RANGE
16-BIT 2:1 MUX/DEMUX SWITCH
IDT74FST163233
FEATURES:
* * * *
Bus switches provide zero delay paths Low switch on-resistance TTL-compatible input and output levels ESD > 2000V per MIL-STD-883, Method 3015; > 200V using machine model (C = 200pF, R = 0) * Hot insertion capability * Very low power dissipation * Available in SSOP and TSSOP packages
DESCRIPTION:
The FST163233 belongs to IDT's family of Bus switches. Bus switch devices perform the function of connecting or isolating two ports without providing any inherent current sink or source capability. Thus they generate little or no noise of their own while providing a low resistance path for an external driver. These devices connect input and output ports through an n-channel FET. When the gate-to-source junction of this FET is adequately forward-biased the device conducts and the resistance between input and output ports is small. Without adequate bias on the gateto-source junction of the FET, the FET is turned off, therefore with no VCC applied, the device has hot insertion capability. The low on-resistance and simplicity of the connection between input and output ports reduces the delay in this path to close to zero. The FST163233 provides three 16-bit TTL-compatible ports that support 2:1 multiplexing. The SEL0,1 and TEST0,1 pins provide switch enable and mux select control as shown below. The A port can be connected to port 1B or port 2B or both ports 1B and 2B.
FUNCTIONAL BLOCK DIAGRAM
SEL0 TEST0
SEL1 TEST1
0A1-8
2B1-8
1A9-16
2B9-16
1B1-8 One of 16 Channels One of 16 Channels
1B9-16
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
INDUSTRIAL TEMPERATURE RANGE
1
(c) 2002 Integrated Device Technology, Inc.
MAY 2002
DSC-5517/1
IDT74FST163233 16-BIT 2:1 MUX/DEMUX SWITCH
INDUSTRIAL TEMPERATURE RANGE
PIN CONFIGURATION
0A1 1B2 2B2 0A3 1B4 2B4 0A5 1B6 2B6 0A7 1B8 2B8 GND VCC 1A9 1B10 2B10 1A11 1B12 2B12 1A13 1B14 2B14 1A15 1B16 2B16 TEST0 TEST1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 1B1 2B1 0A2 1B3 2B3 0A4 1B5 2B5 0A6 1B7 2B7 0A8 GND VCC 1B9 2B9 1A10 1B11 2B11 1A12 1B13 2B13 1A14 1B15 2B15 1A16 SEL0 SEL1
ABSOLUTE MAXIMUM RATINGS(1)
Symbol VTERM(2) TSTG IOUT Description Terminal Voltage with Respect to GND Storage Temperature Maximum Continuous Channel Current Max -0.5 to +7 -65 to +150 128 Unit V C mA
NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. Vcc, Control, and Switch terminals.
CAPACITANCE(1)
Symbol CIN CI/O Parameter Control Input Capacitance Switch Input/Output Capacitance A Port B Port Switch Off Switch Off Conditions(2) Typ. 6 17 12 Unit pF pF
NOTES: 1. Capacitance is characterized but not tested. 2. TA = 25C, f = 1MHz, VIN = 0V, VOUT = 0V.
PIN DESCRIPTION
Pin Names A, 1B, 2B SEL0, 1 TEST0, 1 I/O I/O I Description Buses A, 1B, 2B Control Pins for MUX and Switch Enable Functions
FUNCTION TABLE(1)
SEL0 L H X SEL1 L H X
NOTE: 1. H = HIGH Voltage Level L = LOW Voltage Level X = DOn't Care
TEST0 L L H TEST1 L L H
Description 0A to 1B 0A to 2B 0A to 1B and 0A to 2B Description 1A to 1B 1A to 2B 1A to 1B and 1A to 2B
SSOP/ TSSOP TOP VIEW
2
IDT74FST163233 16-BIT 2:1 MUX/DEMUX SWITCH
INDUSTRIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40C to +85C, VCC = 5.0V 10%
Symbol VIH VIL IIH IIL IOZH IOZL VIK IOFF ICC Parameter Control Input HIGH Voltage Control Input LOW Voltage Control Input HIGH Current Control Input LOW Current Current During Bus Switch Disconnect Clamp Diode Voltage Switch Power Off Leakage Quiescent Power Supply Current VCC = Min., IIN = -18mA VCC = 0V, VIN or VO 5.5V VCC = Max., VIN = GND or VCC VCC = Max., VO = 0 to 5V Test Conditions(1) Guaranteed Logic HIGH for Control Inputs Guaranteed Logic LOW for Control Inputs VCC = Max. VI = VCC VI = GND Min. 2 -- -- -- -- -- -- -- -- Typ.(2) -- -- -- -- -- -- -0.7 -- 0.1 Max. -- 0.8 1 1 1 1 -1.2 1 3 V A A A Unit V V A
BUS SWITCH IMPEDANCE OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40C to +85C, VCC = 5.0V 10%
Symbol RON IOS Parameter Switch On Resistance(2) Short Circuit Current, A to B(3) Test Conditions Vcc = Min., VIN = 0V, ION = 12mA Vcc = Min., VIN = 2.4V, ION = 8mA A(B) = 0V, B(A) = Vcc Min. -- -- 100 Typ. 5 10 --
(1)
Max. 7 15 --
Unit mA
NOTES: 1. Typical values are at Vcc = 5.0V, +25C ambient. 2. The voltage drop between the indicated ports divided by the current through the switch. 3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
3
IDT74FST163233 16-BIT 2:1 MUX/DEMUX SWITCH
INDUSTRIAL TEMPERATURE RANGE
POWER SUPPLY CHARACTERISTICS
Symbol ICC ICCD Parameter Quiescent Power Supply Current TTL Inputs HIGH Dynamic Power Supply Current(4,5) Dynamic Power Supply Current(4,5) Total Power Supply Current(6) VCC = Max. VIN = 3.4V(3) VCC = Max. One Select Pin Toggling 50% Duty Cycle VCC = Max. One Test Pin Toggling 50% Duty Cycle VCC = Max. One Select Pin Toggling fi = 10MHz 50% Duty Cycle VCC = Max. Two Select Pins Toggling fi = 10MHz 50% Duty Cycle VIN = VCC VIN = GND VIN = VCC VIN = GND VIN = VCC VIN = GND VIN = VCC VIN = 3.4V VIN = VCC VIN = GND VIN = VCC VIN = 3.4V Test Conditions(1) Min. -- -- Typ.(2) 0.5 30 Max. 1.5 40 Unit mA A/ MHz/ Select A/ MHz/ Test mA
ICCD
--
120
160
IC
-- -- -- --
0.3 0.6 0.6 1.1
0.4 1.2 0.8 2.3
NOTES: 1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type. TA = -40C to +85C 2. Typical values are at VCC = 5.0V, +25C ambient. 3. Per TTL driven input (VIN = 3.4V). All other inputs at VCC or GND. Switch inputs do not contribute to ICC. 4. This parameter represents the current required to switch the internal capacitance of the control inputs at the specified frequency. Switch inputs generate no significant power supply currents as they transition. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations. 5. CPD = ICCD/VCC CPD = Power Dissipation Capacitance 6. IC = IQUIESCENT + IINPUTS + IDYNAMIC IC = ICC + ICC DHNT + ICCD (fiN) ICC = Quiescent Current ICC = Power Supply Current for a TTL High Input (VIN = 3.4V) DH = Duty Cycle for TTL Inputs High NT = Number of TTL Inputs at DH ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL) fi = Control Input Frequency N = Number of Control Inputs Toggling at fi
4
IDT74FST163233 16-BIT 2:1 MUX/DEMUX SWITCH
INDUSTRIAL TEMPERATURE RANGE
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40C to +85C, VCC = 5.0V 10%
Symbol tPLH tPHL tBX tPZH tPZL tPHZ tPLZ |QCI| |QDCI| Description(1) Data Propagation Delay A to B, B to A(2) Switch Multiplex Delay SEL to A Switch CONNECT Delay SEL, TEST to B Switch DISCONNECT Delay SEL, TEST to B Charge Injection During Switch DISCONNECT TEST to A or B(3) Differential Charge Injection During Multiplexer Switching SEL to A or B(3) VCC = 5V 10% Min. -- 1.5 1.5 1.5 -- -- Typ. -- -- -- -- 1.5 0.5 Max. 0.25 6.5 6.5 7 -- -- VCC = 4V Min. -- -- -- -- -- -- Max. 0.25 7 7 7 -- -- Unit ns ns ns ns pC pC
NOTES: 1. See test circuits and waveforms. 2. The bus switch contributes no Propagation Delay other than the RC Delay of the load interacting with the RC of the switch. 3. |QCI| is the charge injection for a single switch DISCONNECT and applies to either single switches or multiplexers. |QDCI| is the charge injection for a multiplexer as the multiplexed port switches from one path to another. Charge injection is reduced because the injection from the DISCONNECT of the first path is compensated by the CONNECT of the second path.
5
IDT74FST163233 16-BIT 2:1 MUX/DEMUX SWITCH
INDUSTRIAL TEMPERATURE RANGE
TEST CIRCUITS AND WAVEFORMS
V CC 500 VIN Pulse Generator RT D.U.T. 50pF CL 500 OPPOSITE PHASE INPUT TRANSITION VOUT OUTPUT tPLH tPHL 7.0V SAME PHASE INPUT TRANSITION tPLH tPHL 3V 1.5V 0V VOH 1.5V VOL 3V 1.5V 0V
Propagation Delay Test Circuits for All Outputs
3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V
SWITCH POSITION
Test Open Drain Disable Low Enable Low All Other Tests Switch Closed Open
DATA INPUT TIMING INPUT ASYNCHRONOUS CONTROL SYNCHRONOUS CONTROL
tSU
tH
tREM
DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
tSU
tH
Set-up, Hold, and Release Times
VCC ENABLE 1 MHz Signal Generator Enable/Select Switch In Switch In (MUX) (2)
(1)
DISABLE 3V 1.5V
Switch D.U.T. Out
VOUT
(3)
CONTROL INPUT CL = 50pF tPZL OUTPUT NORMALLY LOW OUTPUT NORMALLY HIGH SWITCH CLOSED tPZH 3.5V 1.5V tPHZ 0.3V 1.5V 0V tPLZ
0V 3.5V 0.3V VOL VOH 0V
Charge Injection
NOTES: 1. Select is used with multiplexers for measuring IQDCII during multiplexer select. During all other tests Enable is used. 2. Used with multiplexers to measure IQDCII only. 3. Charge Injection = VOUT CL, with Enable toggling for IQCII or Select toggling for IQDCII. VOUT is the change in VOUT and is measured with a 10M probe.
SWITCH OPEN
Enable and Disable Times
NOTES: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH. 2. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2.5ns; tR 2.5ns.
LOW-HIGH-LOW PULSE tW HIGH-LOW-HIGH PULSE
1.5V
1.5V
Pulse Width 6
IDT74FST163233 16-BIT 2:1 MUX/DEMUX SWITCH
INDUSTRIAL TEMPERATURE RANGE
ORDERING INFORMATION
IDT XX FST Temp. Range XXX Family XXX Device Type X Package
PV PA
Shrink Small Outline Package Thin Shrink Small Outline Package
233 163 74
16-Bit 2:1 Mux/Demux Switch Double-Density Bus Switch -40C to +85C
DATA SHEET DOCUMENT HISTORY
5/24/2002 Removed TVSOP package
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
7


▲Up To Search▲   

 
Price & Availability of IDT74FST163233

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X