Part Number Hot Search : 
MPS80 CY621 FP40R12 1855MF9 63245 RT1N140C SMBJ60A MJW16212
Product Description
Full Text Search
 

To Download IDT72V16320 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.3V MULTIMEDIA FIFO 16 BIT V-III, 32 BIT Vx-III FAMILY UP TO 1 Mb DENSITY
IDT72V15160 IDT72V16160 IDT72V17160 IDT72V18160 IDT72V19160
PRELIMINARY IDT72V14320 IDT72V15320 IDT72V16320 IDT72V17320 IDT72V18320 IDT72V19320
FEATURES:
*
Choose among the following memory organizations: Commercial
V-III Vx-III
* * * * * * * *
IDT72V15160 - 4,096 x 16 IDT72V16160 - 8,192 x 16 IDT72V17160 - 16,384 x 16 IDT72V18160 - 32,768 x 16 IDT72V19160 - 65,536 x 16
IDT72V14320 - 1,024 x 32 IDT72V15320 - 2,048 x 32 IDT72V16320 - 4,096 x 32 IDT72V17320 - 8,192 x 32 IDT72V18320 - 16,384 x 32 IDT72V19320 - 32,768 x 32
* * *
Up to 100 MHz Operation of the Clocks 5V input tolerant Auto power down minimizes standby power consumption
* *
Master Reset clears entire FIFO Partial Reset clears data, but retains programmable settings Empty, Full and Half-Full flags signal FIFO status Programmable Almost-Empty and Almost-Full flags, each flag can default to one of eight preselected offsets Program programmable flags through serial input Output enable puts data outputs into high impedance state JTAG port, provided for Boundary Scan function (PBGA Only) Available in a 80-pin (V-III) Thin Quad Flat Pack, 128-pin(Vx-III) Thin Quad Flat Pack (TQFP) or a 144-pin (Vx-III) Plastic Ball Grid Array (PBGA) (with additional features) Industrial temperature range (-40C to +85C) High-performance submicron CMOS technology
FUNCTIONAL BLOCK DIAGRAM
*Available on the Vx-III PBGA package only.
MRS WCLK WEN PRS RCLK REN OE D0 - Dn Data In x16, x32 FIFO ARRAY Q0 - Qn Data Out x16, x32
WRITE CONTROL
RESET LOGIC
READ CONTROL
* * ** *
TCK
TRST TMS TDI TDO
JTAG CONTROL (BOUNDARY SCAN)
*
LD SEN SI PFM
FLAG LOGIC
FSEL1 EF FSEL0
HF PAE
FF PAF
6163 drw01
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc.
INDUSTRIAL TEMPERATURE RANGE
1
2003 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
APRIL 2003
DSC-6163/1
IDT72V15160/16160/17160/18160/19160 - 3.3V 16-BIT V-III MULTIMEDIA FIFO IDT72V14320/15320/16320/17320/18320/19320 - 3.3V 32-BIT VX-III MULTIMEDIA FIFO
INDUSTRIAL TEMPERATURE RANGE
DESCRIPTION:
The IDT V-III and Vx-III Multimedia FIFOs are exceptionally deep, high speed, CMOS First-In-First-Out (FIFO) memories with independent clocked read and write controls and high density offerings up to 1 Mbit. Each FIFO has a data input port (Dn) and a data output port (Qn). The frequencies of both the RCLK (read port clock) and the WCLK (write port clock) signals may vary from 0 to fS(MAX) with complete independence. There are no restrictions on the frequency of the one clock input with respect to the other. These FIFOs have five flag pins, EF (Empty Flag), FF (Full Flag), HF (Halffull Flag), PAE (Programmable Almost-Empty flag) and PAF (Programmable Almost-Full flag).
PAE and PAF can be programmed independently to switch at any point in memory. Programmable offsets determine the flag switching threshold and can be loaded with the serial interface to any user desired value or by default values. Eight default offset settings are provided, so that PAE can be set to switch at a predefined number of locations from the empty boundary and the PAF threshold can also be set at similar predefined values from the full boundary. The default offset values are set during Master Reset by the state of the FSEL0, FSEL1, and LD pins. For serial programming, SEN together with LD on each rising edge of WCLK, are used to load the offset registers via the Serial Input (SI). During Master Reset (MRS) the read and write pointers are set to the first location of the FIFO.
PIN CONFIGURATIONS (16-BIT V-III FAMILY)
WCLK PRS MRS LD SI FF PAF GND FSEL0 HF FSEL1 GND GND VCC PAE PFM EF GND RCLK REN 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61
WEN SEN DNC(1) VCC DNC(1) GND GND D0 VCC D1 GND D2 D3 GND D4 D5 D6 D7 D8 VCC
INDEX
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41
VCC OE VCC Q0 Q1 GND GND DNC(1) Q2 VCC Q3 Q4 GND Q5 GND Q6 VCC Q7 Q8 Q9
21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
6163 drw02
NOTE: 1. DNC = Do Not Connect.
D9 GND GND D10 D11 D12 D13 D14 D15 GND Q15 Q14 GND Q13 Q12 VCC Q11 Q10 GND DNC(1)
TQFP (PN80-1, order code: PF) TOP VIEW 2
IDT72V15160/16160/17160/18160/19160 - 3.3V 16-BIT V-III MULTIMEDIA FIFO IDT72V14320/15320/16320/17320/18320/19320 - 3.3V 32-BIT VX-III MULTIMEDIA FIFO
INDUSTRIAL TEMPERATURE RANGE
The Partial Reset (PRS) also sets the read and write pointers to the first location of the memory. However, the programmable flag settings existing before Partial Reset remain unchanged. PRS is useful for resetting a device in midoperation, when reprogramming programmable flags would be undesirable. It is also possible to select the timing mode of the PAE (Programmable AlmostEmpty flag) and PAF (Programmable Almost-Full flag) outputs. The timing modes can be set to be either asynchronous or synchronous for the PAE and PAF flags. If asynchronous PAE/PAF configuration is selected, the PAE is asserted LOW on the LOW-to-HIGH transition of RCLK. PAE is reset to HIGH on the LOWto-HIGH transition of WCLK. Similarly, the PAF is asserted LOW on the LOWto-HIGH transition of WCLK and PAF is reset to HIGH on the LOW-to-HIGH transition of RCLK.
If synchronous PAE/PAF configuration is selected , the PAE is asserted and updated on the rising edge of RCLK only and not WCLK. Similarly, PAF is asserted and updated on the rising edge of WCLK only and not RCLK. The mode desired is configured during Master Reset by the state of the Programmable Flag Mode (PFM) pin. If, at any time, the FIFO is not actively performing an operation, the chip will automatically power down. Once in the power down state, the standby supply current consumption is minimized. Initiating any operation (by activating control inputs) will immediately take the device out of the power down state. The IDT V-III and Vx-III family of FIFOs are fabricated using IDT's high speed submicron CMOS technology.
PIN CONFIGURATIONS (32-BIT Vx-III FAMILY)
WCLK PRS MRS LD SI FF VCC PAF GND GND FS0 HF GND FS1 GND GND GND VCC PAE PFM EF GND GND RCLK REN VCC
INDEX WEN SEN DNC(1) VCC DNC(1) GND D0 D1 D2 D3 VCC D4 D5 GND D6 D7 D8 GND D9 D10 GND GND D11 VCC D12 D13 D14 D15 GND D16 D17 GND D18 D19 VCC D20 GND D21
128 127 126 125 124 123 122 121 120 119 118 117 116 115 114 113 112 111 110 109 108 107 106 105 104 103
D22 D23 D24 D25 GND GND D26 D27 D28 VCC D29 D30 D31 GND Q31 Q30 Q29 Q28 Q27 Q26 GND DNC(1) VCC Q25 Q24 Q23
39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38
102 101 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65
OE VCC VCC Q0 Q1 Q2 Q3 GND GND Q4 Q5 Q6 Q7 Q8 DNC(1) VCC Q9 Q10 GND GND DNC(1) Q11 Q12 Q13 Q14 Q15 GND Q16 Q17 VCC VCC DNC(1) Q18 Q19 Q20 GND Q21 Q22
6163 drw03
NOTE: 1. DNC - Do Not Connect.
TQFP: (PK128-1, order code: PF) TOP VIEW 3
IDT72V15160/16160/17160/18160/19160 - 3.3V 16-BIT V-III MULTIMEDIA FIFO IDT72V14320/15320/16320/17320/18320/19320 - 3.3V 32-BIT VX-III MULTIMEDIA FIFO
INDUSTRIAL TEMPERATURE RANGE
PIN CONFIGURATIONS-CONTINUED (32-BIT VX-III FAMILY)
A1 BALL PAD CORNER
A
VCC WEN WCLK PRS PAF LD FF MRS HF GND EF RCLK GND PAE REN OE Q0 Q1
B
SEN GND FS0 FS1 VCC PFM VCC
C
D0 D1 D2 SI GND VCC VCC GND GND Q3 Q2
D
D3 D4 D7 D5 D8 VCC VCC VCC GND GND GND GND GND VCC GND VCC VCC Q6 Q9 Q5 Q8 Q4 Q7
E
D6
F
D9 D10 D11 VCC VCC GND GND GND GND VCC VCC Q12 Q11 Q10
G
D14 D13 D12 GND GND GND GND Q13 Q14 Q15
H
D17 D16 D15 VCC GND GND GND GND VCC Q16 Q17 Q18
J
D20 D19 D18 VCC VCC GND GND VCC VCC Q19 Q22 Q20 Q23 Q21
K
D23 D22 D21 D28 D31 VCC VCC TDO Q29 DNC
L
GND GND GND D25 D24 D27 D26 D30 D29 TMS TRST TCK TDI Q31 Q30 Q28 Q27 Q26 Q25 DNC Q24 DNC DNC
M
GND
1
NOTE: 1. DNC - Do Not Connect.
2
3
4
5
6
7
8
9
10
11
12
6163 drw03b
PBGA: 1mm pitch, 13mm x 13mm (BB144-1, order code: BB) TOP VIEW
4
IDT72V15160/16160/17160/18160/19160 - 3.3V 16-BIT V-III MULTIMEDIA FIFO IDT72V14320/15320/16320/17320/18320/19320 - 3.3V 32-BIT VX-III MULTIMEDIA FIFO
INDUSTRIAL TEMPERATURE RANGE
PIN DESCRIPTION
Symbol D0-Dn EF FF FSEL0(1) FSEL1(1) HF LD MRS OE PAE PAF PFM(1) PRS Q0-Qn RCLK REN SEN SI WCLK WEN VCC GND Name Data Inputs Empty Flag Full Flag Flag Select Bit 0 Flag Select Bit 1 Half-Full Flag Load I/O I O O I I O I Description Data inputs for a 16 or 32-bit bus EF indicates the FIFO memory is empty. See Table 2. FF indicates the FIFO memory is full. See Table 2. During Master Reset, this input along with FSEL1 and the LD pin, will select the default offset values for the programmable flags PAE and PAF. There are up to eight possible settings available. During Master Reset, this input along with FSEL0 and the LD pin will select the default offset values for the programmable flags PAE and PAF. There are up to eight possible settings available. HF indicates the FIFO memory is more than half-full. HF is asserted when the number of words written into the FIFO reaches N/2+1, where N is the total depth of the FIFO. See Table 2. During Master Reset, the state of the LD input along with FSEL0 and FSEL1, determines one of eight default offset values for the PAE and PAF flags and serial programming mode. After Master Reset, LD must be high and should only toggle LOW together with SEN to start serial loading of the flag offsets. MRS initializes the read and write pointers to zero and sets the output register to all zeroes. During Master Reset, the FIFO is configured for one of eight programmable flag default settings, serial programming of the offset settings and synchronous versus asynchronous programmable flag timing modes. OE controls the output line drivers. PAE goes LOW if the number of words in the FIFO memory is less than offset n, which is stored in the Empty Offset register. PAE goes HIGH if the number of words in the FIFO memory is greater than or equal to offset n. PAF goes HIGH if the number of free locations in the FIFO memory is more than offset m, which is stored in the Full Offset register. PAF goes LOW if the number of free locations in the FIFO memory is less than or equal to m. During Master Reset, a LOW on PFM will select Asynchronous Programmable flag timing mode. A HIGH on PFM will select Synchronous Programmable flag timing mode. PRS initializes the read and write pointers to zero and sets the output register to all zeroes. During Partial Reset, the serial programming method or programmable flag settings are all retained. Data outputs for an 16 or 32-bit bus. Outputs are not 5V tolerant regardless of the state of OE. When enabled by REN, the rising edge of RCLK reads data from the FIFO memory. REN enables RCLK for reading data from the FIFO memory. SEN enables serial loading of programmable flag offsets. SEN must be high during Master Reset and should only toggle LOW together with LD to start serial loading of the flag offsets. At Maser Reset this pin is LOW. After Master Reset, this pin functions as a serial input for loading offset registers. Enabled by WEN, the rising edge of WCLK writes data into the FIFO. WEN enables WCLK for writing data into the FIFO memory. These are VCC supply inputs and must be connected to the 3.3V supply rail. Ground Pins.
Master Reset
I
Output Enable Programmable Almost-Empty Flag Programmable Almost-Full Flag Programmable Flag Mode Partial Reset Data Outputs Read Clock Read Enable Serial Enable Serial In Write Clock Write Enable +3.3V Supply Ground
I O O I I O I I I I I I I I
NOTE: 1. Inputs should not change state after Master Reset.
**Please continue to next page for more Pin descriptions for PBGA package.
5
IDT72V15160/16160/17160/18160/19160 - 3.3V 16-BIT V-III MULTIMEDIA FIFO IDT72V14320/15320/16320/17320/18320/19320 - 3.3V 32-BIT VX-III MULTIMEDIA FIFO
INDUSTRIAL TEMPERATURE RANGE
PIN DESCRIPTION (32-BIT VX-III PBGA PACKAGE ONLY)
Symbol TCK
(1)
Name JTAG Clock
I/O I
Description Clock input for JTAG function. One of four terminals required by IEEE Standard 1149.1-1990. Test operations of the device are synchronous to TCK. Data from TMS and TDI are sampled on the rising edge of TCK and outputs change on the falling edge of TCK. If the JTAG function is not used this signal needs to be tied to GND. One of four terminals required by IEEE Standard 1149.1-1990. During the JTAG boundary scan operation, test data serially loaded via the TDI on the rising edge of TCK to either the Instruction Register, ID Register and Bypass Register. An internal pull-up resistor forces TDI HIGH if left unconnected. One of four terminals required by IEEE Standard 1149.1-1990. During the JTAG boundary scan operation, test data serially loaded output via the TDO on the falling edge of TCK from either the Instruction Register, ID Register and Bypass Register. This output is high impedance except when shifting, while in SHIFT-DR and SHIFT-IR controller states. TMS is a serial input pin. One of four terminals required by IEEE Standard 1149.1-1990. TMS directs the device through its TAP controller states. An internal pull-up resistor forces TMS HIGH if left unconnected. TRST is an asynchronous reset pin for the JTAG controller. The JTAG TAP controller does not automatically reset upon power-up, thus it must be reset by either this signal or by setting TMS= HIGH for five TCK cycles. If the TAP controller is not properly reset then the FIFO outputs will always be in high-impedance. If the JTAG function is used but the user does not want to use TRST, then TRST can be tied with MRS to ensure proper FIFO operation. If the JTAG function is not used then this signal needs to be tied to GND. An internal pull-up resistor forces TRST HIGH if left unconnected.
TDI(1)
JTAG Test Data Input JTAG Test Data Output JTAG Mode Select JTAG Reset
I
TDO(1)
O
TMS(1) TRST(1)
I I
NOTE: 1. These pins are for the JTAG port. Please refer to pages 15-19 and Figures 2-4.
6
IDT72V15160/16160/17160/18160/19160 - 3.3V 16-BIT V-III MULTIMEDIA FIFO IDT72V14320/15320/16320/17320/18320/19320 - 3.3V 32-BIT VX-III MULTIMEDIA FIFO
INDUSTRIAL TEMPERATURE RANGE
ABSOLUTE MAXIMUM RATINGS
Symbol VTERM(2) TSTG IOUT Rating Terminal Voltage with respect to GND Storage Temperature DC Output Current Industrial -0.5 to +4.5 -55 to +125 -50 to +50 Unit V
RECOMMENDED DC OPERATING CONDITIONS
Symbol GND VIH(2) VIL
(3)
Parameter Supply Voltage Industrial Input High Voltage Industrial Input Low Voltage Industrial Operating Temperature Industrial
Min. 3.15 0 2.0 -- -40
Typ. 3.3 0 -- -- --
Max. 3.45 0 5.5 0.8 85
Unit V V V V
VCC(1) Supply Voltage Industrial
C
mA
NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. VCC terminal only.
TA
C
NOTES: 1. VCC = 3.3V 0.15V, JEDEC JESD8-A compliant. 2. Outputs are not 5V tolerant. 3. 1.5V undershoots are allowed for 10ns once per cycle.
DC ELECTRICAL CHARACTERISTICS
(Industrial: VCC = 3.3V 0.15V, TA = -40C to +85C; JEDEC JESD8-A compliant)
IDT72V15160, IDT72V16160, IDT72V17160, IDT72V18160, IDT72V19160, IDT72V14320 IDT72V15320 IDT72V16320 IDT72V17320 IDT72V18320 IDT72V19320
Industrial tCLK = 10ns Symbol ILI ILO(2) VOH VOL ICC1(3,4,5) ICC2(3,6)
(1)
Parameter Input Leakage Current Output Leakage Current Output Logic "1" Voltage, IOH = -2 mA Output Logic "0" Voltage, IOL = 8 mA Active Power Supply Current Standby Current
Min. -1 -10 2.4 -- -- --
Max. 1 10 -- 0.4 40 15
Unit A A V V mA mA
NOTES: 1. Measurements with 0.4 VIN VCC. 2. OE VIH, 0.4 VOUT VCC. 3. Tested with outputs open (IOUT = 0). 4. RCLK and WCLK toggle at 20 MHz and data inputs switch at 10 MHz. 5. Typical ICC1 = 4.2 + 1.4*fS + 0.02*CL*fS (in mA) with VCC = 3.3V, tA = 25C, fS = WCLK frequency = RCLK frequency (in MHz, using TTL levels), data switching at fS/2, CL = capacitive load (in pF). 6. All Inputs = VCC - 0.2V or GND + 0.2V, except RCLK and WCLK, which toggle at 20 MHz.
CAPACITANCE (TA = +25C, f = 1.0MHz)
Symbol CIN
(2)
Parameter(1) Input Capacitance Output Capacitance
Conditions VIN = 0V VOUT = 0V
Max. 10 10
Unit pF pF
COUT(1,2)
NOTES: 1. With output deselected, (OE VIH). 2. Characterized values, not currently tested.
7
IDT72V15160/16160/17160/18160/19160 - 3.3V 16-BIT V-III MULTIMEDIA FIFO IDT72V14320/15320/16320/17320/18320/19320 - 3.3V 32-BIT VX-III MULTIMEDIA FIFO
INDUSTRIAL TEMPERATURE RANGE
AC ELECTRICAL CHARACTERISTICS
(Industrial: VCC = 3.3V 0.15V, TA = -40C to +85C; JEDEC JESD8-A compliant)
Industrial IDT72V15160L10 IDT72V16160L10 IDT72V17160L10 IDT72V18160L10 IDT72V19160L10 Symbol fS tA tCLK tCLKH tCLKL tDS tDH tENS tENH tLDS tLDH tRS tRSS tRSR tRSF tOLZ tOE tOHZ tWFF tREF tPAFA tPAFS tPAEA tPAES tHF tSKEW1 tSKEW2 Parameter Clock Cycle Frequency Data Access Time Clock Cycle Time Clock High Time Clock Low Time Data Setup Time Data Hold Time Enable Setup Time Enable Hold Time Load Setup Time Load Hold Time Reset Pulse Width(1) Reset Setup Time Reset Recovery Time Reset to Flag and Output Time Output Enable to Output in Low Z(2) Output Enable to Output Valid Output Enable to Output in High-Z(2) Write Clock to FF Read Clock to EF Clock to Asynchronous Programmable Almost-Full Flag Write Clock to Synchronous Programmable Almost-Full Flag Clock to Asynchronous Programmable Almost-Empty Flag Read Clock to Synchronous Programmable Almost-Empty Flag Clock to HF Skew time between RCLK and WCLK for EF and FF Skew time between RCLK and WCLK for PAE and PAF Min. -- 2 10 4.5 4.5 3.5 0.5 3.5 0.5 3.5 0.5 10 15 10 -- 0 2 2 -- -- -- -- -- -- -- 7 10 IDT72V14320L10 IDT72V15320L10 IDT72V16320L10 IDT72V17320L10 IDT72V18320L10 IDT72V19320L10 Max 100 6.5 -- -- -- -- -- -- -- -- -- -- -- -- 15 -- 6 6 6.5 6.5 16 6.5 16 6.5 16 -- -- Unit Mhz ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
NOTES: 1. Pulse widths less than minimum values are not allowed. 2. Values guaranteed by design, not currently tested.
8
IDT72V15160/16160/17160/18160/19160 - 3.3V 16-BIT V-III MULTIMEDIA FIFO IDT72V14320/15320/16320/17320/18320/19320 - 3.3V 32-BIT VX-III MULTIMEDIA FIFO
INDUSTRIAL TEMPERATURE RANGE
AC TEST CONDITIONS
Input Pulse Levels Input Rise/Fall Times Input Timing Reference Levels Output Reference Levels Output Load for tCLK = 10ns GND to 3.0V 3ns(1) 1.5V 1.5V See Figure 1
AC TEST LOADS
3.3V 330 D.U.T. 510 30pF*
6163 drw04
Figure 1. Output Load
* Includes jig and scope capacitances.
OUTPUT ENABLE & DISABLE TIMING
Output Enable OE VIL Output Disable VIH
tOE & tOLZ Output VCC Normally 2 LOW
tOHZ VCC 2 VOL
100mV 100mV
Output Normally VCC 2 HIGH
100mV 100mV
VOH VCC 2
6163 drw04a
NOTE: 1. REN is HIGH.
9
IDT72V15160/16160/17160/18160/19160 - 3.3V 16-BIT V-III MULTIMEDIA FIFO IDT72V14320/15320/16320/17320/18320/19320 - 3.3V 32-BIT VX-III MULTIMEDIA FIFO
INDUSTRIAL TEMPERATURE RANGE
FUNCTIONAL DESCRIPTION
To write data into to the FIFO, Write Enable (WEN) must be LOW. Data presented to the DATA IN lines will be clocked into the FIFO on subsequent transitions of the Write Clock (WCLK). After the first write is performed, the Empty Flag (EF) will go HIGH. Subsequent writes will continue to fill up the FIFO. The Programmable Almost-Empty flag (PAE) will go HIGH after n + 1 words have been loaded into the FIFO, where "n" is the empty offset value. The default setting for these values are stated in the footnote of Table 1. This parameter is also user programmable. If one continued to write data into the FIFO, and we assumed no read operations were taking place, the Half-Full flag (HF) would toggle to LOW once D/2+1 (D= total number of words) was written into the FIFO. Continuing to write data into the FIFO will cause the Programmable Almost-Full flag (PAF) to go LOW. Again, if no reads are performed, the PAF will go LOW after (D-m). The offset "m" is the full offset value. The default setting for these values are stated in the footnote of Table 1. This parameter is also user programmable. When the FIFO is full, the Full Flag (FF) will go LOW, inhibiting further write operations. If no reads are performed after a reset, FF will go LOW after D writes to the FIFO. If the FIFO is full, the first read operation will cause FF to go HIGH. Subsequent read operations will cause PAF and HF to go HIGH. If further read operations occur, without write operations, PAE will go LOW when there are n words in the FIFO, where n is the empty offset value. Continuing read operations will cause the FIFO to become empty. When the last word has been read from the FIFO, the EF will go LOW inhibiting further read operations. REN is ignored when the FIFO is empty. The EF and FF outputs are double register-buffered outputs. PROGRAMMING FLAG OFFSETS Full and Empty Flag offset values are user programmable. The IDT V-III and Vx-III FIFOs have internal registers for these offsets. There are two ways to program the flag offset values. Selecting one of the eight pre-set values during master reset or serial programming. DEFAULT FLAG OFFSETS There are eight default offset values selectable during Master Reset. These offset values are shown in Table 1. Programming offsets with default values (LD, SEN pins): With the LD pin together with the FSEL0 and FSEL1 the user has the option to choose one of eight preset values for both offset registers. During master reset the LD pin can be either HIGH or LOW depending on the selected value. After Master Reset, LD must be high and should not change state. SEN should be high during and after Master Reset and should not change state. SERIAL PROGRAMMING MODE Offset values can also be programmed into the FIFO by serial loading method. The offset registers may be programmed (and reprogrammed) any time after Master Reset. Valid programming ranges are from 0 to D-1. Serial programming of offset values (LD,SEN pins): In order to select serial programming the LD pin has to be HIGH during master. Both, LD and SEN pin have to toggle to LOW in order to initial the serial programming. LD should be high during normal FIFO operation. If Serial Programming mode has been selected then programming of PAE and PAF values can be achieved by using a combination of the LD, SEN, WCLK and SI input pins. Programming PAE and PAF proceeds as follows: when LD and SEN are set LOW, data on the SI input are written, one bit for each WCLK rising edge, starting with the Empty Offset LSB and ending with the Full Offset MSB.
TABLE 1 -- DEFAULT PROGRAMMABLE FLAG OFFSETS
IDT72V14320, 72V15360
LD L L L L H H H H FSEL1 H L L H L H L H FSEL0 L H L H L L H H Offsets n,m 511 255 127 63 31 15 7 3
IDT72V16320, 72V17320, 72V18320, 72V19320 IDT72V15160, 72V16160, 72V17160, 72V18160
LD H L L L L H H H LD H L L L L H H H LD H FSEL1 L H L L H H L H FSEL1 L H L L H H L H FSEL0 L L H L H L H H FSEL0 L L H L H L H H Offsets n,m 1,023 511 255 127 63 31 15 7 Offsets n,m 1,023 8,191 16,383 127 4,095 511 2,047 255 Program Mode Serial(3)
IDT72V19160
All Devices FSEL1 FSEL0 X X
NOTES: 1. n = empty offset for PAE. 2. m = full offset for PAF. 3. As well as selecting serial programming mode, one of the default values will also be loaded depending on the state of FSEL0 & FSEL1.
A total of 20 bits for the IDT72V14320 22 bits for the IDT72V15320 24 bits for the IDT72V15160, IDT72V16320 26 bits for the IDT72V16160, IDT72V17320 28 bits for the IDT72V17160, IDT72V18320 30 bits for the IDT72V18160, IDT72V19320 32 bits for the IDT72V19160 has to be loaded serial for the two (PAF, PAE) registers.
10
IDT72V15160/16160/17160/18160/19160 - 3.3V 16-BIT V-III MULTIMEDIA FIFO IDT72V14320/15320/16320/17320/18320/19320 - 3.3V 32-BIT VX-III MULTIMEDIA FIFO
INDUSTRIAL TEMPERATURE RANGE
TABLE 2 STATUS FLAGS FOR IDT STANDARD MODE
IDT72V15160 IDT72V14320
0
IDT72V15320
0
(1)
IDT72V16320
0 1 to n
(1)
FF PAF HF PAE EF
H H H H H L H H H H L L H H H L L L L L H H H H L H H H H H
Number of Words in FIFO
1 to n
(1)
1 to n
(n+1) to 512 513 to (1,024-(m+1)) (1,024-m) to 1,023 1,024
(n+1) to 1,024 1,025 to (2,048-(m+1)) (2,048-m) to 2,047 2,048
(n+1) to 2,048 2,049 to (4,096-(m+1)) (4,096m) to 4,095 4,096
IDT72V16160 IDT72V17320
0
IDT72V17160 IDT72V18320
0
(1)
IDT72V18160 IDT72V19320
0 1 to n
(1)
IDT72V19160 FF PAF HF PAE EF
0 1 to n
(1)
H H H H H L
H H H H L L
H H H L L L
L L H H H H
L H H H H H
Number of Words in FIFO
1 to n
(1)
1 to n
(n+1) to 4,096 4,097 to (8,192-(m+1)) (8,192-m) to 8,191 8,192
(n+1) to 8,192 8,193 to (16,384-(m+1)) (16,384-m) to 16,383 16,384
(n+1) to 16,384 16,385 to (32,768-(m+1)) (32,768-m) to 32,767 32,768
(n+1) to 32,768 32,769 to (65,536-(m+1)) (65,536-m) to 65,535 65,536
6163 drw05
NOTE: 1. See Table 1 for values for n, m.
11
IDT72V15160/16160/17160/18160/19160 - 3.3V 16-BIT V-III MULTIMEDIA FIFO IDT72V14320/15320/16320/17320/18320/19320 - 3.3V 32-BIT VX-III MULTIMEDIA FIFO
INDUSTRIAL TEMPERATURE RANGE
TABLE 3 -- FLAG OFFSET PROGRAMMING, STATE OF LD AND SEN AFTER MASTER RESET
LD WEN REN SEN WCLK RCLK Operation Serial Flag Programming 0 1 1 0 X 1 bit for each rising WCLK edge Starting with Empty Offset (LSB) Ending with Full Offset (MSB) Write Memory Read Memory X X X No Operation No Operation Invalid Operation
1 1 X 1 0
0 X 1 1 0
X 0 1 1 1
X X 1 X 1 X X X
X
0
1
0
1
X
Invalid Operation
6163 drw06
Using the serial method, individual registers cannot be programmed selectively. PAE and PAF can show a valid status only after the complete set of bits (for all offset registers) has been entered. The registers can be reprogrammed as long as the complete set of new offset bits is entered. When LD is LOW and SEN is HIGH, no serial write to the registers can occur. Write operations to the FIFO are allowed before and during the serial programming sequence. In this case, the programming of all offset bits does not have to occur at once. A select number of bits can be written to the SI input and then, by bringing LD and SEN HIGH, data can be written to FIFO memory via Dn by toggling WEN. When WEN is brought HIGH with LD and SEN restored to a LOW, the next offset bit in sequence is written to the registers via SI. If an interruption of serial programming is desired, it is sufficient either to set LD LOW and deactivate SEN or to set SEN LOW and deactivate LD. Once LD and SEN are both restored to a LOW level, serial offset programming continues. From the time serial programming has begun, neither programmable flag will be valid until the full set of bits required to fill all the offset registers has been written. Measuring from the rising WCLK edge that achieves the above criteria; PAF will be valid after two more rising WCLK edges plus tPAF, PAE will be valid after the next two rising RCLK edges plus tPAE plus tSKEW2.
Refer also to LD Signal description for more information on flag offset programming and state requirements for LD and SEN pins SYNCHRONOUS vs ASYNCHRONOUS PROGRAMMABLE FLAG TIMING SELECTION The IDT V-III and Vx-III can be configured during the Master Reset cycle with either synchronous or asynchronous timing for PAF and PAE flags by use of the PFM pin. If synchronous PAF/PAE configuration is selected (PFM, HIGH during MRS), the PAF is asserted and updated on the rising edge of WCLK only and not RCLK. Similarly, PAE is asserted and updated on the rising edge of RCLK only and not WCLK. If asynchronous PAF/PAE configuration is selected (PFM, LOW during MRS), the PAF is asserted LOW on the LOW-to-HIGH transition of WCLK and PAF is reset to HIGH on the LOW-to-HIGH transition of RCLK. Similarly, PAE is asserted LOW on the LOW-to-HIGH transition of RCLK. PAE is reset to HIGH on the LOW-to-HIGH transition of WCLK.
12
IDT72V15160/16160/17160/18160/19160 - 3.3V 16-BIT V-III MULTIMEDIA FIFO IDT72V14320/15320/16320/17320/18320/19320 - 3.3V 32-BIT VX-III MULTIMEDIA FIFO
INDUSTRIAL TEMPERATURE RANGE
SIGNAL DESCRIPTION INPUTS:
DATA IN (D0 - Dn) Data inputs for 16 or 32-bit wide data.
The OE input is used to provide Asynchronous control of the three-state Qn outputs. READ ENABLE ( REN ) When Read Enable is LOW, data is loaded from the FIFO array into the output register on the rising edge of every RCLK cycle if the device is not empty. When the REN input is HIGH, the output register holds the previous data and no new data is loaded into the output register. The data outputs Q0-Qn maintain the previous data value. Every word accessed at Qn, including the first word written to an empty FIFO, must be requested using REN. When the last word has been read from the FIFO, the Empty Flag (EF) will go LOW, inhibiting further read operations. REN is ignored when the FIFO is empty. Once a write is performed, EF will go HIGH allowing a read to occur. The EF flag is updated by two RCLK cycles + tSKEW after the valid WCLK cycle. SERIAL ENABLE ( SEN ) The SEN input is an enable used only for serial programming of the offset registers. The serial programming method must be selected during Master Reset. SEN is always used in conjunction with LD. When these lines are both LOW, data at the SI input can be loaded into the program register one bit for each LOW-to-HIGH transition of WCLK. When SEN is HIGH, the programmable registers retains the previous settings and no offsets are loaded. SEN functions the same way in both IDT. Refer to LOAD (LD) pin and section "Programming Flag Offsets" for more information on offset programming. OUTPUT ENABLE ( OE ) When Output Enable is enabled (LOW), the parallel output buffers receive data from the output register. When OE is HIGH, the output data bus (Qn) goes into a high impedance state. LOAD ( LD ) This is a dual purpose pin. During Master Reset, the state of the LD input, along with FSEL0 and FSEL1, determines one of eight default offset values for the PAE and PAF flags, along with the serial programming option for these offset registers (see Table 3). After Master Reset, the LD pin is used in conjunction with the SEN pin to activate the programming process of the flag offset values PAE and PAF. Pulling LD LOW will begin a serial loading of these offset values. Depending on the default or serial programming option the state of LD and SEN have to be considered before and after master reset. Refer also to section "Programming Flag Offsets" for more information on offset programming. Programming offsets with default values: With the LD pin together with the FSEL0 and FSEL1 the user has the option to choose one of eight preset values for both offset registers. During master reset the LD pin can be either HIGH or LOW depending on the selected value. After Master Reset, LD must be high and should not change state. SEN should be high during and after Master Reset and should not change state. Serial programming of offset values: In order to select serial programming the LD pin has to be HIGH during master. Both, LD and SEN pin have to toggle to LOW in order to initial the serial programming. LD should be high during normal FIFO operation. PROGRAMMABLE FLAG MODE (PFM) During Master Reset, a LOW on PFM will select Asynchronous Programmable flag timing mode. A HIGH on PFM will select Synchronous Programmable flag timing mode. If asynchronous PAF/PAE configuration is selected (PFM,
13
CONTROLS:
MASTER RESET ( MRS ) A Master Reset is accomplished whenever the MRS input is taken to a LOW state. This operation sets the internal read and write pointers to the first location of the RAM array. PAE will go LOW, PAF will go HIGH, HF will go HIGH, EF will go LOW and FF will go HIGH. SI is supposed to be LOW during master reset. PFM control settings are defined during the Master Reset cycle. During a Master Reset, the output register is initialized to all zeroes. A Master Reset is required after power up, before a write operation can take place. MRS is asynchronous. PARTIAL RESET ( PRS ) A Partial Reset is accomplished whenever the PRS input is taken to a LOW state. As in the case of the Master Reset, the internal read and write pointers are set to the first location of the RAM array, PAE goes LOW, PAF goes HIGH, HF goes HIGH, FF will go HIGH and EF will go LOW. The output register is initialized to all zeroes. PRS is asynchronous. A Partial Reset is useful for resetting the device during the course of operation, when reprogramming programmable flag offset settings may not be convenient. SERIAL IN (SI) At the time of Master Reset, SI must be LOW. After Master Reset, SI acts as a serial input for loading PAE and PAF offsets into the programmable registers. WRITE CLOCK (WCLK) A write cycle is initiated on the rising edge of the WCLK input. Data setup and hold times must be met with respect to the LOW-to-HIGH transition of the WCLK. It is permissible to stop the WCLK. Note that while WCLK is idle, the FF, PAF and HF flags will not be updated. (Note that WCLK is only capable of updating HF flag to LOW). The Write and Read Clocks can either be independent or coincident. WRITE ENABLE ( WEN ) When the WEN input is LOW, data may be loaded into the FIFO array on the rising edge of every WCLK cycle if the device is not full. Data is stored in the FIFO array sequentially and independently of any ongoing read operation. When WEN is HIGH, no new data is written in the FIFO array on each WCLK cycle. To prevent data overflow, FF will go LOW, inhibiting further write operations. Upon the completion of a valid read cycle, FF will go HIGH allowing a write to occur. The FF is updated by two WCLK cycles + tSKEW after the RCLK cycle. WEN is ignored when the FIFO is full. READ CLOCK (RCLK) A read cycle is initiated on the rising edge of the RCLK input. Data can be read on the outputs, on the rising edge of the RCLK input. It is permissible to stop the RCLK. Note that while RCLK is idle, the EF, PAE and HF flags will not be updated. (Note that RCLK is only capable of updating the HF flag to HIGH). The Write and Read Clocks can be independent or coincident.
IDT72V15160/16160/17160/18160/19160 - 3.3V 16-BIT V-III MULTIMEDIA FIFO IDT72V14320/15320/16320/17320/18320/19320 - 3.3V 32-BIT VX-III MULTIMEDIA FIFO
INDUSTRIAL TEMPERATURE RANGE
LOW during MRS), the PAE is asserted LOW on the LOW-to-HIGH transition of RCLK. PAE is reset to HIGH on the LOW-to-HIGH transition of WCLK. Similarly, the PAF is asserted LOW on the LOW-to-HIGH transition of WCLK and PAF is reset to HIGH on the LOW-to-HIGH transition of RCLK. If synchronous PAE/PAF configuration is selected (PFM, HIGH during MRS) , the PAE is asserted and updated on the rising edge of RCLK only and not WCLK. Similarly, PAF is asserted and updated on the rising edge of WCLK only and not RCLK. The mode desired is configured during master reset by the state of the Programmable Flag Mode (PFM) pin.
of words, m = full offset value). The default setting for this value is stated in the footnote of Table 1. If asynchronous PAF configuration is selected, the PAF is asserted LOW on the LOW-to-HIGH transition of the Write Clock (WCLK). PAF is reset to HIGH on the LOW-to-HIGH transition of the Read Clock (RCLK). If synchronous PAF configuration is selected, the PAF is updated on the rising edge of WCLK. PROGRAMMABLE ALMOST-EMPTY FLAG ( PAE ) The Programmable Almost-Empty flag (PAE) will go LOW when the FIFO reaches the almost-empty condition. PAE will go LOW when there are n words or less in the FIFO. The offset "n" is the empty offset value. The default setting for this value is stated in the footnote of Table 1. If asynchronous PAE configuration is selected, the PAE is asserted LOW on the LOW-to-HIGH transition of the Read Clock (RCLK). PAE is reset to HIGH on the LOW-to-HIGH transition of the Write Clock (WCLK). If synchronous PAE configuration is selected, the PAE is updated on the rising edge of RCLK. HALF-FULL FLAG ( HF ) This output indicates a half-full FIFO. The rising WCLK edge that fills the FIFO beyond half-full sets HF LOW. The flag remains LOW until the difference between the write and read pointers becomes less than or equal to half of the total depth of the device; the rising RCLK edge that accomplishes this condition sets HF HIGH. If no reads are performed after reset (MRS or PRS), HF will go LOW after (D/2 + 1) writes to the FIFO, where D = total number of words available in the FIFO. Because HF is updated by both RCLK and WCLK, it is considered asynchronous. DATA OUTPUTS (Q0-Qn) (Q0-Qn) are data outputs for 16-bit or 32-bit wide data.
OUTPUTS:
FULL FLAG ( FF ) When the FIFO is full, FF will go LOW, inhibiting further write operations. When FF is HIGH, the FIFO is not full. If no reads are performed after a reset (either MRS or PRS), FF will go LOW after D writes to the FIFO (D = total number of words). FF is synchronous and updated on the rising edge of WCLK. FF is a double register-buffered output. EMPTY FLAG ( EF ) When the FIFO is empty, EF will go LOW, inhibiting further read operations. When EF is HIGH, the FIFO is not empty. EF is synchronous and updated on the rising edge of RCLK. EF is a double register-buffered output. PROGRAMMABLE ALMOST-FULL FLAG ( PAF ) The Programmable Almost-Full flag (PAF) will go LOW when the FIFO reaches the almost-full condition. If no reads are performed after reset (MRS), PAF will go LOW after (D - m) words are written to the FIFO. (D=total number
14
IDT72V15160/16160/17160/18160/19160 - 3.3V 16-BIT V-III MULTIMEDIA FIFO IDT72V14320/15320/16320/17320/18320/19320 - 3.3V 32-BIT VX-III MULTIMEDIA FIFO
INDUSTRIAL TEMPERATURE RANGE
tTCK t4 t1
TCK
t2
t3
TDI/ TMS
tDS
TDO
tDH
TDO
t6
TRST
Notes to diagram: t1 = tTCKLOW t2 = tTCKHIGH t3 = tTCKFALL t4 = tTCKRISE t5 = tRST (reset pulse width) t6 = tRSR (reset recovery)
tDO
6163 drw07
t5
Figure 2. Standard JTAG Timing
JTAG AC ELECTRICAL CHARACTERISTICS
(VCC = 3.3V 5%; Tcase = 0C to +85C)
Parameter Symbol
SYSTEM INTERFACE PARAMETERS
IDT72V14320 IDT72V15320 IDT72V16320 IDT72V17320 IDT72V18320 IDT72V19320 Parameter Data Output Data Output Hold Data Input Symbol tDO(1) tDOH(1) tDS tDH trise=3ns tfall=3ns Test Conditions Min. 0 10 10 Max. Units 20 -
Test Conditions Min. Max. Units 5(1) 5
(1)
JTAG Clock Input Period tTCK JTAG Clock HIGH JTAG Clock Low JTAG Clock Rise Time JTAG Clock Fall Time JTAG Reset JTAG Reset Recovery
NOTE: 1. Guaranteed by design.
-
100 40 40 50 50
ns ns ns ns ns ns ns
tTCKHIGH tTCKLOW tTCKRISE tTCKFALL tRST tRSR
ns ns ns
-
NOTE: 1. 50pf loading on external output signals.
15
IDT72V15160/16160/17160/18160/19160 - 3.3V 16-BIT V-III MULTIMEDIA FIFO IDT72V14320/15320/16320/17320/18320/19320 - 3.3V 32-BIT VX-III MULTIMEDIA FIFO
INDUSTRIAL TEMPERATURE RANGE
JTAG INTERFACE
Five additional pins (TDI, TDO, TMS, TCK and TRST) are provided to support the JTAG boundary scan interface. The IDT72V14320/72V15320/ 72V16320/72V17320/72V18320/72V19320 incorporates the necessary tap controller and modified pad cells to implement the JTAG facility. Note that IDT provides appropriate Boundary Scan Description Language program files for these devices.
* * * *
The Standard JTAG interface consists of four basic elements: Test Access Port (TAP) TAP controller Instruction Register (IR) Data Register Port (DR)
The following sections provide a brief description of each element. For a complete description refer to the IEEE Standard Test Access Port Specification (IEEE Std. 1149.1-1990). The Figure below shows the standard Boundary-Scan Architecture
DeviceID Reg. Boundary Scan Reg. Bypass Reg.
Mux
TDO TDI
T A
TMS TCLK TRST
P TAP Controller
clkDR, ShiftDR UpdateDR
Instruction Decode clklR, ShiftlR UpdatelR Instruction Register
Control Signals
6163 drw08
Figure 3. Boundary Scan Architecture
TEST ACCESS PORT (TAP) The Tap interface is a general-purpose port that provides access to the internal of the processor. It consists of four input ports (TCLK, TMS, TDI, TRST) and one output port (TDO).
16
THE TAP CONTROLLER The Tap controller is a synchronous finite state machine that responds to TMS and TCLK signals to generate clock and control signals to the Instruction and Data Registers for capture and update of data.
IDT72V15160/16160/17160/18160/19160 - 3.3V 16-BIT V-III MULTIMEDIA FIFO IDT72V14320/15320/16320/17320/18320/19320 - 3.3V 32-BIT VX-III MULTIMEDIA FIFO
INDUSTRIAL TEMPERATURE RANGE
1
Test-Logic Reset 0 1 1 1 SelectIR-Scan 1 0 Capture-IR 0 Shift-IR 1 1 Exit1-IR 0 Pause-IR 1 0 Exit2-IR 1 Update-IR 1 0
6163 drw09
0
Run-Test/ Idle
SelectDR-Scan 0 1 Capture-DR 00 Shift-DR 1
0
Input = TMS
EXit1-DR 00 Pause-DR 1 0 Exit2-DR 1 Update-DR 1 0
1
0
NOTES: 1. Five consecutive TCK cycles with TMS = 1 will reset the TAP. 2. TAP controller does not automatically reset upon power-up. The user must provide a reset to the TAP controller (either by TRST or TMS). 3. TAP controller must be reset before normal FIFO operations can begin.
Figure 4. TAP Controller State Diagram
Refer to the IEEE Standard Test Access Port Specification (IEEE Std. 1149.1) for the full state diagram All state transitions within the TAP controller occur at the rising edge of the TCLK pulse. The TMS signal level (0 or 1) determines the state progression that occurs on each TCLK rising edge. The TAP controller takes precedence over the FIFO memory and must be reset after power up of the device. See TRST description for more details on TAP controller reset. Test-Logic-Reset All test logic is disabled in this controller state enabling the normal operation of the IC. The TAP controller state machine is designed in such a way that, no matter what the initial state of the controller is, the Test-Logic-Reset state can be entered by holding TMS at high and pulsing TCK five times. This is the reason why the Test Reset (TRST) pin is optional. Run-Test-Idle In this controller state, the test logic in the IC is active only if certain instructions are present. For example, if an instruction activates the self test, then it will be executed when the controller enters this state. The test logic in the IC is idles otherwise. Select-DR-Scan This is a controller state where the decision to enter the Data Path or the Select-IR-Scan state is made. Select-IR-Scan This is a controller state where the decision to enter the Instruction Path is made. The Controller can return to the Test-Logic-Reset state other wise.
17
Capture-IR In this controller state, the shift register bank in the Instruction Register parallel loads a pattern of fixed values on the rising edge of TCK. The last two significant bits are always required to be "01". Shift-IR In this controller state, the instruction register gets connected between TDI and TDO, and the captured pattern gets shifted on each rising edge of TCK. The instruction available on the TDI pin is also shifted in to the instruction register. Exit1-IR This is a controller state where a decision to enter either the PauseIR state or Update-IR state is made. Pause-IR This state is provided in order to allow the shifting of instruction register to be temporarily halted. Exit2-DR This is a controller state where a decision to enter either the ShiftIR state or Update-IR state is made. Update-IR In this controller state, the instruction in the instruction register is latched in to the latch bank of the Instruction Register on every falling edge of TCK. This instruction also becomes the current instruction once it is latched. Capture-DR In this controller state, the data is parallel loaded in to the data registers selected by the current instruction on the rising edge of TCK. Shift-DR, Exit1-DR, Pause-DR, Exit2-DR and Update-DR These controller states are similar to the Shift-IR, Exit1-IR, Pause-IR, Exit2-IR and Update-IR states in the Instruction path.
IDT72V15160/16160/17160/18160/19160 - 3.3V 16-BIT V-III MULTIMEDIA FIFO IDT72V14320/15320/16320/17320/18320/19320 - 3.3V 32-BIT VX-III MULTIMEDIA FIFO
INDUSTRIAL TEMPERATURE RANGE
THE INSTRUCTION REGISTER The Instruction register allows an instruction to be shifted in serially into the processor at the rising edge of TCLK. The Instruction is used to select the test to be performed, or the test data register to be accessed, or both. The instruction shifted into the register is latched at the completion of the shifting process when the TAP controller is at UpdateIR state. The instruction register must contain 4 bit instruction register-based cells which can hold instruction data. These mandatory cells are located nearest the serial outputs they are the least significant bits. TEST DATA REGISTER The Test Data register contains three test data registers: the Bypass, the Boundary Scan register and Device ID register. These registers are connected in parallel between a common serial input and a common serial data output. The following sections provide a brief description of each element. For a complete description, refer to the IEEE Standard Test Access Port Specification (IEEE Std. 1149.1-1990). TEST BYPASS REGISTER The register is used to allow test data to flow through the device from TDI to TDO. It contains a single stage shift register for a minimum length in serial path. When the bypass register is selected by an instruction, the shift register stage is set to a logic zero on the rising edge of TCLK when the TAP controller is in the Capture-DR state. The operation of the bypass register should not have any effect on the operation of the device in response to the BYPASS instruction. THE BOUNDARY-SCAN REGISTER The Boundary Scan Register allows serial data TDI be loaded in to or read out of the processor input/output ports. The Boundary Scan Register is a part of the IEEE 1149.1-1990 Standard JTAG Implementation. THE DEVICE IDENTIFICATION REGISTER The Device Identification Register is a Read Only 32-bit register used to specify the manufacturer, part number and version of the processor to be determined through the TAP in response to the IDCODE instruction. IDT JEDEC ID number is 0xB3. This translates to 0x33 when the parity is dropped in the 11-bit Manufacturer ID field. For the IDT72V14320/72V15320/72V16320/72V17320/72V18320/ 72V19320, the Part Number field contains the following values:
31(MSB) 28 27 12 11 1 0(LSB) Version (4 bits) Part Number (16-bit) Manufacturer ID (11-bit) 0X0 0X33 1
IDT72V14320/15320/16320/17320/18320/19320 JTAG Device Identification Register
JTAG INSTRUCTION REGISTER The Instruction register allows instruction to be serially input into the device when the TAP controller is in the Shift-IR state. The instruction is decoded to perform the following: * Select test data registers that may operate while the instruction is current. The other test data registers should not interfere with chip operation and the selected data register. * Define the serial test data register path that is used to shift data between TDI and TDO during data register scanning. The Instruction Register is a 4 bit field (i.e. IR3, IR2, IR1, IR0) to decode 16 different possible instructions. Instructions are decoded as follows. Hex Value 0x00 0x02 0x01 0x03 0x0F Instruction EXTEST IDCODE SAMPLE/PRELOAD HIGH-IMPEDANCE BYPASS Function Select Boundary Scan Register Select Chip Identification data register Select Boundary Scan Register JTAG Select Bypass Register
JTAG Instruction Register Decoding
The following sections provide a brief description of each instruction. For a complete description refer to the IEEE Standard Test Access Port Specification (IEEE Std. 1149.1-1990). EXTEST The required EXTEST instruction places the IC into an external boundarytest mode and selects the boundary-scan register to be connected between TDI and TDO. During this instruction, the boundary-scan register is accessed to drive test data off-chip via the boundary outputs and receive test data off-chip via the boundary inputs. As such, the EXTEST instruction is the workhorse of IEEE. Std 1149.1, providing for probe-less testing of solder-joint opens/shorts and of logic cluster function. IIDCODE The optional IDCODE instruction allows the IC to remain in its functional mode and selects the optional device identification register to be connected between TDI and TDO. The device identification register is a 32-bit shift register containing information regarding the IC manufacturer, device type, and version code. Accessing the device identification register does not interfere with the operation of the IC. Also, access to the device identification register should be immediately available, via a TAP data-scan operation, after power-up of the IC or after the TAP has been reset using the optional TRST pin or by otherwise moving to the Test-Logic-Reset state. SAMPLE/PRELOAD The required SAMPLE/PRELOAD instruction allows the IC to remain in a normal functional mode and selects the boundary-scan register to be connected between TDI and TDO. During this instruction, the boundary-scan register can be accessed via a date scan operation, to take a sample of the functional data entering and leaving the IC. This instruction is also used to preload test data into the boundary-scan register before loading an EXTEST instruction.
Device IDT72V14320 IDT72V15320 IDT72V16320 IDT72V17320 IDT72V18320 IDT72V19320
Part# Field 04E5 04E4 04E3 04E2 04E1 04E0
18
IDT72V15160/16160/17160/18160/19160 - 3.3V 16-BIT V-III MULTIMEDIA FIFO IDT72V14320/15320/16320/17320/18320/19320 - 3.3V 32-BIT VX-III MULTIMEDIA FIFO
INDUSTRIAL TEMPERATURE RANGE
HIGH-IMPEDANCE The optional High-Impedance instruction sets all outputs (including two-state as well as three-state types) of an IC to a disabled (high-impedance) state and selects the one-bit bypass register to be connected between TDI and TDO. During this instruction, data can be shifted through the bypass register from TDI to TDO without affecting the condition of the IC outputs.
BYPASS The required BYPASS instruction allows the IC to remain in a normal functional mode and selects the one-bit bypass register to be connected between TDI and TDO. The BYPASS instruction allows serial data to be transferred through the IC from TDI to TDO without affecting the operation of the IC.
19
IDT72V15160/16160/17160/18160/19160 - 3.3V 16-BIT V-III MULTIMEDIA FIFO IDT72V14320/15320/16320/17320/18320/19320 - 3.3V 32-BIT VX-III MULTIMEDIA FIFO
INDUSTRIAL TEMPERATURE RANGE
tRS MRS tRSS REN tRSS WEN tRSS SI tRSS LD tRSS FSEL0, FSEL1 tRSS PFM tRSS SEN tRSF EF tRSF FF tRSF PAE tRSF PAF, HF tRSF Q0 - Qn OE = LOW
6163 drw10
tRSR
tRSR
tRSR
tRSR
OE = HIGH
Figure 5. Master Reset Timing
20
IDT72V15160/16160/17160/18160/19160 - 3.3V 16-BIT V-III MULTIMEDIA FIFO IDT72V14320/15320/16320/17320/18320/19320 - 3.3V 32-BIT VX-III MULTIMEDIA FIFO
INDUSTRIAL TEMPERATURE RANGE
PRS tRSS REN tRSS WEN tRSS SEN
tRS tRSR
tRSR
tRSF EF tRSF FF tRSF PAE tRSF PAF, HF tRSF Q0 - Qn
OE = HIGH OE = LOW
6163 drw11
Figure 6. Partial Reset Timing
21
IDT72V15160/16160/17160/18160/19160 - 3.3V 16-BIT V-III MULTIMEDIA FIFO IDT72V14320/15320/16320/17320/18320/19320 - 3.3V 32-BIT VX-III MULTIMEDIA FIFO
tCLK
NO WRITE
INDUSTRIAL TEMPERATURE RANGE
tCLKH
2
tCLKL tSKEW1
(1)
NO WRITE 1 2
WCLK
tSKEW1
1
(1)
tDS
DX
tDH
tDS
DX+1
tDH
D0 - Dn
tWFF
tWFF
tWFF
tWFF
FF
WEN RCLK
tENS tENH tENS tENH
REN
tA tA
DATA READ NEXT DATA READ
6163 drw12
Q0 - Qn
DATA IN OUTPUT REGISTER
NOTES: 1. tSKEW1 is the minimum time between a rising RCLK edge and a rising WCLK edge to guarantee that FF will go HIGH (after one WCLK cycle pus tWFF). If the time between the rising edge of the RCLK and the rising edge of the WCLK is less than tSKEW1, then the FF deassertion may be delayed one extra WCLK cycle. 2. LD = HIGH, OE = LOW, EF = HIGH
Figure 7. Write Cycle and Full Flag Timing
tCLKH
tCLK
tCLKL tENS tENH tENS tENH
RCLK
tENS tENH
1
2
REN
tREF
NO OPERATION
NO OPERATION
tREF tA LAST WORD LAST WORD tOHZ tOLZ D0
tREF
EF
tA tA D1
Q0 - Qn
tOLZ
OE WCLK
tOE tSKEW1
(1)
tENS
tENH
tENS
tENH
WEN
tDS tDH tDS D1
6163 drw13
tDH
D0 Dn
D0
NOTES: 1. tSKEW1 is the minimum time between a rising WCLK edge and a rising RCLK edge to guarantee that EF will go HIGH (after one RCLK cycle plus tREF). If the time between the rising edge of WCLK and the rising edge of RCLK is less than tSKEW1, then EF deassertion may be delayed one extra RCLK cycle. 2. LD = HIGH. 3. First data word latency = tSKEW1 + 1*TRCLK + tREF.
Figure 8. Read Cycle, Empty Flag and First Data Word Latency Timing
22
IDT72V15160/16160/17160/18160/19160 - 3.3V 16-BIT V-III MULTIMEDIA FIFO IDT72V14320/15320/16320/17320/18320/19320 - 3.3V 32-BIT VX-III MULTIMEDIA FIFO
INDUSTRIAL TEMPERATURE RANGE
WCLK
tENS
tENH tENH
SEN
tLDS tLDH tLDH
LD
tDS tDH
BIT X EMPTY OFFSET
(1)
SI
BIT 0
BIT 0 FULL OFFSET
BIT X
(1)
6163 drw20
NOTE: 1. X = 9 for the IDT72V14320 (total of 20 bits), X = 10 for the IDT72V15320 (total of 22 bits), X = 11 for the IDT72V15160 and IDT72V16320 (total of 24 bits), X = 12 for the IDT72V16160, and IDT72V17320 (total of 26 bits), X = 13 for the IDT72V17160 and IDT72V18320 (total of 28 bits), X = 14 for the IDT72V18160 and IDT72V19320 (total of 30 bits), X = 15 for the IDT72V19160 (total of 32 bits).
Figure 9. Serial Loading of Programmable Flag Registers
tCLKL WCLK tENS WEN
tCLKL
1 2 1 2
tENH
tPAFS PAF
D - (m+1) words in FIFO
(2)
tPAFS
D - m words in FIFO
(2)
tSKEW2 RCLK tENS REN
(3)
D-(m+1) words in FIFO(2)
tENH
6163 drw23
NOTES: 1. m = PAF offset. 2. D = maximum FIFO depth. V-III: D = 4,096 for the IDT72V15160 and 8,192 for the IDT72V16160, 16,384 for the IDT72V17160 and 32,768 for the IDT72V18160, 65,526 for the IDT72V19160. Vx-III: D = 1,024 for the IDT72V14320, 2,048 for the IDT72V15320, 4,096 for the IDT72V16320 and 8,192 for the IDT72V17320, 16,384 for the IDT72V18320 and 32,768 for the IDT72V19320. 3. tSKEW2 is the minimum time between a rising RCLK edge and a rising WCLK edge to guarantee that PAF will go HIGH (after one WCLK cycle plus tPAFS). If the time between the rising edge of RCLK and the rising edge of WCLK is less than tSKEW2, then the PAF deassertion time may be delayed one extra WCLK cycle. 4. PAF is asserted and updated on the rising edge of WCLK only. 5. Select this mode by setting PFM HIGH during Master Reset.
Figure 10. Synchronous Programmable Almost-Full Flag Timing
23
IDT72V15160/16160/17160/18160/19160 - 3.3V 16-BIT V-III MULTIMEDIA FIFO IDT72V14320/15320/16320/17320/18320/19320 - 3.3V 32-BIT VX-III MULTIMEDIA FIFO
tCLKH WCLK tENS WEN PAE
n words in FIFO , n+1 words in FIFO
(2)
INDUSTRIAL TEMPERATURE RANGE
tCLKL
tENH
n words in FIFO
tSKEW2 RCLK REN
1
tPAES
2 1
tPAES
2
tENS
tENH
6163 drw24
NOTES: 1. n = PAE offset. 2. tSKEW2 is the minimum time between a rising WCLK edge and a rising RCLK edge to guarantee that PAE will go HIGH (after one RCLK cycle plus tPAES). If the time between the rising edge of WCLK and the rising edge of RCLK is less than tSKEW2, then the PAE deassertion may be delayed one extra RCLK cycle. 3. PAE is asserted and updated on the rising edge of WCLK only. 4. Select this mode by setting PFM HIGH during Master Reset.
Figure 11. Synchronous Programmable Almost-Empty Flag Timing
tCLKH WCLK tENS WEN
tCLKL
tENH
tPAFA PAF D - (m + 1) words in FIFO
D - m words in FIFO tPAFA
D - (m + 1) words in FIFO
RCLK tENS REN
6163 drw25
NOTES: 1. m = PAF offset. 2. D = maximum FIFO depth. V-III: D = 4,096 for the IDT72V15160 and 8,192 for the IDT72V16160, 16,384 for the IDT72V17160 and 32,768 for the IDT72V18160, 65,526 for the IDT72V19160. Vx-III: D = 1,024 for the IDT72V14320, 2,048 for the IDT72V15320, 4,096 for the IDT72V16320 and 8,192 for the IDT72V17320, 16,384 for the IDT72V18320 and 32,768 for the IDT72V19320. 3. PAF is asserted to LOW on WCLK transition and reset to HIGH on RCLK transition. 4. Select this mode by setting PFM LOW during Master Reset.
Figure 12. Asynchronous Programmable Almost-Full Flag Timing
24
IDT72V15160/16160/17160/18160/19160 - 3.3V 16-BIT V-III MULTIMEDIA FIFO IDT72V14320/15320/16320/17320/18320/19320 - 3.3V 32-BIT VX-III MULTIMEDIA FIFO
INDUSTRIAL TEMPERATURE RANGE
tCLKH WCLK tENS WEN
tCLKL
tENH
tPAEA PAE
n words in FIFO
n + 1 words in FIFO
n words in FIFO
tPAEA RCLK tENS REN
6163 drw26
NOTES: 1. n = PAE offset. 2. PAE is asserted LOW on RCLK transition and reset to HIGH on WCLK transition. 3. Select this mode by setting PFM LOW during Master Reset.
Figure 13. Asynchronous Programmable Almost-Empty Flag Timing
tCLKH WCLK
tCLKL tENH
tENS WEN
tHF HF
D/2 words in FIFO D/2 + 1 words in FIFO D/2 words in FIFO
tHF RCLK tENS REN
6163 drw27
NOTES: 1. D = maximum FIFO depth. V-III: D = 4,096 for the IDT72V15160 and 8,192 for the IDT72V16160, 16,384 for the IDT72V17160 and 32,768 for the IDT72V18160, 65,526 for the IDT72V19160. Vx-III: D = 1,024 for the IDT72V14320, 2,048 for the IDT72V15320, 4,096 for the IDT72V16320 and 8,192 for the IDT72V17320, 16,384 for the IDT72V18320 and 32,768 for the IDT72V19320.
Figure 14. Half-Full Flag Timing
25
ORDERING INFORMATION
IDT XXXXX Device Type X Power XX Speed X Package X Process / Temperature Range I PF BB 10 Industrial (-40C to +85C) Thin Plastic Quad Flatpack (TQFP, PN80-1, PK128-1) Plastic Ball Grid Array (PBGA, BB144-1, Vx-III only) Industrial Clock Cycle Time (tCLK) Speed in Nanoseconds
L
Low Power
72V15160 72V16160 72V17160 72V18160 72V19160 72V14320 72V15320 72V16320 72V17320 72V18320 72V19320
4,096 x 16 3.3V Multimedia FIFO, V-III 8,192 x 16 3.3V Multimedia FIFO, V-III 16,384 x 16 3.3V Multimedia FIFO, V-III 32,768 x 16 3.3V Multimedia FIFO, V-III 65,526 x 16 3.3V Multimedia FIFO, V-III 1,024 x 32 3.3V Multimedia FIFO, Vx-III 2,048 x 32 3.3V Multimedia FIFO, Vx-III 4,096 x 32 3.3V Multimedia FIFO, Vx-III 8,192 x 32 3.3V Multimedia FIFO, Vx-III 16,384 x 32 3.3V Multimedia FIFO, Vx-III 32,768 x 32 3.3V Multimedia FIFO, Vx-III
6163 drw05
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
26
for Tech Support: 408-330-1753 email: FIFOhelp@idt.com


▲Up To Search▲   

 
Price & Availability of IDT72V16320

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X