Part Number Hot Search : 
2N4026 BR1010 LC03C A7303 C3501 DG381BDJ AD883 78T12AB
Product Description
Full Text Search
 

To Download ICS950202YFT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Integrated Circuit Systems, Inc.
ICS950202
Preliminary Product Preview
Programmable Timing Control HubTM for P4TM
Recommended Application: CK-408 clock for Brookdale chipset. Output Features: * 3 - Pairs of differential CPU clocks @ 3.3V * 3 - 3V66 @ 3.3V * 9 - PCI @ 3.3V * 2 - 48MHz @ 3.3V fixed * 1 - VCH/3V66 @ 3.3V, 48MHz or 66MHz * 1 - REF @ 3.3V, 14.318MHz Features/Benefits: * Programmable output frequency. * Programmable output divider ratios. * Programmable output rise/fall time. * Programmable output skew. * Programmable spread percentage for EMI control. * Watchdog timer technology to reset system if system malfunctions. * Programmable watch dog safe frequency. * Support I2C Index read/write and block read/write operations. * Uses external 14.318MHz crystal. Key Specifications: * CPU Output Jitter <150ps * 3V66 Output Jitter <250ps * CPU Output Skew <100ps
VDDREF X1 X2 GND 1 **FS0/PCICLK7 1 **FS1/PCICLK8 VDDPCI GND 1 *WDEN/PCICLK0 PCICLK1 PCICLK2 PCICLK3 VDDPCI GND PCICLK4 PCICLK5 PCICLK6 VDD3V66 GND 3V66_1 3V66_2 3V66_3 #RESET VDDA
Pin Configuration
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 REF/FS2** CPUCLKT0 CPUCLKC0 VDDCPU CPUCLKT1 CPUCLKC1 GND VDDCPU CPUCLKT2 CPUCLKC2 MULTISEL0* I REF GND 48MHz_USB/FS3** 48MHz_DOT AVDD48 GND 3V66_0/VCH_CLK/FS4** VDD3V66 GND SCLK SDATA Vtt_PWRGD/PD#* GND
1
48-Pin 300-mil SSOP
1. These outputs have 2X drive strength. * Internal Pull-up resistor of 120K to VDD ** these inputs have 120K internal pull-down to GND
Block Diagram
PLL2 48MHz_USB 48MHz_DOT X1 X2 XTAL OSC
3V66 DIVDER
3
Frequency Table
FS4 FS3 FS2 FS1 FS0 CPUCLK MHz 100.00 133.33 66.67 200.00 3V66 MHz 66.67 66.67 66.67 66.67 PCICLK MHz 33.33 33.33 33.34 33.33
3V66 (3:1) 3V66_0/VCH_CLK
PLL1 Spread Spectrum
CPU DIVDER
3 3
REF CPUCLKT (2:0) CPUCLKC (2:0) PCICLK (6:0)
0 1 1 1
0 0 1 1
0 0 1 1
0 0 1 1
WDEN MULTSEL0 FS (4:0) SDATA SCLK Vtt_PWRGD# PD#
Control Logic
PCI DIVDER
7
For additional frequency selections please refer to Byte 0.
Config. Reg.
RESET# I REF
Power Groups
VDDA = Analog Core PLL VDDREF = REF, Xtal AVDD48 = 48MHz
950202 Rev H 08/21/01 PRODUCT PREVIEW documents contain information on new products in the sampling or preproduction phase of development. Characteristic data and other specifications are subject to change without notice.
ICS950202
1 1 0 1
Integrated Circuit Systems, Inc.
ICS950202
Preliminary Product Preview
General Description
The ICS950202 is a single chip clock solution for desktop designs using the Intel Brookdale chipset with PC133 or DDR memory. It provides all necessary clock signals for such a system. The ICS950202 is part of a whole new line of ICS clock generators and buffers called TCHTM (Timing Control Hub). This part incorporates ICS's newest clock technology which offers more robust features and functionality. Employing the use of a serially programmable I2C interface, this device can adjust the output clocks by configuring the frequency setting, the output divider ratios, selecting the ideal spread percentage, the output skew, the output strength, and enabling/disabling each individual output clock. M/N control can configure output frequency with resolution up to 0.1MHz increment.
Pin Description
P IN N U M B E R 1, 7, 13, 18, 30, 41, 45 2 3 4, 8, 14, 19, 25, 29, 32, 36, 42 22, 21, 20 5 VDD X1 X2 GND 3V 66 (3:1) P C IC LK 7 FS 0 PCICLK8 6 FS 1 9 WDEN P C IC LK 0 IN IN O UT O UT O UT P WR IN IN IN I/O OUT IN P WR O UT IN O UT O UT IN O UT O UT IN O UT Logi c i nput frequency select bi t. Input latched at power on. Hardware enable of watch dog circuit. Enabled when latched high. 3.3V P C I clock output. 3.3V P C I clock outputs. Real time system reset signal for frequency value or watchdog timmer timeout. This signal is active low. A nalog power 3.3V. This 3.3V LVTTL input is a level sensitive strobe used to determine when FS (4:0) inputs are valid and are ready to be sampled (active high). A synchronous acti ve low i nput pi n used to power down the devi ce i nto a low power state. The i nternal clocks are di sabled and the V C O and the crystal are stopped. The latency of the power down wi ll not be greater than 3ms. Clock pin for I2C circuitry 5V tolerant. Data pin for I2C circuitry 5V tolerant. 3.3V output selectable through I2C to be 66MHz from internal VCO or 48MHz (non-SSC). Logi c i nput frequency select bi t. Input latched at power on. A nalog power 3.3V. 3.3V F i xed 48MHz clock output for D OT. Logi c i nput frequency select bi t. Input latched at power on. 3.3V F i xed 48MHz clock output for US B . This pin establishes the reference current for the CPUCLK pairs. This pin requires a fixed precision resistor tied to ground in order to establish the appropriate current. 3.3V LVTTL input for selecting the current multiplier for CPU outputs "Complementory" clocks of differential pair CPU outputs. These are current outputs and external resistors are required for voltage bias. "True" clocks of differential pair CPU outputs. These are current outputs and external resistors are required for voltage bias. Logi c i nput frequency select bi t. Input latched at power on. 3.3V, 14.318MHz reference clock output. P I N N AM E T YP E P WR IN O UT P WR O UT O UT IN OUT 3.3V power supply. C rystal i nput, has i nternal load cap (33pF ) and feedback resi stor from X 2. C rystal output, nomi nally 14.318MHz. Has i nternal load cap (33pF ). Ground pi ns for 3.3V supply. 3.3V F i xed 66MHz clock outputs for HUB . 3.3V P C I clock output Logi c i nput frequency select bi t. Input latched at power on. 3.3V P C I clock output. D E S C R IP T ION
17, 16, 15, 12, 11, 10 P C IC LK (6:1) 23 24 RESET# VDDA Vtt_PWRGD# 26 PD# 28 27 31 33 34 35 37 38 39, 43, 46 40, 44, 47 48 S C LK S D ATA 3V66_0/VCH_CLK FS 4 AV D D 48 48MHz_D OT FS3 48MHz_US B I REF MULTSEL0 CPUCLKC (2:0) CPUCLKT (2:0) FS 2 RE F
Third party brands and names are the property of their respective owners.
2
Integrated Circuit Systems, Inc.
ICS950202
Preliminary Product Preview
Maximum Allowed Current
Max 3.3V supply consumption Max discrete cap loads, Vdd = 3.465V All static inputs = Vdd or GND 40mA 360mA
Condition Powerdown Mode (PWRDWN# = 0) Full Active
Host Swing Select Functions
MULTISEL0 Board Target Trace/Term Z 50 ohms 50 ohms Reference R, Iref = VDD/(3*Rr) Rr = 221 1%, Iref = 5.00mA Rr = 475 1%, Iref = 2.32mA Output Current Ioh = 4* I REF Ioh = 6* I REF Voh @ Z
0 1
1.0V @ 50 0.7V @ 50
Third party brands and names are the property of their respective owners.
3
Integrated Circuit Systems, Inc.
ICS950202
Preliminary Product Preview
General I2C serial interface information How to Write:
Controller (host) sends a start bit. Controller (host) sends the write address D2 (H) ICS clock will acknowledge Controller (host) sends the begining byte location = N ICS clock will acknowledge Controller (host) sends the data byte count = X ICS clock will acknowledge Controller (host) starts sending Byte N through Byte N + X -1 (see Note 2) * ICS clock will acknowledge each byte one at a time * Controller (host) sends a Stop bit * * * * * * * *
How to Read:
* * * * * * * * * * * * * * Controller (host) will send start bit. Controller (host) sends the write address D2 (H) ICS clock will acknowledge Controller (host) sends the begining byte location = N ICS clock will acknowledge Controller (host) will send a separate start bit. Controller (host) sends the read address D3 (H) ICS clock will acknowledge ICS clock will send the data byte count = X ICS clock sends Byte N + X -1 ICS clock sends Byte 0 through byte X (if X(H) was written to byte 8). Controller (host) will need to acknowledge each byte Controllor (host) will send a not acknowledge bit Controller (host) will send a stop bit
Index Block Write Operation
Controller (Host) starT bit T Slave Address D2(H) WR WRite Beginning Byte = N ACK Data Byte Count = X ACK Beginning Byte N ACK X Byte ICS (Slave/Receiver)
Index Block Read Operation
Controller (Host) T starT bit Slave Address D2(H) WR WRite Beginning Byte = N ACK RT Repeat starT Slave Address D3(H) RD ReaD ACK Data Byte Count = X ACK Beginning Byte N ACK X Byte ICS (Slave/Receiver)
ACK
ACK
Byte N + X - 1 ACK P stoP bit
Byte N + X - 1 N P Not acknowledge stoP bit
*See notes on the following page.
Third party brands and names are the property of their respective owners.
4
Integrated Circuit Systems, Inc.
ICS950202
Preliminary Product Preview
Byte 0: Functionality and frequency select register (Default=0)
Bit Description Bit2 Bit7 Bit6 Bit5 Bit4 CPUCLK MHz FS4 FS3 FS2 FS1 FS0 3V66 MHz PCICLK MHz Spread % PWD
Bit (2,7:4)
Bit 3 Bit 1 Bit 0
0 0 0 0 0 100.90 67.27 33.63 +/-0.35% center spread 0 0 0 0 1 100.00 66.67 33.33 0 to -0.6% down spread 0 0 0 1 0 103.00 68.67 34.33 +/-0.35% center spread 0 0 0 1 1 105.00 70.00 35.00 +/-0.35% center spread 0 0 1 0 0 107.00 71.33 35.67 +/-0.35% center spread 0 0 1 0 1 109.00 72.67 36.33 +/-0.35% center spread 0 0 1 1 0 111.00 74.00 37.00 +/-0.35% center spread 0 0 1 1 1 114.00 76.00 38.00 +/-0.35% center spread 0 1 0 0 0 117.00 78.00 39.00 +/-0.35% center spread 0 1 0 0 1 120.00 80.00 40.00 +/-0.35% center spread 0 1 0 1 0 127.00 84.67 42.33 +/-0.35% center spread 0 1 0 1 1 130.00 86.67 43.33 +/-0.35% center spread 0 1 1 0 0 133.33 88.89 44.44 +/-0.35% center spread 0 1 1 0 1 170.00 56.67 28.33 +/-0.35% center spread 0 1 1 1 0 180.00 60.00 30.00 +/-0.35% center spread 0 1 1 1 1 190.00 63.33 31.67 +/-0.35% center spread 1 0 0 0 0 133.90 66.95 33.48 +/-0.35% center spread 1 0 0 0 1 133.33 66.67 33.33 0 to -0.6% down spread 1 0 0 1 0 120.00 60.00 30.00 +/-0.35% center spread 1 0 0 1 1 125.00 62.50 31.25 +/-0.35% center spread 1 0 1 0 0 134.90 67.45 33.73 +/-0.35% center spread 1 0 1 0 1 137.00 68.50 34.25 +/-0.35% center spread 1 0 1 1 0 139.00 69.50 34.75 +/-0.35% center spread 1 0 1 1 1 141.00 70.50 35.25 +/-0.35% center spread 1 1 0 0 0 143.00 71.50 35.75 +/-0.35% center spread 1 1 0 0 1 145.00 72.50 36.25 +/-0.35% center spread 1 1 0 1 0 150.00 75.00 37.5 +/-0.35% center spread 1 1 0 1 1 155.00 77.50 38.75 +/-0.35% center spread 1 1 1 0 0 160.00 80.00 40.00 +/-0.35% center spread 1 1 1 0 1 170.00 85.00 42.50 +/-0.35% center spread 1 1 1 1 0 66.67 66.67 33.34 0 to -0.6% down spread 1 1 1 1 1 200.00 66.67 33.33 0 to -0.6% down spread 0 - Frequency is selected by hardware select, latched inputs 1 - Frequency is selected by Bit 2,7:4 0 - Normal 1 - Spread spectrum enable 0 - Watch dog safe frequency will be selected by latch inputs 1 - Watch dog safe frequency will be programmed by Byte 10 bit (4:0)
Note 1
0 1 0
Notes:
1. Default at power-up will be for latched logic inputs to define frequency, as displayed by Bit 3.
Third party brands and names are the property of their respective owners.
5
Integrated Circuit Systems, Inc.
ICS950202
Preliminary Product Preview
Byte 1: Output Control Register (1 = enable, 0 = disable)
Bit Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0
Pin# 40, 39 44, 43 47, 46 -
PWD 1 1 1 X X X X X
Description CPUT/C2 CPUT/C1 CPUT/C0 FS4 Read FS3 Read FS2 Read FS1 Read FS0 Read
b a ck b a ck b a ck b a ck b a ck
Byte 2: Output Control Register (1 = enable, 0 = disable)
Bit Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 Pin# 17 16 15 12 11 10 9 PWD X 1 1 1 1 1 1 1 Description MULTSEL (Read back) PCICLK_6 PCICLK_5 PCICLK_4 PCICLK_3 PCICLK_2 PCICLK_1 PCICLK_0
Byte 3: Output Control Register (1 = enable, 0 = disable)
Bit Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 Pin# 34 35 31 6 5 PWD 1 1 1 X 0 X 1 1 Description 48MHZ_DOT 48MHz_USB Reset gear shift detect 1 = Enable, 0 = Disable Reserved 3V66_0/VCH_CLK, (default) = 66.66MHz, 1=48MHz Reserved PCICLK8 PCICLK7
Byte 4: Output Control Register (1 = enable, 0 = disable)
Bit Bi t 7 Bi t 6 Bi t 5 Bi t 4 Bi t 3 Bi t 2 Bi t 1 Bi t 0
Pin# 31 22 21 20
PWD X X X 1 X 1 1 1
Description Reserved Reserved Reserved 3V66_0/VCH_CLK Reserved 3V 66_3 3V 66_2 3V 66_1
Notes: 1. PWD = Power on Default 2. For disabled clocks, they stop low for single ended clocks. Differential CPU clocks stop with CPUCLKT at high, CPUCLKC off, and external resistor termination will bring CPUCLKC low.
Third party brands and names are the property of their respective owners.
6
Integrated Circuit Systems, Inc.
ICS950202
Preliminary Product Preview
Byte 5: Programming Edge Rate (1 = enable, 0 = disable)
Bit Bi t 7 Bi t 6 Bi t 5 Bi t 4 Bi t 3 Bi t 2 Bi t 1 Bi t 0 Pin# X X X X X X X X PWD 0 0 0 0 0 0 0 0 Description (Reserved) (Reserved) (Reserved) (Reserved) (Reserved) (Reserved) (Reserved) (Reserved)
Byte 6: Vendor ID Register (1 = enable, 0 = disable)
Bit Bi t 7 Bi t 6 Bi t 5 Bi t 4 Bi t 3 Bi t 2 Bi t 1 Bi t 0 Name Revision ID Bit3 Revision ID Bit2 Revision ID Bit1 Revision ID Bit0 Vendor ID Bit3 Vendor ID Bit2 Vendor ID Bit1 Vendor ID Bit0 PWD X X X X 0 0 0 1 Description Revision ID values will be based on individual device's revision (Reserved) (Reserved) (Reserved) (Reserved)
Byte 7: Revision ID and Device ID Register
Bit Bi t 7 Bi t 6 Bi t 5 Bi t 4 Bi t 3 Bi t 2 Bi t 1 Bi t 0
Name Device ID7 Device ID6 Device ID5 Device ID4 Device ID3 Device ID2 Device ID1 Device ID0
PWD Description 0 0 1 Device ID values will be based on individual device 0 "22H" in this case. 0 0 1 0
Byte 8: Byte Count Read Back Register
Bit Bi t 7 Bi t 6 Bi t 5 Bi t 4 Bi t 3 Bi t 2 Bi t 1 Bi t 0
Name Byte7 Byte6 Byte5 Byte4 Byte3 Byte2 Byte1 Byte0
PWD Description 0 0 0 Note: Writing to this register will configure byte count and how 0 many bytes will be read back, default is 0FH = 15 bytes. 1 1 1 1
Third party brands and names are the property of their respective owners.
7
Integrated Circuit Systems, Inc.
ICS950202
Preliminary Product Preview
Byte 9: Watchdog Timer Count Register
Bit Bi t 7 Bi t 6 Bi t 5 Bi t 4 Bi t 3 Bi t 2 Bi t 1 Bi t 0
Name WD7 WD6 WD5 WD4 WD3 WD2 WD1 WD0
PWD Description 0 0 0 The decimal representation of these 8 bits correspond to X * 0 290ms the watchdog timer will wait before it goes to alarm mode and reset the frequency to the safe setting. Default at power up is 1 8 * 290ms = 2.3 seconds. 0 0 0
Byte 10: Programming Enable bit 8 Watchdog Control Register
Bit Bi t 7 Bi t 6 Bi t 5 Bi t 4 Bi t 3 Bi t 2 Bi t 1 Bi t 0
Name Program Enable WD Enable WD Alarm S F4 S F3 S F2 S F1 S F0
PWD 0 0 0 0 1 0 0 0
Description Programming Enable bit 0 = no programming. Frequencies are selected by HW latches or Byte0 1 = enable all I2C programing. Watchdog Enable bit. This bit will over write WDEN latched value. 0 = disable, 1 = Enable. Watchdog Alarm Status 0 = normal 1= alarm status Watchdog safe frequency bits. Writing to these bits will configure the safe frequency corrsponding to Byte 0 Bit 2, 7:4 table
Byte 11: VCO Frequency M Divider (Reference divider) Control Register
Bit Bi t 7 Bi t 6 Bi t 5 Bi t 4 Bi t 3 Bi t 2 Bi t 1 Bi t 0
Name Ndiv 8 Mdiv 6 Mdiv 5 Mdiv 4 Mdiv 3 Mdiv 2 Mdiv 1 Mdiv 0
PWD X X X X X X X X
Description N divider bit 8
The decimal respresentation of Mdiv (6:0) corresposd to the reference divider value. Default at power up is equal to the latched inputs selection.
Byte 12: VCO Frequency N Divider (VCO divider) Control Register
Bit Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Name Ndiv 7 Ndiv 6 Ndiv 5 Ndiv 4 Ndiv 3 Ndiv 2 Ndiv 1 Ndiv 0
PWD Description X X X The decimal representation of Ndiv (8:0) correspond to the X VCO divider value. Default at power up is equal to the latched inputs selecton. Notice Ndiv 8 is located in Byte 11. X X X X
Third party brands and names are the property of their respective owners.
8
Integrated Circuit Systems, Inc.
ICS950202
Preliminary Product Preview
Byte 13: Spread Spectrum Control Register
Bit Bi t 7 Bi t 6 Bi t 5 Bi t 4 Bi t 3 Bi t 2 Bi t 1 Bi t 0
Name SS 7 SS 6 SS 5 SS 4 SS 3 SS 2 SS 1 SS 0
PWD Description X X The Spread Spectrum (12:0) bit will program the spread X precentage. Spread precent needs to be calculated based on the X VCO frequency, spreading profile, spreading amount and spread X frequency. It is recommended to use ICS software for spread X programming. Default power on is latched FS divider. X X
Byte 14: Spread Spectrum Control Register
Bit Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Name Reserved Reserved Reserved SS 12 SS 11 SS 10 SS 9 SS 8
PWD X X X X X X X X
Description Reserved Reserved Reserved Spread Spectrum Bit 12 Spread Spectrum Bit 11 Spread Spectrum Bit 10 Spread Spectrum Bit 9 Spread Spectrum Bit 8
Byte 15: Output Divider Control Register
Bit Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Name CPU Div 3 CPU Div 2 CPU Div 1 CPU Div 0 CPU Div 3 CPU Div 2 CPU Div 1 CPU Div 0
PWD 0 1 0 0 0 1 0 0
Description CPU 2 clock divider ratio can be configured via these 4 bits individually. For divider selection table refer to Table 1. Default at power up is latched FS divider. CPU (1:0) clock divider ratio can be configured via these 4 bits individually. For divider selection table refer to Table 1. Default at power up is latched FS divider.
Byte 16: Output Divider Control Register
Bit Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Name Div 3 Div 2 Div 1 Div 0 Div 3 Div 2 Div 1 Div 0
PWD 0 1 0 1 0 1 0 1
Description 3V66_0 clock divider ratio can be configured via these 4 bits individually. For divider selection table refer to Table 1. Default at power up is latched FS divider. 3V66 (3:1) clock divider ratio can be configured via these 4 bits individually. For divider selection table refer to Table 1. Default at power up is latched FS divider.
Third party brands and names are the property of their respective owners.
9
Integrated Circuit Systems, Inc.
ICS950202
Preliminary Product Preview
Byte 17: Output Divider Control Register
B it Bi t 7 Bi t 6 Bi t 5 Bi t 4 Bi t 3 Bi t 2 Bi t 1 Bi t 0 N ame 3V66_INV 3V66_INV C PU_INV C PU_INV PWD 0 0 0 0 D escription 3V66_0 Phase Inversi on bi t 3V66 (3:1) Phase Inversi on bi t C PU 2 Phase Inversi on bi t C PU (1:0) Phase Inversi on bi t
PCI Div 3 PCI Div 2 PCI Div 1 PCI Div 0
1 0 0 1
PCI clock divider ratio can be configured via these 4 bits individually. For divider selection table refer to Table 2. Default at power up is latched FS divider.
Table 1
Table 2
Div (3:2) Div (1:0) 00 01 10 11
00 /2 /3 /5 /7
01 /4 /6 /10 /14
10 /8 /12 /20 /28
11 /16 /24 /40 /56
Div (3:2) Div (1:0) 00 01 10 11
00 /4 /3 /5 /9
01 /8 /6 /10 /18
10 /16 /12 /20 /36
11 /32 /24 /40 /72
Byte 18: Group Skew Control Register
Bit Bi t 7 Bi t 6 Bi t 5 Bi t 4 Bi t 3 Bi t 2 Bi t 1 Bi t 0 Name CPU_Skew 1 CPU_Skew 0 Reserved Reserved CPU_Skew 1 CPU_Skew 0 Reserved Reserved PWD 0 0 0 0 0 0 0 0 Description These 2 bits delay the CPUCLKC/T2 with respect to CPUCLKC/T (1:0) 00 = 0ps 01 = 250ps 10 = 500ps 11 =750ps Reserved Reserved These 2 bits delay the CPUCLKC/T (1:0) clock with respect to CPUCLKC/T2 00 = 0ps 01 = 250ps 10 = 500ps 11 = 750ps Reserved Reserved
Byte 19: Group Skew Control Register
Bit Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Name 3V66_Skew 1 3V66_Skew 0 Reserved Reserved 3V66_Skew 1 3V66_Skew 0 Reserved Reserved
PWD 1 0 0 0 0 1 0 0
Description These 2 bits delay the 3V66 (3:1) with respect to CPUCLK 00 = 0ps 01 = 250ps 10 = 500ps 11 =750ps Reserved Reserved These 2 bits delay the 3V66_0 with respect to CPUCLK 00 = 0ps 01 = 250ps 10 = 500ps 11 =750ps Reserved Reserved
Third party brands and names are the property of their respective owners.
10
Integrated Circuit Systems, Inc.
ICS950202
Preliminary Product Preview
Byte 20: Group Skew Control Register
Bit Bi t 7 Bi t 6 Bi t 5 Bi t 4 Bi t 3 Bi t 2 Bi t 1 Bi t 0 Name PCI_Skew 3 PCI_Skew 2 PCI_Skew 1 PCI_Skew 0 PCIF_Skew 3 PCIF_Skew 2 PCIF_Skew 1 PCIF_Skew 0 PWD 1 0 0 0 1 0 0 0 Description These 4 bits can change the CPU to PCI (6:0) skew from -0.3ns 1.2ns. Default at power up is 0.5ns. Each binary increment or decrement of Bits (3:0) will increase or decrease the delay of the PCI clocks by 100ps. These 4 bits can change the CPU to PCIF (1:0) skew from -0.6ns 1.2ns. Default at power up is 0.4ns. Each binary increment or decrement of Bit (3:0) will increase or decrease the delay of the PCI clocks by 100ps.
Byte 21: Slew Rate Control Register
Bit Bi t 7 Bi t 6 Bi t 5 Bi t 4 Bi t 3 Bi t 2 Bi t 1 Bi t 0 Name Reserved Reserved PCIF Slew 1 PCIF Slew 0 3V66 (3:1)_Slew 1 3V66 (3:1)_Slew 1 3V66_0_Slew 1 3V66_0_Slew 0 PWD 0 0 1 0 1 0 1 0 Description Reserved Reser ved PCIF(1:0) clock slew rate control bits. 01 = strong: 11 = normal; 10 = weak 3V66 (3:1) clock slew rate control bits. 01 = strong: 11 = normal; 10 = weak 3V66_0 clock slew rate control bits. 01 = strong: 11 = normal; 10 = weak
Byte 22: Slew Rate Control Register
Bit Bi t 7 Bi t 6 Bi t 5 Bi t 4 Bi t 3 Bi t 2 Bi t 1 Bi t 0 Name REF Slew 1 REF Slew 0 PCI (6:4) Slew 1 PCI (6:4) Slew 0 PCI (3:1) Slew 1 PCI (3:1) Slew 0 PCI0 Slew 1 PCI0 Slew 0 PWD 1 0 1 0 1 0 1 0 Description REF clock slew rate control bits. 01 = strong: 11 = normal; 10 = weak PCI (6:4) clock slew rate control bits. 01 = strong: 11 = normal; 10 = weak PCI (3:1) clock slew rate control bits. 01 = strong: 11 = normal; 10 = weak PCI0 clock slew rate control bits. 01 = strong: 11 = normal; 10 = weak
Byte 23: Slew Rate Control Register
Bit Bi t 7 Bi t 6 Bi t 5 Bi t 4 Bi t 3 Bi t 2 Bi t 1 Bi t 0
Name Reserved Reserved VCH Slew 1 VCH Slew 0 48USB Slew 1 48USB Slew 0 48DOT Slew 1 48DOT Slew 0
PWD X X 1 0 1 0 1 0
Description Reserved VCH clock slew rate control bits. 01 = strong: 11 = normal; 10 = weakk 48USB clock slew rate control bits. 01 = strong: 11 = normal; 10 = weakk 48DOT clock slew rate control bits. 01 = strong: 11 = normal; 10 = weak
Third party brands and names are the property of their respective owners.
11
Integrated Circuit Systems, Inc.
ICS950202
Preliminary Product Preview
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5 V Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND -0.5 V to VDD +0.5 V Ambient Operating Temperature . . . . . . . . . . . . . . . . . 0C to +70C Case Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 115C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . -65C to +150C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress specifications only and functional operation of the device at these or any other conditions above those listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70C; Supply Voltage VD D = 3.3 V +5% PAR AMETER Input High Voltage Input Low Voltage Input High Current Input Low C urrent Input Low C urrent Operating Supply C urrent Power Down Supply C urrent Input frequency Pin Inductance Input C apacitance 1 Trans ition Tim e 1 Settling Tim e 1 Clk Stabilization 1 D elay
1
SYMBOL VIH VIL IIH IIL1 IIL2 IDD 3.3OP IDD 3.3PD Fi L pin C IN C out C INX Ttrans Ts TSTAB tPZH ,tPZH tPLZ ,tPZH
COND ITIONS
MIN 2 VSS-0.3
TYP
MAX VD D +0.3 0.8 5
UN ITS V V mA mA mA mA mA mA mA MHz nH pF pF pF mS mS mS nS nS
VIN = VDD VIN = 0 V; Inputs with no pull-up res is tors VIN = 0 V; Inputs with pull-up res is tors C L = 0 pF; Select @ 66M C L = Full load IR EF=2.32 IR EF= 5m A VDD = 3.3 V; Logic Inputs Out put pin capacitance X1 & X2 pins To 1s t cros s ing of target Freq. From 1s t cros s ing to 1% target Freq. From VDD = 3.3 V to 1% target Freq. output enable delay (all outputs ) output dis able delay (all outputs )
-5 -5 -200
100 360 25 45 14.318 7 5 27 36 6 45 3 3 1 1 3 10 10
Guarenteed by des ign, not 100% tes ted in production.
Third party brands and names are the property of their respective owners.
12
Integrated Circuit Systems, Inc.
ICS950202
Preliminary Product Preview
Electrical Characteristics - CPUCLK
TA = 0 - 70 C; VDD = 3.3 V +/-5%; (unles s otherwis e s tated) PARAMETER Current Source Output Im pedance Output High Voltage Output High Current Ris e Tim e 1 Differential Cros s over Voltage 1 Duty Cycle 1 Skew 1, CPU to CPU Jitter, Cycle-to-cycle 1 SYMBOL ZO VOH IOH tr VX dt tsk tjcyc-cyc VO = VX VR = 475W +1%; IREF = 2.32m A; IOH = 6*IREF VOL = 20% , VOH = 80% Note 3 VT = 50% VT = 50% VT = VX 175 45 45 50 51 CONDITIONS MIN 3000 0.71 -13.92 1.2 700 55 55 100 150 TYP MAX UNITS V mA ps % % ps ps
Notes : 1 - Guaranteed by des ign, not 100% tes ted in production.
Electrical Characteristics - PCICLK
TA = 0 - 70C; VDD = 3.3 V +/-5%; C L = 10-30 pF (unles s otherwis e s tated) PARAMETER Output Frequency Output Im pedance Output High Voltage Output Low Voltage Output High Current Output Low Current Ris e Tim e Fall Tim e Duty Cycle Skew Jitter
1
SYMBOL F0 1 R DSN11 VOH1 VOL1 IOH1 IOL1 tr11 tf11 d t11 tsk11 tjcyc-cyc1 VO = VDD *(0.5) IOH = -1 m A
CONDITIONS
MIN 12 2.4 -33 30 0.5 0.5 45
TYP 33.33
MAX 55 0.55 -33 38 2 2 55 500 250
UNITS MHz V V mA mA ns ns % ps ps
IOL = 1 m A VOH@ MIN = 1.0 V, VOH@ MAX = 3.135 V VOL@ MIN = 1.95 V, VOL@ MAX= 0.4 VOL = 0.4 V, VOH = 2.4 V VOH = 2.4 V, VOL = 0.4 V VT = 1.5 V VT = 1.5 V VT = 1.5 V
Guarenteed by des ign, not 100% tes ted in production.
Third party brands and names are the property of their respective owners.
13
Integrated Circuit Systems, Inc.
ICS950202
Preliminary Product Preview
Electrical Characteristics - 3V66
TA = 0 - 70C; VDD = 3.3 V +/-5%; C L =10-30 pF (unles s otherwis e s tated) PARAMETER Output Frequency Output Im pedance Output High Voltage Output Low Voltage Output High Current Output Low Current Ris e Tim e Fall Tim e Duty Cycle Skew Jitter
1
SYMBOL FO1 R DSP11 VOH1 VOL1 IOH1 IOL1 tr11 tf11 d t11 tsk11 tjcyc-cyc 1 VO = VDD *(0.5) IOH = -1 m A IOL = 1 m A
CONDITIONS
MIN 12 2.4 -33 30 0.5 0.5 45
TYP 66.66
MAX 55 0.4 -33 38 2 2 55 500 250
UNITS MHz V V mA mA ns ns % ps ps
VOH@ MIN = 1.0 V, VOH@ MAX = 3.135 V VOL@ MIN = 1.95 V, VOL@ MAX= 0.4 VOL = 0.4 V, VOH = 2.4 V VOH = 2.4 V, VOL = 0.4 V VT = 1.5 V VT = 1.5 V VT = 1.5 V
Guarenteed by des ign, not 100% tes ted in production.
Electrical Characteristics - VCH, 48MHz DOT, 48MHz, USB
TA = 0 - 70C; VDD = 3.3 V +/-5%; CL = 10-30 pF (unless otherwise stated) PARAMETER Output Frequency Output Impedance Output High Voltage Output Low Voltage Output High Current Output Low Current 48DOT Rise Time 48DOT Fall Time VCH 48 USB Rise Time VCH 48 USB Fall Time 48 DOT to 48 USB Skew Duty Cycle Jitter
1
SYMBOL FO1 RDSN1 VOH1 VOL1 IOH1 IOL1 tr11 tf1 tr
1 1 1
CONDITIONS VO = VDD*(0.5) VO = VDD*(0.5) IOH = -1 mA IOL = 1 mA VOH@ MIN = 1.0 V, VOH@ MAX = 3.135 V VOL@ MIN = 1.95 V, VOL@ MAX= 0.4 VOL = 0.4 V, VOH = 2.4 V VOH = 2.4 V, VOL = 0.4 V VOL = 0.4 V, VOH = 2.4 V VOH = 2.4 V, VOL = 0.4 V VT=1.5V VT = 1.5 V VT = 1.5 V
MIN 12 2.4 -29 29 0.5 0.5 1 1
TYP 48
MAX 55 0.55 -23 27 1 1 2 2 1
UNITS MHz V V mA mA ns ns ns ns ns % ps
tf1 tskew1 dt11 tjcyc-cyc1
45
55 350
Guarenteed by design, not 100% tested in production.
Third party brands and names are the property of their respective owners.
14
Integrated Circuit Systems, Inc.
ICS950202
Preliminary Product Preview
Electrical Characteristics PARAMETER Output Frequency Output Impedance Output High Voltage Output Low Voltage Output High Current Output Low Current Rise Time Fall Time Duty Cycle Jitter
1
REF
CONDITIONS VO = VDD*(0.5) IOH = -1 mA IOL = 1 mA VOH@ MIN = 1.0 V, VOH@ MAX = 3.135 V VOL@ MIN = 1.95 V, VOL@ MAX= 0.4 VOL = 0.4 V, VOH = 2.4 V VOH = 2.4 V, VOL = 0.4 V VT = 1.5 V VT = 1.5 V MIN 20 2.4 -29 29 1 1 45 TYP MAX 60 0.4 -23 27 4 4 55 500 UNITS MHz V V mA mA ns ns % ps
TA = 0 - 70C; VDD = 3.3 V +/-5%; CL =10-20 pF (unless otherwise stated) SYMBOL FO1 RDSP1 VOH1 VOL1 IOH1 IOL1 tr11 tf1
1 1
dt11 tjcyc-cyc
Guarenteed by design, not 100% tested in production.
Third party brands and names are the property of their respective owners.
15
Integrated Circuit Systems, Inc.
ICS950202
Preliminary Product Preview
Shared Pin Operation Input/Output Pins
The I/O pins designated by (input/output) serve as dual signal functions to the device. During initial power-up, they act as input pins. The logic level (voltage) that is present on these pins at this time is read and stored into a 5-bit internal data latch. At the end of Power-On reset, (see AC characteristics for timing values), the device changes the mode of operations for these pins to an output function. In this mode the pins produce the specified buffered clocks to external loads. To program (load) the internal configuration register for these pins, a resistor is connected to either the VDD (logic 1) power supply or the GND (logic 0) voltage potential. A 10 Kilohm (10K) resistor is used to provide both the solid CMOS programming voltage needed during the power-up programming period and to provide an insignificant load on the output clock during the subsequent operating period. Figure 1 shows a means of implementing this function when a switch or 2 pin header is used. With no jumper is installed the pin will be pulled high. With the jumper in place the pin will be pulled low. If programmability is not necessary, than only a single resistor is necessary. The programming resistors should be located close to the series termination resistor to minimize the current loop area. It is more important to locate the series termination resistor close to the driver than the programming resistor.
Programming Header Via to Gnd Device Pad 2K W
Via to VDD
8.2K W Clock trace to load Series Term. Res.
Fig. 1
Third party brands and names are the property of their respective owners.
16
Integrated Circuit Systems, Inc.
ICS950202
Preliminary Product Preview
3V66 & PCI Phase Relationship All 3V66 clocks are to be in pphase with each other. In the case where 3V66_1 is configured as 48MHz VCH clock, there is no defined phase relationship between 3V66_1/VCH and other 3V66 clocks. The PCI group should lag 3V66 by the standard skew described below as Tpci.
3V66 (1:0) 3V66 (4:2) 3V66_5 PCICLK_F (2:0) PCICLK (6:0) Tpci
Group Skews at Common Transition Edges
GROUP 3V66 PCI 3V66 to PCI
1
SYMBOL 3V66 PCI S 3V66-PCI
CONDITIONS 3V66 (5:0) pin to pin skew PCI_F (2:0) and PCI (6:0) pin to pin skew 3V66 (5:0) leads 33MHz PCI
MIN 0 0 1.5
TYP
MAX 500 500 3.5
UNITS ps ps ns
Guarenteed by design, not 100% tested in production.
PD# Functionality
CPU_STOP# 1 0
CPUT Normal iref * Mult
CPUC Normal Float
3V66 66MHz Low
66MHz_OUT 66MHz_IN Low
PCICLK_F PCICLK 66MHz_IN Low
PCICLK 66MHz_IN Low
USB/DOT 48MHz 48MHz Low
Third party brands and names are the property of their respective owners.
17
Integrated Circuit Systems, Inc.
ICS950202
Preliminary Product Preview
PCI_STOP# - Assertion (transition from logic "1" to logic "0")
The impact of asserting the PCI_STOP# signal will be the following. All PCI[6:0] and stoppable PCI_F[2,0] clocks will latch low in their next high to low transition. The PCI_STOP# setup time tsu is 10 ns, for transitions to be recognized by the next rising edge. Assertion of PCI_STOP# Waveforms
PCI_STOP# PCI_F[2:0] 33MHz PCI[6:0] 33MHz
tsu
CPU_STOP# - Assertion (transition from logic "1" to logic "0") The impact of asserting the CPU_STOP# pin is all CPU outputs that are set in the I2C configuration to be stoppable via assertion of CPU_STOP# are to be stopped after their next transition following the two CPU clock edge sampling as shown. The final state of the stopped CPU signals is CPUT=High and CPUC=Low. There is to be no change to the output drive current values. The CPUT will be driven high with a current value equal to (MULTSEL0) X (I REF), the CPUC signal will not be driven. Assertion of CPU_STOP# Waveforms
CPU_STOP# CPUT CPUC
CPU_STOP# Functionality
CPU_STOP# 1 0
CPUT Normal iref * Mult
CPUC Normal Float
Third party brands and names are the property of their respective owners.
18
Integrated Circuit Systems, Inc.
ICS950202
Preliminary Product Preview
N
c
SYMBOL
L
INDEX AREA
E1
E
12 D h x 45
a
A A1
A A1 b c D E E1 e h L N
In Millimeters COMMON DIMENSIONS MIN MAX 2.41 2.80 0.20 0.40 0.20 0.34 0.13 0.25 SEE VARIATIONS 10.03 10.68 7.40 7.60 0.635 BASIC 0.38 0.64 0.50 1.02 SEE VARIATIONS 0 8 VARIATIONS D mm. MIN MAX 15.75 16.00
In Inches COMMON DIMENSIONS MIN MAX .095 .110 .008 .016 .008 .0135 .005 .010 SEE VARIATIONS .395 .420 .291 .299 0.025 BASIC .015 .025 .020 .040 SEE VARIATIONS 0 8
-Ce
b SEATING PLANE .10 (.004) C
N 48
10-0034
D (inch) MIN .620 MAX .630
Reference Doc.: JEDEC Publication 95, MO-118
300 mil SSOP Package
Ordering Information
ICS950202YFT
Example:
ICS XXXX y F - T
CPU_STOP# Functionality Designation for tape and reel packaging Package Type F=SSOP Revision Designator (will not correlate with datasheet revision) Device Type Prefix ICS, AV = Standard Device
Registered Company
9001
For more information on Integrated Circuit Systems Inc. or any of our products please visit our web site at: http://www.icst.com
19


▲Up To Search▲   

 
Price & Availability of ICS950202YFT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X