Part Number Hot Search : 
0ZB6T MC410A 40NTT 18P1100 EL4585 87663 PIC18F65 LTC1261
Product Description
Full Text Search
 

To Download HSB857 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6705 Issued Date : 1995.01.27 Revised Date : 2001.09.13 Page No. : 1/3
HSB857 / 2SB857
PNP EPITAXIAL PLANAR TRANSISTOR
Description
Low frequency power amplifier.
Absolute Maximum Ratings (Ta=25C)
* Maximum Temperatures Storage Temperature ............................................................................................ -50 ~ +150 C Junction Temperature .................................................................................... +150 C Maximum * Maximum Power Dissipation Total Power Dissipation (Tc=25C) ..................................................................................... 40 W * Maximum Voltages and Currents BVCBO Collector to Base Voltage...................................................................................... -70 V BVCEO Collector to Emitter Voltage................................................................................... -50 V BVEBO Emitter to Base Voltage.......................................................................................... -5 V IC Collector Current.............................................................................................................. -4 A IC Collector Current (IC Peak).............................................................................................. -8 A
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO *VCE(sat) *VBE(on) *hFE1 *hFE2 fT Min. -70 -50 -5 35 60 Typ. 15 Max. -1 -1 -1 320 Unit V V V uA V V Test Conditions IC=-10uA, IE=0 IC=-50mA, IB=0 IE=-10uA, IC=0 VCB=-50V, IC=0 IC=-2A, IB=-0.2A IC=-1A, VCE=-4V IC=-0.1A, VCE=-4V IC=-1A, VCE=-4V VCE=-4V, IC=-500mA, f=100MHz
*Pulse Test : Pulse Width 380us, Duty Cycle2%
MHz
Classification Of hFE2
Rank hFE B 60-120 C 100-200 D 160-320
HSB857
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
1000
10000
Spec. No. : HE6705 Issued Date : 1995.01.27 Revised Date : 2001.09.13 Page No. : 2/3
Saturation Voltage & Collector Current
hFE @ VCE=4V 100
Saturation Voltage (mV)
1000 VBE(sat) @ IC=10IB
hFE
10
100
VBE(sat) @ IC=10IB
1 1 10 100 1000 10000
10 1 10 100 1000 10000
Collector Current (mA)
Collector Current (mA)
On Voltage & Collector Current
10000 10.00
Switching Time & Collector Current
VCC=30V, IC=10IB1= -10IB2
Switching Times (us)
On Voltage (mV)
1.00
Tstg
1000
Tf 0.10 Ton
VBE(on) @ VCE=4V
100 1 10 100 1000 10000
0.01 0.1 1.0 10.0
Collector Current (mA)
Collector Current (A)
Capacitance & Reverse-Biased Voltage
1000 100000 PT=1ms 10000 PT=100ms PT=1s 1000
Safe Operating Area
100
Collector Current-IC (mA)
Cob
Capacitance (pF)
100
10
10 0.1 1 10 100
1 1 10 100
Reverse-Biased Voltage (V)
Forward Voltage-VCE (V)
HSB857
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-220AB Dimension
Marking :
A D B E C
HSMC Logo Part Number Date Code
Spec. No. : HE6705 Issued Date : 1995.01.27 Revised Date : 2001.09.13 Page No. : 3/3
Product Series Rank
H I G 4 P M 3 2 1 N K
Style : Pin 1.Base 2.Collector 3.Emitter
O
3-Lead TO-220AB Plastic Package HSMC Package Code : E *:Typical
DIM A B C D E G H
Inches Min. Max. 0.2197 0.2949 0.3299 0.3504 0.1732 0.185 0.0453 0.0547 0.0138 0.0236 0.3803 0.4047 *0.6398
Millimeters Min. Max. 5.58 7.49 8.38 8.90 4.40 4.70 1.15 1.39 0.35 0.60 9.66 10.28 *16.25
DIM I K M N O P
Inches Min. Max. *0.1508 0.0295 0.0374 0.0449 0.0551 *0.1000 0.5000 0.5618 0.5701 0.6248
Millimeters Min. Max. *3.83 0.75 0.95 1.14 1.40 *2.54 12.70 14.27 14.48 15.87
Notes : 1.Dimension and tolerance based on our Spec. dated Sep. 07,1997.
2.Controlling dimension : millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material :
* Lead : 42 Alloy ; solder plating * Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory :
* Head Office (Hi-Sincerity Microelectronics Corp.) : 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel : 886-2-25212056 Fax : 886-2-25632712, 25368454 * Factory 1 : No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5983621~5 Fax : 886-3-5982931
HSB857
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HSB857

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X