Part Number Hot Search : 
CLAMP LM1640 MAC12SMG CLAMP 00130 IIRL3713 MTM8N20 M1001
Product Description
Full Text Search
 

To Download HD74LV221A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74LV221A
Dual Monostable Multivibrators
ADE-205-271A (Z) 2nd Edition June 1999 Description
The HD74LV221A features output pulse-duration control by three methods. In the first method, the A input is low and the B input goes high. In the second method, the B input is high and the A input goes low. In the third method, the A input is low, the B input is high, and the clear (CLR) input goes high. The basic pulse duration is programmed by selecting external resistance and capacitance values. The external timing capacitor must be connected between Cext and Rext/Cext (positive) and an external resistor connected between Rext/Cext and VCC. To obtain variable pulse durations, connect an external variable resistance between Rext/Cext and VCC. Pulse duration can be reduced by taking CLR low.
Features
* * * * VCC = 2.0 V to 5.5 V operation All inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V) All outputs VO (Max.) = 5.5 V (@VCC = 0 V) Output current 6 mA (@VCC = 3.0 V to 3.6 V), 12 mA (@VCC = 4.5 V to 5.5 V)
HD74LV221A
Function Table
Inputs CLR L X X H H Note: H: L: X: : : A X H X L L High level Low level Immaterial Low to high transition High to low transition : High level pulse : Low level pulse B X X L H H Outputs Q L L L Q H H H
Pin Arrangement
1A 1 1B 1CLR 2 3
16 VCC 15 1Rext / Cext 14 1Cext 13 1Q 12 2Q 11 2CLR 10 2B 9 2A
1Q 4 2Q 2Cext 2Rext / Cext 5 6 7
GND 8
(Top view)
2
HD74LV221A
Absolute Maximum Ratings
Item Supply voltage range Input voltage range*
1 1, 2
Symbol VCC VI VO
Ratings -0.5 to 7.0 -0.5 to 7.0 -0.5 to VCC + 0.5 -0.5 to 7.0
Unit V V V
Conditions
Output voltage range*
Output: H or L VCC: OFF
Input clamp current Output clamp current Continuous output current Continuous current through VCC or GND Maximum power dissipation at Ta = 25C (in still air)*3
I IK I OK IO I CC or IGND PT
-20 50 25 50 785 500
mA mA mA mA mW
VI < 0 VO < 0 or VO > VCC VO = 0 to VCC
SOP TSSOP
Storage temperature
Tstg
-65 to 150
C
Notes: The absolute maximum ratings are values which must not individually be exceeded, and furthermore, no two of which may be realized at the same time. 1. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. This value is limited to 5.5 V maximum. 3. The maximum package power dissipation was calculated using a junction temperature of 150C.
3
HD74LV221A
Recommended Operating Conditions
Item Supply voltage range Input voltage range Output voltage range Output current Symbol VCC VI VO I OH Min 2.0 0 0 -- -- -- -- I OL -- -- -- -- Input transition rise or fall rate t /v 0 0 0 External timing registance Rext 5 1 External timing capacitance Operating free-air temperature Cext Ta -- -40 Typ -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- unlimited Max 5.5 5.5 VCC -50 -2 -6 -12 50 2 6 12 200 100 20 -- -- -- 85 F C k ns/V A mA Unit V V V A mA VCC = 2.0 V VCC = 2.3 to 2.7 V VCC = 3.0 to 3.6 V VCC = 4.5 to 5.5 V VCC = 2.0 V VCC = 2.3 to 2.7 V VCC = 3.0 to 3.6 V VCC = 4.5 to 5.5 V VCC = 2.3 to 2.7 V VCC = 3.0 to 3.6 V VCC = 4.5 to 5.5 V VCC = 2.0 V VCC 3.0 V Conditions
Note: Unused or floating inputs must be held high or low.
Logic Diagram
A
Q
Q
B Q CLR CLR Q
4
HD74LV221A
DC Electrical Characteristics
* Ta = -40 to 85C
Item Input voltage Symbol VIH VCC (V)* 2.0 2.3 to 2.7 3.0 to 3.6 4.5 to 5.5 VIL 2.0 2.3 to 2.7 3.0 to 3.6 4.5 to 5.5 Output voltage VOH Min to Max 2.3 3.0 4.5 VOL Min to Max 2.3 3.0 4.5 Input current Input current Rext / Cext Quiescent supply current IIN IIN ICC ICC 0 to 5.5 5.5 5.5 2.3 Min 1.5 VCC x 0.7 VCC x 0.7 VCC x 0.7 -- -- -- -- VCC - 0.1 2.0 2.48 3.8 -- -- -- -- -- -- -- -- Typ -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- Max -- -- -- -- 0.5 VCC x 0.3 VCC x 0.3 VCC x 0.3 -- -- -- -- 0.1 0.4 0.44 0.55 1 2.5 20 220 A A A A Unit V Test Conditions
V
IOL = -50 A IOL = -2 mA IOL = -6 mA IOL = -12 mA
V
IOL = 50 A IOL = 2 mA IOL = 6 mA IOL = 12 mA VIN = 5.5 V or GND VIN = VCC or GND VIN = VCC or GND, IO = 0 VIN = VCC or GND Rext/Cext = 0.5 VCC
Active state supply current (per circuit)
3.0 4.5 5.5 Output leakage current Input capacitance IOFF CIN 0 3.3 -- -- -- 4.0
280 650 975 5 -- A pF VO = 5.5 V VI = VCC or GND
Note: For conditions shown as Min or Max, use the appropriate values under recommended operating conditions.
5
HD74LV221A
Switching Characteristics
* VCC = 2.5 0.2 V
Ta = 25C Item Propagation delay time Symbol tPLH tPHL Min -- Typ 13.3 Max 31.4 Ta = -40 to 85C Min 1.0 Max 37.0 Unit ns Test Conditions CL = 15 pF FROM (Input) A or B TO (Output) Q or Q
-- -- -- -- -- Pulse width tw twQ 6.0 --
15.5 10.9 12.5 13.5 15.9 -- 170
36.0 25.0 32.8 33.4 38.0 -- 260
1.0 1.0 1.0 1.0 1.0 6.5 --
42.0 29.5 34.5 39.0 44.0 -- 320 ns ns
CL = 50 pF CL = 15 pF CL = 50 pF CL = 15 pF CL = 50 pF A, B or CLR CL = 50 pF, Cext = 28 pF, Rext = 2 k CLR (Trigger) Q or Q CLR Q or Q
Output pulse width
90
100
110
90
110
s
CL = 50 pF, Cext = 0.01 F, Rext = 10 k
0.9
1.0
1.1
0.9
1.1
ms
CL = 50 pF, Cext = 0.1 F, Rext = 10 k
twQ
--
1
--
--
--
%
CL = 50 pF
6
HD74LV221A
Switching Characteristics (cont)
* VCC = 3.3 0.3 V
Ta = 25C Item Propagation delay time Symbol tPLH tPHL Min -- Typ 9.9 Max 20.6 Ta = -40 to 85C Min 1.0 Max 24.0 Unit ns Test Conditions CL = 15 pF FROM (Input) A or B TO (Output) Q or Q
-- -- -- -- -- Pulse width tw twQ 5.0 --
11.6 8.3 9.7 9.9 11.6 -- 150
24.1 15.8 19.3 22.4 25.9 -- 240
1.0 1.0 1.0 1.0 1.0 5.0 --
27.5 18.5 22.0 26.0 29.5 -- 300 ns ns
CL = 50 pF CL = 15 pF CL = 50 pF CL = 15 pF CL = 50 pF A, B or CLR CL = 50 pF, Cext = 28 pF, Rext = 2 k CLR (Trigger) Q or Q CLR Q or Q
Output pulse width
90
100
110
90
110
s
CL = 50 pF, Cext = 0.01 F, Rext = 10 k
0.9
1.0
1.1
0.9
1.1
ms
CL = 50 pF, Cext = 0.1 F, Rext = 10 k
twQ
--
1
--
--
--
%
CL = 50 pF
7
HD74LV221A
Switching Characteristics (cont)
* VCC = 5.0 0.5 V
Ta = 25C Item Propagation delay time Symbol tPLH tPHL Min -- Typ 7.3 Max 12.0 Ta = -40 to 85C Min 1.0 Max 14.0 Unit ns Test Conditions CL = 15 pF FROM (Input) A or B TO (Output) Q or Q
-- -- -- -- -- Pulse width tw twQ 5.0 --
8.7 6.2 7.4 7.3 8.6 -- 140
14.0 9.4 11.4 12.9 14.9 -- 200
1.0 1.0 1.0 1.0 1.0 5.0 --
16.0 11.0 13.0 15.0 17.0 -- 240 ns ns
CL = 50 pF CL = 15 pF CL = 50 pF CL = 15 pF CL = 50 pF A, B or CLR CL = 50 pF, Cext = 28 pF, Rext = 2 k CLR (Trigger) Q or Q CLR Q or Q
Output pulse width
90
100
110
90
110
s
CL = 50 pF, Cext = 0.01 F, Rext = 10 k
0.9
1.0
1.1
0.9
1.1
ms
CL = 50 pF, Cext = 0.1 F, Rext = 10 k
twQ
--
1
--
--
--
%
CL = 50 pF
8
HD74LV221A
Operating Characteristics
* CL = 50 pF
Ta = 25C Item Power dissipation capacitance Symbol CPD VCC (V) 3.3 Min -- Typ 74.0 Max -- Unit pF Test Conditions f = 10 MHz
5.0
--
86.0
--
Test Circuit
VCC Cext
- +
Rext
Cext = 28 pF or 100 pF or 0.01 F or 0.1 F Rext = 1 k or 2 k or 10 k
VCC
Input
Refer to Function Table
Cext Rext/ Cext A B CLR GND
VCC Q Output C L = 15 pF or 50 pF
Q
Output C L = 15 pF or 50 pF
Note : C L includes the probe and jig capacitance.
9
HD74LV221A
Timing diagram
A
B
CLR
Rext/ Cext
Q
Q tw tw tw
Caution in use In order to prevent any malfunctions due to noise, connect a high frequency performance capacitor between Vcc and GND, and keep the wiring between the external components and Cext, Rext/Cext pins as short as possible. Large values of Cext may cause problems when powering down the HD74LV221A because of the amount of energy stored in the capacitoe. When a system containing diodes at pin 7 or pin15. Current through the input protection diodes must be limited to 10 mA; therefore, the turn-off time of the Vcc power supply must not be faster than t = Vcc * Cext/(20 mA). for example, if Vcc 5 V and Cext = 22 F, the Vcc supply must turn off no faster than t = (5 V) * (22 F)/20mA = 5.5 ms. This is usually not a problem because power supplies are heavily filtered and cannot discharge at this rate. When a more rapid decrease of Vcc to zero volts occurs, the HD74LV221A may sustain damage. To avoid this possibility, use an external calmping diode.
10
HD74LV221A
* Waveform - 1
90% 50% 10% tr Input B 10% tr Input CLR 10% 90% 50% 90% 50% 10% t w (L) t PLH (trigger) t PHL VOH Output Q 50% VCC t PHL (trigger) t PLH VOH Output Q 50% VCC 50% VCC VOL 50% VCC VOL tf tr 90% 50% 10% VCC GND 90% 50% VCC GND tf VCC GND
Input A
11
HD74LV221A
* Waveform - 2
tr 90% 50% 10% tf 90% 50% 10% 10% t w (L) 90% 50% 10% t w (L) tr 90% 50% 90% 50% 10% t w (H) tf VCC GND tf tr 90% 50% 10% VCC GND
Input A
t w (H)
Input B
VOH Output Q 50% VCC 50% VCC VOL t w (out) VOH Output Q 50% VCC 50% VCC VOL
Note: 1. Input waveform: PRR 1 MHz, Zo = 50 , t r 3 ns, t f 3 ns 2. The output are measured one at a time with one transition per measurement.
12
HD74LV221A
Application Data
Vcc = 2.5 V 10000.0
t WQ (s) Output pulse width
1000.0
100.0
10.0 Rext 1.0 1 k 10 k 100 k 1 M
2 3 4 5 6 7
0.1 10
10
10
10
10
10
Timing capacitance
Cext (pF)
13
HD74LV221A
Vcc = 3.3 V 10000.0
t WQ (s) Output pulse width
1000.0
100.0
10.0 Rext 1.0 1 k 10 k 100 k 1 M
2 3 4 5 6 7
0.1 10
10
10
10
10
10
Timing capacitance
Cext (pF)
Vcc = 5.0 V 10000.0
t WQ (s) Output pulse width
1000.0
100.0
10.0 Rext 1.0 1 k 10 k 100 k 1 M
2 3 4 5 6 7
0.1 10
10
10
10
10
10
Timing capacitance
Cext (pF)
14
HD74LV221A
Rext = 2 k 1.4 Cext K 1.3 1000 pF 10000 pF 100000 pF 1000000 pF
Coefficient of output pulse width
1.2
1.1
1.0
0.9
0.8 2.0 2.5 3.0 3.5 4.0 4.5 VCC (V) 5.0 5.5 6.0
Supply voltage
Rext = 10 k 1.4 Cext 1.3 1000 pF 10000 pF 100000 pF 1000000 pF K Coefficient of output pulse width
1.2
1.1
1.0
0.9
0.8 2.0 2.5 3.0 3.5 4.0 4.5 VCC (V) 5.0 5.5 6.0
Supply voltage
15
HD74LV221A
Package Dimensions
10.06 10.5 Max 16 9
5.5
1
8
0.22 0.05 0.20 0.04
0.20 7.80 + 0.30 -
0.80 Max
2.20 Max
1.15 0 - 8 0.70 0.20
1.27
0.42 0.08 0.40 0.06
0.12 M
Dimension including the plating thickness Base material dimension Hitachi Code JEDEC EIAJ Weight (reference value) FP-16DA -- Conforms 0.24 g
16
0.10 0.10
0.15
HD74LV221A
Unit: mm
9.9 10.3 Max 16 9 3.95 1 1.27 0.635 Max 8
0.11 0.14 + 0.04 - 1.75 Max
*0.22 0.03 0.20 0.03
0.10 6.10 + 0.30 -
1.08 0 - 8
+ 0.67 0.60 - 0.20
*0.42 0.08 0.40 0.06
0.15 0.25 M
*Dimension including the plating thickness Base material dimension
Hitachi Code JEDEC EIAJ Weight (reference value)
FP-16DN Conforms Conforms 0.15 g
17
HD74LV221A
5.0 5.3 Max 16 9 4.40 1
0.08 0.22 + 0.07 -
8 0.65 1.0 6.40 0.20 0 - 8 0.50 0.10
0.20 0.06
0.13 M 0.65 Max
0.17 0.05 0.15 0.04
1.10 Max
0.10
0.07 +0.03 -0.04
Dimension including the plating thickness Base material dimension
Hitachi Code JEDEC EIAJ Weight (reference value)
TTP-16DA -- -- 0.05 g
18
HD74LV221A
Cautions
1. Hitachi neither warrants nor grants licenses of any rights of Hitachi's or any third party's patent, copyright, trademark, or other intellectual property rights for information contained in this document. Hitachi bears no responsibility for problems that may arise with third party's rights, including intellectual property rights, in connection with use of the information contained in this document. 2. Products and product specifications may be subject to change without notice. Confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. Hitachi makes every attempt to ensure that its products are of high quality and reliability. However, contact Hitachi's sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as in aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. Design your application so that the product is used within the ranges guaranteed by Hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. Hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. Even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as fail-safe devices, so that the equipment incorporating the Hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the Hitachi product. 5. This product is not designed to be radiation resistant. 6. No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from Hitachi. 7. Contact Hitachi's sales office for any questions regarding this document or Hitachi semiconductor products.
Hitachi, Ltd.
Semiconductor & Integrated Circuits. Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan Tel: Tokyo (03) 3270-2111 Fax: (03) 3270-5109
URL
NorthAmerica : http:semiconductor.hitachi.com/ Europe : http://www.hitachi-eu.com/hel/ecg Asia (Singapore) : http://www.has.hitachi.com.sg/grp3/sicd/index.htm Asia (Taiwan) : http://www.hitachi.com.tw/E/Product/SICD_Frame.htm Asia (HongKong) : http://www.hitachi.com.hk/eng/bo/grp3/index.htm Japan : http://www.hitachi.co.jp/Sicd/indx.htm For further information write to:
Hitachi Europe GmbH Electronic components Group Dornacher Strae 3 D-85622 Feldkirchen, Munich Germany Tel: <49> (89) 9 9180-0 Fax: <49> (89) 9 29 30 00 Hitachi Europe Ltd. Electronic Components Group. Whitebrook Park Lower Cookham Road Maidenhead Berkshire SL6 8YA, United Kingdom Tel: <44> (1628) 585000 Fax: <44> (1628) 778322 Hitachi Asia Pte. Ltd. 16 Collyer Quay #20-00 Hitachi Tower Singapore 049318 Tel: 535-2100 Fax: 535-1533 Hitachi Asia Ltd. Taipei Branch Office 3F, Hung Kuo Building. No.167, Tun-Hwa North Road, Taipei (105) Tel: <886> (2) 2718-3666 Fax: <886> (2) 2718-8180 Hitachi Asia (Hong Kong) Ltd. Group III (Electronic Components) 7/F., North Tower, World Finance Centre, Harbour City, Canton Road, Tsim Sha Tsui, Kowloon, Hong Kong Tel: <852> (2) 735 9218 Fax: <852> (2) 730 0281 Telex: 40815 HITEC HX
Hitachi Semiconductor (America) Inc. 179 East Tasman Drive, San Jose,CA 95134 Tel: <1> (408) 433-1990 Fax: <1>(408) 433-0223
Copyright (c) Hitachi, Ltd., 1998. All rights reserved. Printed in Japan.
19


▲Up To Search▲   

 
Price & Availability of HD74LV221A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X