Part Number Hot Search : 
1602H AS4040 01010 HSM590G SF206 MSZ52 FES2B SC3080
Product Description
Full Text Search
 

To Download HAT1020R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HAT1020R
Silicon P Channel Power MOS FET High Speed Power Switching
ADE-208-435 F (Z) 7th. Edition December. 1996 Features
* * * * Low on-resistance Capable of 4 V gate drive Low drive current High density mounting
Outline
SOP-8
8 5 76
56 7 8 DD D D
3 12
4
4 G
1, 2, 3 Source 4 Gate 5, 6, 7, 8 Drain
SSS 123
HAT1020R
Absolute Maximum Ratings (Ta = 25C)
Item Drain to source voltage Gate to source voltage Drain current Drain peak current Symbol VDSS VGSS ID ID(pulse)Note1 Ratings -30 20 -5 -40 -5 2.5 150 -55 to +150 Unit V V A A A W C C
Body-drain diode reverse drain current IDR Channel dissipation Channel temperature Storage temperature Note: Pch Note2 Tch Tstg
1. PW 10s, duty cycle 1 % 2. When using the glass epoxy board (FR4 40 x 40 x 1.6 mm), PW 10s
Electrical Characteristics (Ta = 25C)
Item Drain to source breakdown voltage Gate to source breakdown voltage Gate to source leak current Zero gate voltege drain current IGSS IDSS -- -- -1.0 -- -- 5.0 -- -- -- -- -- -- -- -- -- -- -- 0.04 0.07 7.5 860 560 165 30 170 40 65 -0.9 10 -10 -2.5 0.07 0.13 -- -- -- -- -- -- -- -- -1.4 A A V S pF pF pF ns ns ns ns V IF = -5A, VGS = 0 Note3 VGS = 16V, VDS = 0 VDS = -30 V, VGS = 0 VDS = -10V, I D = -1mA ID = -3A, VGS = -10V Note3 ID = -3A, VGS = -4V Note3 ID = -3A, VDS = -10V Note3 VDS = -10V VGS = 0 f = 1MHz VGS = -4V, ID = -3A VDD A -10V V(BR)GSS 20 -- -- V IG = 100 A, VDS = 0 Symbol Min Typ -- Max -- Unit V Test Conditions ID = -10mA, VGS = 0 V(BR)DSS -30
Gate to source cutoff voltage VGS(off) Static drain to source on state resistance Forward transfer admittance Input capacitance Output capacitance RDS(on) RDS(on) |yfs| Ciss Coss
Reverse transfer capacitance Crss Turn-on delay time Rise time Turn-off delay time Fall time Body-drain diode forward voltage Body-drain diode reverse recovery time trr td(on) tr td(off) tf VDF
--
55
--
ns
IF = -5A, VGS = 0 diF/ dt =20A/s
HAT1020R
Main Characteristics
Power vs. Temperature Derating 4.0
Pch (W)
Maximum Safe Operation Area -100
I D (A)
Test Condition : When using the glass epoxy board (FR4 40x40x1.6 mm), PW < 10 s 3.0
10 s 100 s
1m
-30 -10 -3 -1 -0.3 -0.1 Ta = 25 C 1 shot pulse
DC
PW
s
Op
Drain Current
Channel Dissipation
er
=
ati
10
2.0
on
m
s
Operation in this area is limited by R DS(on)
(P
W Note <4 1 0s )
1.0
-0.03 0 50 100 150 Ta (C) 200
Ambient Temperature
-0.01 -1 -3 -10 -30 -100 -0.1 -0.3 Drain to Source Voltage V DS (V)
Note 4 : When using the glass epoxy board (FR4 40 x 40 x 1.6 mm)
Typical Output Characteristics -20 -10 V -6 V -5 V -4.5 V -20
-4 V
(A)
Typical Transfer Characteristics V DS = -10 V Pulse Test -16
I D (A)
-16
Pulse Test
-3.5 V
ID Drain Current
-12
-12
Drain Current
-8
-3 V
-8
-4
VGS = -2.5 V
-4
75 C -1 -2 -3 Gate to Source Voltage
Tc = -25 C 25 C
0
-2 -4 -6 Drain to Source Voltage
-8 -10 V DS (V)
0
-4 -5 V GS (V)
HAT1020R
Drain to Source Saturation Voltage vs. Gate to Source Voltage
Drain to Source Saturation Voltage V DS(on) (V)
Pulse Test
Drain to Source On State Resistance R DS(on) ( )
-0.5
Static Drain to Source on State Resistance vs. Drain Current 1 Pulse Test 0.5 0.2 0.1 VGS = -4 V
-0.4
-0.3
I D = -5 A
-0.2 -2 A -1 A 0 -6 -2 -4 Gate to Source Voltage -10 V GS (V) -8
0.05 -10 V
-0.1
0.02 0.01 -0.2
-0.5 -1 -2 Drain Current
-5 -10 -20 I D (A)
Static Drain to Source on State Resistance R DS(on) ( )
Forward Transfer Admittance |y fs | (S)
Static Drain to Source on State Resistance vs. Temperature 0.20 Pulse Test 0.16 I D = -5 A V GS = -4 V 0.08 -2 A, -1 A
Forward Transfer Admittance vs. Drain Current 20 10 5 75 C 2 1 0.5 0.2 -0.2 V DS = -10 V Pulse Test -0.5 -1 -2 -5 -10 -20 Drain Current I D (A) 25 C Tc = -25 C
0.12
0.04 -10 V 0 -40
-5 A, -2 A, -1 A
0 40 80 120 160 Case Temperature Tc (C)
HAT1020R
Body-Drain Diode Reverse Recovery Time 500 10000 3000 1000 300 Crss 100 30 10 0 -10 -20 -30 Ciss Coss Typical Capacitance vs. Drain to Source Voltage
Reverse Recovery Time trr (ns)
100 50
20 10 5 -0.2 di / dt = 20 A / s VGS = 0, Ta = 25 C -0.5 -1 -2 -5 -10 -20 Reverse Drain Current I DR (A)
Capacitance C (pF)
200
VGS = 0 f = 1 MHz -40 -50
Drain to Source Voltage V DS (V)
Dynamic Input Characteristics
V DS (V)
Switching Time t (ns)
-10
V DD = -5 V -10 V -25 V
V GS (V)
0
0
500
Switching Characteristics
-4
200 100 50
tr tf t d(off) t d(on)
Drain to Source Voltage
-20 V DS V DD = -25 V -10 V -5 V I D = -5 A
V GS
-8
-30
-12
Gate to Source Voltage
20 10
-40 -50 0
-16 -20 40
8 16 24 32 Gate Charge Qg (nc)
5 -0.1 -0.2
V GS = -4 V, V DD = -10 V PW = 3 s, duty < 1 % -0.5 -1 Drain Current -2 -5 I D (A) -10
HAT1020R
Reverse Drain Current vs. Source to Drain Voltage -20 Pulse Test Reverse Drain Current I DR (A) -16 V GS = -5 V
-12
-8
0, 5 V
-4
0
-0.4
-0.8
-1.2
-1.6
-2.0
Source to Drain Voltage
V SD (V)
Normalized Transient Thermal Impedance vs. Pulse Width 10 Normalized Transient Thermal Impedance s (t)
1
D=1 0.5
0.2
0.1
0.1 0.05
0.02 0.01
0.01
ch - f(t) = s (t) * ch - f ch - f = 83.3 C/W, Ta = 25 C When using the glass epoxy board (FR4 40x40x1.6 mm)
ls pu e
PDM PW T
0.001
1sh ot
D=
PW T
0.0001 10
100
1m
10 m
100 m
1
10
100
1000
1000
Pulse Width PW (S)
HAT1020R
Package Dimensions
Unit: mm
5.0 Max 8 5
1
4
4.0 Max
1.75 Max
6.2 Max 0.25 Max
0 - 8 1.27 0.51 Max 0.25 Max 1.27 Max
0.15 0.25 M Hitachi code EIAJ JEDEC FP-8DA -- MS-012AA


▲Up To Search▲   

 
Price & Availability of HAT1020R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X