Part Number Hot Search : 
ZMY91G T93C46 001591 15KP200A A61L6316 HW941A YM536 E000936
Product Description
Full Text Search
 

To Download FSTU16245 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FSTU16245 16-Bit Bus Switch with -2V Undershoot Protection
April 2001 Revised April 2001
FSTU16245 16-Bit Bus Switch with -2V Undershoot Protection
General Description
The Fairchild Switch FSTU16245 provides 16-bits of highspeed CMOS TTL-compatible bus switching. The low On Resistance of the switch allows inputs to be connected to outputs without adding propagation delay or generating additional ground bounce noise. The device is organized as a 16-bit switch. There are two 8-bit switches with separate output enable inputs. When OE is LOW, the switch is ON and Port a is connected to Port B. When OE is HIGH, the switch is OFF and a high impedance state exists between the A and B Ports. The A and B Ports are protected against undershoot to support an extended range to 2.0V below ground. Fairchild's integrated Undershoot Hardened Circuit (UHC) senses undershoot at the I/O and responds by preventing voltage differentials from developing and turning the switch on. When OE is HIGH, the switch is OPEN and a high-impedance state exists between the two ports.
Features
I Undershoot hardened to -2V (A and B Ports) I 4 switch connection between two ports. I Minimal propagation delay through the switch. I Low lCC. I Zero bounce in flow-through mode. I Control inputs compatible with TTL level. I See Application Note AN-5008 for details
Ordering Code:
Order Number FSTU16245MTD Package Number MTD48 Package Description 48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Connection Diagram
Pin Descriptions
Pin Name OEn 1An, 2An, 3An, 4An 1Bn, 2Bn, 3Bn, 4Bn NC Description Output Enable Input (Active LOW) Bus A Bus B No Internal Connection
UHC is a trademark of Fairchild Semiconductor Corporation.
(c) 2001 Fairchild Semiconductor Corporation
DS500432
www.fairchildsemi.com
FSTU16245
Logic Diagram
Truth Table
Inputs OEx L H
H = HIGH Voltage Level L = LOW Voltage Level Z = High Impedance
Outputs A, B A Port = B Port Z
www.fairchildsemi.com
2
FSTU16245
Absolute Maximum Ratings(Note 1)
Supply Voltage (VCC) DC Switch Voltage (VS) (Note 2) DC Input Voltage (VIN) (Note 3) DC Input Diode Current (lIK) VIN<0V DC Output Current (IOUT) DC VCC/GND Current (ICC/IGND) Storage Temperature Range (TSTG)
-0.5V to +7.0V -2.0V to +7.0V -0.5V to +7.0V -50mA
128mA
Recommended Operating Conditions (Note 4)
Power Supply Operating (VCC) Input Voltage (VIN) Output Voltage (VOUT) Input Rise and Fall Time (tr, tf) Switch Control Input Switch I/O Free Air Operating Temperature (TA) 0nS/V to 5nS/V 0nS/V to DC -40 C to +85 C 4.0V to 5.5V 0V to 5.5V 0V to 5.5V
100mA -65C to +150 C
Note 1: The "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum rating. The "Recommended Operating Conditions" table will define the conditions for actual device operation. Note 2: VS is the voltage observed/applied at either the A or B Ports across the switch. Note 3: The input and output negative voltage ratings may be exceeded if the input and output diode current ratings are observed. Note 4: Unused control inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Symbol VIK VIH VIL II IOZ RON Parameter Clamp Diode Voltage HIGH Level Input Voltage LOW Level Input Voltage Input Leakage Current OFF-STATE Leakage Current Switch On Resistance (Note 6) VCC (V) 4.5 4.0-5.5 4.0-5.5 5.5 0 5.5 4.5 4.5 4.5 4.0 ICC ICC VIKU Quiescent Supply Current Increase in ICC per Input Voltage Undershoot 5.5 5.5 5.5 4 4 8 11 2.0 0.8 1.0 10 1.0 7 7 14 20 3 2.5 -2.0 Min Typ (Note 5) Max -1.2 Units V V V A A A A mA V 0 VIN 5.5V VIN = 5.5V 0 A, B VCC VIN = 0V, IIN = 64 mA VIN = 0V, IIN = 30 mA VIN = 2.4V, IIN = 15 mA VIN = 2.4V, IIN = 15 mA VIN = VCC or GND, IOUT = 0 One input at 3.4V Other inputs at VCC or GND 0.0 mA IIN -50 mA OE = 5.5V
Note 5: Typical values are at VCC = 5.0V and TA = +25C Note 6: Measured by the voltage drop between A and B pins at the indicated current through the switch. On Resistance is determined by the lower of the voltages on the two (A or B) pins.
Conditions IIN = -18mA
3
www.fairchildsemi.com
FSTU16245
AC Electrical Characteristics
TA = -40 C to +85 C, Symbol Parameter CL = 50pF, RU = RD = 500 VCC = 4.5 - 5.5V Min tPHL,tPLH tPZH, tPZL tPHZ, tPLZ Prop Delay Bus-to-Bus (Note 7) Output Enable Time Output Disable Time 1.0 1.0 Max 0.25 6.5 6.1 VCC = 4.0V Min Max 0.25 6.9 6.5 ns ns ns VI = OPEN VI = 7V for tPZL VI = OPEN for tPZH VI = 7V for tPLZ VI = OPEN for tPHZ Figures 2, 3 Figures 2, 3 Figures 2, 3 Units Conditions Figure Number
Note 7: This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay other than the RC delay of the typical On Resistance of the switch and the 50pF load capacitance, when driven by an ideal voltage source (zero output impedance).
Capacitance
Symbol CIN CI/O
(Note 8)
Parameter Typ 3 6 Max Units pF pF Conditions VCC = 5.0V, VIN = 0V VCC, OE = 5.0V, VIN = 0V
Control Pin Input Capacitance Input/Output Capacitance "OFF State"
Note 8: TA = +25C, f = 1 MHz, Capacitance is characterized but not tested.
Undershoot Characteristic (Note 9)
Symbol VOUTU Parameter Output Voltage During Undershoot Min 2.5 Typ VOH - 0.3 Max Units V Conditions Figure 1
Note 9: This test is intended to characterize the device's protective capabilities by maintaining output signal integrity during an input transient voltage undershoot event.
FIGURE 1.
Device Test Conditions
Parameter VIN R1 = R2 VTRI VCC Value see Waveform 100K 11.0 5.5 Units V V V
Transient Input Voltage (VIN) Waveform
www.fairchildsemi.com
4
FSTU16245
AC Loading and Waveforms
Note: Input driven by 50 source terminated in 50 Note: C L includes load and stray capacitance Note: Input PRR = 1.0 MHz, tW = 500 ns
FIGURE 2. AC Test Circuit
FIGURE 3. AC Waveforms
5
www.fairchildsemi.com
FSTU16245 16-Bit Bus Switch with -2V Undershoot Protection
Physical Dimensions inches (millimeters) unless otherwise noted
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide Package Number MTD48
Technology Description
The Fairchild Switch family derives from and embodies Fairchild's proven switch technology used for several years in its 74LVX3L384(FST3384) bus switch product. Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 6 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FSTU16245

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X