Part Number Hot Search : 
D74ALV 1041J M62720GP NE559 R100F MAX696 157X00 CEFB105
Product Description
Full Text Search
 

To Download FIN1101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FIN1101 LVDS Single Port High Speed Repeater
January 2002 Revised February 2002
FIN1101 LVDS Single Port High Speed Repeater
General Description
This single port repeater is designed for high speed interconnects utilizing Low Voltage Differential Signaling (LVDS) technology. It accepts and outputs LVDS levels with a typical differential output swing of 330 mV which provides low EMI at ultra low power dissipation even at high frequencies. It can directly accept LVPECL, HSTL, and SSTL-2 for translating directly to LVDS.
Features
s Greater than 800 Mbps full differential path s 3.5 ps max random jitter and 135 ps max deterministic jitter s 3.3V power supply operation s Wide rail-to-rail common mode range s Ultra low power consumption s LVDS receiver inputs accept LVPECL, HSTL, and SSTL-2 directly s Power off protection s 7 kV HBM ESD protection s Meets or exceed the TA/EIA-644-A LVDS standard s Packaged in 8-pin SOIC s Open circuit fail safe protection
Ordering Code:
Order Number FIN1101M FIN1101MX FIN1101K8X Package Number M08A M08A MAB08A (Preliminary) Package Description 8-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow [TUBE] 8-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow [TAPE and REEL] 8-Lead US8, JEDEC MO-187, Variation CA 3.1mm Wide [TAPE and REEL]
Connection Diagrams
SOIC Package
Pin Descriptions
Pin Name RIN+ RIN- DOUT+ DOUT- EN VCC Description Non-Inverting LVDS Inputs Inverting LVDS Inputs Non-Inverting Driver Outputs Inverting Driver Outputs Driver Enable Pin Power Supply Ground
US8 Package
GND
Function Table
Inputs EN H H H L
H = HIGH Logic Level X = Don't Care
Outputs RIN- L H X DOUT+ H L H Z DOUT- L H L Z
RIN+ H L X
Functional Diagram
Fail Safe Case
L = LOW Logic Level Z = High Impedance
(c) 2002 Fairchild Semiconductor Corporation
DS500654
www.fairchildsemi.com
FIN1101
Absolute Maximum Ratings(Note 1)
Supply Voltage (VCC) LVDS DC Input Voltage (VIN) LVDS DC Output Voltage (VOUT) Driver Short Circuit Current (IOSD) Storage Temperature Range (TSTG) Max Junction Temperature (TJ) Lead Temperature (TL) (Soldering, 10 seconds) ESD (Human Body Model) ESD (Machine Model) 260C 7000V 300V
-0.5V to +4.6V -0.5V to +4.6V -0.5V to +4.6V
Continuous 10 mA
Recommended Operating Conditions
Supply Voltage (VCC) Operating Temperature (TA) Magnitude of Input Differential Voltage (|VID|) Common Mode Input Voltage (VIC) (0V + |VID|/2) to (VCC - |VID|/2) 100 mV to VCC 3.0V to 3.6V
-40C to +85C
-65C to +150C
150C
Note 1: The "Absolute Maximum Ratings": are those values beyond which damage to the device may occur. The databook specifications should be met, without exception, to ensure that the system design is reliable over its power supply, temperature and output/input loading variables. Fairchild does not recommend operation of circuits outside databook specification.
DC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified
Symbol VTH VTL VIH VIL VOD VOD VOS VOS IOS IIN IOFF ICCZ ICC IOZ VIC CIN COUT Parameter Differential Input Threshold HIGH Differential Input Threshold LOW Input High Voltage (EN) Input Low Voltage (EN) Output Differential Voltage VOD Magnitude Change from Differential LOW-to-HIGH Offset Voltage Offset Magnitude Change from Differential LOW-to-HIGH Short Circuit Output Current Input Current (EN, DINX+, DINX-) DOUT+ = 0V & DOUT- = 0V, Driver Enabled VOD = 0V, Driver Enabled VIN = 0V to VCC, Other Input = VCC or 0V (for Differential Inputs) Power-Off Input or Output Current VCC = 0V, VIN or VOUT = 0V to 3.6V Disabled Power Supply Current Power Supply Current Drivers Disabled Drivers Enabled, Any Valid Input Condition DOUT- = 0V to 3.6V Common Mode Voltage Range Input Capacitance Output Capacitance |VID| = 100 mV to VCC EN Input Data Input 0V + |VID|/2 2.2 2.0 2.6 3.2 9.3 -3.4 3.4 RL = 100 , Driver Enabled, See Figure 2 1.125 1.23 Test Conditions See Figure 1; VIC = +0.05V, +1.2V, or (VCC - 0.05V) See Figure 1; VIC = +0.05V, +1.2V, or (VCC - 0.05V) -100 2.0 GND 250 330 VCC 0.8 450 25 1.375 25 -6 6 20 20 5.5 13.5 20 VCC- (|VID|/2) Min Typ (Note 2) 100 Max Units mV mV V V mV mV V mV mA mA A A mA mA A V pF pF
Disabled Output Leakage Current Driver Disabled, DOUT+ = 0V to 3.6V or
Note 2: All typical values are at TA = 25C and with VCC = 3.3V.
www.fairchildsemi.com
2
FIN1101
AC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified
Symbol tPLHD tPHLD tTLHD tTHLD tSK(P) tSK(PP) fMAX tPZHD tPZLD tPHZD tPLZD tDJ tRJ Parameter Differential Propagation Delay LOW-to-HIGH Differential Propagation Delay HIGH-to-LOW Differential Output Rise Time (20% to 80%) Differential Output Fall Time (80% to 20%) Pulse Skew |tPLH - tPHL| Part-to-Part Skew (Note 4) Maximum Frequency (Note 5)(Note 6) Differential Output Enable Time from Z to HIGH Differential Output Enable Time from Z to LOW RL = 100 , CL = 5 pF, Differential Output Disable Time from HIGH to Z See Figure 2 and Figure 3 Differential Output Disable Time from LOW to Z LVDS Data Jitter, Deterministic LVDS Clock Jitter, Random (RMS) VID = 300 mV, PRBS = 223 - 1, VIC = 1.2V at 800 Mbps VID = 300 mV VIC = 1.2 V at 400 MHz 400 800 2.1 2.3 1.5 1.8 85 2.1 5 5 5 5 135 3.5 RL = 100 , CL = 5 pF, VID = 200 mV to 450 mV, VIC = |V ID|/2 to (VCC- (VID/2), Duty Cycle = 50%, See Figure 3 and Figure 4 Test Conditions Min Typ (Note 3) 0.75 0.75 0.29 0.29 1.1 1.1 0.40 0.40 0.01 1.75 1.75 0.58 0.58 0.2 0.5 Max Units ns ns ns ns ns ns MHz ns ns ns ns ps ps
Note 3: All typical values are at TA = 25C and with VCC = 3.3V, VID = 300mV, VIC = 1.2V unless otherwise specified. Note 4: tSK(PP) is the magnitude of the difference in differential propagation delay times between identical channels of two devices switching in the same direction (either LOW-to-HIGH or HIGH-to-LOW) when both devices operate with the same supply voltage, same temperature, and have identical test circuits. Note 5: Passing criteria for maximum frequency is the output VOD > 200 mV and the duty cycle is 45% to 55% with all channels switching. Note 6: Output loading is transmission line environment only; CL is < 1 pF of stray test fixture capacitance.
FIGURE 1. Differential Receiver Voltage Definitions and Propagation I and Transition Time Test Circuit
FIGURE 2. Differential Driver DC Test Circuit
Note A: All LVDS input pulses have frequency = 10MHz, tR or tF < = 0.5 ns Note B: CL includes all probe and test fixture capacitances
FIGURE 3. Differential Driver Propagation Delay and Transition Time Test Circuit
3
www.fairchildsemi.com
FIN1101
FIGURE 4. AC Waveforms
Note A: All LVTTL input pulses have frequency = 10 MHz, tR or tF < = 2 ns Note B: CL includes all probe and test fixture capacitances
FIGURE 5. Differential Driver Enable and Disable Test Circuit
FIGURE 6. Enable and Disable AC Waveforms
www.fairchildsemi.com
4
FIN1101
Physical Dimensions inches (millimeters) unless otherwise noted
8-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Package Number M08A
5
www.fairchildsemi.com
FIN1101 LVDS Single Port High Speed Repeater
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
8-Lead US8, JEDEC MO-187, Variation CA 3.1mm Wide Package Number MAB08A (Preliminary)
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 6 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FIN1101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X