Part Number Hot Search : 
BAS21T1 ANSY8009 CDM6264 645ETT LM358 ESR03 2902033 1N6356
Product Description
Full Text Search
 

To Download FDC2512 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDC2512
February 2002
FDC2512
150V N-Channel PowerTrench MOSFET
General Description
This N-Channel MOSFET has been designed specifically to improve the overall efficiency of DC/DC converters using either synchronous or conventional switching PWM controllers. It has been optimized for low gate charge, low RDS(ON) and fast switching speed.
Features
* 1.4 A, 150 V. * * * * RDS(ON) = 425 m @ VGS = 10 V RDS(ON) = 475 m @ VGS = 6 V
Applications
* DC/DC converter
High performance trench technology for extremely low RDS(ON) Low gate charge (8nC typ) High power and current handling capability Fast switching speed
D
D
S
1 2
G
6 5 4
SuperSOT TM -6
D
D
3
Absolute Maximum Ratings
Symbol
VDSS VGSS ID PD TJ, Tstg Drain-Source Voltage Gate-Source Voltage Drain Current - Continuous - Pulsed Maximum Power Dissipation
TA=25oC unless otherwise noted
Parameter
Ratings
150 20
(Note 1a)
Units
V V A W C
1.4 8 1.6 0.8 -55 to +150
(Note 1a) (Note 1b)
Operating and Storage Junction Temperature Range
Thermal Characteristics
RJA RJC Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Case
(Note 1a) (Note 1)
78 30
C/W C/W
Package Marking and Ordering Information
Device Marking .252 Device FDC2512 Reel Size 7'' Tape width 8mm Quantity 3000 units
2002 Fairchild Semiconductor Corporation
FDC2512 Rev B3 (W)
FDC2512
Electrical Characteristics
Symbl
BVDSS BVDSS TJ IDSS IGSSF IGSSR VGS(th) VGS(th) TJ RDS(on) ID(on) gFS Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd IS VSD trr Qrr
TA = 25C unless otherwise noted
Parameter
Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-Body Leakage, Forward Gate-Body Leakage, Reverse
(Note 2)
Test Conditions
VGS = 0 V, I = 250 A
Min Typ
150 147
Max
Units
V mV/C
Off Characteristics
D
ID = 250 A, Referenced to 25C VDS = 120 V, VGS = 20 V, VGS = 0 V VDS = 0 V
1 100 -100 2 2.6 -5.6 319 332 624 4 4 344 22 9 6.5 3.5 22 4 13 7 33 8 11 425 475 875 4
A nA nA V mV/C m
VGS = -20 V , VDS = 0 V ID = 250 A VDS = VGS, ID = 250 A, Referenced to 25C VGS = 10 V, ID = 1.4 A VGS = 6.0 V, ID = 1.3 A VGS = 10 V, ID = 1.4 A, TJ = 125C VGS = 10 V, VDS = 5 V VDS = 10 V, VDS = 75 V, f = 1.0 MHz ID = 1.4 A V GS = 0 V,
On Characteristics
Gate Threshold Voltage Gate Threshold Voltage Temperature Coefficient Static Drain-Source On Resistance On-State Drain Current Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
(Note 2)
A S pF pF pF ns ns ns ns nC nC nC 1.3 A V nS nC
Dynamic Characteristics
Switching Characteristics
Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge
VDD = 75 V, VGS = 10 V,
ID = 1 A, RGEN = 6
VDS = 75 V, VGS = 10 V
ID = 1.4 A,
8 1.5 2.3
Drain-Source Diode Characteristics and Maximum Ratings
Maximum Continuous Drain-Source Diode Forward Current Drain-Source Diode Forward VGS = 0 V, IS = 1.3 A Voltage Diode Reverse Recovery Time IF = 1.4A, diF/dt = 300 A/s Diode Reverse Recovery Charge
(Note 2)
0.8 45.8 119
1.2
(Note 2)
Notes: 1.RJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RJC is guaranteed by design while RCA is determined by the user's board design.
a)
78C/W when mounted on a 1in2 pad of 2 oz copper
b)
156C/W when mounted on a minimum pad of 2 oz copper
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300s, Duty Cycle < 2.0%
FDC2512 Rev B3(W)
FDC2512
Typical Characteristics
6
1.4 4.5V 4.0V RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE VGS = 10V 6.0V
1.3 VGS = 4.0V
ID, DRAIN CURRENT (A)
4
1.2
1.1
4.5V
5.0V
6.0V 10V
2
1
0 0 2 4 6 8 VDS, DRAIN-SOURCE VOLTAGE (V)
0.9 0 1 2 ID, DRAIN CURRENT (A) 3 4
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with Drain Current and Gate Voltage.
0.8
2.2 RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE
RDS(ON), ON-RESISTANCE (OHM)
ID = 1.4A VGS =10V 1.8
ID = 0.7A
0.7 0.6
1.4
TA = 125oC
0.5 0.4 0.3 0.2
1
0.6
TA = 25oC
3 4 5 6 7 8 9 10
0.2 -50 -25 0 25 50 75 100
o
125
150
TJ, JUNCTION TEMPERATURE ( C)
VGS, GATE TO SOURCE VOLTAGE (V)
Figure 3. On-Resistance Variation with Temperature.
8
Figure 4. On-Resistance Variation with Gate-to-Source Voltage.
10
VDS = 25V
ID, DRAIN CURRENT (A) 6
125 C
o
IS, REVERSE DRAIN CURRENT (A)
TA = -55oC
25oC
VGS = 0V 1 TA = 125oC 0.1 25oC -55oC
4
0.01
2
0.001
0 2 3 4 5 6 VGS, GATE TO SOURCE VOLTAGE (V)
0.0001 0 0.2 0.4 0.6 0.8 1 1.2 VSD, BODY DIODE FORWARD VOLTAGE (V)
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation with Source Current and Temperature.
FDC2512 Rev B3(W)
FDC2512
Typical Characteristics
10 VGS, GATE-SOURCE VOLTAGE (V)
500 ID = 1.4A VDS = 50V 100V 75V 400 CAPACITANCE (pF) CISS 300 f = 1MHz VGS = 0 V
8
6
4
200
2
100
COSS CRSS
0 0 1 2 3 4 5 6 7 8 9 Qg, GATE CHARGE (nC)
0 0 25 50 75 100 125 150 VDS, DRAIN TO SOURCE VOLTAGE (V)
Figure 7. Gate Charge Characteristics.
10 P(pk), PEAK TRANSIENT POWER (W) RDS(ON) LIMIT ID, DRAIN CURRENT (A) 1 1ms 10ms 100ms 0.1 VGS = 10V SINGLE PULSE RJA = 156oC/W TA = 25oC 0.001 0.1 1 10 100 1000 VDS, DRAIN-SOURCE VOLTAGE (V) DC 1s 100s 40
Figure 8. Capacitance Characteristics.
30
SINGLE PULSE RJA = 156C/W TA = 25C
20
0.01
10
0 0.001
0.01
0.1
1 t1, TIME (sec)
10
100
1000
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum Power Dissipation.
r(t), NORMALIZED EFFECTIVE TRANSIENT THERMAL RESISTANCE
1
D = 0.5
RJA(t) = r(t) + RJA RJA = 156C/W
0.2
0.1
0.1 0.05 0.02 0.01
P(pk)
t1 t2 TJ - TA = P * RJA(t) Duty Cycle, D = t1 / t2
SINGLE PULSE
0.01 0.0001
0.001
0.01
0.1 t1, TIME (sec)
1
10
100
1000
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b. Transient thermal response will change depending on the circuit board design.
FDC2512 Rev B3(W)
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DenseTrenchTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM
DISCLAIMER
FAST (R) FASTrTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM
OPTOLOGICTM OPTOPLANARTM PACMANTM POPTM Power247TM PowerTrench (R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SILENT SWITCHER (R)
SMART STARTTM STAR*POWERTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM TruTranslationTM UHCTM UltraFET (R)
VCXTM
STAR*POWER is used under license
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life systems which, (a) are intended for surgical implant into support device or system whose failure to perform can the body, or (b) support or sustain life, or (c) whose be reasonably expected to cause the failure of the life failure to perform when properly used in accordance support device or system, or to affect its safety or with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. H4


▲Up To Search▲   

 
Price & Availability of FDC2512

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X