Part Number Hot Search : 
12NK90Z SKI06073 8F400 GA128 041006KE 15A50 41791 BFU520A
Product Description
Full Text Search
 

To Download EL7232C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EL7232C
EL7232C
Dual Channel High Speed High Current Line Driver w 3-State
Features
3-State output 3V and 5V input compatible Clocking speeds up to 10 MHz 20 ns Switching delay time 2A Peak drive Low matched output impedance 5X Low quiescent current 2 5 mA Wide operating voltage 4 5V--16V
General Description
The EL7232C 3-state drivers are particularly well suited for ATE and microprocessor based applications The low quiescent power dissipation makes this part attractive in battery applications The 2A peak drive capability makes the EL7232C an excellent choice when driving high speed capacitive lines as well The input circuitry provides level shifting from TTL levels to the supply rails The EL7232C is available in 8-pin P-DIP and 8-lead SO packages
Connection Diagram
Applications
Parallel bus line drivers EPROM and PROM programming Motor controls Charge pumps Sampling circuits Pin drivers Bridge circuits
7232 - 1
Ordering Information
Part No Temp Range Pkg Outline EL7232CN b 40 C to a 85 C 8-Pin P-DIP MDP0031 EL7232CS b 40 C to a 85 C 8-Pin SO MDP0027
Truth Table
3-State 1 1 0 0 Input 0 1 0 1 Output 1 0 Open Open
January 1996 Rev B
Manufactured under U S Patent Nos 5 334 883
5 341 047
Note All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication however this data sheet cannot be a ``controlled document'' Current revisions if any to these specifications are maintained at the factory and are available upon your request We recommend checking the revision level before finalization of your design documentation
1994 Elantec Inc
EL7232C
Dual Channel High Speed High Current Line Driver w 3-State
Absolute Maximum Ratings
Supply (V a to Gnd) Input Pins Combined Peak Output Current Storage Temperature Range Ambient Operating Temperature 16 5V
b 0 3V to a 0 3V above V a
4A
b 65 C to a 150 C b 40 C to a 85 C
Operating Junction Temperature Power Dissipation SOIC PDIP
125 C 570 mW 1050 mW
Important Note All parameters having Min Max specifications are guaranteed The Test Level column indicates the specific device testing actually performed during production and Quality inspection Elantec performs most electrical tests using modern high-speed automatic test equipment specifically the LTX77 Series system Unless otherwise noted all tests are pulsed tests therefore TJ e TC e TA Test Level I II III IV V Test Procedure 100% production tested and QA sample tested per QA test plan QCX0002 100% production tested at TA e 25 C and QA sample tested at TA e 25 C TMAX and TMIN per QA test plan QCX0002 QA sample tested per QA test plan QCX0002 Parameter is guaranteed (but not tested) by Design and Characterization Data Parameter is typical value at TA e 25 C for information purposes only
DC Electrical Characteristics TA e 25 C
Parameter Input VIH IIH VIL IIL VHVS Output ROH ROL IOFF IPK IDC Power Supply IS VS Power Supply Current Operating Voltage Pull-Up Resistance Pull-Down Resistance 3-State Output Leakage Peak Output Current Continuous Output Current Logic ``1'' Input Voltage Logic ``1'' Input Current Logic ``0'' Input Voltage Logic ``0'' Input Current Input Hysteresis 0V Va Description
V e 15V unless otherwise specified Min Typ Max Test Level Units
Test Conditions
24 01 10 08 01 03 10
I I I I V
V mA V mA V
IOUT e b100 mA IOUT e a 100 mA VOUT e V a VOUT e 0V Source Sink Source Sink 100 02
3 4
6 6 10
I I I IV I
X X mA A mA TD is 3 4in
20 20
Inputs High 45
1
25 16
I I
mA V
2
EL7232C
Dual Channel High Speed High Current Line Driver w 3-State
AC Electrical Characteristics TA e 25 C
Parameter Description Test Conditions V e 15V unless otherwise specified Min Typ Max Test Level Units
Switching Characteristics tR tF tD-ON tD-OFF Rise Time Fall Time Turn-On Delay Time Turn-Off Delay Time CL e 500 pF CL e 1000 pF CL e 500 pF CL e 1000 pF 75 10 10 13 18 20 20 25 25 IV IV IV IV ns ns ns ns TD is 1 5in
Timing Table
Standard Test Configuration
7232 - 3
7232 - 2
Simplified Schematic
7232 - 4
3
EL7232C
Dual Channel High Speed High Current Line Driver w 3-State
Typical Performance Curve
Max Power Derating Curves Switch Threshold vs Supply Voltage
7232 - 6 7232 - 7
Input Current vs Voltage
Peak Drive vs Supply Voltage
7232 - 8
7232 - 9
Quiescent Supply Current
``ON'' Resistance vs Supply Voltage
7232 - 10
7232 - 17
4
EL7232C
Dual Channel High Speed High Current Line Driver w 3-State
Typical Performance Curve
Average Supply Current vs Voltage and Frequency
Contd
Average Supply Current vs Capacitive Load
7232 - 11
7232 - 12
Rise Fall Time vs Load
Rise Fall Time vs Supply Voltage
7232 - 5
7232 - 13
5
EL7232C
Dual Channel High Speed High Current Line Driver w 3-State
Typical Performance Curve
Rise Fall Time vs Temperature
Contd
Propagation Delay vs Supply Voltage
7232 - 14
7232 - 15
Propagation Delay vs Temperature
7232 - 16
6
BLANK
7
EL7232C
EL7232C
Dual Channel High Speed High Current Line Driver w 3-State
General Disclaimer
Specifications contained in this data sheet are in effect as of the publication date shown Elantec Inc reserves the right to make changes in the circuitry or specifications contained herein at any time without notice Elantec Inc assumes no responsibility for the use of any circuits described herein and makes no representations that they are free from patent infringement
WARNING
Life Support Policy
January 1996 Rev B
Elantec Inc 1996 Tarob Court Milpitas CA 95035 Telephone (408) 945-1323 (800) 333-6314 Fax (408) 945-9305 European Office 44-71-482-4596
8
Elantec Inc products are not authorized for and should not be used within Life Support Systems without the specific written consent of Elantec Inc Life Support systems are equipment intended to support or sustain life and whose failure to perform when properly used in accordance with instructions provided can be reasonably expected to result in significant personal injury or death Users contemplating application of Elantec Inc products in Life Support Systems are requested to contact Elantec Inc factory headquarters to establish suitable terms conditions for these applications Elantec Inc 's warranty is limited to replacement of defective components and does not cover injury to persons or property or other consequential damages
Printed in U S A


▲Up To Search▲   

 
Price & Availability of EL7232C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X