Part Number Hot Search : 
D7804 2SD2276 D1N60 D780205 MBRF20 80N70 MAX6143 LAIC3
Product Description
Full Text Search
 

To Download CDT100GK22 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CTD100, CDT100
Thyristor-Diode Modules, Diode-Thyristor Modules
Symbol Test Conditions Characteristic Values 15 1.74 0.85 3.2 VD=6V; VD=6V; TVJ=TVJM; TVJ=TVJM;
o
Unit mA V V m V mA V mA mA mA us us uC A K/W K/W mm mm m/s2
IRRM, IDRM TVJ=TVJM; VR=VRRM; VD=VDRM VT, VF VTO rT VGT IGT VGD IGD IL IH tgd tq QS IRM RthJC RthJK dS dA a per thyristor/diode; DC current per module per thyristor/diode; DC current per module Creeping distance on surface Creepage distance in air Maximum allowable acceleration TVJ=25 C TVJ=-40oC TVJ=25oC TVJ=-40oC VD=2/3VDRM VD=2/3VDRM
o
IT, IF=300A; TVJ=25 C For power-loss calculations only (TVJ=TVJM)
o
1.5 1.6 100 200 0.25 10 200 150 2 typ. 185 170 45 0.22 0.11 0.42 0.21 12.7 9.6 50
TVJ=25 C; tp=30us; VD=6V IG=0.45A; diG/dt=0.45A/us TVJ=25oC; VD=6V; RGK= TVJ=25 C; VD=1/2VDRM IG=0.45A; diG/dt=0.45A/us TVJ=TVJM; IT=150A; tp=200us; -di/dt=10A/us VR=100V; dv/dt=20V/us; VD=2/3VDRM TVJ=TVJM; IT, IF=50A; -di/dt=6A/us
o
FEATURES
* International standard package * Direct copper bonded Al2O3-ceramic base plate * Planar passivated chips * Isolation voltage 3600 V~ * UL registered, E 72873 * Gate-cathode twin pins for version 1
APPLICATIONS
* DC motor control * Softstart AC motor controller * Light, heat and temperature control
ADVANTAGES
* Space and weight savings * Simple mounting with two screws * Improved temperature and power cycling * Reduced protection circuits
DEECorp.
CTD100, CDT100
Thyristor-Diode Modules, Diode-Thyristor Modules
Fig. 1 Surge overload current ITSM, IFSM: Crest value, t: duration
Fig. 2 i2dt versus time (1-10 ms)
Fig. 2a Maximum forward current at case temperature
10 1: IGT, TVJ = 125o C
V
VG
2: IGT, TVJ = 25oC 3: IGT, TVJ = -40oC
3 1 1 4 2 5 6
4: PGAV = 0.5 W IGD, TVJ = 125o C 0.1 100 101 102 5: PGM = 5W 6: PGM = 10 W 103 IG
mA 104
Fig. 3 Power dissipation versus on-state current and ambient temperature (per thyristor or diode)
Fig. 4 Gate trigger characteristics
1000 TVJ = 25oC
s
tgd typ. 100 Limit
10
3 x CTD/CDT100
1 10
100 IG
mA
1000
Fig. 5 Three phase rectifier bridge: Power dissipation versus direct output current and ambient temperature
Fig. 6 Gate trigger delay time
DEECorp.
CTD100, CDT100
Thyristor-Diode Modules, Diode-Thyristor Modules
Fig. 7 Three phase AC-controller: Power dissipation versus RMS output current and ambient temperature
3 x CTD/CDT100
Fig. 8 Transient thermal impedance junction to case (per thyristor or diode) RthJC for various conduction angles d: d DC 180oC 120oC 60oC 30oC RthJC (K/W) 0.22 0.23 0.25 0.27 0.28
Constants for ZthJC calculation: i 1 2 3 Rthi (K/W) 0.0066 0.0678 0.1456 ti (s) 0.0019 0.0477 0.344
Fig. 9 Transient thermal impedance junction to heatsink (per thyristor or diode) RthJK for various conduction angles d: d DC 180oC 120oC 60oC 30oC RthJK (K/W) 0.42 0.43 0.45 0.47 0.48
Constants for ZthJK calculation: i 1 2 3 4 Rthi (K/W) 0.0066 0.0678 0.1456 0.2 ti (s) 0.0019 0.0477 0.344 1.32
DEECorp.


▲Up To Search▲   

 
Price & Availability of CDT100GK22

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X