Part Number Hot Search : 
ADV7197 MTN61 2SK16 ML101 FJX3004R KBPC2502 MTH15N40 SPB80
Product Description
Full Text Search
 

To Download CD40175BC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CD40174BC * CD40175BC Hex D-Type Flip-Flop * Quad D-Type Flip-Flop
October 1987 Revised March 2002
CD40174BC * CD40175BC Hex D-Type Flip-Flop * Quad D-Type Flip-Flop
General Description
The CD40174BC consists of six positive-edge triggered Dtype flip-flops; the true outputs from each flip-flop are externally available. The CD40175BC consists of four positiveedge triggered D-type flip-flops; both the true and complement outputs from each flip-flop are externally available. All flip-flops are controlled by a common clock and a common clear. Information at the D inputs meeting the set-up time requirements is transferred to the Q outputs on the positive-going edge of the clock pulse. The clearing operation, enabled by a negative pulse at Clear input, clears all Q outputs to logical "0" and Q s (CD40175BC only) to logical "1". All inputs are protected from static discharge by diode clamps to VDD and VSS.
Features
s Wide supply voltage range: s Low power TTL compatibility: fan out of 2 driving 74L or 1 driving 74 LS s Equivalent to MC14174B, MC14175B s Equivalent to MM74C174, MM74C175 3V to 15V s High noise immunity: 0.45 VDD (typ.)
Ordering Code:
Order Number CD40174BCM CD40174BCN CD40175BCM CD40175BCN Package Number M16A N16E M16A N16E Package Description 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Connection Diagrams
CD40174B CD40175B
Top View
Top View
(c) 2002 Fairchild Semiconductor Corporation
DS005987
www.fairchildsemi.com
CD40174BC * CD40175BC
Truth Table
Inputs Clear L H H H H
H = HIGH Level L = LOW Level X = Irrelevant = Transition from LOW-to-HIGH level NC = No change Note 1: Q for CD40175B only
Outputs D X H L X X Q L H L NC NC Q (Note 1) H L H NC NC
Clock X

H L
www.fairchildsemi.com
2
CD40174BC * CD40175BC
Absolute Maximum Ratings(Note 2)
(Note 3) DC Supply Voltage (VDD) Input Voltage (VIN) Storage Temperature Range (TS) Power Dissipation (PD) Dual-In-Line Small Outline Lead Temperature (TL) (Soldering, 10 seconds) 260C 700 mW 500 mW
Recommended Operating Conditions (Note 3)
DC Supply Voltage (VDD) Input Voltage (VIN) Operating Temperature Range (TA) 3V to 15 VDC 0V to VDD VDC
-0.5V to +18V -0.5V to VDD +0.5 VDC -65C to +150C
-55C to +125C
Note 2: "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices should be operated at these limits. The tables of "Recommended Operating Conditions" and "Electrical Characteristics" provide conditions for actual device operation. Note 3: VSS = 0V unless otherwise specified.
DC Electrical Characteristics (Note 3)
CD40174BC/CD40175BC Symbol IDD Parameter Quiescent Device Current VOL LOW Level Output Voltage VOH HIGH Level Output Voltage VIL LOW Level Input Voltage VIH HIGH Level Input Voltage IOL LOW Level Output Current (Note 4) IOH HIGH Level Output Current (Note 4) IIN Input Current Conditions VDD = 5V, VIN = VDD or VSS VDD = 10V, VIN = VDD or VSS VDD = 15V, VIN = VDD or VSS VDD = 5V VDD = 10V VDD = 15V VDD = 5V VDD = 10V VDD = 15V VDD = 5V, VO = 0.5V or 4.5V VDD = 10V, VO = 1V or 9V VDD = 15V, VO = 1.5V or 13.5V VDD = 5V, VO = 0.5V or 4.5V VDD = 10V, VO = 1V or 9V VDD = 15V, VO = 1.5V or 13.5V VDD = 5V, VO = 0.4V VDD = 10V, VO = 0.5V VDD = 15V, VO = 1.5V VDD = 5V, VO = 4.6V VDD = 10V, VO = 9.5V VDD = 15V, VO = 13.5V VDD = 15V, VIN = 0V VDD = 15V, VIN = 15V
Note 4: IOH and IOL are tested one output at a time.
-55C Min Max 1.0 2.0 4.0 0.05 |IO| < 1 A 4.95 |IO| < 1 A 9.95 14.95 1.5 3.0 4.0 3.5 7.0 11.0 0.64 1.6 4.2 -0.64 -1.6 -4.2 0.1 -0.1 3.5 7.0 11.0 0.51 1.3 3.4 -0.51 -1.3 -3.4 0.05 0.05 4.95 9.95 14.95 Min
+25C Typ Max 1.0 2.0 4.0 0.05 0.05 0.05 5 10 15 1.5 3.0 4.0
+125C Min Max 30 60 120 0.05 0.05 0.05 4.95 9.95 14.95 1.5 3.0 4.0 3.5 7.0 11.0
Units
A
V
V
V
V
0.88 2.25 8.8 -0.88 -2.25 -8.8 -10-5 10-5 0.1 -0.1
0.36 0.9 2.4 -0.36 -0.9 -2.4 -1.0 1.0 A mA mA
3
www.fairchildsemi.com
CD40174BC * CD40175BC
AC Electrical Characteristics
Symbol tPHL, tPLH Parameter Propagation Delay Time to a Logical "0" or Logical "1" from Clock to Q or Q (CD40175 Only) tPHL Propagation Delay Time to a Logical "0" from Clear to Q tPLH Propagation Delay Time to a Logical "1" from Clear to Q (CD40175 Only) tSU Time Prior to Clock Pulse that Data must be Present tH Time after Clock Pulse that Data Must be Held tTHL, tTLH Transition Time
(Note 5)
Conditions VDD = 5V VDD = 10V VDD = 15V VDD = 5V VDD = 10V VDD = 15V VDD = 5V VDD = 10V VDD = 15V VDD = 5V VDD = 10V VDD = 15V VDD = 5V VDD = 10V VDD = 15V VDD = 5V VDD = 10V VDD = 15V Min Typ 190 75 60 180 70 60 230 90 75 45 15 13 -11 -4 -3 100 50 40 130 45 40 120 45 40 15 5.0 5.0 15 5.0 5.0 2.0 5.0 6.0 50 50 50 3.5 10 12 10 5.0 130 15 7.5 pF pF MHz s s Max 300 110 90 300 110 90 400 150 120 100 40 35 0 0 0 200 100 80 250 100 80 250 100 80 ns ns ns ns ns ns ns ns Units
TA = 25C, CL = 50 pF, RL = 200k and tr = tf = 20 ns, unless otherwise specified
tWH, tWL
Minimum Clock Pulse Width
VDD = 5V VDD = 10V VDD = 15V
tWL
Minimum Clear Pulse Width
VDD = 5V VDD = 10V VDD = 15V
tRCL
Maximum Clock Rise Time
VDD = 5V VDD = 10V VDD = 15V
tfCL
Maximum Clock Fall Time
VDD = 5V VDD = 10V VDD = 15V
fCL
Maximum Clock Frequency
VDD = 5V VDD = 10V VDD = 15V
CIN CPD
Input Capacitance Power Dissipation
Clear Input Other Input Per Package (Note 6)
Note 5: AC Parameters are guaranteed by DC correlated testing. Note 6: CPD determines the no load AC power consumption of any CMOS device. For complete explanation, see 74C Family Characteristics application note, AN-90.
www.fairchildsemi.com
4
CD40174BC * CD40175BC
Switching Time Waveforms
tr = tf = 20 ns
5
www.fairchildsemi.com
CD40174BC * CD40175BC
Physical Dimensions inches (millimeters) unless otherwise noted
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Package Number M16A
www.fairchildsemi.com
6
CD40174BC * CD40175BC Hex D-Type Flip-Flop * Quad D-Type Flip-Flop
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Package Number N16E
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 7 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of CD40175BC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X