Part Number Hot Search : 
D7514 ALN2251 2N341601 53634 2N341601 LM311N BZ5237 TF604LG
Product Description
Full Text Search
 

To Download C1005CH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (1/7) 001-01 / 20011024 / e4112_c1005.fm
Ceramic Capacitors
For General Use SMD
FEATURES * High capacitance has been achieved through precision technologies that enable the use of multiple thinner ceramic dielectric layers. * A monolithic structure ensures superior mechanical strength and reliability. * High-accuracy automatic mounting is facilitated through the maintenance of very precise dimensional tolerances. * Composed of only ceramics and metals, these capacitors provide extremely dependable performance, exhibiting virtually no degradation even when subjected to temperature extremes. * Low stray capacitance ensures high conformity with nominal values, thereby simplifying the circuit design process. * Low residual inductance assures superior frequency characteristics. PRODUCT IDENTIFICATION C 1005 CH 1H 100 D (1) (2) (3) (4) (5) (6) (7) (1) Series name (2) Dimensions LxW
0603 1005 1608 2012 3216 0.6x0.3mm 1.0x0.5mm 1.6x0.8mm 2.0x1.25mm 3.2x1.6mm
C Series
(5) Nominal capacitance The capacitance is expressed in three digit codes and in units of pico farads (pF). The first and second digits identity the first and second significant figures of the capacitance. The third digit identifies the multiplier. R designates a decimal point.
010 100 102 0R5 1pF 10pF 1000pF 0.5pF
(3) Capacitance temperature characteristics Class 1 (Temperature compensation)
Temperature characteristics C0G Capacitance change 030ppm/C Temperature range -55 to +125C
(6) Capacitance tolerance
Symbol C D J K M Z Tolerance 0.25pF 0.5pF 5% 10% 20% +80, -20% Applicable capacitance range 10pF or less
Class 2 (Temperature stable and general purpose)
Temperature characteristics X7R X5R Y5V Capacitance change 15% 15% +22, -82% Temperature range -55 to +125C -55 to +85C -30 to +85C
Over 10pF
(4) Rated voltage Edc
0J 1A 1C 1E 1H 6.3V 10V 16V 25V 50V
(7) Packaging style
T B Taping (reel) Bulk
* All specifications are subject to change without notice.
(2/7) 001-01 / 20011024 / e4112_c1005.fm
Ceramic Capacitors
For General Use SMD
C0603 (EIA:CC0201) TYPE SHAPES AND DIMENSIONS
0.60.03 0.30.03
C Series
CAPACITANCE RANGES:CLASS 2 TEMPERATURE CHARACTERISTICS: X5R (15%) RATED VOLTAGE Edc: 25V
Capacitance (pF) 100 150 220 330 470 680 1000 1500 2200 Tolerance 10% 10% 10% 10% 10% 10% 10% 10% 10% Thickness (mm) 0.30.03 0.30.03 0.30.03 0.30.03 0.30.03 0.30.03 0.30.03 0.30.03 0.30.03 Part No. C0603X5R1E101K C0603X5R1E151K C0603X5R1E221K C0603X5R1E331K C0603X5R1E471K C0603X5R1E681K C0603X5R1E102K C0603X5R1E152K C0603X5R1E222K
0.150.05 0.30.03
Dimensions in mm
0.2min.
CAPACITANCE RANGES: CLASS 1 (TEMPERATURE COMPENSATION) TEMPERATURE CHARACTERISTICS: C0G(030ppm/C) RATED VOLTAGE Edc: 25V
Capacitance (pF) 0.5 0.75 1 1.5 2 3 4 5 6 7 8 9 10 12 15 18 20 22 27 33 39 47 56 68 82 100 Tolerance 0.25pF 0.25pF 0.25pF 0.25pF 0.25pF 0.25pF 0.25pF 0.25pF 0.5pF 0.5pF 0.5pF 0.5pF 0.5pF 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% Thickness (mm) 0.30.03 0.30.03 0.30.03 0.30.03 0.30.03 0.30.03 0.30.03 0.30.03 0.30.03 0.30.03 0.30.03 0.30.03 0.30.03 0.30.03 0.30.03 0.30.03 0.30.03 0.30.03 0.30.03 0.30.03 0.30.03 0.30.03 0.30.03 0.30.03 0.30.03 0.30.03 Part No. C0603C0G1E0R5C C0603C0G1ER75C C0603C0G1E010C C0603C0G1E1R5C C0603C0G1E020C C0603C0G1E030C C0603C0G1E040C C0603C0G1E050C C0603C0G1E060D C0603C0G1E070D C0603C0G1E080D C0603C0G1E090D C0603C0G1E100D C0603C0G1E120J C0603C0G1E150J C0603C0G1E180J C0603C0G1E200J C0603C0G1E220J C0603C0G1E270J C0603C0G1E330J C0603C0G1E390J C0603C0G1E470J C0603C0G1E560J C0603C0G1E680J C0603C0G1E820J C0603C0G1E101J
RATED VOLTAGE Edc:16V
Capacitance (pF) 3300 4700 Tolerance 10% 10% Thickness (mm) 0.30.03 0.30.03 Part No. C0603X5R1C332K C0603X5R1C472K
RATED VOLTAGE Edc:10V
Capacitance (pF) 6800 Tolerance 10% Thickness (mm) 0.30.03 Part No. C0603X5R1A682K
RATED VOLTAGE Edc:6.3V
Capacitance (pF) 10000 Tolerance 10% Thickness (mm) 0.30.03 Part No. C0603X5R0J103K
TEMPERATURE CHARACTERISTICS: Y5V (+22, -82%) RATED VOLTAGE Edc:25V
Capacitance (pF) 1000 Tolerance +80, -20% Thickness (mm) 0.30.03 Part No. C0603Y5V1E102Z
RATED VOLTAGE Edc:16V
Capacitance (pF) 10000 Tolerance +80, -20% Thickness (mm) 0.30.03 Part No. C0603Y5V1C103Z
These products marked are nonstandard.
* For more information about products with other capacitance or other data, please contact us. * All specifications are subject to change without notice.
(3/7) 001-01 / 20011024 / e4112_c1005.fm
Ceramic Capacitors
For General Use SMD
C1005 (EIA:CC0402) TYPE SHAPES AND DIMENSIONS
1.00.05 0.50.05
C Series
CAPACITANCE RANGES:CLASS 2 TEMPERATURE CHARACTERISTICS: X7R (15%) RATED VOLTAGE Edc: 50V
Capacitance (pF) 220 330 470 680 1000 1500 2200 3300 4700 6800 Tolerance 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% Thickness (mm) 0.50.05 0.50.05 0.50.05 0.50.05 0.50.05 0.50.05 0.50.05 0.50.05 0.50.05 0.50.05 Part No. C1005X7R1H221K C1005X7R1H331K C1005X7R1H471K C1005X7R1H681K C1005X7R1H102K C1005X7R1H152K C1005X7R1H222K C1005X7R1H332K C1005X7R1H472K C1005X7R1H682K
0.1min. 0.50.05
Dimensions in mm
CAPACITANCE RANGES: CLASS 1 (TEMPERATURE COMPENSATION) TEMPERATURE CHARACTERISTICS: C0G(030ppm/C) RATED VOLTAGE Edc: 50V
Capacitance (pF) 0.5 0.75 1 1.5 2 3 4 5 6 7 8 9 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 Tolerance 0.25pF 0.25pF 0.25pF 0.25pF 0.25pF 0.25pF 0.25pF 0.25pF 0.5pF 0.5pF 0.5pF 0.5pF 0.5pF 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% Thickness (mm) 0.50.05 0.50.05 0.50.05 0.50.05 0.50.05 0.50.05 0.50.05 0.50.05 0.50.05 0.50.05 0.50.05 0.50.05 0.50.05 0.50.05 0.50.05 0.50.05 0.50.05 0.50.05 0.50.05 0.50.05 0.50.05 0.50.05 0.50.05 0.50.05 0.50.05 0.50.05 0.50.05 0.50.05 0.50.05 0.50.05 0.50.05 Part No. C1005C0G1H0R5C C1005C0G1HR75C C1005C0G1H010C C1005C0G1H1R5C C1005C0G1H020C C1005C0G1H030C C1005C0G1H040C C1005C0G1H050C C1005C0G1H060D C1005C0G1H070D C1005C0G1H080D C1005C0G1H090D C1005C0G1H100D C1005C0G1H120J C1005C0G1H150J C1005C0G1H180J C1005C0G1H220J C1005C0G1H270J C1005C0G1H330J C1005C0G1H390J C1005C0G1H470J C1005C0G1H560J C1005C0G1H680J C1005C0G1H820J C1005C0G1H101J C1005C0G1H121J C1005C0G1H151J C1005C0G1H181J C1005C0G1H221J C1005C0G1H271J C1005C0G1H331J
RATED VOLTAGE Edc:25V
Capacitance (pF) 10000 15000 22000 Tolerance 10% 10% 10% Thickness (mm) 0.50.05 0.50.05 0.50.05 Part No. C1005X7R1E103K C1005X7R1E153K C1005X7R1E223K
RATED VOLTAGE Edc:16V
Capacitance (pF) 33000 47000 Tolerance 10% 10% Thickness (mm) 0.50.05 0.50.05 Part No. C1005X7R1C333K C1005X7R1C473K
TEMPERATURE CHARACTERISTICS: X5R (15%) RATED VOLTAGE Edc:10V
Capacitance (pF) 68000 100000 Tolerance 10% 10% Thickness (mm) 0.50.05 0.50.05 Part No. C1005X5R1A683K C1005X5R1A104K
TEMPERATURE CHARACTERISTICS: Y5V (+22, -82%) RATED VOLTAGE Edc:16V
Capacitance (pF) 100000 Tolerance +80, -20% Thickness (mm) 0.50.05 Part No. C1005Y5V1C104Z
RATED VOLTAGE Edc:10V
Capacitance (pF) 220000 470000 Tolerance +80, -20% +80, -20% Thickness (mm) 0.50.05 0.50.05 Part No. C1005Y5V1A224Z C1005Y5V1A474Z
These products marked are nonstandard.
* For more information about products with other capacitance or other data, please contact us. * All specifications are subject to change without notice.
(4/7) 001-01 / 20011024 / e4112_c1005.fm
Ceramic Capacitors
For General Use SMD
C1608 (EIA:CC0603) TYPE SHAPES AND DIMENSIONS
1.60.1 0.80.1
C Series
CAPACITANCE RANGES:CLASS 2 TEMPERATURE CHARACTERISTICS: X7R (15%) RATED VOLTAGE Edc: 50V
Capacitance (pF) 220 330 470 680 1000 1500 2200 3300 4700 6800 10000 15000 22000 33000 47000 68000 100000 Tolerance 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% Thickness (mm) 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 Part No. C1608X7R1H221K C1608X7R1H331K C1608X7R1H471K C1608X7R1H681K C1608X7R1H102K C1608X7R1H152K C1608X7R1H222K C1608X7R1H332K C1608X7R1H472K C1608X7R1H682K C1608X7R1H103K C1608X7R1H153K C1608X7R1H223K C1608X7R1H333K C1608X7R1H473K C1608X7R1H683K C1608X7R1H104K
0.2min. 0.80.1
Dimensions in mm
CAPACITANCE RANGES: CLASS 1 (TEMPERATURE COMPENSATION) TEMPERATURE CHARACTERISTICS: C0G(030ppm/C) RATED VOLTAGE Edc: 50V
Capacitance (pF) 0.5 0.75 1 1.5 2 3 4 5 6 7 8 9 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 Tolerance 0.25pF 0.25pF 0.25pF 0.25pF 0.25pF 0.25pF 0.25pF 0.25pF 0.5pF 0.5pF 0.5pF 0.5pF 0.5pF 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% Thickness (mm) 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 Part No. C1608C0G1H0R5C C1608C0G1HR75C C1608C0G1H010C C1608C0G1H1R5C C1608C0G1H020C C1608C0G1H030C C1608C0G1H040C C1608C0G1H050C C1608C0G1H060D C1608C0G1H070D C1608C0G1H080D C1608C0G1H090D C1608C0G1H100D C1608C0G1H120J C1608C0G1H150J C1608C0G1H180J C1608C0G1H220J C1608C0G1H270J C1608C0G1H330J C1608C0G1H390J C1608C0G1H470J C1608C0G1H560J C1608C0G1H680J C1608C0G1H820J C1608C0G1H101J C1608C0G1H121J C1608C0G1H151J C1608C0G1H181J C1608C0G1H221J C1608C0G1H271J C1608C0G1H331J C1608C0G1H391J C1608C0G1H471J C1608C0G1H561J C1608C0G1H681J C1608C0G1H821J C1608C0G1H102J C1608C0G1H122J C1608C0G1H152J C1608C0G1H182J C1608C0G1H222J
RATED VOLTAGE Edc:25V
Capacitance (pF) 100000 150000 Tolerance 10% 10% 20% Thickness (mm) 0.80.1 0.80.1 0.80.1 Part No. C1608X7R1E104K C1608X7R1E154K C1608X7R1E154M
RATED VOLTAGE Edc:16V
Capacitance (pF) 220000 Tolerance 10% 20% Thickness (mm) 0.80.1 0.80.1 Part No. C1608X7R1C224K C1608X7R1C224M
TEMPERATURE CHARACTERISTICS: X5R (15%) RATED VOLTAGE Edc:10V
Capacitance (pF) 330000 470000 680000 1000000 [1F] Tolerance 10% 20% 10% 20% 10% 20% 10% 20% Thickness (mm) 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 0.80.1 Part No. C1608X5R1A334K C1608X5R1A334M C1608X5R1A474K C1608X5R1A474M C1608X5R1A684K C1608X5R1A684M C1608X5R1A105K C1608X5R1A105M
These products marked are nonstandard.
* For more information about products with other capacitance or other data, please contact us.
* All specifications are subject to change without notice.
(5/7) 001-01 / 20011024 / e4112_c1005.fm
Ceramic Capacitors
For General Use SMD
TEMPERATURE CHARACTERISTICS: Y5V(+22, -82%) RATED VOLTAGE Edc:50V
Capacitance (pF) 100000 220000 Tolerance +80, -20% +80, -20% Thickness (mm) 0.80.1 0.80.1 Part No. C1608Y5V1H104Z C1608Y5V1H224Z
C Series
RATED VOLTAGE Edc: 25V
Capacitance (pF) 470000 Tolerance +80, -20% Thickness (mm) 0.80.1 Part No. C1608Y5V1E474Z
RATED VOLTAGE Edc: 16V
Capacitance (pF) 1000000 [1F] Tolerance +80, -20% Thickness (mm) 0.80.1 Part No. C1608Y5V1C105Z
RATED VOLTAGE Edc: 10V
Capacitance (pF) 2200000 [2.2F] Tolerance +80, -20% Thickness (mm) 0.80.1 Part No. C1608Y5V1A225Z
* For more information about products with other capacitance or other data, please contact us. * All specifications are subject to change without notice.
(6/7) 001-01 / 20011024 / e4112_c1005.fm
Ceramic Capacitors
For General Use SMD
C2012 (EIA:CC0805) TYPE SHAPES AND DIMENSIONS
2.00.2 1.250.2
C Series
TEMPERATURE CHARACTERISTICS: X5R (15%) RATED VOLTAGE Edc: 10V
Capacitance (pF) 1500000 [1.5F] 2200000 [2.2F] 3300000 [3.3F] Tolerance 10% 20% 10% 20% 10% 20% Thickness (mm) 1.250.2 1.250.2 1.250.2 1.250.2 1.250.2 1.250.2 Part No. C2012X5R1A155K C2012X5R1A155M C2012X5R1A225K C2012X5R1A225M C2012X5R1A335K C2012X5R1A335M
Dimensions in mm 0.2min.
T (Thickness) 0.60.10 0.850.15 1.250.2
T
CAPACITANCE RANGES: CLASS 1 (TEMPERATURE COMPENSATION) TEMPERATURE CHARACTERISTICS: C0G(030ppm/C) RATED VOLTAGE Edc: 50V
Capacitance (pF) 2700 3300 3900 4700 5600 6800 8200 10000 Tolerance 5% 5% 5% 5% 5% 5% 5% 5% Thickness (mm) 0.60.1 0.60.1 0.850.15 0.850.15 0.850.15 1.250.2 1.250.2 1.250.2 Part No. C2012C0G1H272J C2012C0G1H332J C2012C0G1H392J C2012C0G1H472J C2012C0G1H562J C2012C0G1H682J C2012C0G1H822J C2012C0G1H103J
RATED VOLTAGE Edc: 6.3V
Capacitance (pF) 4700000 [4.7F] 6800000 [6.8F] 10000000 [10F] Tolerance 10% 20% 20% 20% Thickness (mm) 1.250.2 1.250.2 1.250.2 1.250.2 Part No. C2012X5R0J475K C2012X5R0J475M C2012X5R0J685M C2012X5R0J106M
TEMPERATURE CHARACTERISTICS: Y5V(+22, -82%) RATED VOLTAGE Edc: 50V
Capacitance (pF) 470000 1000000 [1F] Tolerance +80, -20% +80, -20% Thickness (mm) 1.250.2 1.250.2 Part No. C2012Y5V1H474Z C2012Y5V1H105Z
CAPACITANCE RANGES:CLASS 2 TEMPERATURE CHARACTERISTICS: X7R (15%) RATED VOLTAGE Edc: 50V
Capacitance (pF) 100000 150000 220000 330000 Tolerance 10% 10% 20% 10% 20% 10% 20% Thickness (mm) 1.250.2 1.250.2 1.250.2 1.250.2 1.250.2 1.250.2 1.250.2 Part No. C2012X7R1H104K C2012X7R1H154K C2012X7R1H154M C2012X7R1H224K C2012X7R1H224M C2012X7R1H334K C2012X7R1H334M
RATED VOLTAGE Edc: 25V
Capacitance (pF) 2200000 [2.2F] Tolerance +80, -20% Thickness (mm) 1.250.2 Part No. C2012Y5V1E225Z
RATED VOLTAGE Edc: 16V
Capacitance (pF) 4700000 [4.7F] Tolerance +80, -20% Thickness (mm) 1.250.2 Part No. C2012Y5V1C475Z
RATED VOLTAGE Edc: 25V
Capacitance (pF) 470000 Tolerance 10% 20% Thickness (mm) 1.250.2 1.250.2 Part No. C2012X7R1E474K C2012X7R1E474M
RATED VOLTAGE Edc: 10V
Capacitance (pF) 10000000 [10F] Tolerance +80, -20% Thickness (mm) 1.250.2 Part No. C2012Y5V1A106Z
RATED VOLTAGE Edc: 16V
Capacitance (pF) 680000 1000000 [1F] Tolerance 10% 20% 10% 20% Thickness (mm) 1.250.2 1.250.2 1.250.2 1.250.2 Part No. C2012X7R1C684K C2012X7R1C684M C2012X7R1C105K C2012X7R1C105M
These products marked are nonstandard.
* For more information about products with other capacitance or other data, please contact us. * All specifications are subject to change without notice.
(7/7) 001-01 / 20011024 / e4112_c1005.fm
Ceramic Capacitors
For General Use SMD
C3216 (EIA:CC1206) TYPE SHAPES AND DIMENSIONS
1.6 0.2 (1.6 +0.3 ) -0.1 3.2 0.2 (3.2 +0.3 ) -0.1
Dimensions in mm
C Series
TEMPERATURE CHARACTERISTICS: X7R(15%), X5R(15%) RATED VOLTAGE Edc: 16V
Capacitance (pF) 3300000 [3.3F] Tolerance 10% 20% Thickness (mm) 1.60.2 1.60.2 Part No. C3216X5R1C335K C3216X5R1C335M
T (Thickness)
0.2min.
0.60.1 0.850.15 1.15 0.15 1.3 0.2 1.60.2 (1.6 +0.3 ) -0.1
TEMPERATURE CHARACTERISTICS: X5R (15%) RATED VOLTAGE Edc: 6.3V
Capacitance (pF) 6800000 [6.8F] 10000000 [10F] Tolerance 10% 20% 10% 20% Thickness (mm) 1.60.2 1.60.2 1.6 +0.3 -0.1 1.6 +0.3 -0.1 Part No. C3216X5R0J685K C3216X5R0J685M C3216X5R0J106K C3216X5R0J106M
T
Figures within ( ) shows dimensions for C3216X5R0J106K, M.
CAPACITANCE RANGES: CLASS 1 (TEMPERATURE COMPENSATION) TEMPERATURE CHARACTERISTICS: C0G(030ppm/C) RATED VOLTAGE Edc: 50V
Capacitance (pF) 3900 4700 5600 6800 8200 10000 15000 22000 33000 Tolerance 5% 5% 5% 5% 5% 5% 5% 5% 5% Thickness (mm) 0.60.1 0.60.1 0.60.1 0.60.1 0.850.15 0.850.15 1.150.15 1.150.15 1.60.2 Part No. C3216C0G1H392J C3216C0G1H472J C3216C0G1H562J C3216C0G1H682J C3216C0G1H822J C3216C0G1H103J C3216C0G1H153J C3216C0G1H223J C3216C0G1H333J
TEMPERATURE CHARACTERISTICS: Y5V(+22, -82%) RATED VOLTAGE Edc: 50V
Capacitance (pF) 2200000 [2.2F] Tolerance +80, -20% Thickness (mm) 1.150.15 Part No. C3216Y5V1H225Z
RATED VOLTAGE Edc: 25V
Capacitance (pF) 4700000 [4.7F] Tolerance +80, -20% Thickness (mm) 1.150.15 Part No. C3216Y5V1E475Z
CAPACITANCE RANGES:CLASS 2 TEMPERATURE CHARACTERISTICS: X7R(15%) RATED VOLTAGE Edc: 50V
Capacitance (pF) 470000 Tolerance 10% 20% Thickness (mm) 1.60.2 1.60.2 Part No. C3216X7R1H474K C3216X7R1H474M
RATED VOLTAGE Edc: 16V
Capacitance (pF) 10000000 [10F] Tolerance +80, -20% Thickness (mm) 1.60.2 Part No. C3216Y5V1C106Z
RATED VOLTAGE Edc: 25V
Capacitance (pF) 680000 1000000 [1F] 1500000 [1.5F] 2200000 [2.2F] Tolerance 10% 20% 10% 20% 10% 20% 10% 20% Thickness (mm) 1.60.2 1.60.2 1.60.2 1.60.2 1.60.2 1.60.2 1.60.2 1.60.2 Part No. C3216X7R1E684K C3216X7R1E684M C3216X7R1E105K C3216X7R1E105M C3216X7R1E155K C3216X7R1E155M C3216X7R1E225K C3216X7R1E225M
RATED VOLTAGE Edc: 10V
Capacitance (pF) 22000000 [22F] Tolerance +80, -20% Thickness (mm) 1.60.2 Part No. C3216Y5V1A226Z
* For more information about products with other capacitance or other data, please contact us. * All specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of C1005CH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X