Part Number Hot Search : 
MC1350P BY100 BY100 70340 13130 BY100 30120 M2AZ10
Product Description
Full Text Search
 

To Download BB837 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BB 837
Silicon Tuning Diode Preliminary data * Extented frequency range up to 2.8 GHz special design for use in TV-sat indoor units * High capacitance ratio
Type BB 837
Marking M
Ordering Code Q62702-B0904
Pin Configuration Package 1=C 2=A SOD-323
Maximum Ratings Parameter Diode reverse voltage Peak reverse voltage (R 5k ) Forward current Operating temperature range Storage temperature Symbol VR VRM IF Top Tstg Value 30 35 20 55 ...+150 55 ...+150 mA C Unit V
Semiconductor Group
1
Mar-27-1998
BB 837
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter DC characteristics Reverse current VR = 30 V Reverse current VR = 30 V, TA = 85 C
AC characteristics Diode capacitance VR = 1 V, f = 1 MHz VR = 25 V, f = 1 MHz VR = 28 V, f = 1 MHz Capacitance ratio VR = 1 V, VR = 25 V, f = 1 MHz Capacitance ratio VR = 1V to 28V, f = 1 MHz Capacitance matching VR = 1V to 28V, f = 1 MHz Series resistance VR = 1 V, f = 470 MHz Series inductance Ls 1.4 nH rs 1.5 CT/CT 5 % CT1/CT28 9.7 12.2 CT1/CT25 CT 6 0.45 6.6 0.55 0.54 12 7.2 0.65 pF
Symbol min. IR IR -
Values typ. max. 10 200
Unit
nA
Semiconductor Group
2
Mar-27-1998
BB 837
Diode capacitance CT = f (VR ) f = 1MHz
10
pF
8
CT
7 6 5 4 3 2 1 00 10
1
10
V
VR
Semiconductor Group
3
Mar-27-1998


▲Up To Search▲   

 
Price & Availability of BB837

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X