Part Number Hot Search : 
NTE15 E002566 CEEVAA2 T74LV 20N65 LA9247T 313030P SK262
Product Description
Full Text Search
 

To Download BB833 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BB833
Silicon Tuning Diode
2
Extended frequency range up to 2.5 GHz; special design for use in TV-sat indoor units High capacitance ratio

1
VPS05176
Type BB833
Marking white X
Pin Configuration 1=C 2=A
Package SOD323
Maximum Ratings Parameter Diode reverse voltage Forward current Storage temperature Peak reverse voltage (R 5k) Symbol VR VRM IF Top Tstg Value 30 35 20 -55 ... 150 -55 ... 150 mA C Unit V
Operating temperature range
1
Jun-22-2001
BB833
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter DC characteristics Reverse current VR = 30 V Reverse current VR = 30 V, TA = 85 C
AC characteristics Diode capacitance VR = 1 V, f = 1 MHz VR = 28 V, f = 1 MHz Capacitance ratio VR = 1 V, VR = 28 V, f = 1 MHz VR = 1 V, VR = 28 V, f = 1 MHz Series resistance VR = 1 V, f = 470 MHz Series inductance Ls Capacitance matching CT1 /CT28 CT/CT CT
Symbol min. IR IR -
Values typ. max. 20 500
Unit
nA
pF 8.5 0.6 11 9.3 0.75 12.4 1.8 1.8 10 0.9 3 %
1) In-line matching. For details please refer to Application Note 047
2
Jun-22-2001
nH
rs
BB833
Diode capacitance CT = f (VR) f = 1MHz
BB 833 EHD07121
Temperature coefficient of the diode capacitance TCc = f (VR)
10 -3
12 CT pF 10
1/C
TCc
10 -4 10 -5 -1 10
8
6
4
2
0 10 0
10 1
V VR
10 2
10
0
10
1
V
10
2
VR
3
Jun-22-2001


▲Up To Search▲   

 
Price & Availability of BB833

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X