Part Number Hot Search : 
LM7824 LM7824 BL303 ZPY30 SM1UXX MICROS G2211 0M100
Product Description
Full Text Search
 

To Download BB639C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BB 639C
Silicon Variable Capacitance Diode * For tuning of extended frequency band in VHF TV / VTR tuners
Type BB 639C
Marking Ordering Code yellow S Q62702-B695
Pin Configuration Package 1=C 2=A SOD-323
Maximum Ratings Parameter Diode reverse voltage Peak reverse voltage (R 5k) Forward current Operating temperature range Storage temperature Symbol Value 30 35 20 -55 ...+125 -55 ...+150 mA C Unit V
VR VRM IF T op T stg
Semiconductor Group
1
Apr-30-1998
BB 639C
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter DC characteristics Reverse current Symbol min. Values typ. max. 10 200 nA Unit
IR IR
-
VR = 30 V
Reverse current
VR = 30 V, TA = 85 C
AC characteristics Diode capacitance
CT
36 27 2.5 2.4 39 30.2 2.72 2.55 11.1 15.3 0.6 1.8 42 33.2 3.05 2.8 2.5 0.75 -
pF
VR = 1 V, f = 1 MHz VR = 2 V, f = 1 MHz VR = 25 V, f = 1 MHz VR = 28 V, f = 1 MHz
Capacitance ratio
CT2/C T25
9.5
-
VR = 2 V, VR = 25 V, f = 1 MHz
Capacitance ratio
CT1/C T28 13.5
CT/CT -
VR = 1 V, VR = 28 V, f = 1 MHz
Capacitance matching % nH
VR = 1 V, VR = 28 V, f = 1 MHz
Series resistance
rs Ls
VR = 5 V, f = 470 MHz
Series inductance
1) In-line matching. For details please refer to Application Note 047
Semiconductor Group
2
Apr-30-1998
BB 639C
Diode capacitance CT = f (V R) f = 1MHz
Temperature coefficient of the diode capacitance TCc = f (VR)
10 -3
40
pF
1/C
CT
30
T Cc
25 10 -4
20
15
10
5 10 -5 0 10
0 0
5
10
15
20
V
30
10
1
V
VR
VR
Reverse current I R = f (VR)
Reverse current IR = f (TA)
T A = Parameter
10 3
pA 85C
VR = 28V
10 3
pA
IR
10 2
IR
10 2
25C
10 1
10 1 10 0
10 -1 0 10
10
1
V
10 0 -30
-10
10
30
50
70
C
100
VR
TA
Semiconductor Group
3
Apr-30-1998


▲Up To Search▲   

 
Price & Availability of BB639C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X