Part Number Hot Search : 
HM51426 MAN413C 01111 324015P MCT6H 160CA 1191CB 33AFP
Product Description
Full Text Search
 

To Download AU2902 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
AU2902 Low power quad operational amplifier
Product data Supersedes data of 1994 Aug 31 File under Integrated Circuits, IC11 Handbook 2001 Aug 03
Philips Semiconductors
Philips Semiconductors
Product data
Low power quad operational amplifier
AU2902
DESCRIPTION
The AU2902 consists of four independent, high-gain, internally frequency-compensated operational amplifiers designed specifically to operate from a single power supply over a wide range of voltages.
PIN CONFIGURATION
D and N Packages
OUTPUT 1 1 2 3 4 5 6 7 TOP VIEW -+ 2 +- 3 1 -+ 4 +- 14 13 12 11 10 9 8 OUTPUT 4 -INPUT 4 +INPUT 4 GND +INPUT 3 -INPUT 3 OUTPUT 3
UNIQUE FEATURES
In the linear mode, the input common-mode voltage range includes ground and the output voltage can also swing to ground, even though operated from only a single power supply voltage. The unity gain crossover frequency and the input bias current are temperature-compensated.
-INPUT 1 +INPUT 1 V+ +INPUT 2 -INPUT 2 OUTPUT 2
FEATURES
* Internally frequency-compensated for unity gain * Large DC voltage gain: 100 dB * Wide bandwidth (unity gain): 1 MHz (temperature-compensated) * Wide power supply range Single supply: 3 VDC to 30 VDC or dual * Very low supply current drain: essentially independent of supply * Low input bias current: 45 nADC (temperature-compensated) * Low input offset voltage: 2 mVDC and offset current: 5nADC * Differential input voltage range equal to the power supply voltage * Large output voltage: 0 VDC to VCC - 1.5 VDC swing
EQUIVALENT SCHEMATIC
V- 6A 100A 6A
SL00519
Figure 1. Pin Configuration
supplies: 1.5 VDC to 15 VDC
voltage (1 mW/op amp at +5 VDC)
Q5 Q6 CC Q7
Q2 Q1
Q3
RSC OUTPUT
Q13 INPUT Q10 Q8 Q9 Q12 50A
SL00520
Figure 2. Equivalent Schematic
2001 Aug 03
2
853-1634 26837
Philips Semiconductors
Product data
Low power quad operational amplifier
AU2902
ORDERING INFORMATION
DESCRIPTION 14-Pin Plastic Small Outline (SO) Package 14-Pin Plastic Dual In-Line Package (DIP) TEMPERATURE RANGE -40 C to +125 C -40 C to +125 C ORDER CODE AU2902D AU2902N DWG # SOT108-1 SOT27-1
ABSOLUTE MAXIMUM RATINGS
SYMBOL VCC VIN VIN PDMAX Supply voltage Differential input voltage Input voltage Maximum power dissipation; Tamb = 25 C (still-air)1 N package D package Output short-circuit to GND; one amplifier VCC < 15 VDC and Tamb = 25 C IIN Tamb Tstg Tsld Input current (VIN < -0.3 V) 3 Operating ambient temperature range Storage temperature range Lead soldering temperature (10 sec max) PARAMETER RATING 32 or 16 32 -0.3 to +32 1420 1040 Continuous 50 -40 to +125 -65 to +150 230 mA C C C UNIT VDC VDC VDC mW mW
NOTES: 1. Derate above 25 C at the following rates: N package at 11.4 mW/C D package at 8.3 mW/C 2. Short-circuits from the output to VCC+ can cause excessive heating and eventual destruction. The maximum output current is approximately 40 mA, independent of the magnitude of VCC. At values of supply voltage in excess of +15 VDC continuous short-circuits can exceed the power dissipation ratings and cause eventual destruction. 3. This input current will only exist when the voltage at any of the input leads is driven negative. It is due to the collector-base junction of the input PNP transistors becoming forward biased and thereby acting as input bias clamps. In addition, there is also lateral NPN parasitic transistor action on the IC chip. This action can cause the output voltages of the op amps to go to the V+ rail (or to ground for a large overdrive) during the time that the input is driven negative.
2001 Aug 03
3
Philips Semiconductors
Product data
Low power quad operational amplifier
AU2902
DC ELECTRICAL CHARACTERISTICS
VCC = 5 V; Tamb = 25 C; unless otherwise specified. SYMBOL VOS VOS/T IBIAS S IBIAS/T IOS IOS/T VC CM CMRR VOUT VOH VOL ICC PARAMETER Offset voltage1 Temperature drift Input current2 Temperature drift Offset current Temperature drift Common-mode Common mode voltage range3 Common-mode rejection ratio Output voltage swing Output voltage high Output voltage low Supply current TEST CONDITIONS RS = 0 RS = 0 , over temp. RS = 0 , over temp. IIN(+) or IIN(-) IIN(+) or IIN(-); over temp. Over temp. IIN(+)-IIN(-) IIN(+) - IIN(-); over temp. Over temp. VCC 30 V VCC 30 V; over temp. VCC = 30 V RL = 2 k; VCC = 30 V; over temp. RL 10 k; VCC = 30 V; over temp. RL 10 k; VCC = 5 V; over temp. RL = ; VCC = 30 V; over temp. RL = ; VCC = 5 V; over temp. VCC = 15 V (for large VO swing); RL 2 k VCC = 15V (for large VO swing); RL 2 k; over temp. f = 1 kHz to 20 kHz; input referred RS = 0 VIN+ = +1 V; VIN- = 0 V; VCC = 15 V VIN+ = +1 V; VIN- = 0 V; VCC = 15 V; over temp. VIN- = +1 V, VIN+ = 0 V; V+ = 15 V Output current, Sink ISC VDIFF GBW SR VNOISE Short-circuit current4 VIN- = +1 V; VIN+ = 0 V; VCC = 15 V; over temp. VIN- = +1 V; VIN+ = 0 V; VO = 200 mV Differential input voltage3 Unity gain bandwidth Slew rate Input noise voltage f = 1 kHz 1 0.3 40 65 20 10 10 5 12 10 25 15 -120 100 40 20 20 8 50 40 60 VCC 0 0 65 26 27 28 5 1.5 0.7 100 20 3 1.2 70 10 VCC - 1.5 VCC - 2 7 45 40 50 5 50 150 250 500 AU2902 Min Typ 2 Max 3 5 UNIT mV mV V/C nA nA pA/C nA nA pA/C V V dB V V mV mA mA V/mV V/mV dB dB mA mA mA mA A mA V MHz V/s nV/Hz
AVOL O
Large signal voltage gain Large-signal
Amplifier-to-amplifier coupling5 PSRR Power supply rejection ratio Output current, current Source IOUT
NOTES: 1. VO 1.4 VDC, RS = 0 with VCC from 5 V to 30 V and over full input common-mode range (0 VDC+ to VCC -1.5 V). 2. The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the state of the output so no loading change exists on the input lines. 3. The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3 V. The upper end of the common-mode voltage range is VCC -1.5, but either or both inputs can go to +32 V without damage. 4. Short-circuits from the output to VCC can cause excessive heating and eventual destruction. The maximum output current is approximately 40 mA independent of the magnitude of VCC. At values of supply voltage in excess of +15 VDC, continuous short-circuits can exceed the power dissipation ratings and cause eventual destruction. Destructive dissipation can result from simultaneous shorts on all amplifiers. 5. Due to proximity of external components, insure that coupling is not originating via stray capacitance between these external parts. This typically can be detected as this type of coupling increases at higher frequencies.
2001 Aug 03
4
Philips Semiconductors
Product data
Low power quad operational amplifier
AU2902
TYPICAL PERFORMANCE CHARACTERISTICS
Output Characteristics Current Sourcing
8
) V2 --OUTPUT VOLTAGE REFERENCED TO V+ DC (V V+ +V + / 2 + - V2 INPUT - CURRENT (mAdc) 90 80 70 60 50 40 30 20 10 0 -55 -35 15 5 25 45 65 85 105 125
Supply Current
4 SUPPLY CURRENT DRAIN (mAdc)
Current Limiting
7 6 5 4 3 2
3
2
IO
1
TA
= OC to +125oC
TA
INDEPENDENT OF V+ TA = +25oC
= -55oC
30 40
0 0 10 20 SUPPLY VOLTAGE (VDC)
1 0.001
0.01
0.1
1
10
TEMPERATURE (oC)
IO+ -- OUTPUT SOURCE CURRENT (mADC)
Voltage Gain
160 VOL -- OUTPUT VOLTAGE (V DC ) 10
Output Characteristics Current Sinking
V+ = +5V V+ = +15V VOLTAGE GAIN (dB) V+ = +30V 1 V+ V+ /2 - 0.1 + VO 20 140 120 100 80 60 40
Open-Loop Frequency Response
V +10M
0.1F
VIN - + VO
AVOL -- VOLTAGE GAIN (dB)
RL = 20K 120 RL = 2K 80
V+ /2
V+ = 30 Vdc and -55 oC < TA < +125 oC
40
0
0
10
20
30
40
0.01 0.001
TA = +25oC 0 0.01 0.1 1 10 100 1
V+ = 10 to 15 Vdc and -55 oC < TA < +125 oC 10 100 1K 10K 100K 1M 10M
SUPPLY VOLTAGE (VDC)
IO -- OUTPUT SINK CURRENT (mADC)
FREQUENCY (Hz)
Large-Signal Frequency Response
20 15VDC 100K VD -- OUTPUT SWING (Vp-p) 15 VIN 10 0.1F 1K - + 7.5VDC VO 2K 15
Input Voltage Range
90 80 +V -- INPUT VOLTAGE ( +V DC ) IN 1B -- INPUT CURRENT (nA ) DC 70 60 50 40 30 20 10 0 0 -55
Input Current
VCM = 0 VDC V+ = +30 VDC
10
NEGATIVE
V+ = +15 VDC
POSITIVE 5
5
V+ = +5 VDC
0 1K 10K 100K 1M
0
5
10
-35 -15
5
25
45
65
85 105 125
FREQUENCY (Hz)
V+ or V- -- POWER SUPPLY VOLTAGE (+VDC)
TA -- TEMPERATURE (oC)
SL00521
Figure 3. Typical Performance Characteristics
2001 Aug 03
5
Philips Semiconductors
Product data
Low power quad operational amplifier
AU2902
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
CMRR -- COMMON-MODE REJECTION RATIO (dB)
Common-Mode Rejection Ratio
120 INPUT VOLTAGE (V) OUTPUT VOLTAGE (V) 4
Voltage-Follower Pulse Response
500
RL > V+ = 15 VDC EO-- OUTPUT VOLTAGE (mV) 3 2 1 0 3 2 1 0 0 10 20 TIME (s) 30 40
Voltage-Follower Pulse Response (Small-Signal)
TA = +25oC V+ = +30VDC EO 50pF VIN
100
450
80 +7.5VDC 100K 100 40 VIN
400
60
350
+
100 100K
- +
-7.5 VDC
OUTPUT
INPUT
VO
20
300 250 0 1 2 3 4 5 6 7 8
t -- TIME (S)
0 100
1K
10K
100K
1M
f -- FREQUENCY (Hz)
SL00522
Figure 4. Typical Performance Characteristics (cont.)
TYPICAL APPLICATIONS
RF
V+ RIN VIN -8 + 4 RL V+ 2 BLOCKS DC GAIN 10K VO VIN + - V+ 2 V+ V+
10K
V+ 8 VO
10K
V+ 8
VIN 10K
4
+ -
4
VO
R1
RF
Single Supply Inverting Amplifier
Non-Inverting Amplifier Figure 5. Typical Applications
Output Biasing Voltage-Follower
SL00523
2001 Aug 03
6
Philips Semiconductors
Product data
Low power quad operational amplifier
AU2902
DIP14: plastic dual in-line package; 14 leads (300 mil)
SOT27-1
2001 Aug 03
7
Philips Semiconductors
Product data
Low power quad operational amplifier
AU2902
SO14: plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1
2001 Aug 03
8
Philips Semiconductors
Product data
Low power quad operational amplifier
AU2902
NOTES
2001 Aug 03
9
Philips Semiconductors
Product data
Low power quad operational amplifier
AU2902
Data sheet status
Data sheet status [1] Objective data Preliminary data Product status [2] Development Qualification Definitions This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Changes will be communicated according to the Customer Product/Process Change Notification (CPCN) procedure SNW-SQ-650A.
Product data
Production
[1] Please consult the most recently issued data sheet before initiating or completing a design. [2] The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com.
Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
Disclaimers
Life support -- These products are not designed for use in life support appliances, devices or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
Contact information
For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825
(c) Koninklijke Philips Electronics N.V. 2002 All rights reserved. Printed in U.S.A. Date of release: 01-02
For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
Document order number:
9397 750 09322
Philips Semiconductors
2001 Aug 03 10


▲Up To Search▲   

 
Price & Availability of AU2902

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X