Part Number Hot Search : 
S3C9648 AK4633 MP240 AD9648 LT1810 R24H05 1N444 RC120
Product Description
Full Text Search
 

To Download AP1266 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP1266
SILICON PIN DIODE
DESCRIPTION:
The AP1266 is a Passivated Epitaxial Silicon PIN Diode in a Hermetically Sealed Glass Package Designed for Large Signal Switches.
PACKAGE STYLE -11
MAXIMUM RATINGS
I V PDISS TJ TSTG TSOLD
O O
100 mA 200 V 1.0 W @ TC = 25 C -65 C to +175 C -65 C to +175 C 200 C
O O O O
NONE
CHARACTERISTICS
SYMBOL
VB CT RS TL I-REGION IR = 10 A V = 50 V IF = 50 mA IF = 10 mA
TC = 25 C
O
TEST CONDITIONS
f = 1.0 MHz f = 100 MHz IR = 6.0 mA
MINIMUM
200
TYPICAL
MAXIMUM
1.5 0.6
UNITS
V pF Ohms S mS
3.0 3.0
I-REGION WIDTH
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1202 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of AP1266

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X