Part Number Hot Search : 
SA158 4558C NJM2068M PR3003G CEFC301 M586SE AD732 TPCP8403
Product Description
Full Text Search
 

To Download ACT9200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tel Fax email
(44) 0118 979 1238 (44) 0118 979 1283 info@actcrystals.com
ACT9200
The ACT9200 family is a miniature low profile Surface Mount package, housed in a ceramic leadless chip carrier with a seam welded metal lid. This 7 x 5mm device can be used in a wide range of applications where board space dictates small size and automatic assembly is a requirement. It is suitable for design into many applications including Communications equipment, Audio Visual units, Measuring Instruments and many more Parameter Supply Voltage Frequency Range Frequency Stability Temp Operating Range Temp Storage Range Supply Current (max) Symbol VDD fo f/fo Topr Tstg Iop 3.3VDC 10% 1.000 ~ 155.00MHz Specification 5.0VDC 10% 1.500 ~ 106.250MHz (& 15ppm 3.3V) Please specify Condition
16mA 25mA 40mA 50mA
25ppm ~ 100ppm 0 ~ +70C Std ( -40 ~ +85C available) -55 to +125C (1.000 ~ 34.999MHz) 20mA (1.50 ~ 23.90MHz) (35.000 ~ 60.00MHz) 40mA (24.00 ~ 49.99MKHz) (60.001 ~ 99.999MHz) 50mA (50.00 ~ 59.90MHz) (100.00 ~ 155.00MHz) 60mA (90.00 ~ 99.90MHz)
Duty Cycle Output Level `0' Output Level `1' Rise & Fall Time (max)
Tw/t VOH VOL Tr/Tf
Output Load Star-up Time Enable / Disable Function (Pin 1 : E/D Control Pin) (Pin 3 : Output Pin) Aging Period Jitter (Absolute) Period Jitter (one sigma)
80mA (100.00 ~ 106.25MHz) 40/60% ( 45/55% available) 0.4VDC max (TTL) 10% VDD max (HCMOS) 2.4VDC min (TTL) 90% VDD min (HCMOS) 10nS (1.000 ~ 34.999MHz) 10nS (1.50 ~ 49.999MHz) 5nS (35.00 ~ 99.999MHz) 5nS (50.00MHz ~ 70.00MHz) 2.5nS x (100.00 ~ 157.00MHz) 3nS (100.00 ~ 106.25MHz) 10TTL / 15pF (30pF available) 10mS max Pin 1 Pin 3 OPEN Active 2.2V Active 0.8V High Impedance 3ppm, 5ppm / year max 100pS max 25pS max
7.0 + 0.2 -
Please specify
Please specify
@25C
Pin connections
#1 #2 #3 #4 Tri-State Ground Output Vdd
6.45 + 0.2 6.2 + 0.2 1.7 + 0.2 5.08
Dimensions in mm
5.0 + 0.2 -
5.08
#2
#1
1.2 2.6
2.0 4.2
#4
1.4
1.8 Suggested Footprint
Please note that not all parameters can necessarily be specified in a single device ISO9002 Registered - Registration number 6830/2 For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK www.advancedcrystaltechnology.com Issue 1 D2 18/7/02


▲Up To Search▲   

 
Price & Availability of ACT9200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X