Part Number Hot Search : 
A495309 MAX6673 7461096 B0416 7461096 15KP2 PAD50 74V2G
Product Description
Full Text Search
 

To Download 74AC253 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74AC253 * 74ACT253 Dual 4-Input Multiplexer with 3-STATE Outputs
November 1988 Revised October 2000
74AC253 * 74ACT253 Dual 4-Input Multiplexer with 3-STATE Outputs
General Description
The AC/ACT253 is a dual 4-input multiplexer with 3-STATE outputs. It can select two bits of data from four sources using common select inputs. The outputs may be individually switched to a high impedance state with a HIGH on the respective Output Enable (OE) inputs, allowing the outputs to interface directly with bus oriented systems.
Features
s ICC and IOZ reduced by 50% s Multifunction capability s Non inverting 3-STATE outputs s Outputs source/sink 24 mA s ACT253 has TTL-compatible inputs
Ordering Code:
Order Number 74AC253SC 74AC253SJ 74AC253PC 74ACT253SC 74ACT253SJ 74ACT253MTC 74ACT253PC Package Number M16A M16D N16E M16A M16D MTC16 N16E Package Description 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow 16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow 16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Device also available Tape and Reel. Specify by appending suffix letter "X" to the ordering code.
Logic Diagrams
Connection Diagram
IEEE/IEC
Pin Descriptions
Pin Names I0a-I3a I0b-I3b S0, S1 OEa OEb Za, Zb Description Side A Data Inputs Side B Data Inputs Common Select Inputs Side A Output Enable Input Side B Output Enable Input 3-STATE Outputs
FACT is a trademark of Fairchild Semiconductor Corporation.
(c) 2000 Fairchild Semiconductor Corporation
DS009946
www.fairchildsemi.com
74AC253 * 74ACT253
Functional Description
The AC/ACT253 contains two identical 4-input multiplexers with 3-STATE outputs. They select two bits from four sources selected by common Select inputs (S0, S1). The 4-input multiplexers have individual Output Enable (OEa, OEb) inputs which, when HIGH, force the outputs to a high impedance (High Z) state. This device is the logic implementation of a 2-pole, 4-position switch, where the position of the switch is determined by the logic levels supplied to the two select inputs. The logic equations for the outputs are shown: Za = OEa * Zb = OEb * (I0a * S1 * S0 + I1a * S1 * S0 + I2a * S1 * S0 + I3a * S1 * S0) (I0b * S1 * S0 + I1b * S1 * S0 + I2b * S1 * S0 + I3b * S1 * S0) If the outputs of 3-STATE devices are tied together, all but one device must be in the high impedance state to avoid high currents that would exceed the maximum ratings. Designers should ensure that Output Enable signals to 3STATE devices whose outputs are tied together are designed so that there is no overlap.
Truth Table
Select Data Inputs Inputs S0 X L L H H L L H H S1 X L L L L H H H H I0 X L H X X X X X X I1 X X X L H X X X X I2 X X X X X L H X X I3 X X X X X X X L H Enable OE H L L L L L L L L Z Z L H L H L H L H Output Outputs
Address Inputs S0 and S1 are common to both sections. H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial Z = High Impedance
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
www.fairchildsemi.com
2
74AC253 * 74ACT253
Absolute Maximum Ratings(Note 1)
Supply Voltage (VCC) DC Input Diode Current (IIK) VI = -0.5V VI = VCC + 0.5V DC Input Voltage (VI) DC Output Diode Current (IOK) VO = -0.5V VO = VCC + 0.5V DC Output Voltage (VO) DC Output Source or Sink Current (IO) DC VCC or Ground Current per Output Pin (ICC or IGND) Storage Temperature (TSTG) Junction Temperature (TJ) PDIP 140C
-0.5V to +7.0V -20 mA +20 mA -0.5V to VCC + 0.5V -20 mA +20 mA -0.5V to VCC + 0.5V 50 mA 50 mA -65C to +150C
Recommended Operating Conditions
Supply Voltage (VCC) AC ACT Input Voltage (VI) Output Voltage (VO) Operating Temperature (TA) Minimum Input Edge Rate (V/t) AC Devices VIN from 30% to 70% of VCC VCC @ 3.3V, 4.5V, 5.5V Minimum Input Edge Rate (V/t) ACT Devices VIN from 0.8V to 2.0V VCC @ 4.5V, 5.5V 125 mV/ns
Note 1: Absolute maximum ratings are those values beyond which damage to the device may occur. The databook specifications should be met, without exception, to ensure that the system design is reliable over its power supply, temperature, and output/input loading variables. Fairchild does not recommend operation of FACT circuits outside databook specifications.
2.0V to 6.0V 4.5V to 5.5V 0V to VCC 0V to VCC
-40C to +85C
125 mV/ns
DC Electrical Characteristics for AC
Symbol VIH Parameter Minimum HIGH Level Input Voltage VIL Maximum LOW Level Input Voltage VOH Minimum HIGH Level Output Voltage VCC (V) 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 VOL Maximum LOW Level Output Voltage 3.0 4.5 5.5 3.0 4.5 5.5 IIN (Note 4) IOZ Maximum Input Leakage Current Maximum 3-STATE Current IOLD IOHD ICC (Note 4) Minimum Dynamic Output Current (Note 3) Maximum Quiescent Supply Current 5.5 5.5 5.5 5.5 4.0 0.25 2.5 75 -75 40.0 A mA mA A 5.5 0.002 0.001 0.001 TA = +25C Typ 1.5 2.25 2.75 1.5 2.25 2.75 2.99 4.49 5.49 2.1 3.15 3.85 0.9 1.35 1.65 2.9 4.4 5.4 2.56 3.86 4.86 0.1 0.1 0.1 0.36 0.36 0.36 0.1 TA = -40C to +85C Guaranteed Limits 2.1 3.15 3.85 0.9 1.35 1.65 2.9 4.4 5.4 VIN = VIL or VIH 2.46 3.76 4.76 0.1 0.1 0.1 VIN = VIL or VIH 0.44 0.44 0.44 1.0 A V IOL = 12 mA IOL = 24 mA IOL = 24 mA (Note 2) VI = VCC, GND VI (OE) = VIL, VIH VI = VCC, GND VO = VCC, GND VOLD = 1.65V Max VOHD = 3.85V Min VIN = VCC or GND V IOUT = 50 A V IOH = -12 mA IOH = -24 mA IOH = -24 mA (Note 2) V IOUT = -50 A V VOUT = 0.1V or VCC - 0.1V V Units Conditions VOUT = 0.1V or VCC - 0.1V
Note 2: All outputs loaded; thresholds on input associated with output under test. Note 3: Maximum test duration 2.0 ms, one output loaded at a time. Note 4: IIN and ICC @ 3.0V are guaranteed to be less than or equal to the respective limit @ 5.5V VCC.
3
www.fairchildsemi.com
74AC253 * 74ACT253
DC Electrical Characteristics for ACT
Symbol VIH VIL VOH Parameter Minimum HIGH Level Input Voltage Maximum LOW Level Input Voltage Minimum HIGH Level Output Voltage VCC (V) 4.5 5.5 4.5 5.5 4.5 5.5 4.5 5.5 VOL Maximum LOW Level Output Voltage 4.5 5.5 4.5 5.5 IIN IOZ ICCT IOLD IOHD ICC Maximum Input Leakage Current Maximum 3-STATE Current Maximum ICC/Input Minimum Dynamic Output Current (Note 6) Maximum Quiescent Supply Current 5.5 5.5 5.5 5.5 5.5 5.5 4.0 0.6 0.001 0.001 1.5 1.5 1.5 1.5 4.49 5.49 TA = +25C Typ 2.0 2.0 0.8 0.8 4.4 5.4 3.86 4.86 0.1 0.1 0.36 0.36 0.1 0.25 TA = -40C to +85C Guaranteed Limits 2.0 2.0 0.8 0.8 4.4 5.4 3.76 4.76 0.1 0.1 0.44 0.44 1.0 2.5 1.5 75 -75 40.0 A A mA mA mA A V Units V V V Conditions VOUT = 0.1V or VCC - 0.1V VOUT = 0.1V or VCC - 0.1V IOUT = -50 A VIN = VIL or VIH V IOH = -24 mA IOH = -24 mA (Note 5) IOUT = 50 A VIN = VIL or VIH V IOL = 24 mA IOL = 24 mA (Note 5) VI = VCC, GND VI = VIL, VIH VO = VCC, GND VI = VCC - 2.1V VOLD = 1.65V Max VOHD = 3.85V Min VIN = VCC or GND
Note 5: All outputs loaded; thresholds on input associated with output under test. Note 6: Maximum test duration 2.0 ms, one output loaded at a time.
AC Electrical Characteristics for AC
VCC Symbol tPLH tPHL tPLH tPHL tPZH tPZL tPHZ tPLZ Parameter Propagation Delay Sn to Zn Propagation Delay Sn to Zn Propagation Delay In to Zn Propagation Delay In to Zn Output Enable Time Output Enable Time Output Disable Time Output Disable Time (V) (Note 7) 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0
Note 7: Voltage Range 3.3 is 3.3V 0.3V Voltage Range 5.0 is 5.0V 0.5V
TA = +25C CL = 50 pF Min 2.0 2.0 2.5 2.0 1.5 1.5 2.0 1.5 1.5 1.5 1.5 1.5 2.0 2.0 1.5 1.5 Typ 8.5 6.5 9.5 7.0 7.0 5.5 7.5 5.5 4.5 3.5 5.0 3.5 5.5 5.0 5.0 4.0 Max 15.5 11.0 16.0 11.5 14.5 10.0 13.0 9.5 8.0 6.0 8.0 6.0 9.5 8.0 8.0 7.0
TA = -40C to +85C CL = 50 pF Min 2.0 1.5 2.0 1.5 1.5 1.5 1.5 1.5 1.0 1.0 1.0 1.0 1.5 1.5 1.0 1.0 Max 17.5 12.5 18.0 13.0 17.0 11.5 15.0 11.0 8.5 6.5 9.0 7.0 10.0 8.5 9.0 7.5 ns ns ns ns ns ns ns ns Units
www.fairchildsemi.com
4
74AC253 * 74ACT253
AC Electrical Characteristics for ACT
VCC Symbol tPLH tPHL tPLH tPHL tPZH tPZL tPHZ tPLZ Parameter Propagation Delay Sn to Zn Propagation Delay Sn to Zn Propagation Delay In to Zn Propagation Delay In to Zn Output Enable Time Output Enable Time Output Disable Time Output Disable Time (V) (Note 8) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 Min 2.0 3.0 2.5 3.5 2.0 2.0 3.0 2.5 TA = +25C CL = 50 pF Typ 7.0 7.5 5.5 6.5 4.5 5.0 6.0 4.5 Max 11.5 13.0 10.0 11.0 7.5 8.0 9.5 7.5 TA = -40C to +85C CL = 50 pF Min 2.0 2.5 2.0 3.0 1.5 1.5 2.5 2.0 Max 13.0 14.5 11.0 12.5 8.5 9.0 10.0 8.5 ns ns ns ns ns ns ns ns Units
Note 8: Voltage Range 5.0 is 5.0V 0.5V
Capacitance
Symbol CIN CPD Parameter Input Capacitance Power Dissipation Capacitance Typ 4.5 50.0 Units pF pF VCC = OPEN VCC = 5.0V Conditions
5
www.fairchildsemi.com
74AC253 * 74ACT253
Physical Dimensions inches (millimeters) unless otherwise noted
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow Package Number M16A
www.fairchildsemi.com
6
74AC253 * 74ACT253
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M16D
7
www.fairchildsemi.com
74AC253 * 74ACT253
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC16
www.fairchildsemi.com
8
74AC253 * 74ACT253 Dual 4-Input Multiplexer with 3-STATE Outputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Package Number N16E
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 9 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74AC253

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X