Part Number Hot Search : 
1016008 LM217LD ZMM5247B 6100A PIC18F25 AD1821JS EA1523P 6050503
Product Description
Full Text Search
 

To Download 6001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 6001
Zetex Compatible ZXRD1000 Inductor
SELECTION GUIDE
Inductance DC Resistance TYP Pins 3 & 1 DC Current Continuous 2
Order Code
H
H
1kHz,100mV 1kHz,100mV Pins 3 & 1 Pins 4 & 2
TYP Pins 4 & 2
A
MAX Pins 3 & 1
A
MAX Pins 4 & 2
6001
1025%
1025%
0.01525% 0.05325%
4.0
1.5
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range Storage temperature range -40C to 85C -40C to 125C
FEATURES s Bobbin Format s Dual Winding s Surface Mounting s Integral EMI Shield s Compact Size s Tape and Reel Packaging s Low Profile DESCRIPTION
The 6001 inductor has been specifically designed for operation with the ZETEX ZXRD1000 PWM DC-DC Controllers or the SimplesyncTM high efficiency converters. The dual winding offers a unique synchronous solution for on card conversion.
MECHANICAL DIMENSIONS
12.00
12.00
8.00 MAX
Recommended Footprint Details 1.00 2 1 3 4 12.00 12.00 5.00
Pin Connections (Top View)
1 2
4 3
3 & 1 = Main Winding 4 & 2 = Auxilliary Winding
Weight: 4.0g Unless otherwise stated all dimensions in mm 0.25mm. Hatching represents solder pads.
www.dc-dc.com
1 Specifications typical at TA =25C 2 If current is flowing in both windings the maximum DC current occurs when either the inductance falls to 75% of its nominal value or when its temperature rise reaches 40C, whichever is sooner. 3 For tape and reel packaging details refer to datasheet NDC AN002.
6001
Zetex Compatible ZXRD1000 Inductor
APPLICATION NOTES
The 6001 inductor enables the basic architecture of a non synchronous converter to be used to generate synchronous operation without the need for complex circuitry and additional cost. The 6001 generates a drive waveform that is inverted compared to the waveform at the main input to the inductor. This waveform can be used to drive the synchronous switch. The net result gives additional benefits and lowers the overall cost.
4.5V -10V Input, 3.3V/4A Output, N Phase, High Efficiency SimpleSyncTM Converter 200kHz
VCC 4.5 - 10V
D2 IC1 13 SHUTDOWN 9 SHDN VDRIVE 2 C10 N1
C5 R1 LOW INPUT FLAG
BOOTSTRAP
1
C11
L1
RSENSE
VOUT 3.3V 4A
CX2 11 14 10 6 5 LBF DELAY DECOUP RSENSE- VINT CT VFB COMP PWR GND GND 4 C1 C2 C3 C4 R2 R4 N2 3 8 16 15 CX1 RX FX C OUT C8 C OUT R6 RSENSE+ 7 C6
CIN
R3 D3 C7 D1 R5 C9
Reference Circuit published by kind permission of ZETEX Plc.
C&D Technologies (NCL) Limited reserve the right to alter or improve the specification, internal design or manufacturing process at any time, without notice. Please check with your supplier or visit our web site to ensure that you have the current and complete specification for your product before use. (c) C&D Technologies (NCL) Limited 2000 NMP 6001.2 No part of this publication may be copied, transmitted or stored in a retrieval system or reproduced in any way including, but not limited to, photography, photocopy, magnetic or other recording means, without prior written permission from C&D Technologies (NCL) Limited. Instructions for use are available from www.dc-dc.com
C&D Technologies (NCL) Ltd Tanners Drive, Blakelands North Milton Keynes MK14 5BU, England Tel: +44 (0)1908 615232 Fax:+44 (0)1908 617545 email: info@cdtechno-ncl.com www: http://www.dc-dc.com
C&D Technologies (NCL), Inc. 8917 Glenwood Avenue, Raleigh NC 27612, USA Tel: +1 (919) 571-9405 Fax: +1 (919) 571-9262 email: info@us.cdtechno-ncl.com


▲Up To Search▲   

 
Price & Availability of 6001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X