Part Number Hot Search : 
C10423 SK412 C1E3C SKY650 41052 SK412 NJW1144 LA4600
Product Description
Full Text Search
 

To Download 2SD1010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SD1010
Silicon NPN epitaxial planer type
For low-frequency amplification
Unit: mm
5.00.2 4.00.2
q q q q
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
(Ta=25C)
Ratings 50 40 15 100 50 300 150 -55 ~ +150 Unit V
1.27
13.50.5
High foward current transfer ratio hFE. Low collector to emitter saturation voltage VCE(sat). High emitter to base voltage VEBO. Low noise voltage NV.
5.10.2
s Features
0.45 -0.1
+0.2
0.45 -0.1
1.27
+0.2
V mA mA mW C C
123
2.30.2
V
2.540.15
1:Emitter 2:Collector 3:Base JEDEC:TO-92 EIAJ:SC-43A
s Electrical Characteristics
Parameter Collector cutoff current Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Transition frequency Noise voltage
(Ta=25C)
Symbol ICBO ICEO VCBO VCEO VEBO hFE* VCE(sat) fT NV Conditions VCB = 20V, IE = 0 VCE = 20V, IB = 0 IC = 10A, IE = 0 IC = 1mA, IB = 0 IE = 10A, IC = 0 VCE = 10V, IC = 2mA IC = 10mA, IB = 1mA VCB = 10V, IE = -2mA, f = 200MHz VCE = 10V, IC = 1mA, GV = 80dB Rg = 100k, Function = FLAT 50 40 15 400 1000 0.05 200 80 2000 0.2 V MHz mV min typ max 100 1 Unit nA A V V V
*h
FE
Rank classification
R 400 ~ 800 S T hFE 600 ~ 1200 1000 ~ 2000
Rank
1
Transistor
PC -- Ta
500 160 Ta=25C 140 400 100 25C Ta=75C 80 -25C
2SD1010
IC -- VCE
120 VCE=10V
IC -- VBE
Collector power dissipation PC (mW)
Collector current IC (mA)
120 100 80 60 40 20
IB=100A 90A 80A 70A 60A 50A 40A 30A 20A 10A
300
Collector current IC (mA)
60
200
40
100
20
0 0 20 40 60 80 100 120 140 160
0 0 2 4 6 8 10 12
0 0 0.4 0.8 1.2 1.6 2.0
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
100 30 10 3 1 0.3 Ta=75C 0.1 0.03 0.01 0.1 25C -25C IC/IB=10 1800
hFE -- IC
250 VCE=10V
fT -- I E
VCB=10V Ta=25C
Forward current transfer ratio hFE
1500
Transition frequency fT (MHz)
30 100
200
1200 Ta=75C 900 25C -25C 600
150
100
300
50
0.3
1
3
10
30
100
0 0.1
0.3
1
3
10
0 - 0.1 - 0.3
-1
-3
-10
-30
-100
Collector current IC (mA)
Collector current IC (mA)
Emitter current IE (mA)
Cob -- VCB
8 100 IE=0 f=1MHz Ta=25C
NV -- IC
VCE=10V GV=80dB Function=FLAT Ta=25C Rg=100k 60 22k 40 5k 20 100
NV -- VCE
Collector output capacitance Cob (pF)
7 6 5 4 3 2 1 0 1 3 10
Rg=100k
Noise voltage NV (mV)
Noise voltage NV (mV)
80
80
60 22k
40 5k
20
30
100
0 0.01
0 0.03 0.1 0.3 1 1 3 10
IC=1mA GV=80dB Function=FLAT Ta=25C 30 100
Collector to base voltage VCB (V)
Collector current IC (mA)
Collector to emitter voltage VCE (V)
2
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of 2SD1010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X