Part Number Hot Search : 
MX98748 78L05 AP560 INA3010 AM252 TRB6116 QT1106 TLE4470
Product Description
Full Text Search
 

To Download 2SC2620 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC2620
Silicon NPN Epitaxial Planar
Application
VHF amplifier, Local oscillator
Outline
2SC2620
Absolute Maximum Ratings (Ta = 25C)
Item Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC PC Tj Tstg Ratings 30 20 4 20 100 150 -55 to +150 Unit V V V mA mW C C
Electrical Characteristics (Ta = 25C)
Item Collector to base breakdown voltage Symbol V(BR)CBO Min 30 20 4 -- --
1
Typ -- -- -- -- -- -- 0.17 0.72 940 0.9
Max -- -- -- 0.5 0.5 200 -- -- -- --
Unit V V V A A
Test conditions I C = 10 A, IE = 0 I C = 1 mA, RBE = I E = 10 A, IC = 0 VCB = 10 V, IC = 0 VEB = 2 V, IC = 0 VCE = 6 V, IC = 1 mA
Collector to emitter breakdown V(BR)CEO voltage Emitter to base breakdown voltage Collector cutoff current Emitter cutoff current DC current transfer ratio Collector to emitter saturation voltage Base to emitter voltage Gain bandwidth product Collector output capacitance Note: Grade Mark hFE B QB 60 to 120 C QC 100 to 200 V(BR)EBO I CBO I EBO hFE*
60 -- -- -- --
VCE(sat) VBE fT Cob
V V MHz pF
I C = 20 mA, IB = 4 mA VCE = 6 mA, IC = 1 mA VCE = 6 V, IC = 5 mA VCB = 10 V, IE = 0, f = 1 MHz
1. The 2SC2620 is grouped by h FE as follows.
See characteristic curves of 2SC535.
2
2SC2620
3
2SC2620
When using this document, keep the following in mind: 1. This document may, wholly or partially, be subject to change without notice. 2. All rights are reserved: No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without Hitachi's permission. 3. Hitachi will not be held responsible for any damage to the user that may result from accidents or any other reasons during operation of the user's unit according to this document. 4. Circuitry and other examples described herein are meant merely to indicate the characteristics and performance of Hitachi's semiconductor products. Hitachi assumes no responsibility for any intellectual property claims or other problems that may result from applications based on the examples described herein. 5. No license is granted by implication or otherwise under any patents or other rights of any third party or Hitachi, Ltd. 6. MEDICAL APPLICATIONS: Hitachi's products are not authorized for use in MEDICAL APPLICATIONS without the written consent of the appropriate officer of Hitachi's sales company. Such use includes, but is not limited to, use in life support systems. Buyers of Hitachi's products are requested to notify the relevant Hitachi sales offices when planning to use the products in MEDICAL APPLICATIONS.
4


▲Up To Search▲   

 
Price & Availability of 2SC2620

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X