Part Number Hot Search : 
HMO06A IDT74A 8K08F6FP 70002 XXXGXX 8T1003B4 MSJ200 3045C
Product Description
Full Text Search
 

To Download 2SA1790 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SA1790
Silicon PNP epitaxial planer type
For high-frequency amplification Complementary to 2SC4626
1.60.15
Unit: mm
s Features
q q
0.4
0.80.1
0.4
0.2-0.05 0.15-0.05
+0.1
High transition frequency fT. SS-Mini type package, allowing downsizing of the equipment and automatic insertion through the tape packing and the magazine packing.
1.60.1
1.00.1
0.5
1
0.5
3
2
0.450.1 0.3
0.750.15
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Collector power dissipation Junction temperature Storage temperature
Symbol VCBO VCEO VEBO IC PC Tj Tstg
Ratings -30 -20 -5 -30 125 125 -55 ~ +125
Unit V V V mA mW C C
1:Base 2:Emitter 3:Collector
EIAJ:SC-75 SS-Mini Type Package
Marking symbol :
E
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Forward current transfer ratio Transition frequency Collector to emitter saturation voltage Base to emitter voltage Noise figure Reverse transfer impedance Common emitter reverse transfer capacitance
(Ta=25C)
Symbol ICBO ICEO IEBO hFE fT VCE(sat) VBE NF Zrb Cre
*
Conditions VCB = -10V, IE = 0 VCE = -20V, IB = 0 VEB = -5V, IC = 0 VCE = -10V, IC = 1mA VCB = -10V, IE = 1mA, f = 200MHz IC = -10mA, IB = -1mA VCE = -10V, IC = -1mA VCB = -10V, IE = 1mA, f = 5MHz VCB = -10V, IE = 1mA, f = 2MHz VCE = -10V, IC = -1mA f = 10.7MHz
min
typ
0 to 0.1
0.20.1
max - 0.1 -100 -10
+0.1
s Absolute Maximum Ratings
(Ta=25C)
Unit A A
70 150 300 - 0.1 - 0.7 2.8 22 1.2
220 MHz V V 4.0 60 2.0 dB pF
*h
FE
Rank classification
Rank hFE Marking Symbol B 70 ~ 140 EB C 110 ~ 220 EC
1
Transistor
PC -- Ta
150 -30 Ta=25C 125 -25
2SA1790
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
-100 -30 -10 -3 -1 Ta=75C 25C -25C
VCE(sat) -- IC
IC/IB=10
Collector power dissipation PC (mW)
Collector current IC (mA)
100
-20
IB=-250A -200A
75
-15 -150A -10 -100A -50A
50
- 0.3 - 0.1 - 0.03 - 0.01 - 0.1 - 0.3
25
-5
0 0 20 40 60 80 100 120 140 160
0 0 -2 -4 -6 -8 -10
-1
-3
-10
-30
-100
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (mA)
hFE -- IC
120 6
Cob -- VCB
Collector output capacitance Cob (pF)
VCE=-10V f=1MHz IE=0 Ta=25C
Cre -- VCE
Common emitter reverse transfer capacitance Cre (pF)
5 IC=-1mA f=10.7MHz Ta=25C 4
Forward current transfer ratio hFE
100
Ta=75C
5
80
25C -25C
4
3
60
3
2
40
2
20
1
1
0 - 0.1 - 0.3
-1
-3
-10
-30
-100
0 - 0.1 - 0.3
-1
-3
-10
-30
-100
0 -1
-3
-10
-30
-100
Collector current IC (mA)
Collector to base voltage VCB (V)
Collector to emitter voltage VCE (V)
fT -- IE
600 VCB=-10V Ta=25C 24
PG -- IC
VCE=-10V f=100MHz Ta=25C 5
NF -- IE
VCB=-10V f=100MHz Ta=25C 4
Transition frequency fT (MHz)
500
20
400
16
Noise figure NF (dB)
-1 -3 -10 -30 -100
Power gain PG (dB)
3
300
12
2
200
8
100
4
1
0 0.1
0.3
1
3
10
30
100
0 - 0.1 - 0.3
0 0.1
0.3
1
3
10
Emitter current IE (mA)
Collector current IC (mA)
Emitter current IE (mA)
2
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of 2SA1790

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X