Part Number Hot Search : 
4032K300 SI2337DS TSH22I C240M BZT5245 37MJA 012S24 D3806
Product Description
Full Text Search
 

To Download ZL10313 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZL10313 Satellite Demodulator
Data Sheet Features
* * * * * * * * * * Conforms to EBU specification for DVB-S and DirecTV specification for DSS On-chip digital filtering supports 1 - 45 MSps symbol rates On-chip 60 or 90 MHz dual-ADC High speed scanning mode for blind symbol rate/code rate acquisition Automatic spectral inversion resolution High level software interface for minimum development time Up to 22.5 MHz LNB frequency tracking DiSEqCTM v2.2: receive/transmit for full control of LNB, dish and other components Compact 64-pin LQFP package (7 x 7 mm) A full DVB-S front-end reference design is available, ref. ZLE10538 Ordering Information ZL10313QCG 64 pin LQFP
August 2004
0C to +70C
Description
The ZL10313 is a QPSK/BPSK 1 - 45 MSps demodulator and channel decoder for digital satellite television transmissions to the European Broadcast Union ETS 300 421 specification. It receives analogue I and Q signals from the tuner, digitises and digitally demodulates this signal, implements the complete DVB/DSS FEC (Forward Error Correction) and descrambling function. The output is in the form of MPEG2 or DSS transport stream data packets. The ZL10313 also provides automatic gain control to the RF front-end device. The ZL10313 has a serial 2-wire bus interface to the control microprocessor. Minimal software is required to control the ZL10313 because of the built in automatic search and decode control functions.
Applications
* * * * DVB 1 - 45 MSps compliant satellite receivers DSS 20 MSps compliant satellite receivers SMATV (Single Master Antenna TV) transmodulators Satellite PC applications
I I/P Dual ADC Q I/P De-rotator Decimation Filtering Timing recovery Matched filter Phase recovery
DVB DSS FEC
MPEG/ DSS Packets
Analog AGC Control
Clock Generation
Acquisition Control
2-Wire Bus Interface
Bus I/O
Figure 1 - Functional Block Diagram
1
Zarlink Semiconductor Inc. Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc. Copyright 2004, Zarlink Semiconductor Inc. All Rights Reserved.
ZL10313
Data Sheet
Figure 2 - ZL10313 Pin Allocation Pin Table No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Name Reset DiSEqC[2]
1
No. 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
Name CVdd Gnd XTI XTO Gnd CVdd Gnd Iin Iin Gnd Vdd Gnd Qin Qin Gnd CVdd
No. 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48
Name Gnd CVdd Addr[1] Addr[2] Addr[3] Addr[4] Vdd Gnd AGC Test IRQ 1 CVdd Gnd MOSTRT MOVAL MDO[0]
No. 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64
Name MDO[1] CVdd Gnd MDO[2] MDO[3] Gnd Vdd MDO[4] MDO[5] Gnd CVdd MDO[6] MDO[7] MOCLK BKERR Status
DiSEqC[1] DiSEqC[0] Vdd Gnd CVdd Gnd Sleep CLK1 DATA1 CVdd Gnd DATA2 CLK2 OscMode
1. Can be programmed to be MICLK (MPEG input clock) instead.
Notes: All supply pins must be connected as they are not all commoned internally.
2
Zarlink Semiconductor Inc.
ZL10313 Table of Contents
Data Sheet
1.0 Application Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 2.0 Functional Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 2.1 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 2.2 Analogue-to-Digital Converter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 2.3 QPSK Demodulator . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 2.4 Forward Error Correction. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 2.4.1 Viterbi Error Count Measurement . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 2.4.1.1 Viterbi Error Count Coarse Indication. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 2.4.2 The Frame Alignment Block. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 2.4.3 The De-Interleaver Block . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 2.4.3.1 DVB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 2.4.3.2 DSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 2.4.4 The Reed-Solomon Decoder Block . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 2.4.5 The Energy Dispersal (de-scrambler) Block, DVB Only. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 2.4.6 Output Stage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 2.5 Control . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 2.5.1 Symbol Rate and Code Rate Search Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 2.6 DiSEqC Transmit and Receive Messages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 2.6.1 DiSEqC Transmitting Messages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 2.6.2 DiSEqC Receiving Messages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 3.0 Microprocessor Control . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 3.1 RADD: 2-wire Register Address (W) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 3.2 Primary 2-wire Bus Interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 3.3 Secondary 2-wire Bus for Tuner Control . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 4.0 Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 4.1 Recommended Operating Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 4.2 Absolute Maximum Ratings. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 4.3 Primary 2-Wire Bus Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 4.4 Crystal Specification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 4.5 Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 4.6 ZL10313 Pinout Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 4.7 Alphabetical Listing of Pin-Out . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24 5.0 References . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24 6.0 Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
3
Zarlink Semiconductor Inc.
ZL10313 List of Figures
Data Sheet
Figure 1 - Functional Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Figure 2 - ZL10313 Pin Allocation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Figure 3 - ZL10313 Functional Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Figure 4 - Typical Application Schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 Figure 5 - Viterbi Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Figure 6 - Viterbi Error Count Measurement . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Figure 7 - Viterbi Error Count Coarse Indication . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Figure 8 - DVB Conceptual Diagram of the Convolutional De-Interleaver Block . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Figure 9 - DSS Conceptual Diagram of the Convolutional De-Interleaver Block . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Figure 10 - DVB Block Structure . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 Figure 11 - DVB Energy Dispersal Conceptual Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 Figure 12 - DVB Energy Dispersal Conceptual Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Figure 13 - ZL10313 Control Structure . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 Figure 14 - Primary 2-Wire Bus Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 Figure 15 - Crystal Oscillator Circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
4
Zarlink Semiconductor Inc.
ZL10313
Overview
Data Sheet
The ZL10313 is a QPSK/BPSK 1 - 45 MSps demodulator and channel decoder for digital satellite television transmissions compliant to both DVB-S and DSS standards and other systems, such as LMDS, that use the same architecture. A Command Driven Control (CDC) system is provided making the ZL10313 very simple to program. After the tuner has been programmed to the required frequency to acquire a DVB transmission, the ZL10313 requires a minimum of five registers to be written. The ZL10313 provides a monitor of bit error rate after the QPSK module and also after the Viterbi module. For receiver installation, a high speed scan or 'blind search' mode is available. This allows all signals from a given satellite to be evaluated for frequency, symbol rate and convolutional coding scheme. The phase of the IQ signals can be automatically determined. Full DiSEqC is provided for both writing and reading DiSEqC messages. Storage in registers for up to eight data bytes sent and eight data bytes received is provided.
MPEG/ DSS Packets
I I/P Dual ADC Q I/P De-rotator Decimation Filtering Timing recovery Matched filter Phase recovery
DVB DSS FEC
Analog AGC Control
Clock Generation
Acquisition Control
2-wire Bus Interface
Bus I/O
Figure 3 - ZL10313 Functional Block Diagram
5
Zarlink Semiconductor Inc.
ZL10313
Additional Features * 2-wire bus microprocessor interface * * * * * * * All-digital clock and carrier recovery On-chip PLL clock generation using a low cost 10 to 16 MHz crystal (or external clock) 3.3/1.8 V operation 64 pin LQFP package Low external component count Commercial temperature range 0 to 70C External MPEG clock option
Data Sheet
De-Interleaver * Compliant with DVB and DSS standards Reed-Solomon * (204, 188) for DVB and (146,130) for DSS * Reed-Solomon bit-error-rate monitor to indicate Viterbi performance
De-Scrambler * EBU specification de-scrambler for DVB mode Outputs * MPEG transport parallel & serial output * * Three output clocking modes for maximum flexibility Integrated MPEG2 TEI bit processing for DVB only
Demodulator * BPSK or QPSK programmable * Optional fast acquisition mode for low symbol rates
Viterbi * Programmable decoder rates 1/2, 2/3, 3/4, 5/6, 6/7, 7/8 * * * * Automatic spectrum resolution of IQ phase Constraint length k = 7 Trace back depth 128 Extensive SNR and BER monitors
Application Support * Windows based evaluation software * * ANSI-C compliant software A full DVB-S front-end satellite tuner reference design kit is available for evaluation, based on the schematic below (Figure 4). Zarlink reference ZLE10538
6
Zarlink Semiconductor Inc.
ZL10313
1.0 Application Diagram
Data Sheet
Figure 4 - Typical Application Schematic
7
Zarlink Semiconductor Inc.
ZL10313
2.0
2.1
Data Sheet
Functional Overview
Introduction
ZL10313 is a single-chip variable rate digital QPSK/BPSK satellite demodulator and channel decoder. The ZL10313 accepts base-band in-phase and quadrature analogue signals and delivers an MPEG or DSS packet data stream. Digital filtering in ZL10313 removes the need for programmable external anti-alias filtering for all symbol rates from 1 - 45 MSps. Frequency, timing and carrier phase recovery are all digital and the only feed-back to the analogue front-end is for automatic gain control. The digital phase recovery loop enables very fine bandwidth control that is needed to overcome performance degradation due to phase and thermal noise. All acquisition algorithms are built into the ZL10313 controller. The ZL10313 can be operated in a Command Driven Control (CDC) mode by specifying the symbol rate and Viterbi code rate. There is also a provision for a search for unknown symbol rates and Viterbi code rates.
2.2
Analogue-to-Digital Converter
The A/D converters sample single-ended or differential analogue inputs and consist of a dual ADC and circuitry to provide improved SiNaD (Signal-Noise and Distortion) and channel matching. The fixed rate sampling clock is provided on-chip using a programmable PLL needing only a low cost 10 to 16 MHz crystal. Different crystal frequencies can be combined with different PLL ratios, depending on the maximum symbol rate, allowing a very flexible approach to clock generation. An external clock signal in the range 4 to 16 MHz can also be used as the master clock.
2.3
QPSK Demodulator
The demodulator in the ZL10313 consists of signal amplitude offset compensation, frequency offset compensation, decimation filtering, carrier recovery, symbol recovery and matched filtering. The decimation filters give continuous operation from 2 Mbps to 90 Mbps allowing one receiver to cover the needs of the consumer market as well as the single carrier per channel (SCPC) market with the same components without compromising performance, that is, the channel reception is within 0.5 dB from theory. For a given symbol rate, control algorithms on the chip detect the number of decimation stages needed and switch them in automatically. The frequency offset compensation circuitry is capable of tracking out up to 22.5 MHz frequency offset. This allows the system to cope with relatively large frequency uncertainties introduced by the Low Noise Block (LNB). Full control of the LNB is provided by the DiSEqC outputs from the ZL10313. Horizontal/vertical polarization and an instruction modulated 22 kHz signal are available under register control. All DiSEqC functions are implemented on the ZL10313. An internal state machine that handles all the demodulator functions controls the signal tracking and acquisition. Various preset modes are available as well as blind acquisition where the receiver has no prior knowledge of the received signal. Fast acquisition algorithms have been provided for low symbol rate applications. Full interactive control of the acquisition function is possible for debug purposes. In the event of a signal fade or a cycle slip, the QPSK demodulator allows sufficient time for the FEC to reacquire lock, for example, via a phase rotation in the Viterbi decoder. This is to minimize the loss of signal due to the signal fade. Only if the FEC fails to re-acquire lock for a long period (which is programmable) the QPSK will try to re-acquire the signal. The matched filter is a root-raised-cosine filter with either 0.20 or 0.35 roll-off, compliant with DSS and DVB standards. Although not a part of the DVB standard, ZL10313 allows a roll-off of 0.20 to be used with other DVB parameters. An AGC signal is provided to control the signal levels in the tuner section of the receiver and ensure the signal level fed to the ZL10313 is set at an optimal value under all reception conditions. The ZL10313 provides comprehensive information on the input signal and the state of the various parts of the device. This information includes signal to noise ratio (SNR), signal level, AGC lock, timing and carrier lock signals. A maskable interrupt output is available to inform the host controller when events occur.
8
Zarlink Semiconductor Inc.
ZL10313
2.4 Forward Error Correction
Data Sheet
The ZL10313 contains FEC blocks to enable error correction for DVB-S and DSS transmissions. The Viterbi decoder block can decode the convolutional code with rates 1/2, 2/3, 3/4, 5/6, 6/7 or 7/8. The block features automatic synchronization, automatic spectral inversion resolution and automatic code rate detection. The trace back depth of 128 provides better performance at high code rates and the built-in synchronization algorithm allows the Viterbi decoder to lock onto signals with very poor signal-to-noise ratios. A Viterbi bit error rate monitor provides an indication of the error rate at the QPSK output. The 24-bit error count register in the Viterbi decoder allows the bit error rate at the output of the QPSK demodulator to be monitored. The 24-bit bit error count register in the Reed-Solomon decoder allows the Viterbi output bit error rate to be monitored. The 16-bit uncorrectable packet counter yields information about the output packet error rate. These three monitors and the QPSK SNR register allow the performance of the device and its individual components, such as the QPSK demodulator and the Viterbi decoder, to be monitored extensively by the external microprocessor. The frame/byte align block features a sophisticated synchronization algorithm to ensure reliable recovery of DVB and DSS framed data streams under worst case signal conditions. The de-interleaver uses onchip RAM and is compatible with the DVB and DSS algorithms. The Reed-Solomon decoder is a truncated version of the (255, 239) code. The code block size is 204 for DVB and 146 for DSS. The decoder provides a count of the number of uncorrectable blocks as well as the number of bit errors corrected. The latter gives an indication of the bit error rate at the output of the Viterbi decoder. In DVB mode, spectrum de-scrambling is performed compatible with the DVB specification. The final output is a parallel or serial transport data stream, packet sync, data clock and a block error signal. The data clock may be inverted under software control.
2.4.1
Viterbi Error Count Measurement
A method of estimating the bit error rate at the output of the QPSK block has been provided in the Viterbi decoder. The incoming data bit stream is delayed and compared with the re-encoded and punctured version of the decoded bit stream to obtain a count of errors, see Figure 5. The measurement system has a programmable register to determine the number of data bits (the error count period) over which the count is being recorded. A read register indicates the error count result and an interrupt can be generated to inform the host microprocessor that a new count is available. The VIT_ERRPER_register is programmed with the required number of data bits (the error count period) (VIT_ERRPER[7:0]). The count of errors found during this period is loaded by the ZL10313 into the VIT_ERRCNT_H-M-L trio of registers when the bit count VIT_ERRPER[7:0] is reached. At the same time an interrupt is generated on the IRQ line. Setting the IE_FEC[2] bit in the IE_FEC register enables the interrupt. Reading the register does not clear VIT_ERRCNT [23:0], it is only loaded with the error count.
Viterbi Decoder
Data Bit Stream
Viterbi Encoder
Delay
Comp
Error Count
Figure 5 - Viterbi Block Diagram
9
Zarlink Semiconductor Inc.
ZL10313
Data Sheet
Error Count
VIT_ERRCNT[23:0]
0 0 VIT_ERRPER Data Bits
IRQ
Figure 6 - Viterbi Error Count Measurement Figure 6 shows the bit errors rising until the maximum programmed value of VIT_ERRPER is reached, when an interrupt is generated on the IRQ line to advise the host microprocessor that a new value of bit error count has been loaded into the VIT_ERRCNT [23:0] register. The IRQ line will go high when the IE_FEC register is read by the host microprocessor. The error count may be expressed as a ratio: VIT_ERRCNT[23:0] VIT_ERRPER[7:0] * 262144
2.4.1.1
Viterbi Error Count Coarse Indication
To assist in the process of aligning the receiver dish aerial, a coarse indication of the number of bit errors being received can be provided by monitoring the STATUS line with the following set up conditions. The frequency of the output waveform will be a function of the bit error count (triggering the maximum value programmed into the VIT_MAXERR[7:0] register and the dish alignment on the satellite. This VIT_MAXERR mode is enabled by setting the FEC_STAT_EN register bit-0. Figure 7 shows the bit errors rising to the maximum value programmed and triggering a change of state on the STATUS line.
10
Zarlink Semiconductor Inc.
ZL10313
Data Sheet
VITERBI Coarse Bit Error Count
VIT_MAXERR[3:0]
0 0 Data Bits
Status
Figure 7 - Viterbi Error Count Coarse Indication
2.4.2
The Frame Alignment Block
The frame alignment algorithm detects a sequence of correctly spaced synchronizing bytes in the Viterbi decoded bit-stream and arranges the input into blocks of data bytes. Each block consists of 204 bytes for DVB and 147 bytes for DSS. In the DSS mode, the synchronizing byte is removed from the data stream, so only 146 bytes of a block are passed to the next stage. The frame alignment block also removes the 180 phase ambiguity not removed by the Viterbi decoder.
2.4.3 2.4.3.1
The De-Interleaver Block DVB
Before transmission, the data bytes are interleaved with each other in a cyclic pattern of twelve. This ensures the bytes are spaced out to avoid the possibility of a noise spike corrupting a group of consecutive message bytes. Figure 8 below shows conceptually how the convolutional de-interleaving system works. The synchronization byte is always loaded into the First-In-First-Out (FIFO) memory in branch 0. The switch is operated at regular byte intervals to insert successively received bytes into successive branches. After 12 bytes have been received, byte 13 is written next to the synchronization byte in branch 0, etc. In the ZL10313, this de-interleaving function is realized using on-chip Random Access Memory (RAM).
11
Zarlink Semiconductor Inc.
ZL10313
Sync word route 0 One byte per position 1 2 3 4 5 6 17x5 bytes 7 8 9 10 11 17x4 bytes 17x3 bytes 17x2 bytes 17x1 7 8 9 10 11 17x11 bytes 17x10 bytes 17x9 bytes 17x8 bytes 17x7 bytes 17x6 bytes 3 4 5 6 0 1 2
Data Sheet
Figure 8 - DVB Conceptual Diagram of the Convolutional De-Interleaver Block
2.4.3.2
DSS
Before transmission, the data bytes are interleaved with each other in a cyclic pattern of thirteen. This ensures the bytes are spaced out to avoid the possibility of a noise spike corrupting a group of consecutive message bytes. Figure 9 below shows conceptually how the convolutional de-interleaving system works. On the ZL10313, this function is realized in the same Random Access Memory (RAM) as used for DVB, but utilizing a different addressing algorithm.
Output
145 0 2 Input 12D 12D 12D 1
Figure 9 - DSS Conceptual Diagram of the Convolutional De-Interleaver Block
12
Zarlink Semiconductor Inc.
ZL10313
2.4.4 The Reed-Solomon Decoder Block
Data Sheet
DVB and DSS data are encoded using shortened versions of the Reed-Solomon code of block length 255, containing 239 message bytes and 16 check bytes, that is (255,239) with T = 8. Both encoders use the same generator polynomial. The code block size for DVB is 204 and that for DSS is 146. Hence DVB code is (204, 188) and DSS code is (146, 130), with both having T = 8. The block structure of the DVB and DSS Reed-Solomon codes are as shown in Figure 10 and Figure 11 below. The Reed-Solomon decoder can correct up to eight byte errors per packet. If there are more than eight bytes containing errors, the packet is flagged as uncorrectable using the BKERR pin 63. In the case of DVB the Transport Error Indicator (TEI) bit of the MPEG packet is set to 1, if setting of TEI is enabled.
Sync byte
187 bytes
16 check bytes
Reed-Solomon encoded block
Sync byte
187 bytes MPEG transport packet
Figure 10 - DVB Block Structure
130 bytes
16 check bytes
Reed-Solomon encoded block
130 bytes
DSS transport packet
Figure 11 - DVB Energy Dispersal Conceptual Diagram
13
Zarlink Semiconductor Inc.
ZL10313
2.4.5 The Energy Dispersal (de-scrambler) Block, DVB Only
Data Sheet
Before Reed-Solomon encoding in the DVB transmission system, the MPEG2 data stream is randomised using the configuration shown in Figure 12 below. This is a Pseudo Random Binary Sequence (PRBS) generator, with the polynomial: 1 + X14 + X15 The PRBS registers are loaded with the initialisation sequence as shown, at the start of the first transport packet in a group of eight packets. This point is indicated by the inverted sync byte 0xB8 (the normal DVB sync byte is 0x47). The data starting with the first byte after the sync byte are randomised by exclusive-ORing data bits with the PRBS (the sync bytes themselves are not randomised). In the decoder, the process of de-randomising or de-scrambling the data is exactly the same as described above. The de-scrambler also inverts the sync byte 0xB8 so that all MPEG output packets have the same sync byte 0x47.
Initialisation sequence 1 1 0 2 0 3 1 4 0 5 1 6 0 7 1 8 0 9 0 10 0 11 0 12 0 13 0 14 0 15
XOR
Figure 12 - DVB Energy Dispersal Conceptual Diagram
2.4.6
Output Stage
The transport stream can be output in a byte-parallel or bit-serial mode. The output interface consists of an 8-bit output, output clock, a packet validation level, a packet start pulse and a block error indicator. The output clock rate depends on the symbol rate, QPSK/BPSK choice, convolutional (Viterbi) coding rate, DVB/DSS choice and byte-parallel or bit-serial output mode. This rate is computed by ZL10313 to be very close to the minimum required to output packet data without packet overlap. Furthermore, the packets at the output of ZL10313 are as evenly spaced as possible to minimize packet position movement in the transport layer. The maximum movement in the packet synchronization byte position is limited to 1 output clock period.
2.5
Control
Automatic symbol rate search, code rate search, signal acquisition and signal tracking algorithms are built into the ZL10313 using a sophisticated on-chip controller. The software interaction with the device is via a simple Command Driven Control (CDC) interface. This CDC maps high level inputs such as symbol rates in MSps and frequencies in MHz, to low level on-chip register settings. The on-chip control state machine and the CDC significantly reduces the software overhead as well as the channel search times. There is also an option for the host processor to by-pass both the CDC as well as the on-chip controller and take direct control of the QPSK demodulator. Once the ZL10313 has locked to the signal, any frequency offset can be read from the LNB_FREQ error registers 7 and 8. The frequency synthesiser under the software control can be re-tuned in frequency to optimise the received signal within the baseband filter bandwidth. Note that ZL10313 compensates for any frequency offsets before QPSK
14
Zarlink Semiconductor Inc.
ZL10313
Data Sheet
demodulation. Hence a frequency offset will not necessarily lead to a performance loss. Performance loss will occur only if a significant part of the signal is cut off by the base-band filter, due to this frequency offset. This will happen only if the symbol rate is close to the maximum supported by that filter. In such an event it is recommended that front-end be re-tuned to neutralise this error before the filter. It is then necessary for the ZL10313 to re-acquire the signal. The ZL10313 can generate control signals to enable full control of the dish and LNB. The chip implements the signals needed for the full DiSEqC specification. This includes high/low band selection, polarization and dish position. In this mode, the symbol rate in MSps and Viterbi code rate are the only values needed to start the ZL10313 searching for the signal. The CDC module maps the high level parameters into the various low level register settings needed to acquire and track the signal. The low level registers may be read and directly modified to suit very specific requirements. However, this is not recommended.
High level input/output (MSps, MHz)
Command Driven Control
ZL10313
format registers
Acquisition/ Track State Machine
QPSK
Low level register read/write
Figure 13 - ZL10313 Control Structure
2.5.1
Symbol Rate and Code Rate Search Mode
Where the symbol rate and/or the Viterbi code rate are unknown, the ZL10313 can be programmed to search for QPSK/BPSK signals. The user should define the range(s) over which the search is required. The ZL10313 will then locate and track any signal detected. Failure to find a QPSK signal in the specified frequency and specified symbol rate ranges will be indicated by interrupts. ZL10313 will carry on searching these ranges after issuing these interrupts. When the ZL10313 has locked onto a signal, the symbol rate in MSps may be read from the MONITOR registers. The Viterbi code rate may be read from the FEC_STATUS register. This search facility is primarily for use during the initial installation of a receiver.
2.6
DiSEqC Transmit and Receive Messages
The ZL10313 has the capability to send and receive DiSEqC messages. Eight registers are provided to store a message for transmission and a further eight registers are provided to store a received message. The received bytes have a parity bit and a parity error bit in addition to the eight data bits. These additional bits are read out in sequence following the data bits, so two byte reads are required for each data byte.
2.6.1
DiSEqC Transmitting Messages
The sequence of events to send a message are as follows: 1. Load the required message bytes into the DiSEqC instruction register. Sequential writes to the same register are achieved by setting the Inhibit Auto Incrementing (IAI) bit 7 in RADD, the register address byte. 2. Load the number of bytes (less one) in the DiSEqC instruction in the register DiS_Mode[5:3].
15
Zarlink Semiconductor Inc.
ZL10313
3. Set DiS_Mode[2:0] = 4 to command the ZL10313 to encode the data and transmit the message.
Data Sheet
4. Reset DiS_Mode[2:0] to either 0 or 1 depending on previous setting of 22 kHz off or on. The data loaded into the DiSEqC_INSTR register is retained, so that if the same message is to be repeated, stage 1 above can be omitted.
2.6.2
DiSEqC Receiving Messages
The ZL10313 will automatically listen for DiSEqC messages 5 ms after a message has been transmitted. If a return message is expected, the DiS_Mode[2:0] must be set to zero in order to leave the LNB control signal free for another DiSEqC transmitter to respond. The sequence of events to receive a message are as follows: 1. Ensure that DiSEqC2/GPP2 pin 2 is an input by setting GPP_CTRL register address-20 bit-5 to zero. 2. Enable interrupts if the IRQ pin 43 is used to interrupt the host processor in DiSEqC2_CTRL1 register 121. 3. Monitor DiS_INT register. 4. If bit-3 = 1 and bit-1 = 0, there has been no message received. 5. If a message has been received, bit-0 will be set. If bit-1 is also set the message is complete. DiS_INT register bits-7-4 indicate how many bytes have been received. 6. Read the received message from DiS_FIFO register 120 by setting the Inhibit Auto Incrementing (IAI) bit-7 in RADD, the register address byte and sequentially reading DiS_FIFO for the indicated number of bytes. Each data byte read requires two 2-wire bus reads. The second or the pair of bytes contains the parity bit and a parity bit error indicator. The user may choose to wait for the end of message indication, before reading the message, if it is known that the message is not greater than eight bytes. However, if the length of message is not known, the message should be read out of the FIFO by the host as it is being received. Care must be taken to avoid a FIFO buffer overflow. DiS_INT register bits-7-4 will indicate how many bytes remain in the FIFO.
3.0
3.1
Microprocessor Control
RADD: 2-wire Register Address (W)
RADD is the internal 2-wire bus register address. It is the first byte written after the ZL10313 2-wire bus address when in write mode. To write to the chip, the bus master should send a START condition and the chip address with the write bit set, followed by the register address where subsequent data bytes are to be written. Finally, when the 'message' has been sent, a STOP condition is sent to free the bus. To read from the chip from register address zero, the bus master should send a START condition and the chip address with the read bit set, followed by the requisite number of clocks to read the bytes out. Finally a STOP condition is sent to free the bus. RADD is not sent in this case. To read from the chip from an address other than zero, the bus master should send the chip address with the write bit set, followed by the register address from where subsequent data bytes are to be read. Then the bus master should send a repeat START condition and the chip address with the read bit set, followed by the requisite number of CLK1 clocks to read the required bytes out. Finally a STOP condition is sent to free the bus. A STOP condition resets the RADD value to 00.
16
Zarlink Semiconductor Inc.
ZL10313
RADD (virtual register, address none)
Data Sheet
NAME RADD bit-7:
ADR N/A IAI
bit-7 IAI
bit-6 AD6
bit-5 AD5
bit-4 AD4
bit-3
AD3
bit-2
AD2
bit-1
AD1
bit-0
AD0
Def hex W -
High = Inhibit auto increment Low = Increment addresses
bits 6-0:
AD[6:0]
register address, numbers in the range 0 to 127 are allowed
When the register address is incremented to 127 it stops and the bus will continue to write to or read from register 127 until a STOP condition is sent.
3.2
Primary 2-wire Bus Interface
The primary 2-wire bus serial interface uses pins: DATA1 (pin 11) serial data, the most significant bit is sent first. CLK1 (pin 10) serial clock. The 2-wire bus address is determined by applying Vdd or Gnd to the ADDR[4:1] pins while the three MSBs of the address are internally set to `0'. For compatibility with earlier devices, the 2-wire bus address will normally be 0001 110 R/W and the pins connected as follows:
Addr[4] Vdd Addr[3] Vdd Addr[2] Vdd Addr[1] Gnd
When the ZL10313 is powered up, the Reset pin 1 should be maintained low for typically 100 ms after Vdd and CVdd have reached normal operation levels, and the Sleep pin 9 has gone low. This is to ensure that the crystal oscillator and internal PLL have become fully established and that the internal reset signal is fully clocked into all parts of the circuit. As the reset pin is pulled high, the logic levels on Addr[4:1] are latched to become the 2-wire bus address AD[6:0]. The circuit works as a slave transmitter with the eighth bit set high or as a slave receiver with the eighth bit set low. In receive mode, the first data byte is written to the RADD virtual register, which forms the register sub-address. Bit 7 of the RADD register, IAI is an Inhibit Auto Increment function. When the IAI bit is set high, the automatic incrementing of register addresses is inhibited. IAI set low is the normal situation so that data bytes sent on the 2-wire bus after the RADD register data are loaded into successive registers. This automatic incrementing feature avoids the need to individually address each register. Following a valid chip address, the 2-wire bus STOP command resets the RADD register to 00. If the chip address is not recognised, the ZL10313 will ignore all activity until a valid chip address is received. The 2-wire bus START command does NOT reset the RADD register to 00. This allows a combined 2-wire bus message to point to a particular read register with a write command, followed immediately with a read data command. If required, this could next be followed with a write command to continue from the latest address. Finally a STOP command should be sent to free the bus. When the 2-wire bus is addressed (after a recognised STOP command) with the read bit set, the first byte read out will be the content of register 00.
17
Zarlink Semiconductor Inc.
ZL10313
3.3 Secondary 2-wire Bus for Tuner Control
Data Sheet
The ZL10313 has a General Purpose Port that can be configured to provide a secondary 2-wire bus with full bidirectional operation. When pass-through is enabled, a transparent connection is made to the tuner. This innovative design simplifies the software required to program the tuner. Pass-through mode is selected by setting register (20) GPP_CTRL[bit-6] = 1. The allocation of the pins is: DATA2 = pin14, CLK2 = pin 15.
4.0
4.1
Electrical Characteristics
Recommended Operating Conditions
Parameter Symbol Min. Typ. Max. Units
Core power supply voltage Periphery power supply voltage Input clock frequency (note Crystal oscillator frequency CLK1 clock frequency
3 1
CVdd Vdd
2
1.71 3.13 3.99 9.99 0
1.8 3.3
1.89 3.47 22.66 16.01 400 70
V V MHz MHz kHz C
&)
Fxt1 Fxt2 Fclk1
(with 10 MHz or above)
Ambient operating temperature
1. When not using a crystal, XTI may be driven from an external source over the frequency range shown. 2. The upper limit is set by DiSEqC requirements. If DiSEqC is not required, then external frequencies up to 27.00 MHz can be used. 3. The maximum serial clock speed on the primary 2-wire bus is related to the input clock frequency and is limited to 100 kHz with a 4.0 MHz clock.
4.2
Absolute Maximum Ratings
Parameter Symbol Min. Max. Unit
Power supply Voltage on input pins (5 V rated) Voltage on input pins (3.3 V rated) Voltage on input pins (1.8 V rated, e.g., XTI) Voltage on output pins (5 V rated) Voltage on output pins (3.3 V rated) Voltage on output pins (1.8 V rated, e.g., XTO) Storage temperature Operating ambient temperature Junction temperature ESD protection (human body model)
Note 1:
Vdd CVdd Vi Vi Vi Vo Vo Vo Tstg Top Tj
-0.3 -0.3 -0.3 -0.3 -0.3 -0.3 -0.3 -0.3 -55 0 2
4.5 2.3 6.5 Vdd + 0.5 CVdd + 0.5 5.5 Vdd + 0.5 CVdd + 0.5 150 70 125
V V V V V V V C C C kV
Stresses exceeding these listed under 'Absolute Ratings' may induce failure. Exposure to absolute maximum ratings for extended periods may reduce reliability. Functionality at or above these conditions is not implied.
18
Zarlink Semiconductor Inc.
ZL10313
4.3 Primary 2-Wire Bus Timing
Data Sheet
Figure 14 - Primary 2-Wire Bus Timing Where: S = Start Sr = Restart, i.e., Start without stopping first. P = Stop Value Min. 0 1300 600 1300 600 600 0 100 20+0.1Cb 600
1
Parameter: Primary 2-wire bus only CLK1 clock frequency (for XTI 10MHz) Bus free time between a STOP and START condition Hold time (repeated) START condition LOW period of CLK1 clock HIGH period of CLK1 clock Set-up time for a repeated START condition Data hold time (when input) Data set-up time Rise time of both CLK1 and DATA1 signals Fall time of both CLK1 and DATA1 signals, (100pF to ground) Set-up time for a STOP condition
Symbol fCLK tBUF tHD;STA tLOW tHIGH tSU;STA tHD;DAT tSU;DAT tR tF tSU;STO
Max. 400
Unit kHz ns ns ns ns ns ns ns
300 300
2
ns ns ns
20+0.1Cb1
Table 1 - Primary 2-wire bus timing
1. Cb = the total capacitance on either clock or data line in pF. 2. The rise time depends on the external bus pull up resistor and bus capacitance.
19
Zarlink Semiconductor Inc.
ZL10313
4.4 Crystal Specification
Data Sheet
Parallel resonant fundamental frequency (preferred) 9.99 to 16.01 MHz. Tolerance over operating temperature range 25 ppm. Tolerance overall 50 ppm. Nominal load capacitance 30 pF. Equivalent series resistance <75
Figure 15 - Crystal Oscillator Circuit Note: The crystal frequency should be chosen to ensure that the system clock would marginally exceed the maximum symbol rate required, e.g. 10.111 MHz with a multiplier of x9 will give a 91 MHz system clock to guarantee 45 MSps operation.
4.5
Electrical Characteristics
CVdd = 1.8 V Vdd = 3.3 V
Conditions (unless specified otherwise):Tamb = 25C DC Electrical Characteristics Parameter Core voltage Peripheral voltage Core current Peripheral current Total power (91 MHz system clock) Total power (standby) Total power (sleep) Output low level Output high level Output leakage Conditions/Pin
Symbol CVdd Vdd
Min. 1.71 3.13
Typ. 1.8 3.3 165 7 320
Max. 1.89 3.47
Unit V V mA mA mW
45 MSps CR 7/8 91 MHz system clock
CIdd Idd Ptot1
ADCs powered down. MPEG outputs tri-stated Pin 9 = logic `1' ADCs powered down 2, 6 or 12 mA per output (see section 4.6, ZL10313 Pinout Description) 2, 6 or 12 mA per output Tri-state when off or open-drain when high
Ptot2 1 Ptot3 1 Vol Voh 2.4
2.2 0.35 0.4
mW mW V V 1 A
20
Zarlink Semiconductor Inc.
ZL10313
DC Electrical Characteristics (continued) Parameter Output capacitance Conditions/Pin All outputs except XTO, CLK1 & opendrain types. Excludes packaging contribution (~0.35 pF) Open-drain outputs. Excludes packaging contribution (~0.35 pF) Input low level Input high level Input leakage Input capacitance Vin = 0 or Vdd Excludes packaging contribution (~0.35 pF) 1.5 Vil Vih 2.0 1 Symbol Min. Typ. 2.7
Data Sheet
Max.
Unit pF
3.3
pF
0.8
V V A pF
1. For minimum power, MPEG outputs should be tristated and ADCs powered down.
AC Electrical Characteristics
Parameter Conditions/Pin Min. Typ. Max. Unit
ADC Full-scale input single range (single-ended or differential) ADC analog input resistance ADC analog input capacitance ADC input common mode voltage level System clock frequency Input clock frequency (note 1 and 2) Crystal oscillator frequency CLK1 clock frequency (with 10 MHz xtal or above) MPEG clock input frequency
3
Differential source is recommended Per input pin Per input pin 0.7 30.00 3.99 See Section 4.4 for details 9.99 10
0.5
1.0
Vpp k
2 1.7 100 22.66 16.01 400
pF V MHz MHz MHz kHz MHz
On either pin #2 or pin #43
note 4
65 5
1. When not using a crystal, XTI may be driven from an external source over the frequency range shown. 2. The upper limit is set by DiSEqC requirements. If DiSEqC is not required, then external frequencies up to 27.00 MHz can be used. 3. The maximum serial clock speed on the primary 2-wire bus is related to the input clock frequency and is limited to 100 kHz with a 4.0 MHz clock. 4. Must be calculated from the data input rate. 5. Also subject to system clock limitations.
21
Zarlink Semiconductor Inc.
ZL10313
4.6 ZL10313 Pinout Description
Pin Description Table
Pin Name Description I/O Note
Data Sheet
V
mA
1 2
Reset DiSEqC[2]
Active low reset input DiSEqC input for level 2 control. Also usable as GPP2 (general purpose port pin) for other purposes, and as MICLK - external clock input for MPEG data. Horizontal/vertical LNB control (acts as input only in production test modes) 22 kHz output to LNB (acts as input only in production test modes) Stops oscillator and sets minimum power levels to entire device (except ADCs - register controlled power-down) Primary 2-wire serial bus clock Primary 2-wire serial bus data Secondary 2-wire bus data to tuner front end. Also usable as GPP1 (general purpose port pin) for other purposes. Secondary 2-wire bus clock to tuner front end. Also usable as GPP0 (general purpose port pin) for other purposes. Controls oscillator mode to suit crystal or external signal Crystal input or external reference clock input Crystal output, includes internal feedback resistor to XTI I channel input I channel negative input Q channel negative input Q channel input Primary 2-wire bus address defining pins AGC sigma-delta output (acts as input only in production test modes) For normal operation, this pin must be held at 0 V. Active low interrupt output. Reading all active interrupt registers resets this pin. Can also be defined as MICLK - external clock input for MPEG data MPEG output start signal. High during the first byte of a packet.
I I/O
CMOS1 Open drain1 CMOS CMOS CMOS
5 5 6
3 4 9
DiSEqC[1] DiSEqC[0] Sleep
I/O I/O I
3.3 3.3 3.3
2 2
10 11 14
CLK1 DATA1 DATA2
I I/O I/O
CMOS1 Open drain1 Open drain1 Open drain1 CMOS CMOS CMOS analog analog analog analog CMOS Open drain1 CMOS Open drain1 CMOS Tri-state
5 5 5 6 6
15
CLK2
I/O
5
6
16 19 20 24 25 29 30 35,36,37 38 41 42 43
OscMode XTI XTO Iin Iin Qin Qin ADDR[1:4] AGC Test IRQ
I I I/O I I I I I I/O I I/O
3.3 1.8 1.8
3.3 5 3.3 5 6 6
46
MOSTRT
O
3.3
2
22
Zarlink Semiconductor Inc.
ZL10313
Pin Description Table
Pin Name Description I/O Note
Data Sheet
V
mA
47 48,49,52 ,53,56, 57,60,61 62 63
MOVAL MDO[0:7]
MPEG data output valid. High during the MOCLK cycles when valid data bytes are being output. MPEG transport packet data output bus. Can be tristated under control of a register bit. MPEG clock output at the data byte rate. Active low uncorrectable block indicator or no-signal indicator. Mode selected by ERR_IND bit (#7) of the MON_CTRL register. Can also be inverted. Status output. Register defined function including audio frequency proportional to BER (acts as input only in production test modes) Peripheral supply pins. All pins must be connected. Peripheral supply pin used for the ADC. Core supply pins. All pins must be connected.
O O
CMOS Tri-state CMOS Tri-state CMOS Tri-state CMOS Tri-state CMOS
3.3 3.3
2 2
MOCLK BKERR
O O
3.3 3.3
12 2
64
STATUS
I/O
3.3
2
5, 39, 55 27 7, 12, 44, 50, 59 17, 22, 32, 34 6, 8, 13, 40, 45 51, 54, 58 18, 21, 23 26, 28, 31, 33
Note 1:
Vdd Vdd CVdd
3.3 3.3 1.8
CVdd Gnd
PLL/ADC supply pins. All pins must be connected. Ground supply pins. All pins must be connected.
1.8 0
Gnd
PLL/ADC ground supply pins. All pins must be connected.
0
5 V tolerant pins with thresholds related to 3.3 V.
23
Zarlink Semiconductor Inc.
ZL10313
4.7 Alphabetical Listing of Pin-Out
Name Addr[1] Addr[2] Addr[3] Addr[4] AGC BKERR CLK1 CLK2 CVdd CVdd CVdd CVdd CVdd CVdd CVdd CVdd No. 35 36 37 38 41 63 10 15 7 12 17 22 32 34 44 50 Name CVdd DATA1 DATA2 DiSEqC[0] DiSEqC[1] DiSEqC[2] Gnd Gnd Gnd Gnd Gnd Gnd Gnd Gnd Gnd Gnd No. 59 11 14 4 3 2 6 8 13 18 21 23 26 28 31 33 Name Gnd Gnd Gnd Gnd Gnd Iin Iin IRQ MDO[0] MDO[1] MDO[2] MDO[3] MDO[4] MDO[5] MDO[6] MDO[7] No. 40 45 51 54 58 24 25 43 48 49 52 53 56 57 60 61 Name MOCLK MOSTRT MOVAL OscMode Qin Qin Reset Sleep Status Test Vdd Vdd Vdd Vdd XTI XTO No. 62 46 47 16 29 30 1 9 64 42 5 27 39 55 19 20
Data Sheet
5.0
References
1. European Digital Video Broadcast Standard, ETS 300 421 (A1) Version 1.1.2 - 1997-08. ETS Secretariat 06921 Sophia Antipolis Cedex France. 2. Digital Satellite Equipment Control (DiSEqC) DiSEqCTM Bus Specification Version 4.2 (February 25, 1998) EUTELSAT European Telecommunications Satellite Organisation 70, rue Balard - 75502 PARIS Cedex 15 France.
6.0
Trademarks
DiSEqCTM is a trademark of EUTELSAT.
24
Zarlink Semiconductor Inc.
For more information about all Zarlink products visit our Web Site at
www.zarlink.com
Information relating to products and services furnished herein by Zarlink Semiconductor Inc. or its subsidiaries (collectively "Zarlink") is believed to be reliable. However, Zarlink assumes no liability for errors that may appear in this publication, or for liability otherwise arising from the application or use of any such information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or use. Neither the supply of such information or purchase of product or service conveys any license, either express or implied, under patents or other intellectual property rights owned by Zarlink or licensed from third parties by Zarlink, whatsoever. Purchasers of products are also hereby notified that the use of product in certain ways or in combination with Zarlink, or non-Zarlink furnished goods or services may infringe patents or other intellectual property rights owned by Zarlink. This publication is issued to provide information only and (unless agreed by Zarlink in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. The products, their specifications, services and other information appearing in this publication are subject to change by Zarlink without notice. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. Manufacturing does not necessarily include testing of all functions or parameters. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to Zarlink's conditions of sale which are available on request.
Purchase of Zarlink's I2C components conveys a licence under the Philips I2C Patent rights to use these components in and I2C System, provided that the system conforms to the I2C Standard Specification as defined by Philips. Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc. Copyright Zarlink Semiconductor Inc. All Rights Reserved.
TECHNICAL DOCUMENTATION - NOT FOR RESALE


▲Up To Search▲   

 
Price & Availability of ZL10313

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X