Part Number Hot Search : 
V324IYD TDA18272 2SD1209K HDL62SLD VHB150W 25V5X 74HC17 74LVC1G
Product Description
Full Text Search
 

To Download WJ1031C9DC15S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CIT RELAYTM
FEATURES: * Low coil power consumption * High Sensitivity * Conforms to FCC part 68 * PC board mounting * Small size, light weight
WJ103
Pending
12.5 x 7.5 x 10.0 mm
CONTACT DATA
Contact Arrangement Contact Rating Contact Resistance Contact Material Maximum Switching Power Maximum Switching Voltage Maximum Switching Current 1A = SPST N.O. 1C = SPDT 1A @ 24VDC; .5A @ 125VAC < 50 milliohms initial Ag + Au 30W 125VAC, 60VDC 1 Amp
COIL DATA
Coil Voltage VDC Coil Resistance 10% Pick Up Voltage VDC (max) 75% of rated voltage Release Voltage VDC (min) 10% of rated voltage Coil Power W Operate Time ms Release Time ms
Rated
Max.
3 5 6 9 12 24
3.9 6.5 7.8 11.7 15.6 31.2
.15W 60 167 240 540 960 3840
.20W 45 125 180 405 720 2880
2.25 3.75 4.50 6.75 9.00 18.00
0.3 0.5 0.6 0.9 1.2 2.4
.15 .20
4.5
1.5
CAUTION: 1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay. 2. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
GENERAL DATA
Electrical Life @ rated load Mechanical Life Insulation Resistance Dielectric Strength, Coil to Contact Contact to Contact Shock Resistance Vibration Resistance Terminal (Copper Alloy) Strength Operating Temperature Storage Temperature Solderability Weight 100K cycles, typical 5M cycles, typical 100M min @ 500VDC 1000V rms min. @ sea level 500V rms min. @ sea level 100m/s2 for 11ms 3.30mm double amplitude 10-40Hz 5N -40 C to + 85 C -40 C to + 155 C 230 C 2 C for 10 0.5s 2.2g
CIT RELAY Website: www.citrelay.com
Tel: 763-535-2339
Fax: 763-535-2194
CIT RELAYTM
ORDERING INFORMATION
1. Series: WJ103 2.Contact Arrangement: 1A = SPST N.O. 1C = SPDT 3. Coil Voltage: 3VDC 5VDC 6VDC 9VDC 12VDC 24VDC 4.Coil Power: .15 = .15 W .20 = .20 W 5. Sealed: S = Sealed (standard)
WJ103
WJ103 1C 12VDC .20 S
DIMENSIONS (Unit = mm)
PCB Layout
Schematics
CIT RELAY Website: www.citrelay.com
Tel: 763-535-2339
Fax: 763-535-2194


▲Up To Search▲   

 
Price & Availability of WJ1031C9DC15S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X