Part Number Hot Search : 
405GP 10100CT ED302T 11014 UP6018 E09BT3 MM1038 NTE713
Product Description
Full Text Search
 

To Download TC1047A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC1047/TC1047A
Precision Temperature-to-Voltage Converter
Features
* Supply Voltage Range: - TC1047: 2.7V to 4.4V - TC1047A: 2.5V to 5.5V * Wide Temperature Measurement Range: -40oC to +125oC * High Temperature Converter Accuracy: 2oC, Max, at 25C * Linear Temperature Slope 10mV/C (typ.) * Available in 3-Pin SOT-23B Package * Very Low Supply Current: - 35A Typical
General Description
The TC1047 and TC1047A are linear voltage output temperature sensors whose output voltage is directly proportional to the measured temperature. The TC1047 and TC1047A can accurately measure temperature from -40C to +125C. With the TC1047, the supply voltage can vary between 2.7V and 4.4V. The power supply range of the TC1047A is from 2.5V to 5.5V. The output voltage range for these devices is typically 100mV at -40C, 500mV at 0C, 750mV at +25C, and 1.75V at +125C. A 10mV/C voltage slope output response allows for a predictable temperature measurement over a wide temperature range. The TC1047 and TC1047A are packaged in 3-Pin SOT-23B packages, making them ideal for space critical applications.
Applications
* * * * * * * Cellular Phones Power Supply Thermal Shutdown Temperature Controlled Fans Temperature Measurement/Instrumentation Temperature Regulators Consumer Electronics Portable Battery Powered Equipment
Block Diagram
VDD = 2.5V to 5.5V PICmicro(R) Microcontroller VDD
Device Selection Table
Part Number TC1047VNB TC1047AVNB Package 3-Pin SOT-23B 3-Pin SOT-23B Temp. Range -40C to +125C -40C to +125C
TC1047A
VSS
A/D Converter
Package Type
3-Pin SOT-23B*
VSS 3
TC1047 TC1047A
1 VDD 2 VOUT
Note: * 3-Pin SOT-23B is equivalent to JEDEC TO-236
2002 Microchip Technology Inc.
DS21498B-page 1
(c)
TC1047/TC1047A
1.0 ELECTRICAL CHARACTERISTICS
*Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions above those indicated in the operation sections of the specifications is not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability.
Absolute Maximum Ratings*
Supply Voltage ......................................................+7V Voltage on Any Pin with Respect to Supplies ..................................................VSS -0.3 to VDD +0.3V Operating Temperature ...................... -40C to +125C Storage Temperature Range .............. -55C to +150C
TC1047/1047A ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise specified, these specifications apply for the entire supply voltage range and for TA = -40C to +125C Symbol VDD IQ AV TMPACY Parameter Supply Voltage Supply Current, Operating Average Slope of Output Voltage Temperature Accuracy Min 2.7 2.5 -- -- -2 -3 -- -- 730 1720 100 Typ -- -- 35 10 0.5 0.5 1.0 100 750 1750 -- Max 4.4 5.5 60 -- +2 +3 -- -- 770 1780 -- Units V A mV/C C C C mV mV mV A TA = 25C TA = +125C TA = -40C TA = -40C TA = 25C TA = +125C Test Conditions TC1047 TC1047A
VOUT
Output Voltage
IOUT
Output Source and Sink Current
(c)
DS21498B-page 2
2002 Microchip Technology Inc.
TC1047/TC1047A
2.0 PIN DESCRIPTIONS
PIN FUNCTION TABLE Symbol VDD VOUT VSS Input Supply Voltage Temperature Sensor Output Terminal Ground Terminal Description The descriptions of the pins are listed in Table 2-1. TABLE 2-1:
Pin No. (3-Pin SOT-23B) 1 2 3
2002 Microchip Technology Inc.
DS21498B-page 3
(c)
TC1047/TC1047A
3.0 DETAILED DESCRIPTION
The TC1047 and TC1047A have an output voltage that varies linearly with temperature in degrees Celsius. Figure 3-1 shows a plot of the output voltage versus temperature for the TC1047 and TC1047A. The temperature slope is fixed at 10mV/C, and the output voltage at 0C is 500mV. FIGURE 3-1: OUTPUT VOLTAGE VS. TEMPERATURE
VOUT = (10mV/C) CTemperature C) + 500mV
1.75 1.7 1.5
VOUT (Volts)
1.3 1.1 0.9 0.7 0.5 0.3 0.1 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100 110 120 TEMPERATURE (C) 125
(c)
DS21498B-page 4
2002 Microchip Technology Inc.
TC1047/TC1047A
4.0
Note:
TYPICAL CHARACTERISTICS
The graphs provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range. TEMPERATURE ACCURACY VS. TEMPERATURE
3
FIGURE 4-1:
2
TEMP ACCY (C)
1 VDD = 2.5V 0 VDD = 5.5V
-1
-2
-3 -40 -25 -10 5 20 35 50 65 80 95 110 125
TEMPERATURE (C)
FIGURE 4-2:
SUPPLY CURRENT VS. TEMPERATURE
50 VDD = 5.5V 40 VDD = 2.5V
IDD (A)
30
20
10
0 -40 -25 -10 5 20 35 50 65 80 95 110 125 TEMPERATURE (C)
2002 Microchip Technology Inc.
DS21498B-page 5
(c)
TC1047/TC1047A
5.0
5.1
PACKAGE INFORMATION
Package Marking Information
3-Pin SOT-23B
1 & 2 = part number code + temperature range and voltage Part Number TCM1047 TCM1047A 3 = year and quarter code 4 = lot ID number Code AL BL
(c)
DS21498B-page 6
2002 Microchip Technology Inc.
TC1047/TC1047A
5.2 Taping Form
Component Taping Orientation for 3-Pin SOT-23B (JEDEC TO-236) Devices
User Direction of Feed
Device Marking
W
PIN 1
P Standard Reel Component Orientation For TR Suffix Device (Mark Right Side Up)
Carrier Tape, Number of Components Per Reel and Reel Size
Package Carrier Width (W) Pitch (P) Part Per Full Reel Reel Size
3-Pin SOT-23B
8 mm
4 mm
3000
7 in
5.3
Package Dimensions
3-Pin SOT-23B
.021 (0.54) .015 (0.37)
.104 (2.64) .083 (2.10)
.055 (1.40) .047 (1.20)
.024 (0.60) .017 (0.44)
.120 (3.05) .105 (2.67) 8 MAX. .010 (0.25) .005 (0.13) .007 (0.18) .003 (0.08)
.040 (1.02) .031 (0.79) .004 (0.10) .001 (0.02) .081 (2.05) .070 (1.78)
Dimensions: inches (mm)
2002 Microchip Technology Inc.
DS21498B-page 7
(c)
TC1047/TC1047A
NOTES:
(c)
DS21498B-page 8
2002 Microchip Technology Inc.
TC1047/TC1047A
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. PART NO. Device X Temperature Range Examples:
a) DSTEMPVNBTR: High Precision Temp-toVoltage Converter
Device:
DSTEMP: High Precision Temp-to-Voltage Converter DSTEMPxTR: High Precision Temp-to-Voltage Converter (Tape and Reel)
Temperature Range:
V=
-40C to +125C
Package:
NB = 3-pin SOT-23B
SALES AND SUPPORT
Data Sheets Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following: 1. 2. 3. Your local Microchip sales office The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277 The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using. New Customer Notification System Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
2002 Microchip Technology Inc.
DS21498B-page 9
(c)
TC1047/TC1047A
NOTES:
(c)
DS21498B-page 10
2002 Microchip Technology Inc.
TC1047/TC1047A
Information contained in this publication regarding device applications and the like is intended through suggestion only and may be superseded by updates. It is your responsibility to ensure that your application meets with your specifications. No representation or warranty is given and no liability is assumed by Microchip Technology Incorporated with respect to the accuracy or use of such information, or infringement of patents or other intellectual property rights arising from such use or otherwise. Use of Microchip's products as critical components in life support systems is not authorized except with express written approval by Microchip. No licenses are conveyed, implicitly or otherwise, under any intellectual property rights.
Trademarks The Microchip name and logo, the Microchip logo, FilterLab, KEELOQ, microID, MPLAB, PIC, PICmicro, PICMASTER, PICSTART, PRO MATE, SEEVAL and The Embedded Control Solutions Company are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. dsPIC, ECONOMONITOR, FanSense, FlexROM, fuzzyLAB, In-Circuit Serial Programming, ICSP, ICEPIC, microPort, Migratable Memory, MPASM, MPLIB, MPLINK, MPSIM, MXDEV, PICC, PICDEM, PICDEM.net, rfPIC, Select Mode and Total Endurance are trademarks of Microchip Technology Incorporated in the U.S.A. Serialized Quick Turn Programming (SQTP) is a service mark of Microchip Technology Incorporated in the U.S.A. All other trademarks mentioned herein are property of their respective companies. (c) 2002, Microchip Technology Incorporated, Printed in the U.S.A., All Rights Reserved.
Printed on recycled paper.
Microchip received QS-9000 quality system certification for its worldwide headquarters, design and wafer fabrication facilities in Chandler and Tempe, Arizona in July 1999 and Mountain View, California in March 2002. The Company's quality system processes and procedures are QS-9000 compliant for its PICmicro (R) 8-bit MCUs, KEELOQ(R) code hopping devices, Serial EEPROMs, microperipherals, non-volatile memory and analog products. In addition, Microchip's quality system for the design and manufacture of development systems is ISO 9001 certified.
2002 Microchip Technology Inc.
DS21498B-page 11
(c)
WORLDWIDE SALES AND SERVICE
AMERICAS
Corporate Office
2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7200 Fax: 480-792-7277 Technical Support: 480-792-7627 Web Address: http://www.microchip.com
ASIA/PACIFIC
Australia
Microchip Technology Australia Pty Ltd Suite 22, 41 Rawson Street Epping 2121, NSW Australia Tel: 61-2-9868-6733 Fax: 61-2-9868-6755
Japan
Microchip Technology Japan K.K. Benex S-1 6F 3-18-20, Shinyokohama Kohoku-Ku, Yokohama-shi Kanagawa, 222-0033, Japan Tel: 81-45-471- 6166 Fax: 81-45-471-6122
Rocky Mountain
2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7966 Fax: 480-792-7456
China - Beijing
Microchip Technology Consulting (Shanghai) Co., Ltd., Beijing Liaison Office Unit 915 Bei Hai Wan Tai Bldg. No. 6 Chaoyangmen Beidajie Beijing, 100027, No. China Tel: 86-10-85282100 Fax: 86-10-85282104
Korea
Microchip Technology Korea 168-1, Youngbo Bldg. 3 Floor Samsung-Dong, Kangnam-Ku Seoul, Korea 135-882 Tel: 82-2-554-7200 Fax: 82-2-558-5934
Atlanta
500 Sugar Mill Road, Suite 200B Atlanta, GA 30350 Tel: 770-640-0034 Fax: 770-640-0307
Singapore
Microchip Technology Singapore Pte Ltd. 200 Middle Road #07-02 Prime Centre Singapore, 188980 Tel: 65-6334-8870 Fax: 65-6334-8850
Boston
2 Lan Drive, Suite 120 Westford, MA 01886 Tel: 978-692-3848 Fax: 978-692-3821
China - Chengdu
Microchip Technology Consulting (Shanghai) Co., Ltd., Chengdu Liaison Office Rm. 2401, 24th Floor, Ming Xing Financial Tower No. 88 TIDU Street Chengdu 610016, China Tel: 86-28-6766200 Fax: 86-28-6766599
Taiwan
Microchip Technology Taiwan 11F-3, No. 207 Tung Hua North Road Taipei, 105, Taiwan Tel: 886-2-2717-7175 Fax: 886-2-2545-0139
Chicago
333 Pierce Road, Suite 180 Itasca, IL 60143 Tel: 630-285-0071 Fax: 630-285-0075
Dallas
4570 Westgrove Drive, Suite 160 Addison, TX 75001 Tel: 972-818-7423 Fax: 972-818-2924
China - Fuzhou
Microchip Technology Consulting (Shanghai) Co., Ltd., Fuzhou Liaison Office Unit 28F, World Trade Plaza No. 71 Wusi Road Fuzhou 350001, China Tel: 86-591-7503506 Fax: 86-591-7503521
EUROPE
Denmark
Microchip Technology Nordic ApS Regus Business Centre Lautrup hoj 1-3 Ballerup DK-2750 Denmark Tel: 45 4420 9895 Fax: 45 4420 9910
Detroit
Tri-Atria Office Building 32255 Northwestern Highway, Suite 190 Farmington Hills, MI 48334 Tel: 248-538-2250 Fax: 248-538-2260
China - Shanghai
Microchip Technology Consulting (Shanghai) Co., Ltd. Room 701, Bldg. B Far East International Plaza No. 317 Xian Xia Road Shanghai, 200051 Tel: 86-21-6275-5700 Fax: 86-21-6275-5060
Kokomo
2767 S. Albright Road Kokomo, Indiana 46902 Tel: 765-864-8360 Fax: 765-864-8387
France
Microchip Technology SARL Parc d'Activite du Moulin de Massy 43 Rue du Saule Trapu Batiment A - ler Etage 91300 Massy, France Tel: 33-1-69-53-63-20 Fax: 33-1-69-30-90-79
Los Angeles
18201 Von Karman, Suite 1090 Irvine, CA 92612 Tel: 949-263-1888 Fax: 949-263-1338
China - Shenzhen
Microchip Technology Consulting (Shanghai) Co., Ltd., Shenzhen Liaison Office Rm. 1315, 13/F, Shenzhen Kerry Centre, Renminnan Lu Shenzhen 518001, China Tel: 86-755-2350361 Fax: 86-755-2366086
New York
150 Motor Parkway, Suite 202 Hauppauge, NY 11788 Tel: 631-273-5305 Fax: 631-273-5335
Germany
Microchip Technology GmbH Gustav-Heinemann Ring 125 D-81739 Munich, Germany Tel: 49-89-627-144 0 Fax: 49-89-627-144-44
San Jose
Microchip Technology Inc. 2107 North First Street, Suite 590 San Jose, CA 95131 Tel: 408-436-7950 Fax: 408-436-7955
Hong Kong
Microchip Technology Hongkong Ltd. Unit 901-6, Tower 2, Metroplaza 223 Hing Fong Road Kwai Fong, N.T., Hong Kong Tel: 852-2401-1200 Fax: 852-2401-3431
Italy
Microchip Technology SRL Centro Direzionale Colleoni Palazzo Taurus 1 V. Le Colleoni 1 20041 Agrate Brianza Milan, Italy Tel: 39-039-65791-1 Fax: 39-039-6899883
Toronto
6285 Northam Drive, Suite 108 Mississauga, Ontario L4V 1X5, Canada Tel: 905-673-0699 Fax: 905-673-6509
India
Microchip Technology Inc. India Liaison Office Divyasree Chambers 1 Floor, Wing A (A3/A4) No. 11, O'Shaugnessey Road Bangalore, 560 025, India Tel: 91-80-2290061 Fax: 91-80-2290062
United Kingdom
Arizona Microchip Technology Ltd. 505 Eskdale Road Winnersh Triangle Wokingham Berkshire, England RG41 5TU Tel: 44 118 921 5869 Fax: 44-118 921-5820
03/01/02
(c)
DS21498B-page 12
2002 Microchip Technology Inc.
*B89412SD*


▲Up To Search▲   

 
Price & Availability of TC1047A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X