Part Number Hot Search : 
TQ144 SB101 BSR17 D7810 C31002 HT45F E002365 2SC3851
Product Description
Full Text Search
 

To Download SX5433M14X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1/4 INCH VGA CIS CAMERA MODULE
SX5433M14X-X0B0
SX5433M14X-X0B0 (1/4" VGA CIS Camera Module)
PRELIMINARY
Revision 1.3 May. 2004
1
SX5433M14X-X0B0
1/4" VGA CIS CAMERA MODULE
DOCUMENT TITLE
1/4" Optical Size 640x480 (VGA) CIS Camera Module
REVISION HISTORY
Revision No. 0.0 0.1 0.2 1.0 History Initial draft Added module dimension I2C timing modified Draft Date Oct. 18, 2003 Nov. 7, 2003 Remark Preliminary Preliminary
Nov. 13, 2003 Preliminary
Specification is released Nov. 25, 2003 Preliminary (Changed operating current, min MCLK and storage temperature lower value and added AC characteristics). Added ESD sensitivity Changed product code Stroke out the register map (published a new document, `Register Map for 433') Modified the optical characteristics Nov. 27, 2003 Preliminary Jan. 07, 2004 Preliminary
1.1 1.2 1.3
PRELIMINARY
May. 4, 2004
Preliminary
This document is a general product description and is subject to change without any notice.
2
1/4 INCH VGA CIS CAMERA MODULE
SX5433M14X-X0B0
INTRODUCTION
SX5433M14X-X0B0 is a fully functional camera module with a built-in lens. A low-noise low-power color CMOS image sensor, S5K433CA03 and an image signal processor, S5C7322X produce high-quality digital video output in CCIR656 format at maximum 30 frames per second for full frame readout. With SAMSUNG 0.35m CMOS image sensor process technology which is dedicated to higher sensitivity and lower-dark level compared to standard CMOS process, and on-chip CDS and 10-bit column ADC circuit embedded, the CMOS image sensor provides high signal-to-noise ratio with low power consumption. This compact camera system consists of an image sensor, a signal processor and some passive components packed with IR-cut filter and lens units. The system works with 2.8V single power supply and a clock. All the functions are controlled with control register setting through the standard 2-wire serial interface.
FEATURES
-- Optical Size: 1/4 inch -- Unit Pixel: 5.6 m X 5.6 m -- Effective Resolution: 640X480, VGA -- 8.5mm X 9.5mm X 6.6mm module size -- 8-bit CCIR656 (YCrCb) Video Output -- VGA Output Capability -- Programmable Gamma Correction -- Auto White Balance and Auto Exposure Control -- Horizontal and/or Vertical Mirror Output -- Standby-Mode for Power Saving -- Maximum 30 Frame per Second -- Single Power Supply Voltage: 2.8V -- I2C Type Control Interface
PRELIMINARY
3
SX5433M14X-X0B0
1/4" VGA CIS CAMERA MODULE
BLOCK DIAGRAM
GNDC VDDAC VDDDC
GNDI VDDDI
S5K433CA03 CMOS Image Sensor Lens Unit 10-bit ADC
S5C7322X Image Signal Processor
Line Buffer
Pixel Array 640(H) X 480(V)
Pre Processor Iuminance Signal Processor Chroma Signal Processor
Timing Controller
Post Processor
PRELIMINARY
RISC Processor (AE, AWB processor) Output Formatter I2C Bus
MCLK VSYNC HSYNC PCLK DATA[0:7]
SDA SCL STBY RST
4
1/4 INCH VGA CIS CAMERA MODULE
SX5433M14X-X0B0
OPTICAL CHARACTERISTICS
Characteristic Effective Pixels Pixel Size EFL F/# Diagonal FOV Horizontal Vertical TV-Distortion Relative Illumination Center MTF 0.7 Field Lens Construction Focus Range Value 640 (H) X 480 (V), VGA 5.6m (H) X 5.6m (V), square pixel 3.385mm 2.8 67.87 56.44 43.59 -0.33% 54.40% 59.90% at 80 lp/mm 72.60% at 50 lp/mm 21.30% at 80 lp/mm 42.30% at 50 lp/mm All Plastic Lens (2P) 22cm ~
PRELIMINARY
5
SX5433M14X-X0B0
1/4" VGA CIS CAMERA MODULE
IO PIN DESCRIPTION
(Connector type and pin numbers can be changed as customer's request.) Module Pad 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 Connector Pin 9 10 15 16 11 12 20 17 18 19 8 7 6 5 4 3 2 1 13 9 14 Pin Name VDDDI GNDI SCL SDA RST STBY MCLK VSYNC HSYNC PCLK DATA0 DATA1 DATA2 DATA3 DATA4 DATA5 DATA6 DATA7 GNDC VDDCD VDDCA Type Power Ground In / Out In / Out In In In Out Out Out Out Out Out Out Out Out Out Out Ground Power Power Ground for sensor circuit block Power supply for sensor digital circuit block Power supply for sensor analog circuit block Notation Power supply for signal processor (digital) Ground for signal processor I2C serial communication clock I2C serial communication data Reset control (active low) Standby mode control (active low) Master input clock Vertical synchronization clock Horizontal synchronization clock Pixel output clock
PRELIMINARY
8-bit digital video output
6
1/4 INCH VGA CIS CAMERA MODULE
SX5433M14X-X0B0
MAXIMUM ABSOLUTE RATINGS
Characteristic Maximum supply voltage (VDDDI, VDDAC, VDDC supply relative to GNDI, GNDC) DC Input voltage Operating temperature Storage temperature VDD VIN TOPR TSTG -0.3 to 3.8 -0.3 to VDD+0.3 (Max. 3.8) -20 to +60 -40 to +85 C V Symbol Rating Unit
ELECTRICAL CHARACTERISTICS
DC Characteristics (TA = -20 to +60C, CL = 15pF) Characteristics Operating voltage Input voltage (1) Symbol VDD VIH VIL IIL Condition VDDDI, VDDAC, VDDC Min 2.55 2.0 Typ 2.8 Max 3.05 0.8 10 V 15 31 0.2VDD 10 36 A A mA Unit V V A
Input leakage current(1) High Level Output voltage Low Level Output voltage High-Z output leakage current (4) Supply current
PRELIMINARY
VIN = VDD to VSS IOH = -4mA(2) IOH = -8mA(3) IOL = 4mA(2) IOL = 8mA(3) VOUT = VDD STBYN = Low (active) All input clocks = Low fMCLK = 13.5MHz, 15 fps -10 VOH 0.8VDD VOL IOZ ISTB IDD
NOTES: 1. MCLK, RST, STBY, SCL, and SDA pin. 2. HSYNC, VSYNC, SCL, and SDA pin 3. PCLK, DATA0 to DATA7 pin 4. SCL and SDA pin when in High-Z output state
7
SX5433M14X-X0B0
1/4" VGA CIS CAMERA MODULE
Sensor Imaging Characteristics (Light source with 3200K of color temperature and IR cut filter (CM-500S, 1mm thickness) is used. Electrical operating conditions follow the recommended typical values. The control registers are set to the default values. The ambient temperature, TA is 25C if not specified.) Characteristic Saturation level(1) Sensitivity (G)(2) Dark level(3) Dynamic range(4) Signal to noise ratio(5) Dark signal non-uniformity(6) Photo response nonuniformity(7) Vertical fixed pattern noise(8) Horizontal fixed pattern noise(9) Symbol VSAT S VDARK DR S/N DSNU PRNU VFPN HFPN TA = 60C TA = 40C TA = 60C Condition Min 850 Typ 900 2000 9 50 60 40 4 4 4 Max 18 100 100 8 8 8 Unit mV mV/lux sec mV/sec
dB mV/sec % % %
NOTES: 1. Measured minimum output level at 100lux illumination for exposure time 1/30 sec. 7X7 rank filter is applied for the whole pixel area to eliminate the values from defective pixels. 2. Measured average output at 25% of saturation level illumination for exposure time 1/30 sec. Green channel output values are used for color version. 3. Measured average output at zero illumination without any offset compensation for exposure time 1/30 sec. 4. 20 log (saturation level/ dark level RMS noise excluding fixed pattern noise). 10-bit ADC limits 60dB. 5. 20 log (average output level/RMS noise excluding fixed pattern noise) at 25% of saturation level illumination for exposure time 1/30 sec. 6. Difference between maximum and minimum pixel output levels at zero illumination for exposure time 1/30 sec. 7X7 median filter is applied for the whole pixel area to eliminate the values from defective pixels. 7, Difference between maximum and minimum pixel output levels divided by average output level at 25% of saturation level illumination for exposure time 1/30 sec. 7X7 median filter is applied for the whole pixel area to eliminate the values from defective pixels. 8. For the column-averaged pixel output values, maximum relative deviation of values from 7-depth median filtered values for neighboring 7 columns at 25% of saturation level illumination for exposure time 1/30 sec. 9. For the row-averaged pixel output values, maximum relative deviation of values from 7-depth median filtered values for neighboring 7 columns at 25% of saturation level illumination for exposure time 1/30 sec.
PRELIMINARY
8
1/4 INCH VGA CIS CAMERA MODULE
SX5433M14X-X0B0
AC Characteristics (VDD = 2.55V to 3.05V, Ta = -20 to + 60 C) Characteristic Main input clock frequency Symbol fMCLK Condition Duty = 50% Min 5 Typ 24.54 Max 30 Unit MHz
(VDDH = 2.8V 0.25, Ta = 0 to + 70 C) Characteristic Output Data Delay Time, Data [0:7]
PCLK VCK
Symbol TDLY
Min 0.5
Typ -
Max 3
Unit ns
Tdly
Data [0:7] YC9~0
Setup and Hold Time
(VDDL = 1.8V 0.15, Ta = 0 to + 70 C, CL = 0.011pF) Characteristic Output Data Setup Time, Data [0:7] Output Data Hold Time, Data [0:7]
PRELIMINARY
Symbol TSU THD Min 0.217 0.217 Typ Max Unit ns ns
50% 50% 50% Tsu Thd
DATA [0:7]
CLK
9
SX5433M14X-X0B0
1/4" VGA CIS CAMERA MODULE
Rise and Fall Transition Time (VDDL = 1.8V 0.15, Ta = 0 to + 70 C, CL = 0.011pF) Characteristic Output Data, Data [0:7] Symbol TR TF
90% 90%
Min -
Typ -
Max 4.709 4.338
Unit ns ns
10% TR
10% TF
ESD Sensitivity (CMOS Image Sensor IC) Item Human Body Model (HBM) Machine Model (MM)
PRELIMINARY
Condition C = 100 pF, R = 1.5K C = 200 pF, R = 0 Condition C = 100 pF, R = 1.5K C = 200 pF, R = 0
Result 1500V 200V 800V
Charged Device Model (CDM)
(Image Signal Processor IC) Item Human Body Model (HBM) Machine Model (MM) Charged Device Model (CDM) Result 2000V 200V 500V
OUTPUT IMAGE MODE
No. 1 2 3 Mode VGA QVGA QQVGA Resolution (H X V) 640X480 320X240 160X120
10
1/4 INCH VGA CIS CAMERA MODULE
SX5433M14X-X0B0
OUTPUT DATA FORMAT
YCRCB 4:2:2 FORMAT
VSYNC
HSYNC DATA (Mode1) DATA (Mode2) DATA (Mode3) DATA (Mode4)
Y0
CB0
Y1
CR0
Y0
CB0
Y1
CR0
Y0
CR0
Y1
CB0
Y0
CR0
Y1
CB0
CB0
Y0
CR0
Y1
CB0
Y0
CR0
Y1
CR0
Y0
CB0
Y1
CR0
Y0
CB0
Y1
RGB565 FORMAT
VSYNC HSYNC DATA (Mode1)
PRELIMINARY
RG0 GB0 RG1 GB1 RG0 GB0
R0[4:0] / G0[5:3] G0[2:0] / B0[4:0]
RG1
GB1
DATA (Mode2)
BG0
GR0
BG1
GR1
BG0
GR0
BG1
GR1
B0[4:0] / G0[5:3]
G0[2:0] / R0[4:0]
SENSOR RAW IMAGE (BAYER MOSAIC PATTERN) FORMAT
VSYNC HSYNC DATA D0H D0L D1H D1L D0H D0L D1H D1L
6'b000000, D0[9:8]
D0[7:0]
11
SX5433M14X-X0B0
1/4" VGA CIS CAMERA MODULE
OUTPUT TIMING DIAGRAMS
HORIZONTAL TIMING
Address : FAh[7:6]=0, F6h[7:0]=30 1 row HSY NC Address : FAh[5:4]=2, F7h[7:0]=B0
PCLK ( 640 columns ) DATA [0:7]
VGA OUTPUT TIMING
Address : FAh[3:2]=0, F8h[7:0]=03 Address : FAh[1:0]=0, F9h[7:0]=05 1 frame V SYNC
2H
HSY NC
DATA [0:7]
PRELIMINARY
(480 rows ) (525 rows )
1 row
NOTES: 1. Falling and rising time of HSYNC and VSYNC can be controlled by register settings. 2. Each default value of rising and falling time control registers is described in the diagram above.
12
1/4 INCH VGA CIS CAMERA MODULE
SX5433M14X-X0B0
IMAGE PROCESSING FUNCTIONS
Function Defect detection and correction De-mosaic Description If enabled, the function detects the defective pixel by comparing its level with horizontally neighboring pixels, and replaces it with the average value of neighboring pixels. The sensor produces one color component from a pixel according to Bayer color filter array. The de-mosaic function performs color interpolation to produce all three-color components at each pixel location. The spectral response of image sensor is different from that of human eye. To match the spectral response, the sensor output components are pivoted by user programmable 3X3 matrix production. Gamma correction translating the linear response of the sensor into the non-linear characteristics of the display. Nonlinear conversion requires a piecewise linear approximation method based on user programmable lookup table. The output image can be mirrored in horizontal direction. The output image can be mirrored in vertical direction. Enhancing the edge component provides a clear output image. The edge enhancement function is performed through horizontal and vertical edge detecting and enhancing. According to the incident light level, the auto exposure function controls the sensor gain and effective integration time to maintain the proper output level. Setting the control registers can change the sensing area used in the AE algorithm. Remarks
Color correction
Gamma correction
Horizontal mirror Vertical mirror Edge enhancement
Auto exposure
PRELIMINARY
4 types of output format are available.
Auto white balance
The auto white balance function adjusts the gain of the sensor's red and blue channels relative to the green channel, and compensates the spectral unbalancing of the light source. Setting the control registers can change the sensing area used in the AWB algorithm. (CCIR656 format, CCIR601 format, RGB format and sensor raw image output format)
Output format conversion
Sub-sampling Control
The user can read out the pixel data in sub-sampling rate in both horizontal and vertical direction. Sub-sampling can be done in two rates: full and 1/2. The user controls the subsampling using the Sub-sampling Control Registers, subsr and subsc. The sub-sampling is performed only in the Bayer space.
13
SX5433M14X-X0B0
1/4" VGA CIS CAMERA MODULE
I2C SERIAL INTERFACE
The I2C contains a serial two-wire half duplex interface that features bi-directional operation, master or slave mode. The general SDA and SCL are the bi-directional data and clock pins, respectively. These pins are opendrain type ports and will require a pull-up resistor to VDD. The image sensor operates in salve mode only and the SCL is input only. The I2C bus interface is composed of following parts: START signal, 7-bit slave device address (0101101Xb) transmission followed by a read/write bit, an acknowledgement signal from the slave, 8-bit data transfer followed by an acknowledgement signal and STOP signal. The SDA bus line may only be changed while SCL is low. The data on the SDA bus line is valid on the high-to-low transition of SCL.
T1
SCL SDA
"0" Start "1" "0" "1"
T2
T1
D7 "1" "0" "1" "0"
D6
D5
D4
D5
D2
D1
D0 Ack
T1
SCL SDA
D7
PRELIMINARY
I2C Bus Address Write Ack
I2C Register Address
T1
D6
D5
D4
D3
D2
D1
D0
Data to Write
Ack
Stop
I2C Bus Write Cycle
14
1/4 INCH VGA CIS CAMERA MODULE
SX5433M14X-X0B0
T1
T2
T1
SCL SDA
"0" START "1" "0" "1" "1" "0" "1" "1" ReadACK I2C Register Address ACK I2C Bus Address D7 D6 D5 D4 D5 D2 D1 D0
T1
T1
SCL SDA
D7 D6 D5 D4 D3 D2 D1 D0
Data to be Read
ACK
STOP
I C Bus Read Cycle
2
Main Clock - 13.5MHz
PRELIMINARY
Characteristic Symbol T1 T2 TBUF Min Typ 15 15 13.5 13.5 100
Max -
Unit sec sec sec
Low period of SCL clock Clock period Bus free time between a STOP and START condition
NOTES: 1. The basic frequency of main clock is 13.5MHz for all the followed comments. 2. If you don't have ACK signal on the way of communications through I2C, it means that I2C error is generated. 3. If you have any I2C error, try again after 2VSYNC (The I2C error is reset every 2VSYNC automatically). 4. If any error is not generated till one command is completed, you can transfer another after 4msec 5. The time value of T1, T2, T3, and TBUF is proportional to the change of MCLK. 6. I2C Bus read format is different from I2C standard format.
15
SX5433M14X-X0B0
1/4" VGA CIS CAMERA MODULE
MECHANICAL DIMENSION (UNIT = MM)
PRELIMINARY
16
1/4 INCH VGA CIS CAMERA MODULE
SX5433M14X-X0B0
PRELIMINARY
(c)2003 Samsung Electronics All right reserved. No part of this publication may be reproduced, stored in a retrieval system, or transmitted in any form or by any means, electric or mechanical, by photocopying, recording, or otherwise, without the prior written consent of Samsung Electronics. Samsung Electronics Co., Ltd. San #24 Nongseo-Ri, Giheung-Eup Yongin-City, Gyeonggi-Do, Korea C.P.O. Box #37, Suwon 449-900 Homepage: http://www.samsungsemi.com/
17


▲Up To Search▲   

 
Price & Availability of SX5433M14X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X