Part Number Hot Search : 
FAITD260 RM251 AT73C246 2SK270 SS402 67L402J HCF452 UF2DF
Product Description
Full Text Search
 

To Download PSS9012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
book, halfpage
M3D186
PSS9012 series 20 V PNP general purpose transistors
Product specification Supersedes data of 2003 May 15 2004 Aug 10
Philips Semiconductors
Product specification
20 V PNP general purpose transistors
FEATURES * High power dissipation: 710 mW * Low collector capacitance * Low collector-emitter saturation voltage * High current capability. APPLICATIONS * General purpose switching and amplification. DESCRIPTION PNP general purpose transistor in a SOT54 (TO-92) leaded plastic package. NPN complement: PSS9013 series. MARKING TYPE NUMBER PSS9012G PSS9012H MARKING CODE S9012G S9012H Fig.1 QUICK REFERENCE DATA SYMBOL VCEO IC ICM PINNING PIN 1 2 3 collector base emitter
PSS9012 series
PARAMETER collector-emitter voltage collector current (DC) peak collector current
MAX. -20 -500 -1
UNIT V mA A
DESCRIPTION
1 handbook, halfpage
2 3
1 2 3
MAM280
Simplified outline (SOT54; TO-92) and symbol.
LIMITING VALUES In accordance with the Absolute Maximum System (IEC 60134). SYMBOL VCBO VCEO VEBO IC ICM IBM Ptot Tstg Tj Tamb Note 1. Device mounted on a FR4 printed-circuit board, single-sided copper, tinplated and standard footprint. PARAMETER collector-base voltage collector-emitter voltage emitter-base voltage collector current (DC) peak collector current peak base current total power dissipation storage temperature junction temperature operating ambient temperature Tamb 25 C; note 1 CONDITIONS open emitter open base open collector - - - - - - - -65 - -65 MIN. MAX. -40 -20 -5 -500 -1 -100 710 +150 150 +150 V V V mA A mA mW C C C UNIT
2004 Aug 10
2
Philips Semiconductors
Product specification
20 V PNP general purpose transistors
THERMAL CHARACTERISTICS SYMBOL Rth j-a Note PARAMETER thermal resistance from junction to ambient CONDITIONS in free air; note 1
PSS9012 series
VALUE 175
UNIT K/W
1. Device mounted on a FR4 printed-circuit board, single-sided copper, tinplated and standard footprint. CHARACTERISTICS Tamb = 25 C unless otherwise specified. SYMBOL ICBO IEBO hFE hFE PARAMETER collector-base cut-off current emitter-base cut-off current DC current gain DC current gain PSS9012G PSS9012H VCEsat VBEsat VBEon Cc collector-emitter saturation voltage base-emitter saturation voltage base-emitter turn on voltage collector capacitance IC = -100 mA; IB = -10 mA IC = -500 mA; IB = -50 mA IC = -500 mA; IB = -50 mA VCE = -1 V; IC = -100mA VCB = -6 V; IE = Ie = 0; f = 1 MHz CONDITIONS VCB = -35 V; IE = 0 VCB = -35 V; IE = 0; Tj = 150 C VEB = -5 V; IC = 0 VCE = -1 V; IC = -500 mA VCE = -1 V; IC = -50 mA 112 144 - - - - - - - -60 -230 -1 -760 6 166 202 -250 -600 -1.2 -1000 - mV mV V mV pF - - - 40 MIN. - - - - TYP. MAX. -100 -50 -100 - UNIT nA A nA
2004 Aug 10
3
Philips Semiconductors
Product specification
20 V PNP general purpose transistors
PSS9012 series
103 handbook, halfpage
MLE084
handbook, halfpage
-30
MLE085
(1) (2)
fT (MHz)
IC (mA) -20
(3)
(4)
102
(5)
-10
(6)
(7)
10 -1
-10
-102
IC (mA)
-103
0 0 Tamb = 25 C.
-4
-8
-12
-20 -16 VCE (V) (7) IB = -20 A.
VCE = -6 V.
(1) IB = -140 A. (2) IB = -120 A. (3) IB = -100 A.
(4) IB = -80 A. (5) IB = -60 A. (6) IB = -40 A.
Fig.2
Transition frequency as a function of collector current; typical values.
Fig.3
Collector current as a function of collector-emitter voltage; typical values.
handbook, halfpage
(1)
300
MLE082
handbook, halfpage
(1)
300
MLE083
hFE
hFE
200
(2)
200
(2)
100
(3)
100
(3)
0 -10-1
-1
-10
-102
IC (mA)
-103
0 -10-1
-1
-10
-102 -103 IC (mA)
VCE = -1 V. (1) Tamb = 100 C. (2) Tamb = 25 C. (3) Tamb = -55 C.
VCE = -2 V. (1) Tamb = 100 C. (2) Tamb = 25 C. (3) Tamb = -55 C.
Fig.4
DC current gain as a function of collector current; typical values.
Fig.5
DC current gain as a function of collector current; typical values.
2004 Aug 10
4
Philips Semiconductors
Product specification
20 V PNP general purpose transistors
PSS9012 series
-103 handbook, halfpage VCEsat (mV) -102
MLE080
-103 handbook, halfpage VCEsat (mV) -102
(1) (3) (2)
MLE081
(1)
-10
(3) (2)
-10
-1 -10-1
-1
-10
-102
IC (mA)
-103
-1 -10-1
-1
-10
-102
IC (mA)
-103
IC/IB = 10. (1) Tamb = 100 C. (2) Tamb = 25 C. (3) Tamb = -55 C.
IC/IB = 20. (1) Tamb = 100 C. (2) Tamb = 25 C. (3) Tamb = -55 C.
Fig.6
Collector-emitter saturation voltage as a function of collector current; typical values.
Fig.7
Collector-emitter saturation voltage as a function of collector current; typical values.
103 handbook, halfpage RCEsat () 102
MLE078
103 handbook, halfpage RCEsat () 102
MLE079
10
10
1
(2)
(1) (3)
1
(2)
(1) (3)
10-1 -10-1 IC/IB = 10. (1) Tamb = 100 C. (2) Tamb = 25 C. (3) Tamb = -55 C.
-1
-10
-102
-103 IC (mA)
10-1 -10-1 IC/IB = 20. (1) Tamb = 25 C. (2) Tamb = 100 C. (3) Tamb = -55 C.
-1
-10
-102
-103 IC (mA)
Fig.8
Collector-emitter equivalent on-resistance as a function of collector current; typical values.
Fig.9
Collector-emitter equivalent on-resistance as a function of collector current; typical values.
2004 Aug 10
5
Philips Semiconductors
Product specification
20 V PNP general purpose transistors
PSS9012 series
handbook, halfpage
-1.2
MLE076
handbook, halfpage
-1.2
MLE077
VBEsat (V)
(1)
VBEsat (V)
(1)
-0.8
(2) (3)
-0.8
(2) (3)
-0.4
-0.4
0 -10-1
-1
-10
-102 IC (mA)
-103
0 -10-1
-1
-10
-102 -103 IC (mA)
IC/IB = 10. (1) Tamb = -55 C. (2) Tamb = 25 C. (3) Tamb = 100 C.
IC/IB = 20. (1) Tamb = -55 C. (2) Tamb = 25 C. (3) Tamb = 100 C.
Fig.10 Base-emitter saturation voltage as a function of collector current; typical values.
Fig.11 Base-emitter saturation voltage as a function of collector current; typical values.
handbook, halfpage
-1.2
MLE074
handbook, halfpage
-1.2
MLE075
VBE (V) -0.8
(1)
VBE (V) -0.8
(1)
(2)
(2)
(3)
(3)
-0.4
-0.4
0 -10-1
-1
-10
-102
IC (mA)
-103
0 -10-1
-1
-10
-102 IC (mA)
-103
VCE = -1 V. (1) Tamb = -55 C. (2) Tamb = 25 C. (3) Tamb = 100 C.
VCE = -2 V. (1) Tamb = -55 C. (2) Tamb = 25 C. (3) Tamb = 100 C.
Fig.12 Base-emitter voltage as a function of collector current; typical values.
Fig.13 Base-emitter voltage as a function of collector current; typical values.
2004 Aug 10
6
Philips Semiconductors
Product specification
20 V PNP general purpose transistors
PACKAGE OUTLINE
Plastic single-ended leaded (through hole) package; 3 leads
PSS9012 series
SOT54
c
E d A L b
1
D
2
e1 e
3
b1
L1
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 5.2 5.0 b 0.48 0.40 b1 0.66 0.55 c 0.45 0.38 D 4.8 4.4 d 1.7 1.4 E 4.2 3.6 e 2.54 e1 1.27 L 14.5 12.7 L1(1)
max.
2.5
Note 1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities. OUTLINE VERSION SOT54 REFERENCES IEC JEDEC TO-92 JEITA SC-43A EUROPEAN PROJECTION ISSUE DATE 97-02-28 04-06-28
2004 Aug 10
7
Philips Semiconductors
Product specification
20 V PNP general purpose transistors
DATA SHEET STATUS LEVEL I DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2)(3) Development DEFINITION
PSS9012 series
This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
II
Preliminary data Qualification
III
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. 3. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes in the products including circuits, standard cells, and/or software described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2004 Aug 10
8
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2004
SCA76
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
R75/02/pp9
Date of release: 2004
Aug 10
Document order number:
9397 750 13684


▲Up To Search▲   

 
Price & Availability of PSS9012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X